Part Number Hot Search : 
FMMT451 4407P 4407P SG6842 T1206 1608L OPB695 B5934B
Product Description
Full Text Search
 

To Download DMS-30DR-1-R-C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DMS-30DR Series
Daylight Readable, 31/2 Digit Panel Meters with Auto-Dimming LED Displays
PATENT PENDING
FEATURES
Super-bright LED displays are readable in direct sunlight! Autodim circuitry automatically adjusts display brightness Includes external brightness adjustment Large (0.56"/14.2mm) easy-to-read red LED display High reliability alternative to LCD displays Ideal for automotive, industrial, and marine applications Encapsulated package mounts in panels or pc-boards Miniature housing: 2.17" x 0.92" x 0.56" (55mm x 23mm x 14mm) 4 differential input ranges provide 1 count accuracy Single +5V supply; Less than 1-Watt power consumption 0 to +60C operating temperature range
1
C&D Technologies' new DMS-30DR Series are the first digital panel meters to offer LED displays that are readable in direct sunlight--no special filters or shading devices are required. Their Autodim circuit automatically adjusts the display's brightness to suit viewing environments ranging from total darkness to full, brilliant sunlight. A user-accessible brightness adjustment pin enables custom intensity settings or display matching in multiple display applications. Washed out, hard-to-read digital readouts are a thing of the past! Until now, users whose instrumentation required daylight visibility had to settle for less reliable LCD display technology. However, in order to remain legible in low ambient light, LCDs require complex, power-hungry backlighting circuitry. And, these displays typically suffer from very narrow viewing angles. In contrast, DMS-30DR Series LED-based displays' power consumption drops as ambient light decreases, and their viewing angle extends to nearly 180 degrees vertically and horizontally. All models operate from a single +5V supply, and draw as little as 7mA when operated in total darkness--that's less than 1/10 Watt. At maximum brightness power consumption is typically less than 200mA (1 Watt). DMS-30DR voltmeters are available in four differential input voltage ranges: 200mV, 2V, 20V and 200V. Input impedance is 1,000 megohms for the 200mV and 2V inputs and 1 megohm for the 20V and 200V inputs. CMRR for all devices is 86dB, and inputs are overvoltage protected to 250V. Each meter incorporates a precision, ultra-stable voltage reference and is factory calibrated prior to encapsulation. The small size (2.17" x 0.92" x 0.56") of DMS-30DR meters is achieved by integrating their display, Autodim display drivers, light sensor, reference circuit, and A/D converter into in a rugged epoxy-encapsulated assembly. The device's 12-pin, component-like, DIP package is both vibration and moisture proof, making them ideal for harsh environments. Each package incorporates a built-in color filter and bezel, and is easily mounted in either panels or pc boards.



+5V SUPPLY
+5V
+5V
12
0.01F
(-) INPUT LO
R2
(1)
EXTERNAL BRIGHTNESS ADJUSTMENT
2
DC/DC CONVERTER
+5V
-5V
-5V
R1
909k
11
(+) INPUT HI
5V RETURN
3
-5V
A/D CONVERTER
10 ANALOG COMMON
1.225V REF.
1.82k
DP 3
4
0 Vdc
DATA
9
+1.225V REFERENCE OUT
DP 2
5
LIGHT SENSOR
8
+5V
REFERENCE OUT
DP 1
6
7
REFERENCE IN
(1) R2 is not used on 200mV (-0) models or 2V (-1) models. R2 = 100k on 20V (-2) models and 9.1k on 200V (-3) models.
Figure 1. DMS-30DR Simplified Schematic
DIGITAL PANEL METERS
MPM_DMS-30DR_A01 Page 1 of 6
www.cd4power.com
DMS-30DR Series
S U N L I G H T R E A D A B L E , AU T O - D I M M I N G L E D D I S P L AY M E T E R S
Performance/Functional Specifications
Typical at TA = +25C and supply voltage = +5V using the single-ended input circuit, unless otherwise noted. Analog Inputs Full Scale Input Range: DMS-30DR-0 DMS-30DR-1 DMS-30DR-2 DMS-30DR-3 Input Impedence: DMS-30DR-0, -1 DMS-30DR-2, -3 Overvoltage Protection Common Mode Voltage Range CMRR (dc to 60Hz) Control Inputs Decimal Point Placement (Pins 4-6) Ext. Bright (Pin 2) Performance Sampling Rate Accuracy (3 minute warm-up): DMS-30PC-0 (Vin = +0.19V) DMS-30PC-1 (Vin = +1.9V) DMS-30PC-2 (Vin = +19V) DMS-30PC-3 (Vin = +190V) Zero Reading (Vin = 0 Volts) Temperature Drift (0 = +60C) +1.225V Reference Output (Pin 9) Power Supply Requirements Supply Voltage Supply Current: Full Sunlight Total Darkness Display Display Type and Size Polarity Indication Overrange Indication Physical/Environmental Operating Temperature Storage Temperature Humidity (non-condensing) Case Material Weight 0 -40 0 - - - +60 +75 95 C C % 31/2 digit, 0.56"/14.2mm high LED Autopolarity ("-" for negative Vin) "-1_ _ _ " for negative inputs "1_ _ _ " for positive inputs - - +150 3 +250 5 mA mA +4.75 +5.00 +5.25 Volts - - - - "-001" - +1.215 1 1 2 2 "000" 0.2 +1.225 3 3 3 3 "001" 0.4 +1.235 Cnts/C Volts Counts Counts Counts Counts 2.5 reading per second Tie to pin 3 to activate See Technical Note 1 - - - - - 100 0.9 - - - 1000 1 - - 86 - - 250 2 - M M Volts Volts dB 200 2 20 200 - - - - mV Volts Volts Volts Min. Typ. Max. Units
Ordering Information
DMS-30DR- 1 - R - C
Input Range: 0 = 200mV 1 = 2V 2 = 20V 3 = 200V Accessories: DMS-EB-C DMS-EB-RMS-C DMS-PS1-CM-C DMS-30-CP
PATENT PENDING
RoHS Compliant
LED Color: R = Red
Multi-purpose (gain/offset, 4-20mA, etc.) For true rms measurements of ac voltages +5V/1.0A AC/DC power supply module Panel cutout punch
A panel-mount DMS-BZL2-C is supplied with each unit.
TECHNICAL NOTES
1. External Brightness Adjustment (Pin 2): Pin 2 is internally connected to the high impedance input of an operational amplifier that amplifies the output of the DMS-30DR's ambient light sensor (ALS) circuit. The output of this amplifier varies the voltage that drives the DMS-30DR's LED display. Leave pin 2 open for standard auto-dimming operation; in this mode, the ALS circuit will automatically adjust the DMS-30DR's LED brightness to compensate for changes in ambient lighting. As the ambient light striking the ALS increases, the LED display's brightness will also increase; a decrease in ambient light will reduce the display's brightness. The ALS circuit's output signal can be overdriven by applying an externally generated voltage directly to pin 2. External drivers will see approximately 600Kohms referenced to 5V RETURN. With pin 2 at +0.7Vdc or below, the DMS-30DR's LED display is off, and total current drain from a nominal +5V supply is approximately 1mA. The LED display's brightness will increase from minimum to maximum as the voltage applied to pin 2 is varied from +0.8V up to +2.5V, respectively. To enable continuous maximum display brightness, connect pin 2 directly to pin 1 (+5V SUPPLY); in this configuration the total current drain for the meter will be approximately 200mA. 2. Minimum-Intensity Adjustment Potentiometer: Users can adjust the DMS-30DR's minimum LED brightness to suit their requirements by adjusting the 3/4-turn, rear-mounted intensity adjustment potentiometer. Please note, this potentiometer will have minimal impact on display brightness in high ambient light environments. See the Mechanical Specifications section for potentiometer locations. The intensity adjustment potentiometer is factory preset to its mid-point position, producing a typical current drain of 7mA. At it's minimum and maximum positions, current drain is typically 3mA and 13mA, respectively. As viewed from the rear of the meter, with the model number label facing up, turning the potentiometer clockwise increases the display's intensity. 3. +1.225V REFERENCE OUTPUT (Pin 9): This pin is the output of the meter's precision +1.225V internal reference IC. Pin 9 is referenced to ANALOG COMMON (pin 10), which in turn sits approximately +2V above pin 3. Pin 9 should be buffered if it's used to drive external loads since sourcing more than 15A of current can affect both the
Polycarbonate 0.75 ounces (21 grams)
Applies for transient or continuous overvoltages applied to (+) INPUT HI (pin 11) with (-) INPUT LO (pin 12) properly connected. Pin 12 is not overvoltage protected (see Figure 1). Voltages applied to pin 12 should not exceed the supply voltage. See Technical Notes.
DIGITAL PANEL METERS
www.cd4power.com
MPM_DMS-30DR_A01 Page 2 of 6
DMS-30DR Series
S U N L I G H T R E A D A B L E , AU T O - D I M M I N G L E D D I S P L AY M E T E R S
accuracy and temperature drift of the meter. A 1% 1.82K limiting resistor is connected between the reference IC and pin 9. 4. ANALOG COMMON (Pin 10): This pin is connected to an internal, low-noise, "relative" ground. Pin 10 also serves as the internal ground for the +1.225V reference IC. ANALOG COMMON is used in certain differential and "floating" measurements as described in the Applications section of this data sheet, and in DMS Application Note 3. For the vast majority of applications, pin 10 should not be connected to pin 3 (5V RETURN), or to your system's analog ground. 5. REFERENCE OUTPUT (Pin 8) and INPUT (Pin 7): Pin 8 is a precision reference actively trimmed at the factory. For normal operation, pin 8 must be tied to pin 7 to achieve all listed accuracy and drift specifications. 6. Decimal Point Placement: The location of the decimal point is user selectable, and the decimal point control pins (DP1-DP3) are active low functions. Select the desired decimal point by tying the appropriate pin (pin 4, 5 or 6) to pin 3 (5V RETURN). Unused decimal point location pins should be left open. Hard wiring is preferable, however, you can use logic gates to exercise dynamic control over the location of the decimal point if the following drive conditions are met: Applied "0" Voltage: +0.4V max Drive Current*: 6mA max. * The driving gates must be able to sink this much current (IOL) with a logic "0" output. 7. Gain-Adjust Potentiometer: The gain-adjust potentiometer located on the rear of the meter has approximately 50 counts (2.5%) of adjustment range with a near full-scale input. Since these meters essentially have no zero/offset errors, a gain adjustment is effectively an overall accuracy adjustment. Though they may be performed at any input level except zero, accuracy adjustments are most effective when performed with half-scale (or higher) positive input signals. If a wider adjustment range is required, an external potentiometer circuit can be configured using the meter's +1.225V reference output (pin 9). The circuit shown in Figure 9 provides 10% range of adjustment. 8. Soldering Methods: All models in the DMS-30DR Series easily withstand most common leaded or lead-free soldering operations, performed either manually or by wave soldering machines. However, users should evaluate the effects their particular soldering techniques may have on the meter's plastic case and precision electrical performance. We highly recommend using low residue, no-clean solders. 9. Suggested Mating Connectors: Panel mounted: Connector housing P/N 4320-01069-0 Terminal type: P/N 4400-01032-0 Crimping tool: P/N 39-2099000 Wire size: 22 to 26 AWG Insulation diameter: 0.062" (1.57mm) maximum Stripping length: 0.100 to 0.125" (2.54 to 3.17mm) Board mounted: Socket: P/N 4320-01074-0
APPLICATIONS
DMS-30DR meters are highly versatile devices that can be used in hundreds of applications. The application circuits chosen for this section have historically received many inquiries. Every attempt has been made to ensure technical accuracy, and all of the following circuits have been prototyped and tested to ensure functionality. Please keep in mind, however, that real-world applications are seldom as straightforward as the approaches presented here. Most applications have many more components -- and many more connections -- than the illustrations show. The simplified schematic shown in Figure 1 can be very useful when debugging a malfunctioning panel meter circuit, particularly if the user has some knowledge of operational amplifiers (op amps). The meter's high-impedance input consists of an op amp powered from a 5Vdc power supply (the -5V is internally generated). Knowing this, one can easily see why input signals applied to (-) INPUT LO and (+) INPUT HI have to be kept within the power supply rails of 5V. Also note that only pin 11 has a current-limiting 909k series resistor. High input voltages that have a common ground with pin 3 (5V RETURN) should only be applied to pin 11 ((+) INPUT HI) and never to pin 12. In these high-voltage cases, pin 12 should always be tied to pin 3 (5V RETURN). One of the simplified schematic's noteworthy features is that it shows internal voltage values. It also shows that pin 3 is the meter's zero-volt reference point -- regardless of the type of power or signal source used. This is an important point to keep in mind when a digital or analog multimeter is used to make system measurements. The multimeter's negative lead (usually the black one) must be connected to pin 3 (5V RETURN). 1. Single-Ended Input Configurations: True single-ended measurements can be made with any DMS-30DR meter. The circuit of Figure 2 avoids problems normally associated with ground-loop currents. Separate ground runs should be used for 5V RETURN (pin 3) and (-) INPUT LO (pin 12). This will ensure that large LED currents will not flow in the wiring that connects VIN to (-) INPUT LO (pin 12). Groundloop currents can cause unstable readings.






Figure 2. Single-Ended Input Configuration
DIGITAL PANEL METERS
www.cd4power.com
MPM_DMS-30DR_A01 Page 3 of 6
DMS-30DR Series
S U N L I G H T R E A D A B L E , AU T O - D I M M I N G L E D D I S P L AY M E T E R S
APPLICATIONS
2. Differential Input Configurations: Differential measurements can be made with all DMS-30DR meters. Figure 3, though not a practical realworld application, uses a voltage divider to demonstrate the concept of a differential input signal. Be careful not to exceed the 2V common mode voltage limitation for 5V-powered meters. 4. Floating Signal Source Measurements: Floating signals can be measured using the circuits shown in Figures 5 and 6. Connecting pin 10 (ANALOG COMMON) or pin 3 (5V RETURN) to (-) INPUT LO (pin 12) provides the reference point for the meter's input. A "floating" input is a signal that has no galvanic connection to the meter's power supply. In the figures below, the 1.5V battery illustrates a true floating input.



















Figure 3. Differential Input Configuration
Figure 5. Floating Input Measurements
3. Engineering Scaling: For measuring voltages greater than the full scale input range of a given meter, the input signal must be attenuated. A simple voltage divider (similar to that shown in Figure 4) will scale the input to within the range of the selected meter. R1 and R2 should be precision, 1%, metal-film resistors with absolute TCR's less than 50ppm/C. See Ap Note 4 for more information on engineering scaling. 50k < R1 + R2 < 10M R2 x VIN = Reading R1 + R2









Figure 6. Floating Input Measurements (Alternate Configuration)



5. Process Control (4-to-20mA) Measurements: In many common process-control applications, a 4-to-20mA current loop is used to transmit information. Because DMS-30DR meters have such high input impedance, a simple shunt resistor across the meter's input can be used to convert the loop current to a voltage. See Figure 7. The value of the shunt resistor is a function of the scaling requirements of the particular application and can be calculated using the following equation: RShunt = R1 = VFsr / IFsr Where: VFsr = Full scale reading (in Volts) IFsr = Relative full scale current (in Amps)
Figure 4. Input Attenuation Circuit
DIGITAL PANEL METERS
www.cd4power.com
MPM_DMS-30DR_A01 Page 4 of 6
DMS-30DR Series
S U N L I G H T R E A D A B L E , AU T O - D I M M I N G L E D D I S P L AY M E T E R S
APPLICATIONS
Example: For a meter with a 2V full scale input (1.999 full scale reading) and a desired display reading of "1000" (with an input of 20mA), VFsr = 1.000 Volts RShunt = 1.000V/(0.020 - 0.004)A RShunt = 1.000V/0.016A = 62.5 Ohms To calibrate the circuit of Figure 7, perform the following: 1. With 4mA applied, adjust the 50k potentiometer (R2) to display a reading of "000" (assuming that is the desired reading). 2. With 20mA applied, adjust the gain-adjust potentiometer on the back of the meter to display a reading of "1000". For different full scale readings, alter the value of RShunt accordingly.

represents a basic ammeter connection diagram. A detailed application note describing digital dc ammeters is available at www.cd4power.com.











Figure 8. Basic DC Ammeter Circuit
6. Digital Ammeter: Digital ammeters are finding ever-increasing usage because analog-style ammeters (moving-vane types) now cost roughly the same as their digital counterparts. Additionally, analog ammeters are not nearly as rugged as modern digital panel voltmeters. Figure 9 illustrates a typical ammeter application. The circuit uses a 200mV input meter -- the preferred range for most ammeters -- to measure the voltage developed across a 0.1 current shunt. The circuit shown
www.cd4power.com



7. External Gain Adjustment: Connect REFERENCE OUT (pin 8) to REFERENCE IN (pin 7) for normal, factory calibrated, operation. Use the +1.225V REFERENCE OUT (pin 9) for applications needing external gain adjustment. Figure 10 shows the wiring configuration for each model. Calibration is performed with a precise, near-full-scale, input voltage.


Figure 7. 4-to-20mA Current Loop Operation








Figure 9. External Gain Adjustment
DIGITAL PANEL METERS
MPM_DMS-30DR_A01 Page 5 of 6
DMS-30DR Series
S U N L I G H T R E A D A B L E , AU T O - D I M M I N G L E D D I S P L AY M E T E R S
MECHANICAL SPECIFICATIONS










MECHANICAL DIMENSIONS: Inches (mm) TOLERANCES: 2 PL DEC 0.02 (0.51) 3 PL DEC 0.010 (0.254) LEAD DIMENSIONS: 0.025 (0.635) x 0.025 (0.635) NOMINAL RECOMMENDED PC BOARD FINISHED HOLE DIAMETER: 0.042 0.003 (1.067 0.076)





BEZEL INSTALLATION AND RECOMMENDED DRILL AND PANEL CUTOUT






USA: Tucson (Az), Tel: (800) 547 2537, email: sales@cdtechno.com Canada: Toronto, Tel: (866) 740 1232, email: toronto@cdtechno.com United Kingdom: Milton Keynes, Tel: +44 (0)1908 615232, email: mk@cdtechno.com France: Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@cdtechno.com
C&D Technologies, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.cd4power.com
ISO 9001 REGISTERED
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@cdtechno.com Japan: Tokyo, Tel: 3-3779-1031, email: sales_tokyo@cdtechno.com Osaka, Tel: 6-6354-2025, email: sales_osaka@cdtechno.com Website: www.cd4power.jp China: Shanghai, Tel: +86 215 027 3678, email: shanghai@cdtechno.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@cdtechno.com
email: sales@cdtechno.com
DS-0268A 04/2007
(c) 2006 C&D Technologies, Inc. C&D Technologies, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered C&D Technologies, Inc. trademark.
DIGITAL PANEL METERS
MPM_DMS-30DR_A01 Page 6 of 6
www.cd4power.com
(R)
(R)








▲Up To Search▲   

 
Price & Availability of DMS-30DR-1-R-C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X