Part Number Hot Search : 
NE5537 MMBT4 TS339 T89C5 NE5537 13611489 G3355K IPECRG
Product Description
Full Text Search
 

To Download CMPF4393 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CMPF4391 CMPF4392 CMPF4393
N-CHANNEL JFET
Central
DESCRIPTION:
TM
Semiconductor Corp.
SOT-23 CASE MAXIMUM RATINGS (TA=25oC) Drain-Gate Voltage Gate-Source Voltage Drain-Source Voltage Gate Current Power Dissipation Operating and Storage Junction Temperature Thermal Resistance SYMBOL VGD VGS VDS IG PD TJ,Tstg JA
The CENTRAL SEMICONDUCTOR CMPF4391 series types are N-Channel Silicon Field Effect Transistors manufactured by the epitaxial planar process, epoxy molded in a surface mount package, designed for switching applications. Marking Codes are 6J, 6K, and 6G Respectively. UNITS V V V mA mW
oC oC/W
40 40 40 50 350 -65 to +150 357
ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted) CMPF4391 SYMBOL TEST CONDITIONS MIN MAX IGSS VGS=20V 0.1 IGSS VGS=20V, TA=100oC 0.2 IDSS VDS=20V 50 150 ID(OFF) VDS=20V, VGS=12V 0.1 ID(OFF) VDS=20V, VGS=7.0V ID(OFF) VDS=20V, VGS=5.0V 0.2 ID(OFF) VDS=20V, VGS=12V,TA=100oC ID(OFF) VDS=20V, VGS=7.0V, TA=100oC ID(OFF) VDS=20V, VGS=5.0V, TA=100oC BVGSS IG=1.0A 40 VGS(OFF) VDS=20V, ID=1.0nA 4.0 10 VGS(f) IG=1.0mA 1.0 VDS(ON) ID=12mA 0.4 VDS(ON) ID=6.0mA VDS(ON) ID=3.0mA CMPF4392 MIN MAX 0.1 0.2 25 75 0.1 0.2 40 2.0 5.0 1.0 0.4 CMPF4393 MIN MAX UNITS 0.1 nA 0.2 A 5.0 30 mA nA nA 0.1 nA A A 0.2 A 40 V 0.5 3.0 V 1.0 V V V 0.4 V
146
SYMBOL rDS(ON) rds(ON) Ciss Crss Crss Crss tON tON tON tOFF tOFF tOFF
TEST CONDITIONS ID=1.0mA, VGS=0 VGS=0, ID=0, f=1.0kHz VDS=20V, VGS=0, f=1.0MHz VGS=12V, VDS=0, f=1.0MHz VGS=7.0V, VDS=0, f=1.0MHz VGS=5.0V, VDS=0, f=1.0MHz ID(ON)=12mA ID(ON)=6.0mA ID(ON)=3.0mA VGS(OFF)=12V VGS(OFF)=7.0V VGS(OFF)=5.0V
CMPF4391 MIN MAX 30 30 14 3.5 15 20 -
CMPF4392 MIN MAX 60 60 14 3.5 15 35 -
CMPF4393 MIN MAX UNITS 100 100 14 pF pF pF 3.5 pF ns ns 15 ns ns ns 50 ns
All dimensions in inches (mm).
LEAD CODE: 1) DRAIN 2) SOURCE 3) GATE
R2
147


▲Up To Search▲   

 
Price & Availability of CMPF4393

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X