Part Number Hot Search : 
TR3000 MBRB20 Q0270R D81C90 16M86VBB 3454VT Q0270R MC14081B
Product Description
Full Text Search
 

To Download CAT25C02LITE13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT25C01, CAT25C02, CAT25C04
1K/2K/4K SPI Serial CMOS EEPROM FEATURES
I 10 MHz SPI compatible I 1.8 to 5.5 volt operation I 16-byte page write buffer I Hardware and software protection I Block write protection
DESCRIPTION
The CAT25C01/02/04 is a 1K/2K/4K Bit SPI Serial CMOS EEPROM internally organized as 128x8/256x8/ 512x8 bits. Catalyst's advanced CMOS Technology substantially reduces device power requirements. The CAT25C01/02/04 features a 16-byte page write buffer. The device operates via the SPI bus serial interface and is enabled though a Chip Select (CS). In addition to the Chip Select, the clock input (SCK), data in (SI) and data out (SO) are required to access the device. The HOLD pin may be used to suspend any serial communication without resetting the serial sequence. The CAT25C01/ 02/04 is designed with software and hardware write protection features including Block Write protection. The device is available in 8-pin DIP, 8-pin SOIC and 8-pin TSSOP packages.
- Protect 1/4, 1/2 or all of EEPROM array
I Low power CMOS technology I SPI modes (0,0 & 1,1) I Industrial temperature range I 1,000,000 program/erase cycles I 100 year data retention I Self-timed write cycle I RoHS compliant
"
"&"
"
8-pin PDIP, SOIC and TSSOP packages
PIN CONFIGURATION
PDIP (L) SOIC (V) TSSOP (Y)
PIN FUNCTIONS Pin Name
SO SCK WP
VCC VSS CS SI
i D
c s
CS 1 2 3 4 8 7 6 5 SO WP VSS
i t n o
VCC SCK SI HOLD
u n
FUNCTIONAL SYMBOL
VCC
d e
SI CS WP
a P
ts r
CAT25C01 CAT25C02 CAT25C04
SO
HOLD SCK
Function
VSS
Serial Data Output Serial Clock
Write Protect +1.8V to +5.5V Power Supply Ground Chip Select Serial Data Input Suspends Serial Input
HOLD
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 1105, Rev. B
CAT25C01, CAT25C02, CAT25C04
ABSOLUTE MAXIMUM RATINGS* Storage Temperature Voltage on Any Pin with Respect to Ground(1) -65C to +150C -0.5 V to +6.5 V
* Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
RELIABILITY CHARACTERISTICS(2) Symbol NEND(*) TDR Parameter Endurance Data Retention Min 1,000,000 100 Units
Program/ Erase Cycles
(*) Page Mode, VCC = 5 V, 25C
D.C. OPERATING CHARACTERISTICS
VCC = 1.8 V to 5.5 V, TA = -40C to 85C, unless otherwise specified. Symbol ICC ISB IL VIL VIH VOL1 VOL2 Parameter Supply Current Standby Current I/O Pin Leakage Test Conditions
Read or Write at 5 MHz
All I/O Pins at GND or VCC, CS = VCC
Input Low Voltage
Input High Voltage
Output Low Voltage Output Low Voltage
PIN IMPEDANCE CHARACTERISTICS TA = 25C, f = 1 MHz, VCC = 5 V Symbol CIN
(2)
CIN(2) ZWPL
ILWPH
Note: (1) The DC input voltage on any pin should not be lower than -0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may undershoot to no less than -1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns. (2) These parameters are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods.
i D
Parameter
SDA I/O Pin Capacitance Input Capacitance (other pins) WP Input Low Impedance WP Input High Leakage
c s
i t n o
Pin at GND or VCC
VCC > 2.5 V, IOL = 3.0 mA VCC > 1.8 V, IOL = 1.0 mA
u n
d e
Min
a P
Years Max 1 2 2 VCC x 0.3 0.4 0.2
ts r
Units mA A A V V V V
-0.5
VCC x 0.7 VCC + 0.5
Conditions
Min
Max 8 6
Units pF pF k A
VIN = 0 V VIN = 0 V VIN < 0.5 V VIN > VCC x 0.7 5
70 2
Doc. No. 1105, Rev. B
2
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT25C01, CAT25C02, CAT25C04
A.C. CHARACTERISTICS CAT25CXX-1.8 1.8V-5.5V SYMBOL PARAMETER tSU tH tWH tWL fSCK tLZ tRI(1) tFI(1) tHD tCD tWC(4) tV tHO tDIS tHZ tCS tCSS tCSH tWPS tWPH Data Setup Time Data Hold Time SCK High Time SCK Low Time Clock Frequency HOLD to Output Low Z Input Rise Time Input Fall Time HOLD Setup Time HOLD Hold Time Write Cycle Time Output Valid from Clock Low Output Hold Time Output Disable Time HOLD to Output High Z CS High Time CS Setup Time CS Hold Time WP Setup Time WP Hold Time 0 100 100 5 Min. 50 50 250 250 DC 1 50 2 2 40 40 Max. Min. 20 20 75 75 DC 5 50 2 2 CAT25CXX 2.5V-5.5V Max. 4.5V-5.5V Min. 20 20 40 40 DC 10 Max. ns ns ns ns Test UNITS Conditions
50 2
Power-Up Timing(1)(3)
NOTE: (1) This parameter is tested initially and after a design or process change that affects the parameter. (2) AC Test Conditions: Input Pulse Voltages: 0.3VCC to 0.7VCC Input rise and fall times: 10ns Input and output reference voltages: 0.5VCC Output load: current source IOL max/IOH max; CL=50pF (3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. (4) tWC is the time from the rising edge of CS after a valid write sequence to the end of the internal write cycle.
i D
Symbol tPUR tPUW
c s
Power-up to Read Operation Power-up to Write Operation
i t n o
500 500 500 150 150 Parameter
u n
0 250 150 100 100 100 50 50
250
d e
40 5 75 0 75 50 100 100 100 50 50 Max. 1 1
40
40
a P
ns s s ns 2 ns 5 ms ns ns ns ns ns ns ns ns ns
MHz
ts r
CL = 50pF (note 2)
75 50
Units ms ms
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
3
Doc. No. 1105, Rev. B
CAT25C01, CAT25C02, CAT25C04
FUNCTIONAL DESCRIPTION
The CAT25C01/02/04 supports the SPI bus data transmission protocol. The synchronous Serial Peripheral Interface (SPI) helps the CAT25C01/02/04 to interface directly with many of today's popular microcontrollers. The CAT25C01/02/04 contains an 8-bit instruction register. (The instruction set and the operation codes are detailed in the instruction set table) After the device is selected with CS going low, the first byte will be received. The part is accessed via the SI pin, with data being clocked in on the rising edge of SCK. The first byte contains one of the six op-codes that define the operation to be performed.
PIN DESCRIPTION
SI: Serial Input SI is the serial data input pin. This pin is used to input all opcodes, byte addresses, and data to be written to the CAT25010/20/40. Input data is latched on the rising edge of the serial clock for SPI modes (0, 0 & 1, 1). SO: Serial Output SO is the serial data output pin. This pin is used to transfer data out of the CAT25C01/02/04. During a read cycle, data is shifted out on the falling edge of the serial clock for SPI modes (0,0 & 1,1).
Figure 1. Sychronous Data Timing
VIH
CS
VIL tCSS VIH
SCK
VIL tSU VIH
tWH tH
SI
VIL
VOH
SO
VOL
HI-Z
Note: Dashed Line= mode (1, 1) - - - - -
INSTRUCTION SET Instruction WREN WRDI
RDSR
WRSR READ
WRITE
Note: (1) X=0 for CAT25C01, CAT25C02. X=A8 for CAT25C04.
i D
c s
i t n o
VALID IN
u n
tWL tRI tFI tV
d e
tHO
tCSH
a P
tDIS HI-Z
ts r
tCS
Opcode
Operation Enable Write Operations Disable Write Operations Read Status Register Write Status Register Read Data from Memory Write Data to Memory
0000 0110
0000 0100
0000 0101 0000 0001 0000 X011(1) 0000 X010(1)
Doc. No. 1105, Rev. B
4
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT25C01, CAT25C02, CAT25C04
When WP is tied low and the WPEN bit in the status register is set to "1", all write operations to the status register are inhibited. WP going low while CS is still low will interrupt a write to the status register. If the internal write cycle has already been initiated, WP going low will have no effect on any write operation to the status register. The WP pin function is blocked when the WPEN bit is set to 0. Figure 10 illustrates the WP timing sequence during a write operation. HOLD: HOLD Hold
SCK: Serial Clock SCK is the serial clock pin. This pin is used to synchronize the communication between the microcontroller and the CAT25C01/02/04. Opcodes, byte addresses, or data present on the SI pin are latched on the rising edge of the SCK. Data on the SO pin is updated on the falling edge of the SCK for SPI modes (0,0 & 1,1) . CS Chip Select CS: CS is the Chip select pin. CS low enables the CAT25C01/ 02/04 and CS high disables the CAT25C01/02/04. CS high takes the SO output pin to high impedance and forces the devices into a Standby Mode (unless an internal write operation is underway) The CAT25C01/ 02/04 draws ZERO current in the Standby mode. A high to low transition on CS is required prior to any sequence being initiated. A low to high transition on CS after a valid write sequence is what initiates an internal write cycle. WP Write Protect WP: WP is the Write Protect pin. The Write Protect pin will allow normal read/write operations when held high. STATUS REGISTER 7 WPEN 6 1 5 1 4 1
The HOLD pin is used to pause transmission to the CAT25C01/20/40 while in the middle of a serial sequence without having to re-transmit entire sequence at a later time. To pause, HOLD must be brought low while SCK is low. The SO pin is in a high impedance state during the time the part is paused, and transitions on the SI pins will be ignored. To resume communication, HOLD is brought high, while SCK is low. (HOLD should be held high any time this function is not being used.) HOLD may be tied high directly to VCC or tied to VCC through a resistor. Figure 9 illustrates hold timing sequence.
BLOCK PROTECTION BITS
Status Register Bits BP1 BP0 0 0 1 0 1
WRITE PROTECT ENABLE OPERATION WPEN 0 0 1 1 X X WP X X Low Low High High WEL 0 1 0 1 0 1 Protected Blocks Protected Protected Protected Protected Protected Protected Unprotected Blocks Protected Writable Protected Writable Protected Writable Status Register Protected Writable Protected Protected Protected Writable
i D
1
c s
0 1
i t n o
Array Address Protected
None CAT25C01: 60-7F CAT25C02: C0-FF CAT25C04: 180-1FF CAT25C01: 40-7F CAT25C02: 80-FF CAT25C04: 100-1FF CAT25C01: 00-7F CAT25C02: 00-FF CAT25C04: 000-1FF
u n
3 BP1
d e
2 BP0
a P
1 WEL
ts r
0 RDY
Protection No Protection Quarter Array Protection Half Array Protection
Full Array Protection
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
5
Doc. No. 1105, Rev. B
CAT25C01, CAT25C02, CAT25C04
STATUS REGISTER
The Status Register indicates the status of the device. The RDY (Ready) bit indicates whether the CAT25C01/ 02/04 is busy with a write operation. When set to 1 a write cycle is in progress and when set to 0 the device indicates it is ready. This bit is read only. The WEL (Write Enable) bit indicates the status of the write enable latch. When set to 1, the device is in a Write Enable state and when set to 0 the device is in a Write Disable state. The WEL bit can only be set by the WREN instruction and can be reset by the WRDI instruction. The BP0 and BP1 (Block Protect) bits indicate which blocks are currently protected. These bits are set by the user issuing the WRSR instruction. The user is allowed to protect quarter of the memory, half of the memory or the entire memory by setting these bits. Once protected, the user may only read from the protected portion of the array. These bits are non-volatile. The WPEN (Write Protect Enable) is an enable bit for the WP pin. The WP pin and WPEN bit in the status register control the programmable hardware write protect feature. Hardware write protection is enabled when WP is low and WPEN bit is set to high. The user cannot write Figure 2. WREN Instruction Timing
CS
to the status register, (including the block protect bits and the WPEN bit) and the block protected sections in the memory array when the chip is hardware write protected. Only the sections of the memory array that are not block protected can be written. Hardware write protection is disabled when either WP pin is high or the WPEN bit is zero.
DEVICE OPERATION
Write Enable and Disable The CAT25C01/02/04 contains a write enable latch. This latch must be set before any write operation. The device powers up in a write disable state when VCC is applied. WREN instruction will enable writes (set the latch) to the device. WRDI instruction will disable writes (reset the latch) to the device. Disabling writes will protect the device against inadvertent writes. READ Sequence The part is selected by pulling CS low. The 8-bit read instruction is transmitted to the CAT25C01/02/04, followed by the 8-bit address for CAT25C01/02/04 (for the CAT25C04, bit 3 of the read data instruction contains address A8).
SCK
SI
SO
Figure 3. WRDI Instruction Timing
CS
SCK
i D
Note: Dashed Line = mode (1, 1)
c s
i t n o
0 0 0 0
u n
0 1 1
d e
0
a P
ts r
HIGH IMPEDANCE
SI
0
0
0
0
0
1
0
0
SO
Note: Dashed Line = mode (1, 1)
HIGH IMPEDANCE
Doc. No. 1105, Rev. B
6
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT25C01, CAT25C02, CAT25C04
Write enable state by pulling the CS low and then clocking the WREN instruction into CAT25C01/02/04. The CS must be brought high after the WREN instruction to enable writes to the device. If the write operation is initiated immediately after the WREN instruction without CS being brought high, the data will not be written to the array because the write enable latch will not have been properly set. Also, for a successful write operation the address of the memory location(s) to be programmed must be outside the protected address field location selected by the block protection level. Byte Write Once the device is in a Write Enable state, the user may proceed with a write sequence by setting the CS low, issuing a write instruction via the SI line, followed by the 8-bit address for CAT25C01/02/04 (for the 25C04, bit 3 of the read data instruction contains address A8). Programming will start after the CS is brought high. Figure 6 illustrates byte write sequence.
After the correct read instruction and address are sent, the data stored in the memory at the selected address is shifted out on the SO pin. The data stored in the memory at the next address can be read sequentially by continuing to provide clock pulses. The internal address pointer is automatically incremented to the next higher address after each byte of data is shifted out. When the highest address is reached, the address counter rolls over to 0000h allowing the read cycle to be continued indefinitely. The read operation is terminated by pulling the CS high. To read the status register, RDSR instruction should be sent. The contents of the status register are shifted out on the SO line. The status register may be read at any time even during a write cycle. Read sequece is illustrated in Figure 4. Reading status register is illustrated in Figure 5. WRITE Sequence The CAT25C01/02/04 powers up in a Write Disable state. Prior to any write instructions, the WREN instruction must be sent to CAT25C01/02/04. The device goes into Figure 4. Read Instruction Timing
CS 0 SK 1 2 3 4 5 6 7 8 9
10
OPCODE
SI
0
0
0
0
0 X*
SO
*Please check the instruction set table for address X=0 for 25010, 25020 ; X=A8 for 25040
Figure 5. RDSR Instruction Timing
CS
SCK
i D
0
0
Note: Dashed line = mode (1,1)----
c s
1 2
0 0
i t n o
0 1 1
HIGH IMPEDANCE
BYTE ADDRESS A4 A3
A7 A6 A5
u n
11 12 13 A2
d e
14 15 16 A1 A0
MSB
a P
19 20 21
DATA OUT
ts r
22
17
18
D7 D6 D5 D4 D3 D2 D1 D0
3
4
5
6
7
8
9
10
11
12
13
14
OPCODE
SI
0
0
1
0
1
DATA OUT
SO
HIGH IMPEDANCE
7
MSB
6
5
4
3
2
1
0
Note: Dashed Line= mode (1, 1) - - - - -
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
7
Doc. No. 1105, Rev. B
CAT25C01, CAT25C02, CAT25C04
During an internal write cycle, all commands will be ignored except the RDSR (Read Status Register) instruction. The Status Register can be read to determine if the write cycle is still in progress. If Bit 0 of the Status Register is set at 1, write cycle is in progress. If Bit 0 is set at 0, the device is ready for the next instruction. Page Write The CAT25C01/02/04 features page write capability. After the initial byte, the host may continue to write up to 16 bytes of data to the CAT25C01/02/04. After each byte of data received, lower order address bits are internally incremented by one; the high order bits of
address will remain constant. The only restriction is that the X (X=16 for CAT25C01/02/04) bytes must reside on the same page. If the address counter reaches the end of the page and clock continues, the counter will "roll over" to the first address of the page and overwrite any data that may have been written. The CAT25C01/02/04 is automatically returned to the write disable state at the completion of the write cycle. Figure 8 illustrates the page write sequence.
To write to the status register, the WRSR instruction should be sent. Only Bit 2, Bit 3 and Bit 7 of the status register can be written using the WRSR instruction. Figure 7 illustrates the sequence of writing to status register.
Figure 6. Write Instruction Timing
CS 0 SK
OPCODE
1
2
3
4
5
6
7
8
13 14 15 16 17 18 19 20 21 22 23
SI
0
0
0
0
X* 00
SO
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) - - - - - *X=0 for 25010, 25020 ; X=A8 for 25040
Figure 7. WRSR Timing
CS
SCK
SI
i D
0 0
c s
1 2 0 0 0
i t n o
1 0 A7
4 5 6
OPCODE
BYTE ADDRESS
u n
8 9 7
MSB
A0 D7 D6 D5 D4 D3 D2 D1 D0
d e
DATA IN
a P
ts r
3
7
10
11
12
13
14
15
DATA IN
0
0
0
1
6
5
4
3
2
1
0
SO
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) - - - - -
Doc. No. 1105, Rev. B
8
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT25C01, CAT25C02, CAT25C04
DESIGN CONSIDERATIONS The CAT25C01/02/04 powers up in a write disable state and in a low power standby mode. A WREN instruction must be issued to perform any writes to the device after power up. Also,on power up CS should be brought low to enter a ready state and receive an instruction. After a successful byte/page write or status register write, the CAT25C01/02/04 goes into a write disable mode. CS must be set high after the proper number of clock cycles to start an internal write cycle. Access to the array during an internal write cycle is ignored and program-
ming is continued. On power up, SO is in a high impedance. If an invalid op code is received, no data will be shifted into the CAT25C01/02/04, and the serial output pin (SO) will remain in a high impedance state until the falling edge of CS is detected again. When powering down, the supply should be taken down to 0V, so that the CAT25C01/02/04 will be reset when power is ramped back up. If this is not possible, then, following a brown-out episode, the CAT25C01/02/04 can be reset by refreshing the contents of the Status Register (See Application Note AN10).
Figure 8. Page Write Instruction Timing
CS
0 SK
1
2
3
4
5
6
7
8
13
14
15 16-23
24-31
16+(N-1)x8-1..16+(N-1)x8 16+Nx8-1
OPCODE
BYTE ADDRESS 0 1 0 A7 A0
SI
0
0
0
0
0 X*
Data Byte 1
SO
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) - - - - -
*X=0 for CAT25C01, CAT25C02; X=A8 for CAT25C04
Figure 9. HOLD Timing
CS
SCK
HOLD
Note: Dashed Line= mode (1, 1) - - - - -
Figure 10. WP Timing
i D
SO
CS SCK WP
c s
i t n o
tCD tHD tHZ
u n
tHD
t WPS
d e
DATA IN Data Byte 2 Data Byte 3
Data Byte N 0 7..1
a P
ts r
tCD
HIGH IMPEDANCE
tLZ
t WPH
WP
Note: Dashed Line= mode (1, 1) - - - - -
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
9
Doc. No. 1105, Rev. B
CAT25C01, CAT25C02, CAT25C04
8-LEAD 300 MIL WIDE PLASTIC DIP (L)
E1
D
A2
A
A1
L
e b2 b
SYMBOL A A1 A2 b b2 D D2 E E1 e eB L
MIN 0.120 0.015 0.115 0.014 0.045 0.355 0.300 0.300 0.240
Notes: 1. Complies with JEDEC Standard MS001. 2. All dimensions are in inches. 3. Dimensioning and tolerancing per ANSI Y14.5M-1982
i D
c s
0.115
0.310 0.250 0.100 BSC 0.130
i t n o
NOM MAX 0.210 0.130 0.018 0.060 0.365 0.195 0.022 0.070 0.400 0.325 0.325 0.280 0.430 0.150
u n
d e
a P
eB
E
ts r
24C02_8-LEAD_DIP_(300P).eps
Doc. No. 1105, Rev. B
10
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT25C01, CAT25C02, CAT25C04
8-LEAD 150 MIL WIDE SOIC (V)
E1 E
D
A 1 e b A1
SYMBOL A1 A2 b C D E E1 e f 1
MIN
Notes: 1. Complies with JEDEC specification MS-012 dimensions. 2. All linear dimensions in millimeters.
i D
c s
0.0040 0.0532 0.013 0.0075 0.1890 02284 0.149 0.0099 0
i t n o
NOM MAX 0.0098 0.0688 0.020 0.0098 0.1968 0.2440 0.1574 0.0196 8 0.050 BSC
u n
d e
L
a P
C
24C02_8-LEAD_SOIC.eps
ts r
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
11
Doc. No. 1105, Rev. B
CAT25C01, CAT25C02, CAT25C04
8-LEAD TSSOP (Y)
D
8 5
SEE DETAIL A
E
E1
E/2
1
4
PIN #1 IDENT. 1 A2
A
e
SYMBOL A A1 A2 b c D E E1 e L 1
MIN 0.05 0.80 0.19 0.09 2.90 6.30 4.30
Notes: 1. All dimensions in millimeters.
i D
c s
0.50 0.00
i t n o
A1 b
u n
d e
L
a P
GAGE PLANE
ts r
c 0.25
SEATING PLANE
SEE DETAIL A
NOM
MAX 1.20 0.15 1.05 0.30 0.20 3.10 6.50 4.50 0.75 8.00
0.90
3.00 6.4 4.40 0.65 BSC 0.60
Doc. No. 1105, Rev. B
12
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT25C01, CAT25C02, CAT25C04
ORDERING INFORMATION
Prefix CAT
Device # 25C04
Suffix V I Temperature Range I = Industrial (-40C to +85C) -1.8 TE13
Optional Company ID
Product Number 25C04: 4K 25C02: 2K 25C01: 1K
Tape & Reel
Package L: PDIP (Lead-free, Halogen-free, NiPdAu lead plating) V: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating) Y: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating)
Operating Voltage Blank (VCC = 2.5V to 5.5V) 1.8 (VCC = 1.8V to 5.5V)
Notes: (1) The device used in the above example is a CAT25C04VI-1.8TE13 (SOIC, Industrial Temperature, 1.8 Volt to 5.5 Volt Operating Voltage, Tape & Reel)
i D
c s
i t n o
u n
d e
a P
ts r
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
13
Doc. No. 1105, Rev. B
CAT25C01, CAT25C02, CAT25C04
PACKAGE MARKING 8-Lead PDIP 8-Lead SOIC
VV 25C04LI YYWWC
CSI 25C04L I YY WW C VV = Catalyst Semiconductor, Inc. = Device Code = Temperature Range = Production Year = Production Week = Product Revision = Voltage Range 1.8V - 5.5V = 18 2.5V - 5.5V = Blank
VV 25C04VI YYWWC
CSI 25C04V I YY WW C VV
8-Lead TSSOP
YMCV
Notes: (1) The circle on the package marking indicates the location of Pin 1.
i D
Y M C 25Y04 I V
= Production Year = Production Month = Die Revision = Device Code = Industrial Temperature Range = Voltage Range 1.8V - 5.5V = 8 2.5V - 5.5V = Blank
c s
25Y04
i t n o
u n
d e
= Catalyst Semiconductor, Inc. = Device Code = Temperature Range = Production Year = Production Week = Product Revision = Voltage Range 1.8V - 5.5V = 18 2.5V - 5.5V = Blank
a P
ts r
Doc. No. 1105, Rev. B
14
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
REVISION HISTORY
Date 10/13/05 Rev. A Reason Initial Issue
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP TM AE2 TM MiniPotTM
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents issued to Catalyst Semiconductor contact the Company's corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
i D
c s
i t n o
u n
d e
a P
ts r
Catalyst Semiconductor, Inc. Corporate Headquarters 1250 Borregas Avenue Sunnyvale, CA 94089 Phone: 408.542.1000 Fax: 408.542.1200 www.catalyst-semiconductor.com
Publication #: Revison: Issue date:
1105 B 12/23/05


▲Up To Search▲   

 
Price & Availability of CAT25C02LITE13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X