Part Number Hot Search : 
GBI15A06 HSZ681 AT54S SD05H1B 06010 914HDT 11601 2SC2078
Product Description
Full Text Search
 

To Download CAT24FC64GLITE13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT24FC64
64K-Bit I2C Serial CMOS EEPROM FEATURES
I Fast mode I2C bus compatible* I Max clock frequency: I Industrial and extended
temperature ranges
I 5 ms max write cycle time I Write protect feature I 1,000,000 program/erase cycles I 100 year data retention
- 400KHz for VCC=2.5V to 5.5V
I Schmitt trigger filtered inputs for noise suppression I Low power CMOS technology I 64-byte page write buffer I Self-timed write cycle with auto-clear
- entire array protected when WP at VIH
I 8-pin DIP, 8-pin SOIC (JEDEC), 8-pin SOIC
(EIAJ), 8-pin TSSOP and TDFN packages
DESCRIPTION
The CAT24FC64 is a 64K-bit Serial CMOS EEPROM internally organized as 8,192 words of 8 bits each. Catalyst's advanced CMOS technology substantially reduces device power requirements. The CAT24FC64
features a 64-byte page write buffer. The device operates via the I2C bus serial interface and is available in 8pin DIP, SOIC, TSSOP and TDFN packages.
PIN CONFIGURATION
DIP Package (P, L, GL)
A0 A1 A2 VSS 1 2 3 4 8 7 6 5 VCC WP SCL SDA
TDFN Package (RD2, ZD2)
A0 1 A1 2 A2 3 VSS 4
8 VCC 7 WP
SOIC Package (J, W, K, X, GW, GX)
A0 A1 A2 VSS
PIN FUNCTIONS
Pin Name A0, A1, A2 SDA SCL WP VCC VSS NC
is D
2 3 4 7 6 5
1
8
VCC A0 WP A1 SCL A2 SDA VSS
o c
1 2 3 4
(Top View)
TSSOP Package (U, Y, GY)
8 7 6 5
i t n
6 SCL 5 SDA
u n
VCC VSS SDA WP
BLOCK DIAGRAM
EXTERNAL LOAD
d e
DOUT ACK CONTROL LOGIC
a P
128
t r
SENSE AMPS SHIFT REGISTERS
WORD ADDRESS BUFFERS
COLUMN DECODERS 512
START/STOP LOGIC
VCC WP SCL SDA
XDEC
EEPROM 128X512
Function
DATA IN STORAGE
Address Inputs Serial Data/Address
SCL A0 A1 A2 STATE COUNTERS SLAVE ADDRESS COMPARATORS HIGH VOLTAGE/ TIMING CONTROL
Serial Clock Write Protect +2.5V to +5.5V Power Supply Ground
No Connect
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 1046, Rev. K
CAT24FC64
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. -55C to +125C Storage Temperature ....................... -65C to +150C Voltage on Any Pin with Respect to Ground(1) ........... -2.0V to +VCC + 2.0V VCC with Respect to Ground ............... -2.0V to +7.0V
Package Power Dissipation Capability (Ta = 25C) ................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300C Output Short Circuit Current(2) ........................ 100mA
*COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
RELIABILITY CHARACTERISTICS (3) Symbol NEND TDR VZAP ILTH
(4)
Parameter Endurance Data Retention ESD Susceptibility Latch-up
Min 1,000,000 100 4000 100
Typ
D.C. OPERATING CHARACTERISTICS VCC = +2.5V to +5.5V, unless otherwise specified. Symbol ICC1 ICC2 ISB(5) ILI ILO VIL VIH VOL Parameter Power Supply Current - Read Power Supply Current - Write Standby Current Input Leakage Current
Test Conditions
Output Leakage Current
CAPACITANCE TA = 25C, f = 1.0 MHz, VCC = 5V Symbol Test CI/O(3) CIN
(3)
ZWPL
is D
Input Low Voltage
Input High Voltage
Output Low Voltage (VCC = +3.0V)
o c
i t n
fSCL = 400 KHz VCC=5V fSCL = 400KHz VCC=5V
VIN = GND or VCC VCC=5V VIN = GND to VCC
u n
Min
d e
Min
a P
Max Max 1 3 1 1 1 VCC x 0.3 VCC + 0.5 0.4
Units
Cycles/Byte Years Volts mA
t r
mA mA A A A V V V
Typ
Units
VOUT = GND to VCC -0.5 VCC x 0.7
IOL = 3.0 mA
Conditions VI/O = 0V VIN = 0V VIN 0.5V VIN>0.7VxVCC
Typ
Max 8 6
Units pF pF k k
Input/Output Capacitance (SDA) Input Capacitance (SCL, WP, A0, A1) WP Input Impedance WP Input Impedance
5 500
70
ZWPH
Note: (1) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC + 2.0V for periods of less than 20ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) These parametesr are tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1V to VCC +1V. (5) Maximum standby current (ISB) = 10A for the Extended Automotive temperature range.
Doc. No. 1046, Rev. K
2
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24FC64
A.C. CHARACTERISTICS VCC = +2.5V to +5.5V, unless otherwise specified Output Load is 1 TTL Gate and 100pF Read & Write Cycle Limits
Symbol Parameter VCC=2.5V - 5.5V Min FSCL tAA tBUF(2) tHD:STA tLOW tHIGH tSU:STA tHD:DAT tSU:DAT tR(2) tF(2) tSU:STO tDH tWR tSP tSU;WP Clock Frequency SCL Low to SDA Data Out and ACK Out Time the Bus Must be Free Before a New Transmission Can Start Start Condition Hold Time Clock Low Period Clock High Period 50 1300 600 1300 Max 400 900 Units
Start Condition Setup Time (for a Repeated Start Condition) Data In Hold Time Data In Setup Time SDA and SCL Rise Time SDA and SCL Fall Time
Stop Condition Setup Time Data Out Hold Time Write Cycle Time
Input Suppresssion (SDA, SCL) WP Setup Time
tHD;WP
Power-Up Timing (2)(3) Symbol tPUR
tPUW
Note: (1) AC measurement conditions: RL (connects to VCC): 0.3VCC to 0.7 VCC Input rise and fall times: < 50ns Input and output timing reference voltages: 0.5 VCC (2) This parameter is tested initially and after a design or process change that affects the parameter. (3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
is D
Parameter
WP Hold Time
o c
i t n
u n
d e
0 50
600 600
a P
300 300 5 50
t r
kHz ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns ns
100
600
600 1300
Min
Typ
Max 100 100
Units s s
Power-Up to Read Operation Power-Up to Write Operation
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
interface circuits are disabled, SDA is allowed to remain high, and the device does not respond to its slave address.
Doc No. 1046, Rev. K
3
CAT24FC64
FUNCTIONAL DESCRIPTION
The CAT24FC64 supports the I2C Bus data transmission protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. The transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. The CAT24FC64 operates as a Slave device. Both the Master device and Slave device can operate as either transmitter or receiver, but the Master device controls which mode is activated.
SDA: Serial Data/Address
The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs.
WP: Write Protect
This input, when tied to GND, allows write operations to the entire memory. When this pin is tied to Vcc, the entire memory is write protected. When left floating, memory is unprotected.
PIN DESCRIPTIONS SCL: Serial Clock
The serial clock input clocks all data transferred into or out of the device.
A0, A1, A2: Device Address Inputs
These pins are hardwired or left connected. When hardwired, up to eight CAT24FC64's may be addressed on a single bus system. When the pins are left unconnected, the default values are zero.
Figure 1. Bus Timing
tF tLOW SCL tSU:STA tHD:STA tHIGH tLOW tR
SDA IN
SDA OUT
Figure 2. Write Cycle Timing
SCL
SDA
Figure 3. Start/Stop Timing
D
is
SDA SCL
8TH BIT BYTE n
o c
START BIT
i t n
tHD:DAT tAA
u n
tDH
tWR
tSU:DAT
d e
a P
tSU:STO tBUF
t r
ACK
STOP CONDITION
START CONDITION
ADDRESS
STOP BIT
Doc. No. 1046, Rev. K
4
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24FC64
I2C BUS PROTOCOL
The features of the I2C bus protocol are defined as follows: (1) Data transfer may be initiated only when the bus is not busy. (2) During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition. START Condition The START Condition precedes all commands to the device, and is defined as a HIGH to LOW transition of SDA when SCL is HIGH. The CAT24FC64 monitors the SDA and SCL lines and will not respond until this condition is met. STOP Condition A LOW to HIGH transition of SDA when SCL is HIGH determines the STOP condition. All operations must end with a STOP condition. as many as eight devices on the same bus. These bits must compare to their hardwired input pins. The last bit of the slave address specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the Master sends a START condition and the slave address byte, the CAT24FC64 monitors the bus and responds with an acknowledge (on the SDA line) when its address matches the transmitted slave address. The CAT24FC64 then performs a Read or Write operation depending on the state of the R/W bit. Acknowledge
After a successful data transfer, each receiving device is required to generate an acknowledge. The Acknowledging device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data.
DEVICE ADDRESSING
The bus Master begins a transmission by sending a START condition. The Master sends the address of the particular slave device it is requesting. The four most significant bits of the 8-bit slave address are fixed as 1010 (Fig. 5). The CAT24FC64 uses the next three bits as address bits. The address bits A2, A1 and A0 allow
Figure 4. Acknowledge Timing
is D
SCL FROM MASTER
DATA OUTPUT FROM TRANSMITTER
o c
1
i t n
1
u n
The CAT24FC64 responds with an acknowledge after receiving a START condition and its slave address. If the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8bit byte. When the CAT24FC64 begins a READ mode it transmits 8 bits of data, releases the SDA line, and monitors the line for an acknowledge. Once it receives this acknowledge, the CAT24FC64 will continue to transmit
d e
8
a P
t r
9
DATA OUTPUT FROM RECEIVER START ACKNOWLEDGE
Figure 5. Slave Address Bits
0 1 0 A2 A1 A0 R/W
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
5
Doc No. 1046, Rev. K
CAT24FC64
data. If no acknowledge is sent by the Master, the device terminates data transmission and waits for a STOP condition.
If the Master transmits more than 64 bytes before sending the STOP condition, the address counter `wraps around', and previously transmitted data will be overwritten. When all 64 bytes are received, and the STOP condition has been sent by the Master, the internal programming cycle begins. At this point, all received data is written to the CAT24FC64 in a single write cycle. Acknowledge Polling
WRITE OPERATIONS
Byte Write In the Byte Write mode, the Master device sends the START condition and the slave address information (with the R/W bit set to zero) to the Slave device. After the Slave generates an acknowledge, the Master sends two 8-bit address words that are to be written into the address pointers of the CAT24FC64. After receiving another acknowledge from the Slave, the Master device transmits the data to be written into the addressed memory location. The CAT24FC64 acknowledges once more and the Master generates the STOP condition. At this time, the device begins an internal programming cycle to nonvolatile memory. While the cycle is in progress, the device will not respond to any request from the Master device. Page Write The CAT24FC64 writes up to 64 bytes of data, in a single write cycle, using the Page Write operation. The page write operation is initiated in the same manner as the byte write operation, however instead of terminating after the initial byte is transmitted, the Master is allowed to send up to 63 additional bytes. After each byte has been transmitted, CAT24FC64 will respond with an acknowledge, and internally increment the six low order address bits by one. The high order bits remain unchanged. Figure 6. Byte Write Timing
Disabling of the inputs can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write operation, CAT24FC64 initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If CAT24FC64 is still busy with the write operation, no ACK will be returned. If CAT24FC64 has completed the write operation, an ACK will be returned and the host can then proceed with the next read or write operation.
*=Don't Care Bit
Figure 7. Page Write Timing
S T A R T S T O P P A C K A C K A C K A C K A C K A C K
is D
BUS ACTIVITY: MASTER SDA LINE S T A R T S
SLAVE ADDRESS S
o c
SLAVE ADDRESS
i t n
* **
u n
A C K
WRITE PROTECTION
The Write Protection feature allows the user to protect against inadvertent programming of the memory array. If the WP pin is tied to VCC, the entire memory array is protected and becomes read only. The CAT24FC64 will accept both slave and byte addresses, but the memory location accessed is protected from programming by the device's failure to send an acknowledge after the first byte of data is received.
d e
DATA A C K
a P
S T O P P A C K
t r
BYTE ADDRESS A15-A8 A7-A0
A C K
BUS ACTIVITY: MASTER SDA LINE
BYTE ADDRESS A15-A8 A7-A0
DATA
DATA n
DATA n+63
***
A C K
*=Don't Care Bit
Doc. No. 1046, Rev. K
6
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24FC64
READ OPERATIONS
The READ operation for the CAT24FC64 is initiated in the same manner as the write operation with one exception, that R/W bit is set to one. Three different READ operations are possible: Immediate/Current Address READ, Selective/Random READ and Sequential READ. Immediate/Current Address Read The CAT24FC64's address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from address N+1. If N=E (where E=8,191), then the counter will `wrap around' to address 0 and continue to clock out data. After the CAT24FC64 receives its slave address information (with the R/W bit set to one), it issues an acknowledge, then transmits the 8 bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition. Selective/Random Read Selective/Random READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a `dummy' write operation by sending the START condition,
slave address and byte addresses of the location it wishes to read. After CAT24FC64 acknowledges, the Master device sends the START condition and the slave address again, this time with the R/W bit set to one. The CAT24FC64 then responds with its acknowledge and sends the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition. Sequential Read
The Sequential READ operation can be initiated by either the Immediate Address READ or Selective READ operations. After the CAT24FC64 sends the initial 8-bit byte requested, the Master will respond with an acknowledge which tells the device it requires more data. The CAT24FC64 will continue to output an 8-bit byte for each acknowledge sent by the Master. The operation will terminate when the Master fails to respond with an acknowledge, thus sending the STOP condition. The data being transmitted from CAT24FC64 is outputted sequentially with data from address N followed by data from address N+1. The READ operation address counter increments all of the CAT24FC64 address bits so that the entire memory array can be read during one operation. If more than E (where E=8,191) bytes are read out, the counter will `wrap around' and continue to clock out data bytes.
Figure 8. Immediate Address Read Timing
is D
SCL SDA
o c
BUS ACTIVITY: MASTER SDA LINE
i t n
S T A R T SLAVE ADDRESS S 8
u n
DATA A C K 9
d e
S T O P P N O A C K
a P
t r
8TH BIT DATA OUT NO ACK STOP
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
7
Doc No. 1046, Rev. K
CAT24FC64
Figure 9. Selective Read Timing
S T A R T S A C K S T A R T S A C K A C K A C K N O A C K
BUS ACTIVITY: MASTER SDA LINE
SLAVE ADDRESS
BYTE ADDRESS A15-A8 A7-A0
SLAVE ADDRESS
DATA
S T O P P
***
*=Don't Care Bit
Figure 10. Sequential Read Timing
BUS ACTIVITY: MASTER SDA LINE A C K A C K SLAVE ADDRESS
DATA n
DATA n+1
DATA n+2
is D
Doc. No. 1046, Rev. K
o c
i t n
u n
A C K
d e
A C K
a P
DATA n+x S T O P P N O A C K
t r
8
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT24FC64
ORDERING INFORMATION
Prefix CAT Device # 24FC64 J Suffix I TE13 REV-D
Optional Company ID
Product Number
Temperature Range I = Industrial (-40C to 85C) E = Extended (-40C to 125C)
Tape & Reel
Package P: PDIP K: SOIC, EIAJ J: SOIC, JEDEC U: TSSOP RD2: TDFN L: PDIP (Lead-free, Halogen-free) W: SOIC, JEDEC (Lead-free, Halogen-free) Y: TSSOP (Lead-free, Halogen-free) X: SOIC, EIAJ (Lead-free, Halogen-free) ZD2: TDFN (Lead-free, Halogen-free) GL: PDIP (Lead-free, Halogen-free, NiPdAu lead plating) GW: SOIC, JEDEC (Lead-free, Halogen-free, NiPdAu lead plating) GY: TSSOP (Lead-free, Halogen-free, NiPdAu lead plating) GX: SOIC, EIAJ (Lead-free, Halogen-free, NiPdAu lead plating)
Notes: (1) The device used in the above example is a 24FC64JI-TE13 REV-D (SOIC, Industrial Temperature, 2.5 Volt to 5.5 Volt Operating Voltage, Tape & Reel)
is D
o c
i t n
u n
d e
a P
Die Revision
t r
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
9
Doc No. 1046, Rev. K
REVISION HISTORY
Date 03/03/04 Revision Comments C Added 8-pin TSSOP package (updated in all areas) Updated DC Operating Characteristics Updated Power-Up Timing Changed Advance designation to Preliminary Eliminated data sheet designation Update Update Update Update Update Update Features D.C. Operating Characteristics Read & Write Cycle Limits Ordering Information Revision History Rev Number
03/26/04 04/02/04 05/15/04
D E F
06/07/04 7/27/04 8/25/04 03/24/05
G H I J
Update AC Characteristics (Write Cycle Time) Update notes on page 2 Update notes in Ordering Information section Update Update Update Update Update Update Update Features Description Pin Functions Reliability Characteristics D.C. Operating Characteristics A.C. Characteristics Ordering Information
08/03/05
K
Update Pin Configuration Update Ordering Information
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP TM AE2 TM MiniPotTM
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents issued to Catalyst Semiconductor contact the Company's corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
is D
o c
i t n
u n
d e
a P
t r
Catalyst Semiconductor, Inc. Corporate Headquarters 1250 Borregas Avenue Sunnyvale, CA 94089 Phone: 408.542.1000 Fax: 408.542.1200 www.catalyst-semiconductor.com
Publication #: Revison: Issue date:
1046 K 08/03/05


▲Up To Search▲   

 
Price & Availability of CAT24FC64GLITE13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X