Part Number Hot Search : 
TIP145 00145 T1800C 09ADL MJ3042 T1800C YSS241F TRISGPA
Product Description
Full Text Search
 

To Download CAT1026LI-45-GT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT1026, CAT1027
Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
FEATURES
Precision VCC Power Supply Voltage Monitor -- 5V, 3.3V and 3V systems -- Five threshold voltage options Additional voltage monitoring -- Externally adjustable down to 1.25V Watchdog timer (CAT1027 only) Active High or Low Reset -- Valid reset guaranteed at VCC = 1V 400kHz I2C Bus 2.7V to 5.5V Operation Low power CMOS technology 16-Byte Page Write Buffer Built-in inadvertent write protection 1,000,000 Program/Erase cycles Manual Reset capability 100 year data retention Industrial and extended temperature ranges 8-pin DIP, SOIC, TSSOP, MSOP or TDFN (3 x 3mm foot-print) packages -- TDFN max height is 0.8mm For Ordering Information details, see page 19. The CAT1027 is designed with a 1.6 second watchdog timer circuit that resets a system to a known state if software or a hardware glitch halts or "hangs" the system. The CAT1027 features a watchdog timer interrupt input, WDI. The on-chip 2k-bit EEPROM memory features a 16-byte page. In addition, hardware data protection is provided by a VCC sense circuit that prevents writes to memory whenever VCC falls below the reset threshold or until VCC reaches the reset threshold during power up. Available packages include 8-pin DIP and surface mount, 8-pin SO, 8-pin TSSOP, 8-pin TDFN and 8-pin MSOP packages. The TDFN package thickness is 0.8mm maximum. TDFN footprint is 3 x 3mm. supply monitor and reset circuit protects memory and systems controllers during power up/down and against brownout conditions. If power supply voltages are out of tolerance reset signals become active preventing the system microcontroller, ASIC, or peripherals from operating. The CAT1026 features two open drain reset outputs: one (RESET) drives high and the other (RESET) drives low whenever VCC falls below the threshold. Reset outputs become inactive typically 200 ms after the supply voltage exceeds the reset threshold value. With both active high and low reset signals, interface to microcontrollers and other ICs is simple. CAT1027 has only a RESET output. In addition, the RESET pin can be used as an input for push-button manual reset capability. The CAT1026 and CAT1027 provide an auxiliary voltage sensor input, VSENSE, which is used to monitor a second system supply. The auxiliary high impedance comparator drives the open drain output, VLOW, whenever the sense voltage is below 1.25V threshold.
DESCRIPTION
The CAT1026 and CAT1027 are complete memory and supervisory solutions for microcontroller-based systems. A 2k-bit serial EEPROM memory and a system power supervisor with brown-out protection are integrated together in low power CMOS techno- logy. Memory interface is via a 400kHz I2C bus. The CAT1026 and CAT1027 provide a precision VCC sense circuit with five reset threshold voltage options that support 5V, 3.3V and 3V systems. The power
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Doc. No. 3010 Rev. L
CAT1026, CAT1027 BLOCK DIAGRAM
EXTERNA LOAD L DOUT ACK VCC VSS WORDADDRESS BUFFERS START/STOP LOGIC 2kbit EEPROM COLUMN DECODERS SENSEAMPS SHIFT REGISTERS
RESET THRESHOLD OPTION
Part Dash Number -45 -42 -30 -28 -25
XDEC CONTR OL LOGIC
Minimum Threshold 4.50 4.25 3.00 2.85 2.55
Maximum Threshold 4.75 4.50 3.15 3.00 2.70
SDA
DATA IN STORAGE
VCC Monitor VCC
HIGHVOLTAGE/ TIMING CONTR OL STATE COUNTERS SCL
+ VREF -
RESET Controller
WDI (CAT1027)
SLAVE ADDRESS COMPARATORS
AuxiliaryVoltage Monitor VSENSE VREF + -
RESET RESET (CAT1026)
VLOW
PIN CONFIGURATION
DIP Package (L) SOIC Package (W) TSSOP Package (Y) MSOP Package (Z)
VLOW RESET VSENSE VSS VLOW RESET VSENSE VSS 1 2 CAT1026 3 4 1 2 CAT1027 3 4 6 5 SCL SDA 6 5 8 7 SCL SDA VCC WDI SCL 6 SDA 5 VCC 8 WDI 7 CAT1027 SCL 6 SDA 5 8 7 VCC RESET
(Bottom View) TDFN Package: 3mm x 3mm 0.8mm maximum height - (ZD4)
VCC 8 RESET 7 CAT1026
1 VLOW 2 RESET 3 VSENSE 4 VSS 1 VLOW 2 RESET 3 VSENSE 4 VSS
Doc. No. 3010 Rev. L
2
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT1026, CAT1027 PIN DESCRIPTION
RESET/RESET: RESET OUTPUTs (RESET CAT1026 Only) These are open drain pins and RESET can be used as a manual reset trigger input. By forcing a reset condition on the pin the device will initiate and maintain a reset condition. The RESET pin must be connected through a pull-down resistor, and the RESET pin must be connected through a pull-up resistor. SDA: SERIAL DATA ADDRESS The bidirectional serial data/address pin is used to transfer all data into and out of the device. The SDA pin is an open drain output and can be wire-ORed with other open drain or open collector outputs. SCL: SERIAL CLOCK Serial clock input. VSENSE: AUXILIARY VOLTAGE MONITOR INPUT The VSENSE input is a second voltage monitor which is compared against CAT1026 and CAT1027 internal reference voltage of 1.25V typically. Whenever the input voltage is lower than 1.25V, the open drain VLOW output will be driven low. An external resistor divider is used to set the voltage level to be sensed. Connect VSENSE to VCC if unused. VLOW: AUXILIARY VOLTAGE MONITOR OUTPUT This open drain output goes low when VSENSE is less than 1.25V and goes high when VSENSE exceeds the reference voltage. WDI (CAT1027 Only): WATCHDOG TIMER INTERRUPT Watchdog Timer Interrupt Input is used to reset the watchdog timer. If a transition from high to low or low to high does not occur every 1.6 seconds, the RESET outputs will be driven active.
PIN FUNCTION
Pin Name RESET VSS SDA SCL RESET VCC VSENSE VLOW WDI Function Active Low Reset Input/Output Ground Serial Data/Address Clock Input Active High Reset Output (CAT1026 only) Power Supply Auxiliary Voltage Monitor Input Auxiliary Voltage Monitor Output Watchdog Timer Interrupt (CAT1027 only)
OPERATING TEMPERATURE RANGE
Industrial Extended -40C to 85C -40C to 125C
CAT10XX FAMILY OVERVIEW
Device CAT1021 CAT1022 CAT1023 CAT1024 CAT1025 CAT1026 Manual Reset Input Pin Watchdog Watchdog Monitor Pin SDA SDA WDI Write Protection Pin Independent Auxiliary Voltage Sense RESET: Active High and LOW EEPROM 2k 2k 2k 2k 2k 2k
WDI 2k CAT1027 For supervisory circuits with embedded 16k EEPROM, please refer to the CAT1161, CAT1162 and CAT1163 data sheets.
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
3
Doc. No. 3010 Rev. L
CAT1026, CAT1027
ABSOLUTE MAXIMUM RATINGS(1) Parameters Temperature Under Bias Storage Temperature Voltage on any Pin with Respect to Ground VCC with Respect to Ground Package Power Dissipation Capability (TA = 25C) Lead Soldering Temperature (10 secs) Output Short Circuit Current
(3) (2)
Ratings -55 to +125 -65 to +150 -2.0 to VCC + 2.0 -2.0 to 7.0 1.0 300 100
Units C C V V W C mA
D.C. OPERATING CHARACTERISTICS VCC = 2.7V to 5.5V and over the recommended temperature conditions unless otherwise specified. Symbol ILI ILO ICC1 ICC2 ISB VIL(4) VIH
(4)
Parameter Input Leakage Current Output Leakage Current Power Supply Current (Write) Power Supply Current (Read) Standby Current Input Low Voltage Input High Voltage Output Low Voltage (SDA, RESET) Output High Voltage (RESET)
Test Conditions VIN = GND to Vcc VIN = GND to Vcc fSCL = 400kHz VCC = 5.5V fSCL = 400kHz VCC = 5.5V CAT1026 Vcc = 5.5V, VIN = GND or Vcc CAT1027
Min -2 -10
Typ
Max 10 10 3 1 50 60 0.3 x Vcc Vcc + 0.5 0.4
Units A A mA mA A V V V V
-0.5 0.7 x Vcc IOL = 3mA VCC = 2.7V IOH = -0.4mA VCC = 2.7V CAT102x-45 (VCC = 5.0V) CAT102x-42 (VCC = 5.0V) Vcc - 0.75 4.50 4.25 3.00 2.85 2.55 1.00 15 1.2 1.25
VOL VOH
4.75 4.50 3.15 3.00 2.70
V
VTH
Reset Threshold
CAT102x-30 (VCC = 3.3V) CAT102x-28 (VCC = 3.3V) CAT102x-25 (VCC = 3.0V)
VRVALID VRT(5) VREF
Reset Output Valid VCC Voltage Reset Threshold Hysteresis Auxiliary Voltage Monitor Threshold
V mV 1.3 VS
Notes: (1) Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability. (2) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns. (3) Output shorted for no more than one second. No more than one output shorted at a time. (4) VIL min and VIH max are reference values only and are not tested. (5) This parameter is tested initially and after a design or process change that affects the parameter. Not 100% tested.
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
4
Doc. No. 3010 Rev. L
CAT1026, CAT1027
CAPACITANCE TA = 25C, f = 1.0MHz, VCC = 5V Symbol COUT CIN
(1) (1)
Test Output Capacitance Input Capacitance
Test Conditions VOUT = 0V VIN = 0V
Max 8 6
Units pF pF
AC CHARACTERISTICS VCC = 2.7V to 5.5V and over the recommended temperature conditions, unless otherwise specified. Memory Read & Write Cycle(2) Symbol fSCL tSP tLOW tHIGH tR tF
(1) (1)
Parameter Clock Frequency Input Filter Spike Suppression (SDA, SCL) Clock Low Period Clock High Period SDA and SCL Rise Time SDA and SCL Fall Time Start Condition Hold Time Start Condition Setup Time (for a Repeated Start) Data Input Hold Time Data Input Setup Time Stop Condition Setup Time SCL Low to Data Out Valid Data Out Hold Time Time the Bus must be Free Before a New Transmission Can Start Write Cycle Time (Byte or Page)
Min
Max 400 100
Units kHz ns s s
1.3 0.6 300 300 0.6 0.6 0 100 0.6 900 50 1.3 5
ns ns s s ns ns s ns ns s ms
tHD; STA tSU; STA tHD; DAT tSU; DAT tSU; STO tAA tDH tBUF
(1)
tWC(3)
Notes: (1) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. (2) Test Conditions according to "AC Test Conditions" table. (3) The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle. During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high and the device does not respond to its slave address.
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
5
Doc. No. 3010 Rev. L
CAT1026, CAT1027
VOLTAGE MONITOR AND RESET CIRCUIT AC CHARACTERISTICS Symbol tPURST tRDP tGLITCH tWD tRPD2 Parameter Reset Timeout VTH to RESET Output Delay VCC Glitch Reject Pulse Width Watchdod Timeout VSENSE to VLOW Delay Test Conditions Note 2 Note 3 Note 4, 5 Note 1 Note 5 1.0 1.6 Min 130 Typ 200 Max 270 5 30 2.1 5 Units ms s ns s s
POWER-UP TIMING (6), (7) Symbol tPUR tPUW Parameter Power-Up to Read Operation Power-Up to Write Operation Test Conditions Min Typ Max 270 270 Units ms ms
AC TEST CONDITIONS Parameter Input Pulse Voltages Input Rise and Fall Times Input Reference Voltages Output Reference Voltages Output Load RELIABILITY CHARACTERISTICS Symbol NEND
(6)
Test Conditions 0.2VCC to 0.8VCC 10ns 0.3VCC, 0.7VCC 0.5VCC Current Source: IOL = 3mA; CL = 100pF
Parameter Endurance Data Retention ESD Susceptibility Latch-Up
Reference Test Method MIL-STD-883, Test Method 1033 MIL-STD-883, Test Method 1008 MIL-STD-883, Test Method 3015 JEDEC Standard 17
Min 1,000,000 100 2000 100
Max
Units Cycles/Byte Years Volts mA
TDR(6) VZAP(6) ILTH(6)(8)
Notes: (1) Test Conditions according to "AC Test Conditions" table. (2) Power-up, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to "AC Test Conditions" Table (3) Power-Down, Input Reference Voltage VCC = VTH, Reset Output Reference Voltage and Load according to "AC Test Conditions" Table (4) VCC Glitch Reference Voltage = VTHmin; Based on characterization data 5) 0 < VSENSE - VCC, VLOW Output Reference Voltage and Load according to "AC Test Conditions" Table. (6) This parameter is characterized initially and after a design or process change that affects the parameter. Not 100% tested. (7) tPUR and tPUW are the delays required from the time VCC is stable until the specified memory operation can be initiated. (8) Latch-up protection is provided for stresses up to 100mA on input and output pins from -1 V to VCC + 1 V.
Doc. No. 3010 Rev. L
6
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT1026, CAT1027 DEVICE OPERATION
Reset Controller Description The CAT1026 and CAT1027 precision RESET controllers ensure correct system operation during brownout and power up/down conditions. They are configured with open drain RESET outputs. During power-up, the RESET outputs remain active until VCC reaches the VTH threshold and will continue driving the outputs for approximately 200ms (tPURST) after reaching VTH. After the tPURST timeout interval, the device will cease to drive the reset outputs. At this point the reset outputs will be pulled up or down by their respective pull up/down resistors. During power-down, the RESET outputs will be active when VCC falls below VTH. The RESET output will be valid so long as VCC is >1.0V (VRVALID). The device is designed to ignore the fast negative going VCC transient pulses (glitches). Reset output timing is shown in Figure 1. Manual Reset Capability The RESET pin can operate as reset output and manual reset input. The input is edge triggered; that is, the RESET input will initiate a reset timeout after detecting a high to low transition. When RESET I/O is driven to the active state, the 200ms timer will begin to time the reset interval. If external reset is shorter than 200ms, Reset outputs will remain active at least 200ms. Monitoring Two Voltages The CAT1026 and CAT1027 feature a second voltage sensor, VSENSE, which drives the open drain VLOW output low whenever the input voltage is below 1.25V. The auxiliary voltage monitor timing is shown in Figure 2. By using an external resistor divider the sense circuitry can be set to monitor a second supply in the system. The circuit shown in Figure 3 provides an externally adjustable threshold voltage, VTH_ADJ to monitor the auxiliary voltage. The low leakage current at VSENSE allows the use of large value resistors, to reduce the system power consumption. The VLOW output can be externally connected to the RESET output to generate a reset condition when either of the supplies is invalid. In other applications, VLOW signal can be used to interrupt the system controller for an impending power failure notification. Data Protection The CAT1026 and CAT1027 devices have been designed to solve many of the data corruption issues that have long been associated with serial EEPROMs. Data corruption occurs when incorrect data is stored in a memory location which is assumed to hold correct data. Whenever the device is in a Reset condition, the embedded EEPROM is disabled for all operations, including write operations. If the Reset output(s) are active, in progress communications to the EEPROM are aborted and no new communications are allowed. In this condition an internal write cycle to the memory can not be started, but an in progress internal nonvolatile memory write cycle can not be aborted. An internal write cycle initiated before the Reset condition can be successfully finished if there is enough time (5ms) before VCC reaches the minimum value of 2 V. In addition, to avoid data corruption due to the loss of power supply voltage during the memory internal write operation, the system controller should monitor the unregulated DC power. Using the second voltage sensor, VSENSE, to monitor an unregulated power supply, the CAT1026 and CAT1027 signals an impending power failure by setting VLOW low. Watchdog Timer The Watchdog Timer provides an independent protection for microcontrollers. During a system failure, the CAT1027 device will provide a reset signal after a time-out interval of 1.6 seconds for a lack of activity. CAT1027 is designed with the Watchdog timer feature on the WDI pin. If WDI does not toggle within 1.6 second intervals, the reset condition will be generated on reset output. The watchdog timer is cleared by any transition on monitored line. As long as reset signal is asserted, the watchdog timer will not count and will stay cleared.
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
7
Doc. No. 3010 Rev. L
CAT1026, CAT1027
Figure 1. RESET Output Timing
t
GLITCH
VTH V RVALID VCC t PURST t RPD t PURST
t RPD
RESE T
RESE T
Figure 2: Auxiliary Voltage Monitor Timing
VREF VSENSE tRPD2 tRPD2 tRPD2 tRPD2
VLOW
Figure 3: Auxiliary Voltage Monitor
VCC VAUX
CAT1026/27
Externally adjustable threshold R1 VTH-ADJ VSENSE R2 VLOW Power Fail Interrupt
VTH-ADJ = VREF x
Doc. No. 3010 Rev. L
R + R2 R1 + R2 = 1.25V x 1 R2 R2
8
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT1026, CAT1027 EMBEDDED EEPROM OPERATION
The CAT1026 and CAT1027 feature a 2-kbit embedded serial EEPROM that supports the I2C Bus data transmission protocol. This Inter-Integrated Circuit Bus protocol defines any device that sends data to the bus to be a transmitter and any device receiving data to be a receiver. The transfer is controlled by the Master device which generates the serial clock and all START and STOP conditions for bus access. Both the Master device and Slave device can operate as either transmitter or receiver, but the Master device controls which mode is activated. I C BUS PROTOCOL The features of the I2C bus protocol are defined as follows: (1) Data transfer may be initiated only when the bus is not busy. (2) During a data transfer, the data line must remain stable whenever the clock line is high. Any changes in the data line while the clock line is high will be interpreted as a START or STOP condition. START CONDITION The START Condition precedes all commands to the device, and is defined as a HIGH to LOW transition of
2
SDA when SCL is HIGH. The CAT1026 and CAT1027 monitor the SDA and SCL lines and will not respond until this condition is met. STOP CONDITION A LOW to HIGH transition of SDA when SCL is HIGH determines the STOP condition. All operations must end with a STOP condition.
DEVICE ADDRESSING
The Master begins a transmission by sending a START condition. The Master sends the address of the particular slave device it is requesting. The four most significant bits of the 8-bit slave address are programmable in metal and the default is 1010. The last bit of the slave address specifies whether a Read or Write operation is to be performed. When this bit is set to 1, a Read operation is selected, and when set to 0, a Write operation is selected. After the Master sends a START condition and the slave address byte, the CAT1026 and CAT1027 monitor the bus and responds with an acknowledge (on the SDA line) when its address matches the transmitted slave address. The CAT1026 and CAT1027 then perform a Read or Write operation depending on the R/W bit.
Figure 3. Bus Timing
tF tLOW SCL tSU:STA SDA IN tAA SDA OUT tDH tBUF tHD:STA tHD:DAT tSU:DAT tSU:STO tHIGH tLOW tR
Figure 4. Write Cycle Timing
SCL
SDA
8TH BIT BYTE n
ACK tWR STOP CONDITION START CONDITION ADDRESS
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
9
Doc. No. 3010 Rev. L
CAT1026, CAT1027 ACKNOWLEDGE
After a successful data transfer, each receiving device is required to generate an acknowledge. The acknowledging device pulls down the SDA line during the ninth clock cycle, signaling that it received the 8 bits of data. The CAT1026 and CAT1027 respond with an acknowledge after receiving a START condition and its slave address. If the device has been selected along with a write operation, it responds with an acknowledge after receiving each 8-bit byte. When the CAT1026 and CAT1027 begin a READ mode it transmits 8 bits of data, releases the SDA line and monitors the line for an acknowledge. Once it receives this acknowledge, the CAT1026 and CAT1027 will continue to transmit data. If no acknowledge is sent by the Master, the device terminates data transmission and waits for a STOP condition. Figure 5. Start/Stop Timing
WRITE OPERATIONS
Byte Write In the Byte Write mode, the Master device sends the START condition and the slave address information (with the R/W bit set to zero) to the Slave device. After the Slave generates an acknowledge, the Master sends a 8-bit address that is to be written into the address pointers of the device. After receiving another acknowledge from the Slave, the Master device transmits the data to be written into the addressed memory location. The CAT1026 and CAT1027 acknowledge once more and the Master generates the STOP condition. At this time, the device begins an internal programming cycle to non-volatile memory. While the cycle is in progress, the device will not respond to any request from the Master device.
SDA
SCL START BIT STOP BIT
Figure 6. Acknowledge Timing
SCL FROM MASTER
1
8
9
DATA OUTPUT FROM TRANSMITTER
DATA OUTPUT FROM RECEIVER START ACKNOWLEDGE
Figure 7: Slave Address Bits
Default Configuration
1
0
1
0
0
0
0
R/W
Doc. No. 3010 Rev. L
10
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT1026, CAT1027
Page Write The CAT1026 and CAT1027 write up to 16 bytes of data in a single write cycle, using the Page Write operation. The page write operation is initiated in the same manner as the byte write operation, however instead of terminating after the initial byte is transmitted, the Master is allowed to send up to 15 additional bytes. After each byte has been transmitted, the CAT1026 and CAT1027 will respond with an acknowledge and internally increment the lower order address bits by one. The high order bits remain unchanged.
If the Master transmits more than 16 bytes before sending the STOP condition, the address counter `wraps around,' and previously transmitted data will be overwritten. When all 16 bytes are received, and the STOP condition has been sent by the Master, the internal programming cycle begins. At this point, all received data is written to the CAT1026 and CAT1027 in a single write cycle.
Figure 8. Byte Write Timing
S T A R T S A C K A C K A C K
BUS ACTIVITY: MASTER SDA LINE
SLAVE ADDRESS
BYTE ADDRESS
DATA
S T O P P
Figure 9: Page Write Timing
S T A R T S A C K A C K A C K A C K A C K
BUS ACTIVITY: MASTER SDA LINE
SLAVE ADDRESS
BYTE ADDRESS (n)
DATA n
DATA n+1
S T DATA n+15 O P P
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
11
Doc. No. 3010 Rev. L
CAT1026, CAT1027
Acknowledge Polling Disabling of the inputs can be used to take advantage of the typical write cycle time. Once the stop condition is issued to indicate the end of the host's write opration, the CAT1026 and CAT1027 initiates the internal write cycle. ACK polling can be initiated immediately. This involves issuing the start condition followed by the slave address for a write operation. If the device is still busy with the write operation, no ACK will be returned. If a write operation has completed, an ACK will be returned and the host can then proceed with the next read or write operation. Figure 10. Immediate Address Read Timing
S T A R T S A C K DATA N O A C K
READ OPERATIONS
The READ operation for the CAT1026 and CAT1027 is initiated in the same manner as the write operation with one exception, the R/W bit is set to one. Three different READ operations are possible: Immediate/Current Address READ, Selective/Random READ and Sequential READ.
BUS ACTIVIT Y: MASTER SDA LINE
SLAVE ADDRESS
S T O P P
SCL
8
9
SDA
8TH BI T DATA OUT NO ACK STOP
Doc. No. 3010 Rev. L
12
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT1026, CAT1027
Immediate/Current Address Read The CAT1026 and CAT1027 address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from address N + 1. For N = E = 255, the counter will wrap around to zero and continue to clock out valid data. After the CAT1026and CAT1027 receive its slave address information (with the R/W bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition. Selective/Random Read Selective/Random READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a `dummy' write operation by sending the START condition, slave address and byte addresses of the location it wishes to read. After the CAT1026 and CAT1027 acknowledges, the Master device sends the START condition and the slave address again, this time with the R/W bit set to one. The CAT1026 and CAT1027 then responds with its acknowledge and sends the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition. Sequential Read The Sequential READ operation can be initiated by either the Immediate Address READ or Selective READ operations. After the CAT1026 and CAT1027 sends the inital 8-bit byte requested, the Master will responds with an acknowledge which tells the device it requires more data. The CAT1026 and CAT1027 will continue to output an 8-bit byte for each acknowledge, thus sending the STOP condition. The data being transmitted from the CAT1026 and CAT1027 is sent sequentially with the data from address N followed by data from address N + 1. The READ operation address counter increments all of the CAT1026 and CAT1027 address bits so that the entire memory array can be read during one operation.
Figure 11. Selective Read Timing
BUS ACTIVITY: MASTER SDA LINE S T A R T S A C K A C K SLAVE ADDRESS BYTE ADDRESS (n) S T A R T S A C K DATA n N O A C K SLAVE ADDRESS S T O P P
Figure 12. Sequential Read Timing
BUS ACTIVITY: MASTER SDA LINE A C K A C K A C K A C K N O A C K
Doc. No. 3010 Rev. L
SLAVE ADDRESS
DATA n
DATA n+1
DATA n+2
DATA n+x
S T O P P
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
13
CAT1026, CAT1027 PACKAGE OUTLINES
8-LEAD 300 MIL WIDE PLASTIC DIP (L)
E1
E D
A2
A
c
A1
L
e b2 b
eB
SYMBOL A A1 A2 b b2 c D E E1 e eB L
MIN 0.38 3.05 0.36 1.14 0.21 9.02 7.62 6.09 7.87 2.92
NOM
MAX 4.57 3.81 0.56 1.77 0.35 10.16 8.25 7.11 9.65 3.81
0.46 0.26 7.87 6.35 2.54 BSC
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) (2) All dimensions are in millimeters. Complies with JEDEC Publication 95 MS001 dimensions; however, some of the dimensions may be more stringent. 14
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
Doc. No. 3010 Rev. L
CAT1026, CAT1027
8-LEAD 150 MIL SOIC (W)
E1 E
D A q1 e b A1
h x 45 C
L
SYMBOL A1 A b C D E E1 e h L q1
MIN 0.10 1.35 0.33 0.19 4.80 5.80 3.80
NOM
MAX 0.25 1.75 0.51 0.25 5.00 6.20 4.00
1.27 BSC 0.25 0.40 0 0.50 1.27 8
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) (2) All dimensions are in millimeters. Complies with JEDEC specification MS-012 dimensions.
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
15
Doc. No. 3010 Rev. L
CAT1026, CAT1027
8-LEAD TSSOP (V)
D
8 5
SEE DETAIL A
c E E1
E/2
1
4
GAGE PLANE
PIN #1 IDENT. 0.25 q1 A2 L SEATING PLANE SEE DETAIL A A
e b
A1
SYMBOL A A1 A2 b c D E E1 e L q1
MIN 0.05 0.80 0.19 0.09 2.90 6.30 4.30 0.50 0.00
NOM
MAX 1.20 0.15 1.05 0.30 0.20 3.10 6.50 4.50 0.75 8.00
0.90
3.00 6.4 4.40 0.65 BSC 0.60
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) (2) All dimensions are in millimeters. Complies with JEDEC Standard MO-153 16
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
Doc. No. 3010 Rev. L
CAT1026, CAT1027
8-LEAD MSOP (Z)
E1
E
e
e
e
D GAUGE PLANE A2 A
c
L2
b A1 L L1
SYMBOL A A1 A2 b c D E E1 e L L1 L2
MIN 0.05 0.75 0.28 2.90 4.80 2.90 0.35
NOM 0.10 0.85 0.33 3.00 4.90 3.00 0.65 BSC 0.45
MAX 1.1 0.15 0.95 0.38 3.10 5.00 3.10 0.55
0
6
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) (2) All dimensions are in millimeters. This part is compliant with JEDEC Specification MO-187 Variations AA.
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
17
Doc. No. 3010 Rev. L
CAT1026, CAT1027
TDFN 3 x 3 PACKAGE (ZD4)
3
For current Tape and Reel information, download the PDF file from: http://www.catsemi.com/documents/tapeandreel.pdf.
Notes: (1) (2) (3) (4) (5) All dimentions in mm. Angels in degrees. Complies to JEDEC MO-229 / WEEC. Coplanarity shall not exceed 0.10mm. Warpage shall not exceed 0.10mm. Package lenght / package width are considered as special characteristic(s).
Doc. No. 3010 Rev. L
18
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
CAT1026, CAT1027 EXAMPLE OF ORDERING INFORMATION
Prefix CAT
Company ID
Device # Suffix 1026 W I
Temperature Range I = Industrial (-40C to 85C) Product Number 1026: 2K 1027: 2K Package L: PDIP W: SOIC Y: TSSOP Z: MSOP ZD4: TDFN 3x3mm (5) Reset Threshold Voltage -45: 4.50V - 4.75V -42: 4.25V - 4.50V -30: 3.00V - 3.15V -28: 2.85V - 3.00V -25: 2.55V - 2.70V
-30
-
G
T3
Tape & Reel T: Tape & Reel 2: 2000/Reel (only TDFN) 3: 3000/Reel
Lead Finish Blank: Matte-Tin G: NiPdAu
Notes: (1) (2) (3) (4) (5) All packages are RoHS-compliant (Lead-free, Halogen-free). The standard lead finish is Matte-Tin. The device used in the above example is a CAT1026WI-30-GT3 (SOIC, Industrial Temperature, 3.0 - 3.15V, NiPdAu, Tape & Reel). For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office. TDFN not available in NiPdAu (-G) version.
Ordering Part Number - CAT1026xx CAT1026LI-45 CAT1026ZI-45 CAT1026LI-42 CAT1026ZI-42 CAT1026LI-30 CAT1026ZI-30 CAT1026LI-28 CAT1026ZI-28 CAT1026LI-25 CAT1026ZI-25 CAT1026WI-45 CAT1026ZD4I-45 CAT1026WI-42 CAT1026ZD4I-42 CAT1026WI-30 CAT1026ZD4I-30 CAT1026WI-28 CAT1026ZD4I-28 CAT1026WI-25 CAT1026ZD4I-25 CAT1026YI-45 CAT1026YI-42 CAT1026YI-30 CAT1026YI-28 CAT1026YI-25
Ordering Part Number - CAT1027xx CAT1027LI-45 CAT1027ZI-45 CAT1027LI-42 CAT1027ZI-42 CAT1027LI-30 CAT1027ZI-30 CAT1027LI-28 CAT1027ZI-28 CAT1027LI-25 CAT1027ZI-25 CAT1027WI-45 CAT1027ZD4I-45 CAT1027WI-42 CAT1027ZD4I-42 CAT1027WI-30 CAT1027ZD4I-30 CAT1027WI-28 CAT1027ZD4I-28 CAT1027WI-25 CAT1027ZD4I-25 CAT1027YI-45 CAT1027YI-42 CAT1027YI-30 CAT1027YI-28 CAT1027YI-25
(c) 2007 Catalyst Semiconductor, Inc. Characteristics subject to change without notice
19
Doc. No. 3010 Rev. L
REVISION HISTORY
Date 9/25/2003 11/07/2003 4/12/2004 11/01/2004 11/04/2004 11/11/2004 02/02/2007 Rev. F G H I J K L Reason Added Green Package logo. Updated DC Operating Characteristic notes. Updated Reliability Characteristics notes Eliminated Automotive temperature range. Updated Ordering Information with "Green" package marking codes Eliminated data sheet designation. Updated Reel Ordering Information Changed SOIC package designators. Eliminated 8-pad TDFN (3 x 4.9mm) package. Added package outlines Update Pin Configuration Update Feature Update Description Update DC Operating Characteristic Update AC Characteristics Update Example of Ordering Information
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include ech of the following: Beyond MemoryTM, DPPTM, EZDimTM, MiniPotTM, and Quad-ModeTM Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES. Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 2975 Stender Way Santa Clara, CA 95054 Phone: 408.542.1000 Fax: 408.542.1200 www.catsemi.com
Document No: 3010 Revision: L Issue date: 02/02/07


▲Up To Search▲   

 
Price & Availability of CAT1026LI-45-GT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X