Part Number Hot Search : 
SMD05 TC124 A25F120 28F320S3 28F320S3 TIONA X40626 FES16FTR
Product Description
Full Text Search
 

To Download CA5420A05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
CA5420A
Data Sheet December 21, 2005 FN1925.5
0.5MHz, Low Supply Voltage, Low Input Current BiMOS Operational Amplifiers
The CA5420A is an integrated circuit operational amplifier that combines PMOS transistors and bipolar transistors on a single monolithic chip. It is designed and guaranteed to operate in microprocessor logic systems that use V+ = 5V, V- = GND, since it can operate down to 1V supplies. It will also be suitable for 3.3V logic systems. The CA5420A BiMOS operational amplifier features gateprotected PMOS transistors in the input circuit to provide very high input impedance, very low input currents (less than 1pA). The internal bootstrapping network features a unique guardbanding technique for reducing the doubling of leakage current for every 10C increase in temperature. The CA5420A operates at total supply voltages from 2V to 20V either single or dual supply. This operational amplifier is internally phase compensated to achieve stable operation in the unity gain follower configuration. Additionally, it has access terminals for a supplementary external capacitor if additional frequency roll-off is desired. Terminals are also provided for use in applications requiring input offset voltage nulling. The use of PMOS in the input stage results in common-mode input voltage capability down to 0.45V below the negative supply terminal, an important attribute for single supply application. The output stage uses a feedback OTA type amplifier that can swing essentially from rail-to-rail. The output driving current of 1.0mA (Min) is provided by using nonlinear current mirrors. This device has guaranteed specifications for 5V operation over the full military temperature range of -55C to 125C. The CA5420A has the same 8 lead pinout used for the industry standard 741.
Features
* CA5420A at 5V Supply Voltage with Full Military Temperature Range Guaranteed Specifications * CA5420A Guaranteed to Operate from 1V to 10V Supplies * 2V Supply at 300A Supply Current * 1pA (Typ) Input Current (Essentially Constant to 85C) * Rail-to-Rail Output Swing (Drive 2mA Into 1k Load) * Pin Compatible with 741 Op Amp * Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
* pH Probe Amplifiers * Picoammeters * Electrometer (High Z) Instruments * Portable Equipment * Inaccessible Field Equipment * Battery Dependent Equipment (Medical and Military) * 5V Logic Systems * Microprocessor Interface
Ordering Information
PART TEMP. PART NUMBER MARKING RANGE (C) PACKAGE CA5420AM CA5420AMZ* (Note) 5420A 5420AMZ -55 to 125 -55 to 125 8 Ld SOIC 8 Ld SOIC (Pb-free) PKG. DWG. # M8.15 M8.15
Functional Diagram
X1
*Add "96" suffix for Tape and Reel. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
MOS BIPOLAR
MOS BIPOLAR +
Pinout
CA5420A (SOIC) TOP VIEW
OFFSET 1 NULL INV. 2 INPUT NON-INV. 3 INPUT V- 4 8 STROBE
X1
BUFFER AMPS; BOOTSTRAPPED INPUT PROTECTION NETWORK
HIGH GAIN (50K)
OTA BUFFER (X2)
+
7 V+ 6 OUTPUT 5 OFFSET NULL
NOTE: Pin is connected to Case.
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 1998, 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
CA5420A
Absolute Maximun Ratings
Supply Voltage (Between V+ and V- Terminals) . . . . . . . . . . . . 22V Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . (V+ + 8V) to (V- -0.5V) Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1mA Output Short Circuit Duration (Note 1). . . . . . . . . . . . . . . . Indefinite Operating Conditions Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . -55C to 125C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Thermal Information
Thermal Resistance (Typical, Note 2) JA (C/W) JC (C/W) SOIC Package . . . . . . . . . . . . . . . . . . . 157 N/A Maximum Junction Temperature (Plastic Package) . . . . . . . 150C Maximum Storage Temperature Range (All Types) . . . -65C to 150C Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300C (SOIC - Lead Tips Only)
NOTES: 1. Short circuit may be applied to ground or to either supply. 2. JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
PARAMETER Input Resistance Input Capacitance Output Resistance Equivalent Input Noise Voltage Short-Circuit Current To Opposite Supply Gain Bandwidth Product Slew Rate Transient Response
Typical Values Intended Only for Design Guidance. V+ = +5V; V- = GND, TA = 25C SYMBOL RI CI RO eN f = 1kHz f = 10kHz Source Sink IOM+ IOMfT SR Rise Time Overshoot tr OS I8 + I80.01% 0.10% AV = 1 AV = 1 2VP-P Input 2VP-P Input RL = 2k, CL = 100pF RS = 100 TEST CONDITIONS CA5420A 150 4.9 300 62 38 2.6 2.4 0.5 0.5 0.7 15 20 2 8 4.5 UNITS T pF nV/Hz nV/Hz mA mA MHz V/s s % A mA s s
Current from Terminal 8 To VCurrent from Terminal 8 To V+ Settling Time
Electrical Specifications
PARAMETER Input Offset Voltage Input Offset Current Input Current Common Mode Rejection Ratio
TA = 25C, V+ = 5V, V- = 0, Unless Otherwise Specified TEST CONDITIONS VO = 2.5V VO = 2.5V VO = 2.5V VCM = 0 to 3.7V, VO = 2.5V VO = 2.5V V+ = 1V; V- = 1V RL = RL = 10k RL = 2k CA5420A MIN 75 3.7 75 85 85 80 TYP 1 0.02 0.02 83 4 -0.3 83 87 87 85 MAX 5 0.5 1 0 UNITS mV pA pA dB V V dB dB dB dB
SYMBOL VIO IIO II CMRR VlCR+ VlCR-
Common Mode Input Voltage Range
Power Supply Rejection Ratio Large Signal Voltage Gain VO = 0.5 to 4V VO = 0.5 to 4V VO = 0.7 to 3V
PSRR AOL
2
FN1925.5 December 21, 2005
CA5420A
Electrical Specifications
PARAMETER Source Current Sink Current Output Voltage TA = 25C, V+ = 5V, V- = 0, Unless Otherwise Specified (Continued) TEST CONDITIONS VO = 0V VO = 5V RL = CA5420A MIN 1.2 1.2 4.9 RL = 10k 4.7 RL = 2k 3.5 VO = 0V VO = 2.5V TYP 2.7 2.1 4.94 0.13 4.9 0.12 4.6 0.1 400 430 MAX 0.15 0.15 0.15 500 550 UNITS mA mA V V V V V V A A
SYMBOL ISOURCE ISINK VOM+ VOMVOM+ VOMVOM+ VOM-
Supply Current
ISUPPLY
Electrical Specifications
PARAMETER Input Offset Voltage Input Offset Current Up to TA = 85C Input Current Up to TA = 85C Common Mode Rejection Ratio
TA = -55C to 125C, V+ = 5V, V- = 0, Unless Otherwise Specified TEST CONDITIONS VO = 2.5V VO = 2.5V CA5420A MIN |II| VO = 2.5V CMRR VlCR+ VlCRVCM = 0 to 3.7V, VO = 2.5V VO = 2.5V V+ = 1V; V- = 1V RL = RL = 10k RL = 2k ISOURCE ISINK VOM+ VOMVOM+ VOMVOM+ VOMRL = 2k RL = 10k VO = 0V VO = 5V RL = 70 3.7 70 TYP 2 1.5 2 2 10 80 4 -0.3 83 MAX 10 3 10 5 15 0 UNITS mV nA pA nA pA dB V V dB
SYMBOL VIO IIO
Common Mode Input Voltage Range
Power Supply Rejection Ratio Large Signal Voltage Gain VO = 0.5 to 4V VO = 0.7 to 4V VO = 0.7 to 2.5V Source Current Sink Current Output Voltage
PSRR AOL
85 80 75 1 1 4.8 4.7 3 -
87 87 80 2.7 2.1 4.9 0.16 4.9 0.15 4 0.14 430 480
0.2 0.2 0.2 550 600
dB dB dB mA mA V V V V V V A A
Supply Current
ISUPPLY
VO = 0V VO = 2.5V
-
3
FN1925.5 December 21, 2005
CA5420A
Electrical Specifications
PARAMETER Input Offset Voltage Input Offset Current Input Current Large Signal Voltage Gain For Equipment Design at VSUPPLY = 1V, TA = 25C, Unless Otherwise Specified TEST CONDITIONS CA5420A MIN RL = 10k 20 86 Common Mode Rejection Ratio CMRR 60 Common Mode Input Voltage Range VlCR+ VlCRPower Supply Rejection Ratio PSRR RL = 0.2 -1 70 Maximum Output Voltage VOM+ VOMSupply Current Device Dissipation Input Offset Voltage Temp. Drift ISUPPLY PD VIO/T 0.9 -0.85 TYP 2 0.01 0.02 100 100 560 65 0.5 -1.3 32 90 0.95 -0.91 350 0.7 4 MAX 5 4 (Note 3) 5 (Note 3) 1000 320 650 1.1 UNITS mV pA pA kV/V dB V/V dB V V V/V dB V V A mW V/C
SYMBOL VIO |IIO| |II| AOL
Electrical Specifications
PARAMETER Input Offset Voltage Input Offset Current Input Current Large Signal Voltage Gain
For Equipment Design at VSUPPLY = 10V, TA = 25C, Unless Otherwise Specified TEST CONDITIONS CA5420A MIN RL = 10k 20 86 TYP 2 0.03 0.05 100 100 100 80 9.3 -10.3 32 90 9.9 -9.85 450 9 4 MAX 5 4 (Note 3) 5 (Note 3) 320 320 1000 14 UNITS mV pA pA kV/V dB V/V dB V V V/V dB V V A mW V/C
SYMBOL VIO |IIO| |II| AOL
Common Mode Rejection Ratio
CMRR
70
Common Mode Input Voltage Range
VlCR+ VlCR-
9 -10 70 RL =
Power Supply Rejection Ratio
PSRR
Maximum Output Voltage
VOM+ VOM-
9.7 -9.7 -
Supply Current Device Dissipation Input Offset Voltage Temperature Drift NOTE:
ISUPPLY PD VIO/T
3. The maximum limit represents the levels obtainable on high-speed automatic test equipment. Typical values are obtained under laboratory conditions.
4
FN1925.5 December 21, 2005
CA5420A Typical Applications
Picoammeter Circuit
The exceptionally low input current (typically 0.2pA) makes the CA5420A highly suited for use in a picoammeter circuit. With only a single 10G resistor, this circuit covers the range from 1.5pA. Higher current ranges are possible with suitable switching techniques and current scaling resistors. Input transient protection is provided by the 1M resistor in series with the input. Higher current ranges require that this resistor be reduced. The 10M resistor connected to pin 2 of the CA5420A decouples the potentially high input capacitance often associated with lower current circuits and reduces the tendency for the circuit to oscillate under these conditions.
10G +1.5V 7 6 500-0-500 A M 50pA BATTERY RETURNS 1.5k 1.5k 1% 1k 430 1% -1.5V 150 1% 15mV 150 1% 3 22M 10M 100pF 2 +
High Input Resistance Voltmeter
Advantage is taken of the high input impedance of the CA5420A in a high input resistance DC voltmeter. Only two 1.5V "AA" type penlite batteries power this exceedingly highinput resistance (>1,000,000M) DC voltmeter. Full-scale deflection is 500mV, 150mV, and 15mV. Higher voltage ranges are easily added with external input voltage attenuator networks. The meter is placed in series with the gain network, thus eliminating the meter temperature coefficient error term. Supply current in the standby position with the meter undeflected is 300A. At full-scale deflection this current rises to 800A. Carbon-zinc battery life should be in excess of 1,000 hours.
+1.5V 7 6 500-0-500 A M 500mV BATTERY RETURNS 1.5k 1.5k 1% 1k 430 1%
10pF 2 1M 10M 3
+ 1 5
CA5420A 4
CA5420A
5 1
4
10k
15pA
10k
150mV
5pA -1.5V 1.5pA
50mV
11k
68 1%
1.1k
68 1%
FIGURE 1. PICOAMMETER CIRCUIT
FIGURE 2. HIGH INPUT RESISTANCE VOLTMETER
Typical Performance Curves
INPUT & OUTPUT VOLTAGE EXCURSIONS FROM THE POSITIVE AND NEGATIVE SUPPLY VOLTAGE (V) 1.0 0.8 0.6 0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1.0 0 1 5 10 SUPPLY VOLTAGE (V) 15 VO+ VICRVICR+ VOOUTPUT STAGE TRANSISTOR SATURATION VOLTAGE, Q19 (mV) 10 TA = 25C V- = 0V
TA = 25C RL = 100k
V+ = 2V V+ = 5V V+ = 10V 100 V+ = 20V
1000 0.001
0.1 1 LOAD (SOURCING) CURRENT (mA)
10
FIGURE 3. OUTPUT VOLTAGE SWING AND COMMON MODE INPUT VOLTAGE RANGE vs SUPPLY VOLTAGE
FIGURE 4. OUTPUT VOLTAGE vs LOAD SOURCING CURRENT
5
FN1925.5 December 21, 2005
CA5420A Typical Performance Curves
OUTPUT STAGE TRANSISTOR SATURATION VOLTAGE, Q17 (mV) 1000 TA = 25C V+ = 0V SUPPLY CURRENT (A) 2400 2000 1600 1200 800 400 10 0.01 0.1 1 LOAD (SINKING) CURRENT (mA) 10 0 1 2 3 OUTPUT VOLTAGE (V) 4 5
(Continued)
V+ = 5V V- = GND
100
V- = -20V V- = -10V V- = -5V V- = -2V
FIGURE 5. OUTPUT VOLTAGE vs LOAD SINKING CURRENT
5.00 OUTPUT VOLTAGE SWING (V) TA = 25C V+ = 5V V- = GND RL TO GND
FIGURE 6. SUPPLY CURRENT vs OUTPUT VOLTAGE
800 700 INPUT BIAS CURRENT (pA) 600 500 400 300 200 100 V+ = 5V V- = GND
3.75
2.50
1.25
0 0 1 10 100 LOAD RESISTANCE (k) 1000
0 25
35
45
55
65 75 85 95 TEMPERATURE (C)
105
115
125
FIGURE 7. OUTPUT VOLTAGE SWING vs LOAD RESISTANCE
FIGURE 8. INPUT BIAS CURRENT DRIFT (IB/T)
EQUIVALENT INPUT NOISE VOLTAGE (nVHz)
1000 VS = 10V VS = 5V VS = 1V 100
TA = 25C OPEN LOOP VOLTAGE GAIN (dB) 100 80 60 40 20 0
0 -45 -90 -135 -180
101
1 101
102
103
104
105
106
1
101
102
103
104
105
106
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 9. INPUT NOISE VOLTAGE vs FREQUENCY
FIGURE 10. OPEN LOOP GAIN AND PHASE SHIFT RESPONSE
6
FN1925.5 December 21, 2005
OPEN LOOP PHASE (DEGREES)
TA = 25C V+ = +10V, V- = 10V RL = 10k CL = 0pF
CA5420A
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 7
FN1925.5 December 21, 2005


▲Up To Search▲   

 
Price & Availability of CA5420A05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X