Part Number Hot Search : 
NCP4300A 2127A V2010 SST25VF HSBD135 MT2022 C1100 C1100
Product Description
Full Text Search
 

To Download BIR-BNXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 APPLICATIONS 1 Remote Control , 1 Photo Detector, 1 Smoke Detector, 1 Automatic Control System ABSOLUTE MAXIMUM RATINGS (Ta=25 1 Operating Temperature Range (-45 1 Storage Temperature Range (-45 ) 1 Peak Forward Current(Pulse Width =10us. 10% Duty Cycle)
~ +85 ) ~ +100 ) )
Absolute Maximum Ratings Lens Appearance Pd If Peak Electro-optical Data(At 50mA) Vf Radiant (V) Power
1 Lead Soldering Temperature (1/16inch from case 5sec 250
ELECTRICAL AND RADIANT CHARACTERISTICS (Ta=25 Chip Package Part No. Peak Wave Length p (nm) 940 940 880 850 940 940 880 850
Material
(nm) (mw) (mA) (mA) Typ Max Min. Typ. Water Clear Blue Transparent Water Clear Water Clear Blue Transparent Water Clear Blue Transparent Water Clear Blue Transparent Water Clear Water Clear Water Clear 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 50 150 150 150 200 150 150 150 150 150 150 150 200 150 150 150 150 150 150 150 200 150 150 150 150 150 150 150 200 150 150 150 200 150 150 150 150 150 150 50 50 50 250 250 250 1.40 1.60 5.0
BIR-BL0331 BIR-BL0731 T-1 Standard BIR-BM1331 1.0" Lead BIR-BN0331 3 BIR-BN0731 BIR-BO0331 BIR-BO0731 BIR-BL03J4G BIR-BL07J4G T-13/4 Standard BIR-BM13J4G 1.0" Lead BIR-BN03J4G 5 BIR-BN07J4G BIR-BO03J4G BIR-BO07J4G BIR-BL03J4G-1 BIR-BL07J4G-1 BIR-BM03J4G-1 BIR-BM03J4G BIR-BM0331
GaAs/GaAs GaAlAs/GaAs GaAlAs/GaAlAs GaAlAs/GaAlAs GaAs/GaAs GaAlAs/GaAs GaAlAs/GaAlAs GaAlAs/GaAlAs GaAs/GaAs
T-13/4 GaAlAs/GaAs Standard BIR-BM13J4G-1 1.0" Lead BIR-BN03J4G-1 GaAlAs/GaAlAs 5 BIR-BN07J4G-1 BIR-BO03J4G-1 BIR-BO07J4G-1 BIR-BM03J4Q-1 BIR-BM07J4Q-1
T-13/4 BIR-BM13J4Q-1 1.0" Lead GaAlAs/GaAs BIR-BM17J4Q-1 5 BIR-BO03J4Q-1 GaAlAs/GaAlAs BIR-BO07J4Q-1 T-13/4 1.0" Lead Narrow Viewing Angle 5 Side Viewing BIR-BM03J7M BIR-BM13J7M BIR-BN03J7M BIR-BN07J7M BIR-BO03J7M BIR-BO07J7M BIR-NL03C1 BIR-NM23C1 GaAlAs/GaAs GaAlAs/GaAlAs GaAlAs/GaAlAs GaAs/GaAs GaAlAs/GaAs
w
w
GaAlAs/GaAlAs
w
t a .D
940 940 880 850 940 940 850 940 880 850 940
Blue Transparent Blue Transparent Water Clear
S a
e h
U t4 e
100 50 50 50 50 500 250 250 250 250 50 50 50 100 50 50 50 50 50 50 50 100 50 50 50 50 50 50 50 100 50 50 50 100 50 50 50 50 50 50 250 250 250 500 250 250 250 250 250 250 250 500 250 250 250 250 250 250 250 500 250 250 250 500 250 250 250 250 250 250
1.40 1.60 5.0
1.40 1.60 7.0 14.0 1.70 2.00 10.0 16.0 1.70 2.00 10.0 19.0 30 IR-01
1.35 1.60 8.0 15.0 1.70 2.00 10.0 16.0 1.70 2.00 10.0 19.0
.c
m o
8.0 8.0
Viewing Angle 2 1/2 (deg)
Drawing No.
1.40 1.60 7.0 13.0 1.40 1.60 7.0 13.0 1.40 1.60 9.0 16.0 1.35 1.60 10.0 17.0 1.70 2.00 12.0 18.0 1.70 2.00 12.0 18.0 1.70 2.00 14.0 26.0 1.70 2.00 14.0 26.0 1.40 1.60 4.5 10.0 1.40 1.60 4.5 10.0 1.40 1.60 6.5 12.0 15 IR-02
Blue Transparent Water Clear Water Clear Water Clear Blue Transparent Water Clear Blue Transparent Water Clear Blue Transparent Water Clear Blue Transparent Water Clear Water Clear Blue Transparent Water Clear Blue Transparent Water Clear
1.35 1.60 7.5 12.0 1.70 2.00 10.0 12.0 1.70 2.00 10.0 12.0 1.70 2.00 12.0 20.0 1.70 2.00 12.0 20.0 1.40 1.60 4.0 1.40 1.60 4.0 1.35 1.60 5.0 1.35 1.60 5.0 6.0 6.0 8.0 8.0
25
IR-03
Blue Transparent
GaAlAs/GaAs
45
IR-04
1.70 2.00 8.0 12.0 1.70 2.00 8.0 12.0 1.40 1.60 10.0 18.0 1.35 1.60 12.0 20.0 1.70 2.00 14.0 24.0 1.70 2.00 15.0 25.0 1.40 1.60 3.0 1.40 1.60 4.0
1.70 2.00 14.0 24.0 1.70 2.00 15.0 25.0
Remark 1 Ifp=20mA PW=10us DC=10% Tr=500ns Tf=200ns 1 Radiant Power Unit: mw / cm3
Yellow Stone corp.
886-2-28221522 FAX:886-2-28202309
YELLOW STONE CORP. Specifications subject to change without notice.
www.ystone.com.tw
w
w
w
.D
a
aS t
ee h
8 50
4U t
om .c
IR-05
4.0 5.0
IR-06
IR-01
BIR-Bxxxx1
3.0(.118)
IR-02
BIR-Bxxxx4G
5.0(.197)
5.3(.209) 0.8(.031) 1.0(.04) 25.4(1.0) MIN. 0.5(.02) SQ. TYP. 8.7(.343)
1.5(.059)MAX. 3.80(.150) ANODE 1.0(.04) MIN. CATHODE
1.5(.059) MAX.
25.4(1.0) MIN. ANODE 1.0(.01) MIN. 2.54(.10) NOM.
5.7(.22)
0.5(.02) SQ. TYP.
CATHODE
2.54 (.10) NOM.
IR-03
BIR-Bxxxx4G-1
IR-04
BIR-Bxxxx4Q-1
5.0(.197)
5.10(.200)
4.07(.160) 4.55(.179) 1.0(.04) 1.0(.04)
3.30(.130) 4.30(.169)
1.5(.059) MAX. 25.4(1.0) MIN. ANODE 1.0(.01) MIN. 2.54(.10) NOM.
5.7(.22)
1.5(.059) MAX. 25.4(1.0) MIN.
5.60(.220)
0.5(.02) SQ. TYP.
CATHODE
0.5(.02) SQ. TYP.
ANODE 1.0(.01) MIN. 2.54(.10) NOM.
CATHODE
IR-05
BIR-Bxxxx7M
5.0(.197)
IR-06
BIR-NxxxC1
4.5(.177) 0.1 4.50(.177) 1.15(.045) 0.1 8.60(.339) 1.0 (.04) E1.52(.060)
1.5(.059)
5.7(.224)
R0.76(.030)
1.5 (.059) MAX.
25.4(1.0) MIN.
5.6(.220) E0.5(.020)
16.5(.650)
0.5(.02) SQ. TYP.
ANODE 1.0 (.04) MIN. 2.54 (.10) NOM.
CATHODE
2.54(.10) NOM.
Notes
1.All Dimensions are in millimeters (inches). 2.Tolerance isA0.25mm (.010 )..
Yellow Stone corp.
886-2-28221522 FAX:886-2-28202309
YELLOW STONE CORP. Specifications subject to change without notice.
www.ystone.com.tw
ANODE


▲Up To Search▲   

 
Price & Availability of BIR-BNXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X