Part Number Hot Search : 
AVD05P DNK5307B 75M50 00390 BP160 10035 2SK3763 MPW1044
Product Description
Full Text Search
 

To Download BF244A1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BF244A / BF244B / BF244C
BF244A BF244B BF244C
S
G
TO-92
D
N-Channel RF Amplifier
This device is designed for RF amplifier and mixer applications operating up to 450 MHz, and for analog switching requiring low capacitance. Sourced from Process 50.
Absolute Maximum Ratings*
Symbol
VDG VGS ID IGF Tstg Drain-Gate Voltage Gate-Source Voltage Drain Current Forward Gate Current Storage Temperature Range
TA = 25C unless otherwise noted
Parameter
Value
30 - 30 50 10 -55 to +150
Units
V V mA mA C
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJC RJA
TA = 25C unless otherwise noted
Characteristic
Total Device Dissipation Derate above 25C Thermal Resistance, Junction to Case Thermal Resistance, Junction to Ambient
Max
BF244A / BF244B / BF244C 350 2.8 125 357
Units
mW mW/C C/W C/W
1997 Fairchild Semiconductor Corporation
BF244A / BF244B / BF244C
N-Channel RF Amplifier
(continued)
Electrical Characteristics
Symbol Parameter
TA = 25C unless otherwise noted
Test Conditions
Min
Typ
Max Units
OFF CHARACTERISTICS
V(BR)GSS IGSS VGSS(off) VGS Gate-Source Breakdown Voltage Gate Reverse Current Gate-Source Cutoff Voltage Gate-Source Voltage IG = 1.0 A, VDS = 0 VGS = - 20 V, VDS = 0 VDS = 15 V, ID = 10 nA VDS = 15 V, ID = 200 A 244A 244B 244C 30 5.0 - 0.5 - 0.4 - 1.6 - 3.2 - 8.0 - 2.2 - 3.8 - 7.5 V nA V V V V
ON CHARACTERISTICS
IDSS Zero-Gate Voltage Drain Current VDS = 15 V, VGS = 0 244A 244B 244C 2.0 6.0 12 6.5 15 25 mA mA mA
SMALL SIGNAL CHARACTERISTICS
yfs yos yrs Ciss Crss Coss NF F(Yfs) Forward Transfer Admittance Output Admittance Reverse Transfer Admittance Input Capacitance Reverse Transfer Capacitance Output Capacitance Noise Figure Cut-Off Frequency VDS = 15 V, VGS = 0, f = 1.0 kHz VDS = 15 V, VGS = 0, f = 200 MHz VDS = 15 V, VGS = 0, f = 1.0 kHz VDS = 15 V, VGS = 0, f = 200 MHz VDS = 20 V, VGS = - 1.0 V VDS = 20 V, VGS = - 1.0 V, f = 1.0 MHz VDS = 20 V, VGS = - 1.0 V, f = 1.0 MHz VDS = 15 V, VGS = 0, RG = 1.0 k, f = 100 MHz VDS = 15 V, VGS = 0 3.0 5.6 40 1.0 3.0 0.7 0.9 1.5 700 6.5
mmhos mmhos
mhos mhos pF pF pF dB MHz
5
Typical Characteristics
Transfer Characteristics
20 ID - DRAIN CURRENT (mA) r DS - DRAIN ON RESISTANCE ( )
Channel Resistance vs Temperature
1000 500 300 200 100
V GS(OFF) = -4.5V TA = -55 C T A = +25 C
O O
V DS
= 15V
16
V GS(OFF) = -1.0V -2.5 V -5.0V -8.0 V
12
T A = +125O C
TA = -55 C T A = +25 C T A = +125O C
O
O
8
50 30 20 10
4
V DS
= 100mV
-2.5 V
0 0 -1 -2 -3 -4 VGS - GATE-SOURCE VOLTAGE(V) -5
V GS = 0 V
-50 0 50 100 150 T A - AMBIENT TEMPERATURE ( C)
BF244A / BF244B / BF244C
N-Channel RF Amplifier
(continued)
Typical Characteristics
(continued)
gfs -- TRANSCONDUCTANCE (mmhos)
Transconductance Characteristics
7 6 5 4 3 2 1 0 0
Common Drain-Source Characteristics
I D -- DRAIN CURRENT (mA)
DS
TA = -55 C T A = +25 C T A = +125O C
O
O
V
= 15V
5 4 TYP V 3
T A = +25 C
GS(OFF)
O
= -5.0V
= 0V
TA = -55 C T A = +25 C T A = +125 C V GS(OFF) = -4.5V
O O
O
5V -0. -1.0V V -1.5 -2.0V
V
2 1
G
S
-2.5V
-3.0V -3.5V -4.0V
-2.5 V
-1 -2 -3 -4 VGS GATE-SOURCE VOLTAGE(V) -5
0
0
0.2 0.4 0.6 0.8 VDS - DRAIN-SOURCE VOLTAGE(V)
1
gos -- OUTPUT CONDUCTANCE (u mhos)
T A = +25 C f = 1.0 kHz 20 10 5 V
DG
O
V
G S(OFF)
= -5.5V
5.0V 10V 15V 20V
gfs, IDSS @ V DS = 15 V, V GS = 0 PULSE r DS @ VDS= 100mV, V GS = 0
100 50 30 20 10 5
= 5v 10 20 15 5 10 15 20 V
G S(OFF)
1 0.5 V 0.1 0.01 0.02
G S(OFF)
= -3.5V
= -1.5V 5 10
20 10 -1
VGS(OFF)
@ V GS = 15V, I D= 1nA
3 2 1 - 10
0.05 0.1 0.2 0.5 1 2 I D -- DRAIN CURRENT (mA)
-2 -3 -5 -7 V - GATE-SOURCE VOLTAGE(V)
GS
Transconductance vs Drain Current
gfs -- TRANSCONDUCTANCE (mmhos) 10 e n- NOISE VOLTAGE ( nV/
Noise Voltage vs Frequency
V DG = 15V BW = 6.0 Hz @ f = 10 Hz, 100 Hz = 0.2 f @ f > 1.0 kHz
Hz )
V GS(OFF) = - 1.5V O TA = -55 C 5 T A = +25 C T A = +125 O C
1
O
TA = -55 C V GS(OFF) T A = +25 C T A = +125 O C = - 5V V DG = 15V f = 1.0 kHz
O
O
0.5
10 5
I D = 0.5 mA I D = 3 mA
0.1 0.01 0.02
0.05 0.1 0.2 0.5 1 2 I D - DRAIN CURRENT (mA)
5
10
1 0.01 0.03
0.1
0.3 1 3 10 f -- FREQUENCY (kHz)
30
100
gfs --- TRANSCONDUCTANCE ( mmhos ) I -- DRAIN CURRENT ( mA ) DSS
Output Conductance vs Drain Current
r DS -- DRAIN "ON" RESISTANCE ( )
Transconductance Parameter Interactions
BF244A / BF244B / BF244C
N-Channel RF Amplifier
(continued)
Typical Characteristics
(continued)
Capacitance vs Voltage
10 ) -- CAPACITANCE (pF) f = 0.1 - 1.0 MHz
Noise Figure Frequency
5 V DS NF -- NOISE FIGURE (dB) 4 I
D
= 15V = 5.0 mA
5 C is ( V DS = 15 V) 1 C rs ( V DS = 0 V)
3
R g = 1.0 k O T A = +25 C
2
C is ( C
rs
1
0
-5 -10 -15 VG S-- GATE-SOURCE VOLTAGE(V)
-20
0 10
20
30
50 100 200 300 f -- FREQUENCY (MHz)
500
1000
Common Gate Characteristics
Output Admittance
Y ogs-- OUTPUT CONDUCTANCE (mmhos)
Input Admittance
Y -- INPUT ADMITTANCE (mmhos) igs V DS = 15V V GS = 0 (CG)
1
b Og S (x 10) g
Ogs
10 5
g igs
V DS = 15V V GS = 0 (CG)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
b igs
5
700 1000
1 100
200 300 500 f -- FREQUENCY (MHz)
Forward Transadmittance
Yfgs -- FORWARD TRANSFER (mmhos)
Reverse Transadmittance
Y rgs-- REVERSE TRANSFER (mmhos) 1
10 5
+g fgs
V DS = 15V V GS = 0 (CG) g
rgs
-b fgs
1
- b rgs
V DS = 15V V GS = 0 (CG)
100 200 300 500 f -- FREQUENCY (MHz ) 700 1000
100
200 300 500 f -- FREQUENCY (MHz)
700
1000
BF244A / BF244B / BF244C
N-Channel RF Amplifier
(continued)
Common Source Characteristics
Output Admittance
-- OUTPUT CONDUCTANCE (mmhos)
Input Admittance
Yis s -- INPUT ADMITTANCE (mmhos) 10 5
1
V DS = 15V V GS = 0 (CS)
b OSS (x 10) g
OSS
1
b iss g iss
V DS = 15V V GS = 0 (CS)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
Y
OSS
100
200 300 500 f -- FREQUENCY (MHz)
700
1000
Forward Transadmittance
Yfss -- FORWARD TRANSFER (mmhos) 5
Y rss-- REVERSE TRANSFER (mmhos)
Reverse Transadmittance
10 5
10
+g
fss
-b
1
fss
- b rss
1
-g V DS = 15V V GS = 0 (CS)
100
rss
( X 0.1)
V DS = 15V V GS = 0 (CS)
100 200 300 500 f -- FREQUENCY (MHz) 700 1000
200 300 500 f -- FREQUENCY (MHz)
700
1000
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM BottomlessTM CoolFETTM CROSSVOLTTM DOMETM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM FAST
DISCLAIMER
FASTrTM GlobalOptoisolatorTM GTOTM HiSeCTM ISOPLANARTM MICROWIRETM OPTOLOGICTM OPTOPLANARTM PACMANTM POPTM
PowerTrench QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM SILENT SWITCHER SMART STARTTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8
SyncFETTM TinyLogicTM UHCTM VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design.
Preliminary
First Production
No Identification Needed
Full Production
Obsolete
Not In Production
This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. G


▲Up To Search▲   

 
Price & Availability of BF244A1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X