Part Number Hot Search : 
SI3458DV AX160 C8250 10PH60 MBRS560G 1320A1 AX160 74ABT
Product Description
Full Text Search
 

To Download BC856-A-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD BC856/BC857/BC858
SWITCHING AND AMPLIFIER APPLICATIONS
PNP SILICON TRANSISTOR
FEATURES
*Suitable for automatic insertion in thick and thin-film circuits *Complement to BC846/BC847/BC848
*Pb-free plating product number: BC856L/BC857L/BC858L
ORDERING INFORMATION
Order Number Normal Lead Free Plating BC856-x-AE3-R BC856L-x-AE3-R BC857-x-AE3-R BC857L-x-AE3-R BC858-x-AE3-R BC858L-x-AE3-R Note: x: Rank Package SOT-23 SOT-23 SOT-23 Pin Assignment 1 2 3 E B C E B C E B C Packing Tape Reel Tape Reel Tape Reel
MARKING
BC856 BC857 BC858
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R206-028,B
BC856/BC857/BC858
PARAMETER SYMBOL BC856 BC857 BC858 BC856 BC857 BC858
PNP SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25C, unless otherwise specified)
RATINGS UNIT -80 V Collector-Base Voltage VCBO -50 V -30 V -65 V Collector-Emitter Voltage VCEO -45 V -30 V Emitter-Base Voltage VEBO -5 V Collector Dissipation PD 310 mW Collector Current (DC) IC -100 mA Junction Temperature TJ +150 C Storage Temperature TSTG -40 ~ +150 C Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER Collector Cut-Off Current DC Current Gain SYMBOL TEST CONDITIONS ICBO VCB=-30V, IE=0 hFE VCE=-5V, IC=-2mA IC=-10mA,IB=-0.5mA Collector-Emitter Saturation Voltage VCE(SAT) IC=-100mA,IB=-5mA IC=-10mA,IB=-0.5mA Base-Emitter Saturation Voltage VBE(SAT) IC=-100mA,IB=-5mA VCE=-5V,IC=-2mA Base-Emitter On Voltage VBE(ON) VCE=-5V,IC=-10mA Current Gain Bandwidth Product fT VCE=-5V,IC=-10mA, f=100MHz Output Capacitance Cob VCB=-10V,IE=0,f=1MHz Noise Figure NF VCE=-5V, IC=-200A, f=1KHz, RG=2K MIN 110 TYP MAX UNIT -15 nA 800 -90 -300 mV -250 -700 -900 -660 150 2 mV mV mV -750 mV -800 mV MHz 6 pF 10 dB -650
-600
CLASSIFICATION OF hFE
RANK RANGE A 110-220 B 200-450 C 420-800
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R206-028,B
BC856/BC857/BC858
TYPICAL CHARACTERISTICS
PNP SILICON TRANSISTOR
Collector Current, IOUT(mA)
Saturation Voltage, VBE(SAT). VEC(SAT) (V)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
Collector Current, IC (mA)
DC Current Gain, hFE
3 of 4
QW-R206-028,B
BC856/BC857/BC858
PNP SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R206-028,B


▲Up To Search▲   

 
Price & Availability of BC856-A-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X