Part Number Hot Search : 
IRG4BC30 B260005 B260005 G4BC3 CHS168 AP2203 MAX4691 MBR05
Product Description
Full Text Search
 

To Download B37921K9103K060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Multilayer ceramic capacitor
X7R
Series/Type: Chip Ordering code: B37921... Date: 2005-12-05
Content of inside pages of data sheet. Data will be automatically entered into headers and footers. Please fill in the table and then change the colour to "White". This ensures that the table disappears for the customer pdf.
Identification/Classification 1: (header 1) Identification/Classification 2: (header 2) Ordering code: Series/Type: Preliminary data (optional): (if necessary) Department: Date: Prepared by: Release signed PE: Release signed QS: Modifications/Remarks: KB VS PE 25.10.2005 Mr. Huainig Dr. Engel Dr. Slakhorst xx xx xx Multilayer ceramic capacitor HighCV, X7R 1206 50 V B37872K5105K0** Chip
(c) EPCOS AG 2005. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Multilayer ceramic capacitors X7R
Features

Chip
High volumetric efficiency Non-linear capacitance change High insulation resistance High pulse strength
Applications
Blocking and coupling Decoupling Interference suppression
Termination
For soldering: Nickel-barrier termination (Ni) for case sizes 0402 to 1210
Silver-palladium termination (AgPd) for case sizes 1812 and 2220 (capacitance values 1 F) For conductive adhesion: Silver-palladium termination (AgPd) for all case sizes on request Options
Alternative capacitance tolerances available on request
Delivery mode
Cardboard and blister tape (blister tape for chip thickness 1.2 0.1 mm and case sizes 1210),
180-mm and 330-mm reel available Bulk case for case sizes 0603 (16 V, 25 V, 50 V) and 0805 (50 V) Electrical data Temperature characteristic Climatic category (IEC 60068-1) Standard Dielectric Rated voltage1) Test voltage Capacitance range2) / E series Max. relative capacitance change Dissipation factor (limit value) Insulation resistance 3) at + 25 C Insulation resistance 3) at +125 C Time constant 3) at + 25 C Time constant 3) at +125 C Operating temperature range Ageing 4)
1) Note: No operation on AC line. 2) See also HighCap series in data book or Internet
VR Vtest CR C/C tan Rins Rins Top
X7R 55/125/56 EIA Class 2 10, 16, 25, 50,100, 200, 500 2.5 * VR/5 s 100 pF ... 1 F (E3/E6) 15 <25 * 10 -3 <35 * 10 -3 for 16 V >105 >104 >1000 >100 -55 ... +125 yes
VDC VDC %
M M s s C
3) For C R >10 nF the time constant = C * Rins is given. 4) Refer to data book 2003 "General Techn. Inform.", page 197.
Please read Cautions and warnings and 2 Important notes at the end of this document.
2
2
12/0505
X7R
Multilayer ceramic capacitors X7R
Capacitance tolerances Code letter Tolerance J 5% K M (standard) 10% 20%
Dimensional drawing
b
s
k
k
KKE0329-N
Dimensions (mm) Case size l b s k Case size l b s k (inch) (mm) (inch) (mm) 0402 1005 1.0 0.10 0.5 0.05 0.5 0.05 0.1 -0.4 1210 3225 3.2 0.30 2.5 0.30 1.70 max. 0.25 -0.75 0603 1608 1.6 0.15 0.8 0.10 0.8 0.10 0.1 -0.4 1812 4532 4.5 0.30 3.2 0.30 1.30 max. 0.25 -1.0 0805 2012 2.0 0.20 1.25 0.15 1.35 max. 0.13 -0.75 2220 5750 5.7 0.40 5.0 0.40 1.30 max. 0.25 -1.0 1206 3216 3.2 0.20 1.6 0.15 1.30 max. 0.25 -0.75
Tolerances to CECC 32101-801
Please read Cautions and warnings and Important notes at the end of this document.
3
12/05
Multilayer ceramic capacitors X7R
Recommended solder pad
D
X7R
C
A
KKE0308-1
Maximum dimensions (mm) Case size (inch/mm) 0402/1005 0603/1608 0805/2012 1206/3216 1210/3225 1812/4532 2220/5750 Type single chip single chip single chip single chip single chip single chip single chip A 0.6 1.0 1.2 1.2 1.2 1.5 1.5 C 1.7 3.0 3.4 4.5 4.5 6.0 7.2 D 0.6 1.0 1.3 1.8 2.8 3.6 5.5
Termination
Ceramic body
Termination (nickel barrier)
Inner electrode
NME AgPd
BME Ni
Substrate electrode Intermediate electrode External electrode
NME Ag Ni Sn
BME Cu Ni Sn
NME: Noble Metal Electrode BME: Base Metal Electrode
KKE0485-5-E
Please read Cautions and warnings and Important notes at the end of this document.
4
12/05
X7R
Multilayer ceramic capacitors X7R
Product range chip capacitors X7R Size1) inch mm Type VR (VDC) CR 100 150 220 330 470 680 pF pF pF pF pF pF 0402 1005 B37921 10 16 25 50 10 16 0603 1608 B37931 25 50 100
1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10 15 22 33 47 68 100 150 220 nF nF nF nF nF nF nF nF nF
2) 2) 2)
1) l x b (inch) / l x b (mm) 2) See HighCV product range.
Please read Cautions and warnings and Important notes at the end of this document.
5
12/05
Multilayer ceramic capacitors X7R
Product range chip capacitors X7R Size1) inch mm Type VR (VDC) CR 100 220 330 470 680 820 pF pF pF pF pF pF 0805 2012 B37941 16 25 50 100 200 16 25 1206 3216 B37872 50 100 200
X7R
500
1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10 15 22 33 47 68 100 150 220 330 470 nF nF nF nF nF nF nF nF nF nF nF
2) 2) 2) 2) 2) 2) 2) 2) 2) 2) 2) 2) 2) 2)
1.0 F 2.2 F
1) l x b (inch) / l x b (mm) 2) See HighCV product range.
Please read Cautions and warnings and Important notes at the end of this document.
6
12/05
X7R
Multilayer ceramic capacitors X7R
Product range chip capacitors X7R Size1) inch mm Type VR (VDC) CR 1.0 nF 1.5 nF 2.2 nF 3.3 nF 3.9 nF 4.7 nF 6.8 nF 10 15 22 33 47 68 100 150 220 330 470 nF nF nF nF nF nF nF nF nF nF nF 1210 3225 B37950 25 50 100 200 500 1812 4532 B37953 50 2220 5750 B37956 50
1) l x b (inch) / l x b (mm) 2) See HighCV product range.
Please read Cautions and warnings and Important notes at the end of this document.
7
12/05
Multilayer ceramic capacitors X7R; 0402
X7R
Ordering codes and packing for X7R, 10, 16, 25 and 50 VDC, nickel-barrier terminations Chip thickness Cardboard tape, 180-mm reel ** ^ 60 pcs./reel 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 Cardboard tape, 330-mm reel ** ^ 70 pcs./reel 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000 50000
CR1) 33, nF 47. nF 10, nF 22. nF 4.7 nF 6.8 nF 220. pF 470. pF 1.0 nF 2.2 nF 3.3 nF
Ordering code 2) B37921K8333K0** B37921K8473K0** B37921K9103K0** B37921K9223K0** B37921K0472K0** B37921K0682K0** B37921K5221K0** B37921K5471K0** B37921K5102K0** B37921K5222K0** B37921K5332K0**
mm 0.5 0.05 0.5 0.05 0.5 0.05 0.5 0.05 0.5 0.05 0.5 0.05 0.5 0.05 0.5 0.05 0.5 0.05 0.5 0.05 0.5 0.05
Case size 0402, 10 VDC
Case size 0402, 16 VDC
Case size 0402, 25 VDC
Case size 0402, 50 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 3.
Please read Cautions and warnings and Important notes at the end of this document.
8
12/05
X7R
Multilayer ceramic capacitors X7R; 0603
Ordering codes and packing for X7R, 16 and 25 VDC, nickel-barrier terminations Chip thickness CR1) 22, 33. 47. 68. 100. 10. 15. 22. 33. 47. 68. 100. nF nF nF nF nF nF nF nF nF nF nF nF Ordering code 2) B37931K9223K0** B37931K9333K0** B37931K9473K0** B37931K9683K0** B37931K9104K0** B37931K0103K0** B37931K0153K0** B37931K0223K0** B37931K0333K0** B37931K0473K0** B37931K0683K0** B37931K0104K0** mm 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 Cardboard tape, 180-mm reel ** ^ 60 pcs./reel 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 Cardboard tape, Bulk case 330-mm reel ** ^ 70 ** ^ 01 pcs./reel pcs. 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 15000 15000 15000 15000 15000 15000 15000 15000 15000 15000 15000 15000
Case size 0603, 16 VDC
Case size 0603, 25 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 3.
Please read Cautions and warnings and Important notes at the end of this document.
9
12/05
Multilayer ceramic capacitors X7R; 0603
Ordering codes and packing for X7R, 50 and 100 VDC, nickel-barrier terminations Chip thickness CR1) 220. pF 330. pF 470. pF 680. pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10. nF 15. nF 22. nF 33. nF 47. nF 100. pF 150. pF 220. pF 330. pF 470. pF 680. pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF Ordering code 2) B37931K5221K0** B37931K5331K0** B37931K5471K0** B37931K5681K0** B37931K5102K0** B37931K5152K0** B37931K5222K0** B37931K5332K0** B37931K5472K0** B37931K5682K0** B37931K5103K0** B37931K5153K0** B37931K5223K0** B37931K5333K0** B37931K5473K0** B37931K1101K0** B37931K1151K0** B37931K1221K0** B37931K1331K0** B37931K1471K0** B37931K1681K0** B37931K1102K0** B37931K1152K0** B37931K1222K0** B37931K1332K0** B37931K1472K0** mm 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 Cardboard tape, 180-mm reel ** ^ 60 pcs./reel 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000
X7R
Cardboard tape, Bulk case 330-mm reel ** ^ 70 ** ^ 01 pcs./reel pcs. 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 15000 15000 15000 15000 15000 15000 15000 15000 15000 15000 15000 15000 15000 15000 15000 - - - - - - - - - - -
Case size 0603, 50 VDC
Case size 0603, 100 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 3.
Please read Cautions and warnings and Important notes at the end of this document.
10
12/05
X7R
Multilayer ceramic capacitors X7R; 0805
Ordering codes and packing for X7R, 25 and 50 VDC, nickel-barrier terminations Chip thickness CR1) 100, nF 470. pF 680. pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10. nF 15. nF 22. nF 33. nF 47. nF 68. nF 68. nF 100. nF 100. nF Ordering code 2) B37941K0104K0** B37941K5471K0** B37941K5681K0** B37941K5102K0** B37941K5152K0** B37941K5222K0** B37941K5332K0** B37941K5472K0** B37941K5682K0** B37941K5103K0** B37941K5153K0** B37941K5223K0** B37941K5333K0** B37941K5473K0** B37941K5683K0** B37941K5683K0** B37941K5104K0** B37941K5104K0** mm 1.25 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.8 0.1 1.25 0.1 0.8 0.1 1.25 0.1 Cardboard tape, 180-mm reel ** ^ 60 pcs./reel 30003) 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 4000 3000 3) 4000 3000 3) Cardboard tape, Bulk case 330-mm reel ** ^ 70 ** ^ 01 pcs./reel pcs. 12000 4) 20000 20000 20000 20000 20000 20000 20000 20000 20000 20000 20000 20000 20000 16000 12000 4) 16000 12000 4) - 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 10000 - - - -
Case size 0805, 25 VDC Case size 0805, 50 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 3. 3) Blister tape, 180-mm reel, ordering code ** ^ 62 4) Blister tape, 330-mm reel, ordering code ** ^ 72
Please read Cautions and warnings and Important notes at the end of this document.
11
12/05
Multilayer ceramic capacitors X7R; 0805
Ordering codes and packing for X7R, 100 and 200 VDC, nickel-barrier terminations Chip thickness CR1) 470. pF 680. pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10. nF 15. nF 22. nF 220. pF 330. pF 470. pF 680. pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF Ordering code 2) B37941K1471K0** B37941K1681K0** B37941K1102K0** B37941K1152K0** B37941K1222K0** B37941K1332K0** B37941K1472K0** B37941K1682K0** B37941K1103K0** B37941K1153K0** B37941K1223K0** B37941K2221K0** B37941K2331K0** B37941K2471K0** B37941K2681K0** B37941K2102K0** B37941K2152K0** B37941K2222K0** B37941K2332K0** B37941K2472K0** B37941K2682K0** mm 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.6 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 1.2 0.1 Cardboard tape, 180-mm reel ** ^ 60 pcs./reel 5000 5000 5000 5000 5000 5000 5000 5000 5000 5000 4000 4000 4000 4000 4000 4000 4000 4000 4000 3000 3) 3000 3)
X7R
Cardboard tape, 330-mm reel ** ^ 70 pcs./reel 20000 20000 20000 20000 20000 20000 20000 20000 20000 20000 16000 16000 16000 16000 16000 16000 16000 16000 16000 12000 4) 12000 4)
Case size 0805, 100 VDC
Case size 0805, 200 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 3. 3) Blister tape, 180-mm reel, ordering code ** ^ 62 4) Blister tape, 330-mm reel, ordering code ** ^ 72
Please read Cautions and warnings and Important notes at the end of this document.
12
12/05
X7R
Multilayer ceramic capacitors X7R; 1206
Ordering codes and packing for X7R, 50 and 100 VDC, nickel-barrier terminations Chip thickness Cardboard tape, 180-mm reel ** ^ 60 pcs./reel 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 30003) 30003) 30003) 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 4000 3000 3) 3000 3) Cardboard tape, 330-mm reel ** ^ 70 pcs./reel 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 12000 4) 12000 4) 12000 4) 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 16000 12000 4) 12000 4)
CR1) 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10. nF 15. nF 22. nF 33. nF 47. nF 68. nF 100. nF 220. nF 330. nF 470. nF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10. nF 15. nF 22. nF 33. nF 47. nF 68. nF 100. nF
Ordering code 2) B37872K5102K0** B37872K5152K0** B37872K5222K0** B37872K5332K0** B37872K5472K0** B37872K5682K0** B37872K5103K0** B37872K5153K0** B37872K5223K0** B37872K5333K0** B37872K5473K0** B37872K5683K0** B37872K5104K0** B37872K5224K0** B37872K5334K0** B37872K5474K0** B37872K1102K0** B37872K1152K0** B37872K1222K0** B37872K1332K0** B37872K1472K0** B37872K1682K0** B37872K1103K0** B37872K1153K0** B37872K1223K0** B37872K1333K0** B37872K1473K0** B37872K1683K0** B37872K1104K0**
mm 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 1.2 0.1 1.2 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 1.2 0.1
Case size 1206, 50 VDC
Case size 1206, 100 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 3. 3) Blister tape, 180-mm reel, ordering code ** ^ 62 4) Blister tape, 330-mm reel, ordering code ** ^ 72
Please read Cautions and warnings and Important notes at the end of this document.
13
12/05
Multilayer ceramic capacitors X7R; 1206
Ordering codes and packing for X7R, 200 and 500 VDC, nickel-barrier terminations Chip thickness Cardboard tape, 180-mm reel ** ^ 60 pcs./reel 4000 4000 4000 4000 4000 4000 4000 4000 3000 3) 3000 3) 4000 4000 4000 4000 4000 3000 3) 3000 3)
X7R
CR1) 820. pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10. nF 15. nF 22. nF 470. pF 680. pF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF
Ordering code 2) B37872K2821K0** B37872K2102K0** B37872K2152K0** B37872K2222K0** B37872K2332K0** B37872K2472K0** B37872K2682K0** B37872K2103K0** B37872K2153K0** B37872K2223K0** B37872K3471K0** B37872K3681K0** B37872K3102K0** B37872K3152K0** B37872K3222K0** B37872K3332K0** B37872K3472K0**
mm 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 1.2 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 1.2 0.1
Cardboard tape, 330-mm reel ** ^ 70 pcs./reel 16000 16000 16000 16000 16000 16000 16000 16000 12000 4) 12000 4) 16000 16000 16000 16000 16000 12000 4) 12000 4)
Case size 1206, 200 VDC
Case size 1206, 500 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 3. 3) Blister tape, 180-mm reel, ordering code ** ^ 62 4) Blister tape, 330-mm reel, ordering code ** ^ 72
Please read Cautions and warnings and Important notes at the end of this document.
14
12/05
X7R
Multilayer ceramic capacitors X7R; 1210
Ordering codes and packing for X7R, 50, 100, 200 and 500 VDC, nickel-barrier terminations Chip thickness Blister tape, 180-mm reel ** ^ 62 pcs./reel 4000 4000 4000 4000 3000 3000 4000 4000 4000 4000 4000 4000 4000 3000 4000 4000 4000 4000 4000 3000 3000 2000 4000 4000 4000 4000 3000 3000 2000 Blister tape, 330-mm reel ** ^ 72 pcs./reel 16000 16000 16000 16000 12000 12000 16000 16000 16000 16000 16000 16000 16000 12000 16000 16000 16000 16000 16000 12000 12000 8000 16000 16000 16000 16000 12000 12000 8000
CR1) 10. 22. 47. 100. 220. 470. 10, 15. 22. 33. 47. 68. 100. 150. nF nF nF nF nF nF nF nF nF nF nF nF nF nF
Ordering code 2) B37950K5103K0** B37950K5223K0** B37950K5473K0** B37950K5104K0** B37950K5224K0** B37950K5474K0** B37950K1103K0** B37950K1153K0** B37950K1223K0** B37950K1333K0** B37950K1473K0** B37950K1683K0** B37950K1104K0** B37950K1154K0** B37950K2392K0** B37950K2472K0** B37950K2682K0** B37950K2103K0** B37950K2153K0** B37950K2223K0** B37950K2333K0** B37950K2473K0** B37950K3102K0** B37950K3152K0** B37950K3222K0** B37950K3332K0** B37950K3472K0** B37950K3682K0** B37950K3103K0**
mm 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 1.2 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 1.2 0.1 1.6 0.1 0.8 0.1 0.8 0.1 0.8 0.1 0.8 0.1 1.2 0.1 1.2 0.1 1.6 0.1
Case size 1210, 50 VDC
Case size 1210, 100 VDC
Case size 1210, 200 VDC 3.9 nF 4.7 nF 6.8 nF 10. nF 15. nF 22. nF 33. nF 47. nF 1.0 nF 1.5 nF 2.2 nF 3.3 nF 4.7 nF 6.8 nF 10. nF
Case size 1210, 500 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 3.
Please read Cautions and warnings and Important notes at the end of this document.
15
12/05
Multilayer ceramic capacitors X7R; 1812 and 2220
Ordering codes and packing for X7R, 50 VDC, silver-palladium terminations Chip thickness Blister tape, 180-mm reel ** ^ 62 pcs./reel 1500 1500 1500 1500 1500
X7R
CR1) 100. nF 220. nF 470. nF 470. nF 1.0 F
Ordering code 2) B37953J5104K0** B37953J5224K0** B37953J5474K0** B37956J5474K0** B37956J5105K0**
mm 1.2 0.1 1.2 0.1 1.2 0.1 1.2 0.1 1.2 0.1
Blister tape, 330-mm reel ** ^ 72 pcs./reel 5000 5000 5000 5000 5000
Case size 1812, 50 VDC
Case size 2220, 50 VDC
1) Other capacitance values on request. 2) The table contains the ordering codes for the standard capacitance tolerance. For other available capacitance tolerances see page 3.
Please read Cautions and warnings and Important notes at the end of this document.
16
12/05
X7R
Multilayer ceramic capacitors X7R
Typical characteristics Capacitance change C/C25 versus temperature T
20 C % C 25 0
KKE0186-U
Capacitance change C/C0 versus superimposed DC voltage V
_ 10 _ 20 _ 30 _ 40 _ 50 _ 60 _ 70 _ 80 _ 60 _ 40 _ 20 0 20 40 60 80 100 C 140
T
Impedance |Z| versus frequency f
Dissipation factor tan versus temperature T
10 tan
_1
KKE0189-J
10
_2
3 10 _ _ _ 60 40 20 0 20 40 60 80 100 C 140 T
_
Please read Cautions and warnings and Important notes at the end of this document.
17
12/05
Multilayer ceramic capacitors X7R
X7R
Typical characteristics Insulation resistance Rins versus temperature T
10 8 M R ins
KKE0190-M
Capacitance change C/C1 versus time t
10 C % C1 0
KKE0191-V
10 6
_5
10 5
_ 10
10 4
10 3
_ 15 _ 20
10 2
0
20
40
60
80
100
C 140 T
10 0
10 1
10 2
h t
10 3
Further information Please see General Technical Information at www.epcos.com/ceramic_capacitors or the data book "Multilayer Ceramic Capacitors" for further information on:

Soldering directions Taping and packing Surface mounting instructions Effects of mechanical stress
Cautions and warnings
Derating: A "state of the art" application design is essential to achieve failures rates at ppb level.
Do not use designs based on 100% of specified rated values. AC applications may damage MLSC on a much lower level than DC voltage due to power dissipation losses. Mechanical stress - Please note EPCOS "General Technical Information", "Surface mounting instructions" and information about the effect of mechanical stress. ESD - EPCOS recommends the use of varistors. Further processing - care must be taken using moulding processes. Combined stresses - the total stress (e.g. DC voltage, AC ripple, pulses and temperature) has to be taken into account to estimate reliability of MLSC.
Please read Cautions and warnings and Important notes at the end of this document.
18
12/05
Important notes
The following applies to all products named in this publication: 1. Some parts of this publication contain statements about the suitability of our products for certain areas of application. These statements are based on our knowledge of typical requirements that are often placed on our products in the areas of application concerned. We nevertheless expressly point out that such statements cannot be regarded as binding statements about the suitability of our products for a particular customer application. As a rule, EPCOS is either unfamiliar with individual customer applications or less familiar with them than the customers themselves. For these reasons, it is always ultimately incumbent on the customer to check and decide whether an EPCOS product with the properties described in the product specification is suitable for use in a particular customer application. 2. We also point out that in individual cases, a malfunction of passive electronic components or failure before the end of their usual service life cannot be completely ruled out in the current state of the art, even if they are operated as specified. In customer applications requiring a very high level of operational safety and especially in customer applications in which the malfunction or failure of a passive electronic component could endanger human life or health (e.g. in accident prevention or life-saving systems), it must therefore be ensured by means of suitable design of the customer application or other action taken by the customer (e.g. installation of protective circuitry or redundancy) that no injury or damage is sustained by third parties in the event of malfunction or failure of a passive electronic component. 3. The warnings, cautions and product-specific notes must be observed. 4. In order to satisfy certain technical requirements, some of the products described in this publication may contain substances subject to restrictions in certain jurisdictions (e.g. because they are classed as "hazardous"). Useful information on this will be found in our Material Data Sheets on the Internet (www.epcos.com/material). Should you have any more detailed questions, please contact our sales offices. 5. We constantly strive to improve our products. Consequently, the products described in this publication may change from time to time. The same is true of the corresponding product specifications. Please check therefore to what extent product descriptions and specifications contained in this publication are still applicable before or when you place an order. We also reserve the right to discontinue production and delivery of products. Consequently, we cannot guarantee that all products named in this publication will always be available.
6. Unless otherwise agreed in individual contracts, all orders are subject to the current version of
the "General Terms of Delivery for Products and Services in the Electrical Industry" published by the German Electrical and Electronics Industry Association (ZVEI). 7. The trade names EPCOS, CeraDiode, CSSP, PhaseCap, PhaseMod, SIFI, SIKOREL, SilverCap, SIMID, SIOV, SIP5D, SIP5K, TOPcap, UltraCap, WindCap are trademarks registered or pending in Europe and in other countries. Further information will be found on the Internet at www.epcos.com/trademarks.
Page 19 of 19


▲Up To Search▲   

 
Price & Availability of B37921K9103K060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X