Part Number Hot Search : 
5950B TDA1220B LH1529 C4762 FRS12W HSM546 SAB80 CA3130BT
Product Description
Full Text Search
 

To Download ATTINY13V-10PI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* High Performance, Low Power AVR(R) 8-Bit Microcontroller * Advanced RISC Architecture
- 120 Powerful Instructions - Most Single Clock Cycle Execution - 32 x 8 General Purpose Working Registers - Fully Static Operation - Up to 20 MIPS Througput at 20 MHz Non-volatile Program and Data Memories - 1K Byte of In-System Programmable Program Memory Flash Endurance: 10,000 Write/Erase Cycles - 64 Bytes In-System Programmable EEPROM Endurance: 100,000 Write/Erase Cycles - 64 Bytes Internal SRAM - Programming Lock for Self-Programming Flash Program and EEPROM Data Security Peripheral Features - One 8-bit Timer/Counter with Prescaler and Two PWM Channels - 4-channel, 10-bit ADC with Internal Voltage Reference - Programmable Watchdog Timer with Separate On-chip Oscillator - On-chip Analog Comparator Special Microcontroller Features - debugWIRE On-chip Debug System - In-System Programmable via SPI Port - External and Internal Interrupt Sources - Low Power Idle, ADC Noise Reduction, and Power-down Modes - Enhanced Power-on Reset Circuit - Programmable Brown-out Detection Circuit - Internal Calibrated Oscillator I/O and Packages - 8-pin PDIP/SOIC: Six Programmable I/O Lines - 20-pad MLF: Six Programmable I/O Lines Operating Voltage: - 1.8 - 5.5V for ATtiny13V - 2.7 - 5.5V for ATtiny13 Speed Grade - ATtiny13V: 0 - 4 MHz @ 1.8 - 5.5V, 0 - 10 MHz @ 2.7 - 5.5V - ATtiny13: 0 - 10 MHz @ 2.7 - 5.5V, 0 - 20 MHz @ 4.5 - 5.5V Industrial Temperature Range Low Power Consumption - Active Mode: 1 MHz, 1.8V: 240A - Power-down Mode: < 0.1A at 1.8V
*
*
*
8-bit Microcontroller with 1K Bytes In-System Programmable Flash ATtiny13V ATtiny13 Summary
* * * * *
Rev. 2535GS-AVR-01/07
Pin Configurations
Figure 1. Pinout ATtiny13
PDIP/SOIC
(PCINT5/RESET/ADC0/dW) PB5 (PCINT3/CLKI/ADC3) PB3 (PCINT4/ADC2) PB4 GND 1 2 3 4 8 7 6 5 VCC PB2 (SCK/ADC1/T0/PCINT2) PB1 (MISO/AIN1/OC0B/INT0/PCINT1) PB0 (MOSI/AIN0/OC0A/PCINT0)
QFN/MLF
DNC DNC DNC DNC DNC
(PCINT5/RESET/ADC0/dW) PB5 (PCINT3/CLKI/ADC3) PB3 DNC DNC (PCINT4/ADC2) PB4 1 2 3 4 5
20 19 18 17 16
NOTE: Bottom pad should be soldered to ground. DNC: Do Not Connect
Overview
The ATtiny13 is a low-power CMOS 8-bit microcontroller based on the AVR enhanced RISC architecture. By executing powerful instructions in a single clock cycle, the ATtiny13 achieves throughputs approaching 1 MIPS per MHz allowing the system designer to optimize power consumption versus processing speed.
2
ATtiny13
2535GS-AVR-01/07
DNC DNC GND DNC DNC
6 7 8 9 10
15 14 13 12 11
VCC PB2 (SCK/ADC1/T0/PCINT2) DNC PB1 (MISO/AIN1/OC0B/INT0/PCINT1) PB0 (MOSI/AIN0/OC0A/PCINT0)
ATtiny13
Block Diagram
Figure 2. Block Diagram
8-BIT DATABUS
STACK POINTER
WATCHDOG OSCILLATOR
CALIBRATED INTERNAL OSCILLATOR
SRAM VCC
WATCHDOG TIMER MCU CONTROL REGISTER MCU STATUS REGISTER TIMER/ COUNTER0
TIMING AND CONTROL
PROGRAM COUNTER GND PROGRAM FLASH
INSTRUCTION REGISTER
GENERAL PURPOSE REGISTERS
INTERRUPT UNIT PROGRAMMING LOGIC
INSTRUCTION DECODER
X Y Z
CONTROL LINES
ALU
DATA EEPROM
STATUS REGISTER
ADC / ANALOG COMPARATOR
DATA REGISTER PORT B
DATA DIR. REG.PORT B
PORT B DRIVERS
RESET CLKI
PB0-PB5
3
2535GS-AVR-01/07
The AVR core combines a rich instruction set with 32 general purpose working registers. All the 32 registers are directly connected to the Arithmetic Logic Unit (ALU), allowing two independent registers to be accessed in one single instruction executed in one clock cycle. The resulting architecture is more code efficient while achieving throughputs up to ten times faster than conventional CISC microcontrollers. The ATtiny13 provides the following features: 1K byte of In-System Programmable Flash, 64 bytes EEPROM, 64 bytes SRAM, 6 general purpose I/O lines, 32 general purpose working registers, one 8-bit Timer/Counter with compare modes, Internal and External Interrupts, a 4-channel, 10-bit ADC, a programmable Watchdog Timer with internal Oscillator, and three software selectable power saving modes. The Idle mode stops the CPU while allowing the SRAM, Timer/Counter, ADC, Analog Comparator, and Interrupt system to continue functioning. The Power-down mode saves the register contents, disabling all chip functions until the next Interrupt or Hardware Reset. The ADC Noise Reduction mode stops the CPU and all I/O modules except ADC, to minimize switching noise during ADC conversions. The device is manufactured using Atmel's high density non-volatile memory technology. The On-chip ISP Flash allows the Program memory to be re-programmed In-System through an SPI serial interface, by a conventional non-volatile memory programmer or by an On-chip boot code running on the AVR core. The ATtiny13 AVR is supported with a full suite of program and system development tools including: C Compilers, Macro Assemblers, Program Debugger/Simulators, In-Circuit Emulators, and Evaluation kits.
Pin Descriptions
VCC GND Port B (PB5..PB0) Digital supply voltage. Ground. Port B is a 6-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The Port B output buffers have symmetrical drive characteristics with both high sink and source capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up resistors are activated. The Port B pins are tri-stated when a reset condition becomes active, even if the clock is not running. Port B also serves the functions of various special features of the ATtiny13 as listed on page 50. RESET Reset input. A low level on this pin for longer than the minimum pulse length will generate a reset, even if the clock is not running. The minimum pulse length is given in Table 12 on page 31. Shorter pulses are not guaranteed to generate a reset.
4
ATtiny13
2535GS-AVR-01/07
ATtiny13
Register Summary
Address
0x3F 0x3E 0x3D 0x3C 0x3B 0x3A 0x39 0x38 0x37 0x36 0x35 0x34 0x33 0x32 0x31 0x30 0x2F 0x2E 0x2D 0x2C 0x2B 0x2A 0x29 0x28 0x27 0x26 0x25 0x24 0x23 0x22 0x21 0x20 0x1F 0x1E 0x1D 0x1C 0x1B 0x1A 0x19 0x18 0x17 0x16 0x15 0x14 0x13 0x12 0x11 0x10 0x0F 0x0E 0x0D 0x0C 0x0B 0x0A 0x09 0x08 0x07 0x06 0x05 0x04 0x03 0x02 0x01 0x00
Name
SREG Reserved SPL Reserved GIMSK GIFR TIMSK0 TIFR0 SPMCSR OCR0A MCUCR MCUSR TCCR0B TCNT0 OSCCAL Reserved TCCR0A DWDR Reserved Reserved Reserved Reserved OCR0B GTCCR Reserved CLKPR Reserved Reserved Reserved Reserved WDTCR Reserved Reserved EEARL EEDR EECR Reserved Reserved Reserved PORTB DDRB PINB PCMSK DIDR0 Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved Reserved ACSR ADMUX ADCSRA ADCH ADCL ADCSRB Reserved Reserved Reserved
Bit 7
I -
Bit 6
T -
Bit 5
H -
Bit 4
S - SP[7:0] -
Bit 3
V -
Bit 2
N -
Bit 1
Z -
Bit 0
C -
Page
page 7 page 9
- - - - - - - FOC0A
INT0 INTF0 - - - PUD - FOC0B
PCIE PCIF - - - SE - -
- - - - CTPB SM1 - -
- - OCIE0B OCF0B RFLB SM0 WDRF WGM02
- - OCIE0A OCF0A PGWRT - BORF CS02
- - TOIE0 TOV0 PGERS ISC01 EXTRF CS01
- - - -
SELFPRGEN
page 55 page 55 page 72 page 73 page 99 page 72 page 50 page 34 page 68 page 72 page 23
Timer/Counter - Output Compare Register A ISC00 PORF CS00
Timer/Counter (8-bit) Oscillator Calibration Register - COM0A1 COM0A0 COM0B1 COM0B0 DWDR[7:0] - - - - Timer/Counter - Output Compare Register B TSM CLKPCE - - - - - - - - - - - WDTIF WDTIE WDP3 WDCE - - - - - - EEPM1 EEPM0 - - - - - - - - - - - - - PORTB5 DDB5 PINB5 PCINT5 ADC0D PORTB4 DDB4 PINB4 PCINT4 ADC2D - - - - - - - - - - - ACD - ADEN ACBG REFS0 ADSC ACO ADLAR ADATE ACI - ADIF ACIE - ADIE - - ADPS2 ACIS1 MUX1 ADPS1 ACIS0 MUX0 ADPS0 PORTB3 DDB3 PINB3 PCINT3 ADC3D PORTB2 DDB2 PINB2 PCINT2 ADC1D PORTB1 DDB1 PINB1 PCINT1 AIN1D PORTB0 DDB0 PINB0 PCINT0 AIN0D EEPROM Address Register EEPROM Data Register EERIE EEMPE EEPE EERE WDE WDP2 WDP1 WDP0 CLKPS3 CLKPS2 CLKPS1 CLKPS0 - - - PSR10 - - WGM01 WGM00
page 71 page 96
page 72 page 75 page 25
page 39
page 15 page 15 page 16
page 52 page 52 page 52 page 56 page 78, page 93
page 76 page 90 page 91 page 92 page 92
ADC Data Register High Byte ADC Data Register Low Byte - ACME - - - - - - ADTS2 ADTS1 ADTS0
page 93
5
2535GS-AVR-01/07
Note:
1. For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O memory addresses should never be written. 2. I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC instructions. 3. Some of the Status Flags are cleared by writing a logical one to them. Note that, unlike most other AVRs, the CBI and SBI instructions will only operation the specified bit, and can therefore be used on registers containing such Status Flags. The CBI and SBI instructions work with registers 0x00 to 0x1F only.
6
ATtiny13
2535GS-AVR-01/07
ATtiny13
Instruction Set Summary
Mnemonics
ADD ADC ADIW SUB SUBI SBC SBCI SBIW AND ANDI OR ORI EOR COM NEG SBR CBR INC DEC TST CLR SER RJMP IJMP RCALL ICALL RET RETI CPSE CP CPC CPI SBRC SBRS SBIC SBIS BRBS BRBC BREQ BRNE BRCS BRCC BRSH BRLO BRMI BRPL BRGE BRLT BRHS BRHC BRTS BRTC BRVS BRVC BRIE BRID SBI CBI LSL LSR ROL Rd,Rr Rd,Rr Rd,Rr Rd,K Rr, b Rr, b P, b P, b s, k s, k k k k k k k k k k k k k k k k k k k P,b P,b Rd Rd Rd k
Operands
Rd, Rr Rd, Rr Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rdl,K Rd, Rr Rd, K Rd, Rr Rd, K Rd, Rr Rd Rd Rd,K Rd,K Rd Rd Rd Rd Rd k Add two Registers
Description
Rd Rd + Rr
Operation
Flags
Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,H Z,C,N,V,S Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,C,N,V Z,C,N,V,H Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V Z,N,V None None None None None None I None Z, N,V,C,H Z, N,V,C,H Z, N,V,C,H None None None None None None None None None None None None None None None None None None None None None None None None None None Z,C,N,V Z,C,N,V Z,C,N,V
#Clocks
1 1 2 1 1 1 1 2 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 3 3 4 4 1/2/3 1 1 1 1/2/3 1/2/3 1/2/3 1/2/3 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 1/2 2 2 1 1 1
ARITHMETIC AND LOGIC INSTRUCTIONS Add with Carry two Registers Add Immediate to Word Subtract two Registers Subtract Constant from Register Subtract with Carry two Registers Subtract with Carry Constant from Reg. Subtract Immediate from Word Logical AND Registers Logical AND Register and Constant Logical OR Registers Logical OR Register and Constant Exclusive OR Registers One's Complement Two's Complement Set Bit(s) in Register Clear Bit(s) in Register Increment Decrement Test for Zero or Minus Clear Register Set Register Relative Jump Indirect Jump to (Z) Relative Subroutine Call Indirect Call to (Z) Subroutine Return Interrupt Return Compare, Skip if Equal Compare Compare with Carry Compare Register with Immediate Skip if Bit in Register Cleared Skip if Bit in Register is Set Skip if Bit in I/O Register Cleared Skip if Bit in I/O Register is Set Branch if Status Flag Set Branch if Status Flag Cleared Branch if Equal Branch if Not Equal Branch if Carry Set Branch if Carry Cleared Branch if Same or Higher Branch if Lower Branch if Minus Branch if Plus Branch if Greater or Equal, Signed Branch if Less Than Zero, Signed Branch if Half Carry Flag Set Branch if Half Carry Flag Cleared Branch if T Flag Set Branch if T Flag Cleared Branch if Overflow Flag is Set Branch if Overflow Flag is Cleared Branch if Interrupt Enabled Branch if Interrupt Disabled Set Bit in I/O Register Clear Bit in I/O Register Logical Shift Left Logical Shift Right Rotate Left Through Carry Rd Rd + Rr + C Rdh:Rdl Rdh:Rdl + K Rd Rd - Rr Rd Rd - K Rd Rd - Rr - C Rd Rd - K - C Rdh:Rdl Rdh:Rdl - K Rd Rd * Rr Rd Rd * K Rd Rd v Rr Rd Rd v K Rd Rd Rr Rd 0xFF - Rd Rd 0x00 - Rd Rd Rd v K Rd Rd * (0xFF - K) Rd Rd + 1 Rd Rd - 1 Rd Rd * Rd Rd Rd Rd Rd 0xFF PC PC + k + 1 PC Z PC PC + k + 1 PC Z PC STACK PC STACK if (Rd = Rr) PC PC + 2 or 3 Rd - Rr Rd - Rr - C Rd - K if (Rr(b)=0) PC PC + 2 or 3 if (Rr(b)=1) PC PC + 2 or 3 if (P(b)=0) PC PC + 2 or 3 if (P(b)=1) PC PC + 2 or 3 if (SREG(s) = 1) then PCPC+k + 1 if (SREG(s) = 0) then PCPC+k + 1 if (Z = 1) then PC PC + k + 1 if (Z = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 0) then PC PC + k + 1 if (C = 1) then PC PC + k + 1 if (N = 1) then PC PC + k + 1 if (N = 0) then PC PC + k + 1 if (N V= 0) then PC PC + k + 1 if (N V= 1) then PC PC + k + 1 if (H = 1) then PC PC + k + 1 if (H = 0) then PC PC + k + 1 if (T = 1) then PC PC + k + 1 if (T = 0) then PC PC + k + 1 if (V = 1) then PC PC + k + 1 if (V = 0) then PC PC + k + 1 if ( I = 1) then PC PC + k + 1 if ( I = 0) then PC PC + k + 1 I/O(P,b) 1 I/O(P,b) 0 Rd(n+1) Rd(n), Rd(0) 0 Rd(n) Rd(n+1), Rd(7) 0 Rd(0)C,Rd(n+1) Rd(n),CRd(7)
BRANCH INSTRUCTIONS
BIT AND BIT-TEST INSTRUCTIONS
7
2535GS-AVR-01/07
Mnemonics
ROR ASR SWAP BSET BCLR BST BLD SEC CLC SEN CLN SEZ CLZ SEI CLI SES CLS SEV CLV SET CLT SEH CLH
Operands
Rd Rd Rd s s Rr, b Rd, b Arithmetic Shift Right Swap Nibbles Flag Set Flag Clear
Description
Rotate Right Through Carry
Operation
Rd(7)C,Rd(n) Rd(n+1),CRd(0) Rd(n) Rd(n+1), n=0..6 Rd(3..0)Rd(7..4),Rd(7..4)Rd(3..0) SREG(s) 1 SREG(s) 0 T Rr(b) Rd(b) T C1 C0 N1 N0 Z1 Z0 I1 I0 S1 S0 V1 V0 T1 T0 H1 H0 Rd Rr Rd+1:Rd Rr+1:Rr Rd K Rd (X) Rd (X), X X + 1 X X - 1, Rd (X) Rd (Y) Rd (Y), Y Y + 1 Y Y - 1, Rd (Y) Rd (Y + q) Rd (Z) Rd (Z), Z Z+1 Z Z - 1, Rd (Z) Rd (Z + q) Rd (k) (X) Rr (X) Rr, X X + 1 X X - 1, (X) Rr (Y) Rr (Y) Rr, Y Y + 1 Y Y - 1, (Y) Rr (Y + q) Rr (Z) Rr (Z) Rr, Z Z + 1 Z Z - 1, (Z) Rr (Z + q) Rr (k) Rr R0 (Z) Rd (Z) Rd (Z), Z Z+1 (z) R1:R0 Rd P P Rr STACK Rr Rd STACK
Flags
Z,C,N,V Z,C,N,V None SREG(s) SREG(s) T None C C N N Z Z I I S S V V T T H H None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None None
#Clocks
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 3 3 3 1 1 2 2 1 1 1 N/A
Bit Store from Register to T Bit load from T to Register Set Carry Clear Carry Set Negative Flag Clear Negative Flag Set Zero Flag Clear Zero Flag Global Interrupt Enable Global Interrupt Disable Set Signed Test Flag Clear Signed Test Flag Set Twos Complement Overflow. Clear Twos Complement Overflow Set T in SREG Clear T in SREG Set Half Carry Flag in SREG Clear Half Carry Flag in SREG
DATA TRANSFER INSTRUCTIONS MOV MOVW LDI LD LD LD LD LD LD LDD LD LD LD LDD LDS ST ST ST ST ST ST STD ST ST ST STD STS LPM LPM LPM SPM IN OUT PUSH POP NOP SLEEP WDR BREAK Rd, P P, Rr Rr Rd Rd, Z Rd, Z+ Rd, Rr Rd, Rr Rd, K Rd, X Rd, X+ Rd, - X Rd, Y Rd, Y+ Rd, - Y Rd,Y+q Rd, Z Rd, Z+ Rd, -Z Rd, Z+q Rd, k X, Rr X+, Rr - X, Rr Y, Rr Y+, Rr - Y, Rr Y+q,Rr Z, Rr Z+, Rr -Z, Rr Z+q,Rr k, Rr Move Between Registers Copy Register Word Load Immediate Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Indirect Load Indirect and Post-Inc. Load Indirect and Pre-Dec. Load Indirect with Displacement Load Direct from SRAM Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Indirect Store Indirect and Post-Inc. Store Indirect and Pre-Dec. Store Indirect with Displacement Store Direct to SRAM Load Program Memory Load Program Memory Load Program Memory and Post-Inc Store Program Memory In Port Out Port Push Register on Stack Pop Register from Stack No Operation Sleep Watchdog Reset Break (see specific descr. for Sleep function) (see specific descr. for WDR/Timer) For On-chip Debug Only
MCU CONTROL INSTRUCTIONS None None None
8
ATtiny13
2535GS-AVR-01/07
ATtiny13
Ordering Information
Speed (MHz)(3) Power Supply Ordering Code ATTINY13V-10PI ATtiny13V-10PU(2) ATtiny13V-10SI ATtiny13V-10SU(2) ATtiny13V-10SSI ATtiny13V-10SSU(2)I ATtiny13V-10MU(2) ATtiny13-20PI ATtiny13-20PU(2) ATtiny13-20SI ATtiny13-20SU(2) ATtiny13-20SSI ATtiny13-20SSU(2) ATtiny13-20MU(2) Package(1) 8P3 8P3 8S2 8S2 S8S1 S8S1 20M1 8P3 8P3 8S2 8S2 S8S1 S8S1 20M1 Operation Range
10
1.8 - 5.5
Industrial (-40C to 85C)
20
2.7 - 5.5
Industrial (-40C to 85C)
Notes:
1. This device can also be supplied in wafer form. Please contact your local Atmel sales office for detailed ordering information and minimum quantities. 2. Pb-free packaging alternative, complies to the European Directive for Restriction of Hazardous Substances (RoHS directive). Also Halide free and fully Green 3. For Speed vs. VCC, see "Maximum Speed vs. VCC" on page 122.
Package Type 8P3 8S2 S8S1 20M1 8-lead, 0.300" Wide, Plastic Dual Inline Package (PDIP) 8-lead, 0.209" Wide, Plastic Small Outline Package (EIAJ SOIC) 8-lead, 0.150" Wide, Plastic Gull-Wing Small Outline (JEDEC SOIC) 20-pad, 4 x 4 x 0.8 mm Body, Lead Pitch 0.50 mm, Micro Lead Frame Package (MLF)
9
2535GS-AVR-01/07
Packaging Information
8P3
1
E E1
N
Top View
c eA
End View
D e D1 A2 A
SYMBOL
COMMON DIMENSIONS (Unit of Measure = inches) MIN NOM MAX NOTE
A A2 b b2 b3 c D 0.115 0.014 0.045 0.030 0.008 0.355 0.005 0.300 0.240 0.310 0.250 0.100 BSC 0.300 BSC 0.115 0.130 0.130 0.018 0.060 0.039 0.010 0.365
0.210 0.195 0.022 0.070 0.045 0.014 0.400
2
5 6 6
3 3
b2 b3
4 PLCS
L
D1 E E1 e eA L
b
0.325 0.280
4 3
Side View
4 0.150 2
Notes:
1. This drawing is for general information only; refer to JEDEC Drawing MS-001, Variation BA for additional information. 2. Dimensions A and L are measured with the package seated in JEDEC seating plane Gauge GS-3. 3. D, D1 and E1 dimensions do not include mold Flash or protrusions. Mold Flash or protrusions shall not exceed 0.010 inch. 4. E and eA measured with the leads constrained to be perpendicular to datum. 5. Pointed or rounded lead tips are preferred to ease insertion. 6. b2 and b3 maximum dimensions do not include Dambar protrusions. Dambar protrusions shall not exceed 0.010 (0.25 mm).
01/09/02 2325 Orchard Parkway San Jose, CA 95131 TITLE 8P3, 8-lead, 0.300" Wide Body, Plastic Dual In-line Package (PDIP) DRAWING NO. 8P3 REV. B
R
10
ATtiny13
2535GS-AVR-01/07
ATtiny13
8S2
C
1
E
E1
L
N
TOP VIEW
END VIEW
e A
SYMBOL
b
COMMON DIMENSIONS (Unit of Measure = mm) MIN NOM MAX NOTE
A1
A A1 b C
1.70 0.05 0.35 0.15 5.13 5.18 7.70 0.51 0 1.27 BSC
2.16 0.25 0.48 0.35 5.35 5.40 8.26 0.85 8 4 2, 3 5 5
D
D E1 E
SIDE VIEW
Notes: 1. 2. 3. 4. 5.
L e
This drawing is for general information only; refer to EIAJ Drawing EDR-7320 for additional information. Mismatch of the upper and lower dies and resin burrs are not included. It is recommended that upper and lower cavities be equal. If they are different, the larger dimension shall be regarded. Determines the true geometric position. Values b,C apply to plated terminal. The standard thickness of the plating layer shall measure between 0.007 to .021 mm.
4/7/06 TITLE 8S2, 8-lead, 0.209" Body, Plastic Small Outline Package (EIAJ) DRAWING NO. 8S2 REV. D
R
2325 Orchard Parkway San Jose, CA 95131
11
2535GS-AVR-01/07
S8S1
1
E1
E
N
Top View
e
b A A1
SYMBOL COMMON DIMENSIONS (Unit of Measure = mm) MIN NOM MAX NOTE
D
E E1
5.79 3.81 1.35 0.1 4.80 0.17 0.31 0.4 1.27 BSC 0o
6.20 3.99 1.75 0.25 4.98 0.25 0.51 1.27 8o
Side View
C
A A1 D C
L
b L
End View
e
Notes: 1. This drawing is for general information only; refer to JEDEC Drawing MS-012 for proper dimensions, tolerances, datums,etc.
7/28/03 TITLE S8S1, 8-lead, 0.150" Wide Body, Plastic Gull Wing Small Outline (JEDEC SOIC) DRAWING NO. REV. A
R
2325 Orchard Parkway San Jose, CA 95131
S8S1
12
ATtiny13
2535GS-AVR-01/07
ATtiny13
20M1
D
1 Pin 1 ID 2 3
E
SIDE VIEW
TOP VIEW A2 D2 A1 A
1 Pin #1 Notch (0.20 R) 2 3
0.08
C
E2
SYMBOL A A1
COMMON DIMENSIONS (Unit of Measure = mm) MIN 0.70 - NOM 0.75 0.01 0.20 REF 0.18 0.23 4.00 BSC 2.45 2.60 4.00 BSC 2.45 2.60 0.50 BSC 0.35 0.40 0.55 2.75 2.75 0.30 MAX 0.80 0.05 NOTE
b
L e BOTTOM VIEW
A2 b D D2 E E2 e
Note:
Reference JEDEC Standard MO-220, Fig. 1 (SAW Singulation) WGGD-5.
L
10/27/04 2325 Orchard Parkway San Jose, CA 95131 TITLE 20M1, 20-pad, 4 x 4 x 0.8 mm Body, Lead Pitch 0.50 mm, 2.6 mm Exposed Pad, Micro Lead Frame Package (MLF) DRAWING NO. 20M1 REV. A
R
13
2535GS-AVR-01/07
Errata
ATtiny13 Rev. D
The revision letter in this section refers to the revision of the ATtiny13 device. * EEPROM can not be written below 1.9 Volt 1. EEPROM can not be written below 1.9 Volt Writing the EEPROM at VCC below 1.9 volts might fail. Problem Fix/Workaround Do not write the EEPROM when VCC is below 1.9 volts.
ATtiny13 Rev. B
* * * * * *
Wrong values read after Erase Only operation High Voltage Serial Programming Flash, EEPROM, Fuse and Lock Bits may fail Device may lock for further programming debugWIRE communication not blocked by lock-bits Watchdog Timer Interrupt disabled EEPROM can not be written below 1.9 Volt
1. Wrong values read after Erase Only operation At supply voltages below 2.7 V, an EEPROM location that is erased by the Erase Only operation may read as programmed (0x00). Problem Fix/Workaround If it is necessary to read an EEPROM location after Erase Only, use an Atomic Write operation with 0xFF as data in order to erase a location. In any case, the Write Only operation can be used as intended. Thus no special considerations are needed as long as the erased location is not read before it is programmed. 2. High Voltage Serial Programming Flash, EEPROM, Fuse and Lock Bits may fail Writing to any of these locations and bits may in some occasions fail. Problem Fix/Workaround After a writing has been initiated, always observe the RDY/BSY signal. If the writing should fail, rewrite until the RDY/BSY verifies a correct writing. This will be fixed in revision D. 3. Device may lock for further programming Special combinations of fuse bits will lock the device for further programming effectively turning it into an OTP device. The following combinations of settings/fuse bits will cause this effect: - 128 kHz internal oscillator (CKSEL[1..0] = 11), shortest start-up time (SUT[1..0] = 00), Debugwire enabled (DWEN = 0) or Reset disabled RSTDISBL = 0. 9.6 MHz internal oscillator (CKSEL[1..0] = 10), shortest start-up time (SUT[1..0] = 00), Debugwire enabled (DWEN = 0) or Reset disabled RSTDISBL = 0. 4.8 MHz internal oscillator (CKSEL[1..0] = 01), shortest start-up time (SUT[1..0] = 00), Debugwire enabled (DWEN = 0) or Reset disabled RSTDISBL = 0.
-
-
Problem fix/ Workaround Avoid the above fuse combinations. Selecting longer start-up time will eliminate the problem.
14
ATtiny13
2535GS-AVR-01/07
ATtiny13
4. debugWIRE communication not blocked by lock-bits When debugWIRE on-chip debug is enabled (DWEN = 0), the contents of program memory and EEPROM data memory can be read even if the lock-bits are set to block further reading of the device. Problem fix/ Workaround Do not ship products with on-chip debug of the tiny13 enabled. 5. Watchdog Timer Interrupt disabled If the watchdog timer interrupt flag is not cleared before a new timeout occurs, the watchdog will be disabled, and the interrupt flag will automatically be cleared. This is only applicable in interrupt only mode. If the Watchdog is configured to reset the device in the watchdog time-out following an interrupt, the device works correctly. Problem fix / Workaround Make sure there is enough time to always service the first timeout event before a new watchdog timeout occurs. This is done by selecting a long enough time-out period. 6. EEPROM can not be written below 1.9 Volt Writing the EEPROM at VCC below 1.9 volts might fail. Problem Fix/Workaround Do not write the EEPROM when VCC is below 1.9 volts.
ATtiny13 Rev. A
Revision A has not been sampled.
15
2535GS-AVR-01/07
Datasheet Revision History
Changes from Rev. 2535F-04/06 to Rev. 2535G-01/07
Please note that the referring page numbers in this section are referring to this document. The referring revision in this section are referring to the document revision.
1. 2. 3. 4. 5. 6. 7. 8. 9.
Removed Preliminary. Updated Table 12 on page 31, Table 16 on page 39,Table 51 on page 111. Removed Note from Table 15 on page 35. Updated "Bit 6 - ACBG: Analog Comparator Bandgap Select" on page 78. Updated "Prescaling and Conversion Timing" on page 83. Updated Figure 56 on page 111. Updated "DC Characteristics" on page 120. Updated "Ordering Information" on page 163. Updated "Packaging Information" on page 164.
Changes from Rev. 2535E-10/04 to Rev. 2535F-04/06 Changes from Rev. 2535C-02/04 to Rev. 2535D-04/04
1.
Revision not published.
1.
2. 3. 4.
Maximum Speed Grades changed - 12MHz to 10MHz - 24MHz to 20MHz Updated "Serial Programming Instruction Set" on page 109. Updated "Maximum Speed vs. VCC" on page 122 Updated "Ordering Information" on page 9
Changes from Rev. 2535B-01/04 to Rev. 2535C-02/04
1. 2. 3. 4. 5. 6. 7. 8. 9. 10. 11.
C-code examples updated to use legal IAR syntax. Replaced occurrences of WDIF with WDTIF and WDIE with WDTIE. Updated "Stack Pointer" on page 9. Updated "Calibrated Internal RC Oscillator" on page 23. Updated "Oscillator Calibration Register - OSCCAL" on page 23. Updated typo in introduction on "Watchdog Timer" on page 36. Updated "ADC Conversion Time" on page 84. Updated "Serial Downloading" on page 106. Updated "Electrical Characteristics" on page 119. Updated "Ordering Information" on page 9. Removed rev. C from "Errata" on page 14.
Changes from Rev. 2535A-06/03 to Rev. 2535B-01/04
1. 2. 3. 4. 5.
Updated Figure 2 on page 3. Updated Table 12 on page 31, Table 17 on page 40, Table 37 on page 91 and Table 57 on page 121. Updated "Calibrated Internal RC Oscillator" on page 23. Updated the whole "Watchdog Timer" on page 36. Updated Figure 54 on page 106 and Figure 57 on page 111.
16
ATtiny13
2535GS-AVR-01/07
ATtiny13
6. Updated registers "MCU Control Register - MCUCR" on page 50, "Timer/Counter Control Register B - TCCR0B" on page 71 and "Digital Input Disable Register 0 - DIDR0" on page 78. Updated Absolute Maximum Ratings and DC Characteristics in "Electrical Characteristics" on page 119. Added "Maximum Speed vs. VCC" on page 122 Updated "ADC Characteristics" on page 123. Updated "Typical Characteristics" on page 124. Updated "Ordering Information" on page 9. Updated "Packaging Information" on page 10. Updated "Errata" on page 14. Changed instances of EEAR to EEARL.
7. 8. 9. 10. 11. 12. 13. 14.
17
2535GS-AVR-01/07
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2007 Atmel Corporation. All rights reserved. Atmel(R), logo and combinations thereof, AVR (R), AVR Studio (R), and Everywhere You Are (R) are registered trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
2535GS-AVR-01/07


▲Up To Search▲   

 
Price & Availability of ATTINY13V-10PI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X