Part Number Hot Search : 
0912155X MN6400 MSP34X1G DB25PQR5 HCF4040 955L3 MM1025 R2412D
Product Description
Full Text Search
 

To Download AT83C23OK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Smart Card Interface
- Smart Card Interface Compliant with ISO 7816 and EMV 2000 - Support of T=0, T=1, TWI (S=8), 2-wire: SLE 4432/42 (S=10), 3-wire: SLE4418/28 (S=9), others on request - High Performance Smart Card Interface - Supports 5V, 3V and 1,8V Smart Cards - Supply Current 60 mA to Power the Smart Card - Smart Card Movement Detection with Auto Power-off - Automatic Detection of Smart Card Type - Short Circuit and Thermal Protection - 8-pin Handling (C4/C8 Supported) Host Interface - USB (Compliant with USB 1.1 and 2.0, CCID Supported) - Transmission Speed: USB: 12 MBit/sec - Customer Specific USB-descriptors Compliance - WHQL (Microsoft) Certified - EMV 2000 (Europay, Mastercard, Visa) Certified - USB 1.1 and 2.0 - USB CCID - ISO 7816 - HBCI Other Features - Fast and Easy Certification Process - Supports LED Status Indicator (Green: ready; Red: busy) - Secure Pin Entry (SPE) PC/SC Driver support - Windows 98/ME(R) - Windows 2000(R) - Windows XP(R) - Windows CE 3.0(R)/CE.NET (Depending on Hardware) - Windows NT(R) 4.0 (On Request) - Linux(R) - MacOS X(R) Deliverables - 32-pin VQFP (or 28-pin PLCC) Chip (Including Firmware and Drivers) on a Per-unit License Fee Development - Design-In Kit Containing: * 3 CardMan(R) Smart@Link Chips * Ready-to-use sample PCB * CD with Drivers and Documentation
*
CardMan(R) Smart@Link AT83C23OK Summary Preliminary
*
*
*
* *
4307AS-SCR-05/04
This is a summary Document. A complete document is available on the Omnikey Web site. www.omnikey.com
AT83C23OK
Description
Smart Cards are increasingly being used for Payments, Home-Banking, Access Control, Internet Security, PKItokens, Health Care, Loyalty, etc. The CardMan Smart@Link chip set is a ready to use precertified smart card reader interface to be implemented into USB hosts. It facilitates the hardware integrators in reducing time-to-market and offers a unique opportunity to quickly and easily include smart card reader functionality in systems like PCs, Notebooks, Keyboards, Smart Card based Dongles, Monitors, Mice, PDAs, Thin Clients, Biometric devices etc. The already existing certifications and compliances guarantee a fast and easy certification process. With its high performance Smart Card Interface CardMan Smart@Link supports smartcard technology of the future. The integration in any USB system can be easily done without any firmware or software (driver) development, simply by embedding the CardMan Smart@Link design and chipset into the target system. The USB CCID support makes this process the easiest ever by connecting host and Smart Card Reader systems without the need of additional drivers. CardMan Smart@Link is based on Atmel's AT83C5123 microcontroller. The above features make the CardMan Smart@Link the perfect answer to the increasing demands of many applications.
2
4306BS-SCR-05/04
Ordering information
Part Number AT83C23OKxxx-SISIM AT83C23OKxxx-SIRIM AT83C23OKxxx-RATIM AT83C23OKxxx-RARIM Temperature Range Industrial Industrial Industrial Industrial Package PLCC28 PLCC28 VQFP32 VQFP32 Packing Stick Tape & Reel Tray Tape & Reel
xxx: Firmware version
3
AT83C23OK
4306BS-SCR-05/04
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: Atmel Corporation makes no warranty for the use of its products, other than those expressly contained in the Company's standard warranty which is detailed in Atmel's Terms and Conditions located on the Company's web site. The Company assumes no responsibility for any errors which may appear in this document, reserves the right to change devices or specifications detailed herein at any time without notice, and does not make any commitment to update the information contained herein. No licenses to patents or other intellectual property of Atmel are granted by the Company in connection with the sale of Atmel products, expressly or by implication. Atmel's products are not authorized for use as critical components in life support devices or systems. (c) Atmel Corporation 2004. All rights reserved. Atmel (R) and combinations thereof are the trademarks of Atmel Corporation or its subsidiaries. Microsoft Windows 98/ME/NT/2000/XP/CE (R) are trademarks and/or registered trademarks of Microsoft Corporation. Linux(R) is a registered trademark of Linus Torvalds. CardMan (R) is a registered trademark of Omnikey AG. Mac OS X (R) is a registered trademark of Apple corporation. Other terms and product names may be the trademarks of others.
Printed on recycled paper.
4306BS-SCR-05/04


▲Up To Search▲   

 
Price & Availability of AT83C23OK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X