Part Number Hot Search : 
80960JD 1N6480 00010 ELM701 30FH11 NM25C040 MF524500 ADC08
Product Description
Full Text Search
 

To Download A6818EEPTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 6818
A6818xEP
DABiC-IV, 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
The A6818- devices combine a 32-bit CMOS shift register, accompanying data latches and control circuitry with bipolar sourcing outputs and pnp active pull downs. Designed primarily to drive vacuum-fluorescent displays, the 60 V and 40 mA output ratings also allow these devices to be used in many other peripheral power driver applications. The A6818- features an increased data input rate (compared with the older UCN/UCQ5818-F) and a controlled output slew rate. The CMOS shift register and latches allow direct interfacing with microprocessor-based systems. With a 3.3 V or 5 V logic supply, typical serial-data input rates are up to 33 MHz. A CMOS serial data output permits cascade connections in applications requiring additional drive lines. Similar devices are available as the A6810- (10 bits) and A6812- (20 bits). The A6818- output source drivers are npn Darlingtons, capable of sourcing up to 40 mA. The controlled output slew rate reduces electromagnetic noise, which is an important consideration in systems that include telecommunications and/or microprocessors and to meet government emissions regulations. For inter-digit blanking, all output drivers can be disabled and all sink drivers turned on with a BLANKING input high. The pnp active pull-downs will sink at least 2.5 mA. Three temperature ranges are available for optimum performance in commercial (suffix S-), industrial (E-), and extended industrial (K-) applications. The package style provided is the minimum-area surface-mount PLCC (suffix -EP). Copper lead frames, low logic-power dissipation, and low output-saturation voltages allow these devices to drive most multiplexed vacuum-fluorescent displays over the maximum operating temperature range. The lead (Pb) free versions have 100% matte tin leadframe plating.
Data Sheet 26182.128D
44
43
42
41
7 8 9 10 11 12 13 14 15 16 17
21 22 23 24 25 26 27 18 19 20 28
40
6
5
4
3
2
1
39 38 37 36 35 34 33 32 31 30 29
ABSOLUTE MAXIMUM RATINGS
at TA = 25C
Logic Supply Voltage, VDD .................. 7.0 V Driver Supply Voltage, VBB ................... 60 V Continuous Output Current Range, IOUT ......................... -40 mA to +15 mA Input Voltage Range, VIN ....................... -0.3 V to VDD + 0.3 V Package Power Dissipation, PD ........................................ See Graph Operating Temperature Range, TA (Suffix `E-') .................. -40C to +85C (Suffix `K-') ................ -40C to +125C (Suffix `S-') .................. -20C to +85C Storage Temperature Range, TS ............................... -55C to +125C Caution: These CMOS devices have input static protection (Class 2) but are still susceptible to damage if exposed to extremely high static electrical charges.
FEATURES
Controlled Output Slew Rate High-Speed Data Storage 60 V Minimum High Data Input Rate Output Breakdown Low Output-Saturation Voltages PNP Active Pull-Downs Improved Replacements Low-Power CMOS Logic for SN75518N, SN75518NF, and Latches UCN5818-, and UCQ5818- Always order by complete part number:
Part Number A6818EEP A6818EEP-T A6818EEPTR A6818EEPTR-T A6818KEP A6818KEP-T A6818KEPTR A6818KEPTR-T A6818SEP A6818SEP-T A6818SEPTR A6818SEPTR-T Pb-free - Yes - Yes - Yes - Yes - Yes - Yes Packing 27 pieces/tube -40 to 85 450 pieces/13-in. reel 27 pieces/tube -40 to 125 450 pieces/13-in. reel 27 pieces/tube -20 to 85 450 pieces/13-in. reel Ambient Temperature, TA (C)
6818 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
TYPICAL INPUT CIRCUIT
OUT30 OUT31
A6818xEP
SERIAL DATA OUT LOAD SUPPLY LOGIC SUPPLY SERIAL DATA IN
OUT 1
V DD 44
43
OUT 2 41
NC
VBB
42
40
6
3
5
4
2
1
OUT3
VDD
OUT32
OUT29
7 8 9 10
REGISTER REGISTER LATCHES
2
39 38 37 36
OUT 4
IN
LATCHES
11 12
Dwg. EP-010-5
35 34 33 19 32 31 30 OUT13 NC
13 14 15 16 OUT19 17
OUT 8
BLNK
29
CLK ST
20
27 OUT14
18
19
23
24
25
BLANKING 21
GROUND 22
OUT17
STROBE
OUT15 26
NC
OUT18
OUT 16
CLOCK
NC
28
Dwg. PP-059-2
TYPICAL OUTPUT DRIVER
V BB
3.0
ALLOWABLE PACKAGE POWER DISSIPATION IN WATTS
2.5
OUTN
2.0
Dwg. EP-021-19
1.5
SUFFIX 'EP', RJA = 54C/W
1.0
0.5
0 25 50 75 100 125 AMBIENT TEMPERATURE IN C 150
Dwg. GP-025B
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 Copyright (c) 1998, 2003 Allegro MicroSystems, Inc.
6818 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
FUNCTIONAL BLOCK DIAGRAM
CLOCK SERIAL DATA IN STROBE V DD LOGIC SUPPLY SERIAL DATA OUT
SERIAL-PARALLEL SHIFT REGISTER
LATCHES
BLANKING MOS BIPOLAR LOAD SUPPLY
VBB
GROUND
OUT 1 OUT 2 OUT 3
OUT N
Dwg. FP-013-1
TRUTH TABLE
Serial Shift Register Contents Data Clock Input Input I1 I2 I3 ... IN-1 IN H L X H L R1 R2 ... R1 R2 ... RN-2 RN-1 RN-2 RN-1 RN-1 RN X X Serial Data Strobe Output Input RN-1 RN-1 RN X PN L H R1 R2 R3 ... P1 P2 P3 ... X
L = Low Logic Level H = High Logic Level X = Irrelevant
Latch Contents I1 I2 I3 ... IN-1 IN Blanklng
Output Contents I1 I2 I3 ... IN-1 IN
R1 R2 R3 ... X X X ...
RN-1 RN PN-1 PN X X L H P1 P2 P3 ... PN-1 PN L L L ... L L
P1 P2 P3 ...
PN-1 PN
X
X
...
P = Present State
R = Previous State
www.allegromicro.com
6818 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
ELECTRICAL CHARACTERISTICS at TA = +25C (A6818S-) or over operating temperature range (A6818E- and A6818K-), VBB = 60 V unless otherwise noted.
Limits @ VDD = 3.3 V Characteristic Output Leakage Current Output Voltage Symbol ICEX VOUT(1) VOUT(0) Output Pull-Down Current Input Voltage IOUT(0) VIN(1) VIN(0) Input Current IIN(1) IIN(0) Input Clamp Voltage Serial Data Output Voltage VIK VOUT(1) VOUT(0) Maximum Clock Frequency Logic Supply Current fc IDD(1) IDD(0) Load Supply Current IBB(1) IBB(0) Blanking-to-Output Delay tdis(BQ) ten(BQ) Strobe-to-Output Delay tp(STH-QL) tp(STH-QH) Output Fall Time Output Rise Time Output Slew Rate tf tr dV/dt All Outputs High All Outputs Low All Outputs High, No Load All Outputs Low CL = 30 pF, 50% to 50% CL = 30 pF, 50% to 50% RL = 2.3 k, CL 30 pF RL = 2.3 k, CL 30 pF RL = 2.3 k, CL 30 pF RL = 2.3 k, CL 30 pF RL = 2.3 k, CL 30 pF IOUT = 200 A VIN = VDD VIN = 0.8 V IIN = -200 A IOUT = -200 A IOUT = 200 A Test Conditions VOUT = 0 V IOUT = -25 mA IOUT = 1 mA VOUT = 5 V to VBB Mln. -- 57.5 -- 2.5 2.2 -- -- -- -- 2.8 -- 10 -- -- -- -- -- -- -- -- 2.4 2.4 4.0 -- Typ. <-0.1 58.3 1.0 5.0 -- -- <0.01 <-0.01 -0.8 3.05 0.15 33 0.25 0.25 4.5 0.2 0.7 1.8 0.7 1.8 -- -- -- 50 Max. -15 -- 1.5 -- -- 1.1 1.0 -1.0 -1.5 -- 0.3 -- 0.75 0.75 9.0 20 2.0 3.0 2.0 3.0 12 12 20 -- Limits @ VDD = 5 V Min. -- 57.5 -- 2.5 3.3 -- -- -- -- 4.5 -- 10 -- -- -- -- -- -- -- -- 2.4 2.4 4.0 -- Typ. <-0.1 58.3 1.0 5.0 -- -- <0.01 <-0.01 -0.8 4.75 0.15 33 0.3 0.3 4.5 0.2 0.7 1.8 0.7 1.8 -- -- -- 50 Max. -15 -- 1.5 -- -- 1.7 1.0 -1.0 -1.5 -- 0.3 -- 1.0 1.0 9.0 20 2.0 3.0 2.0 3.0 12 12 20 -- Units A V V mA V V A A V V V MHz mA mA mA A s s s s s s V/s ns
Clock-to-Serial Data Out Delay tp(CH-SQX)
Negative current is defined as coming out of (sourcing) the specified device terminal. Typical data is is for design information only and is at TA = +25C.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000
6818 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
TIMING REQUIREMENTS and SPECIFICATIONS
(Logic Levels are VDD and Ground)
C CLOCK A SERIAL DATA IN DATA
50%
B
50%
t p(CH-SQX) SERIAL DATA OUT D STROBE
50% 50%
DATA E
BLANKING
LOW = ALL OUTPUTS ENABLED t p(STH-QH) t p(STH-QL)
90%
OUT N
DATA
10%
Dwg. WP-029
HIGH = ALL OUTPUTS BLANKED (DISABLED) BLANKING
50%
t dis(BQ) tr t en(BQ) OUT N
10% 90%
tf
50%
DATA
A. Data Active Time Before Clock Pulse (Data Set-Up Time), tsu(D) ......................................... 25 ns B. Data Active Time After Clock Pulse (Data Hold Time), th(D) ............................................... 25 ns C. Clock Pulse Width, tw(CH) ............................................... 50 ns D. Time Between Clock Activation and Strobe, tsu(C) ....... 100 ns E. Strobe Pulse Width, tw(STH) ............................................. 50 ns NOTE - Timing is representative of a 10 MHz clock. Significantly higher speeds are attainable.
Dwg. WP-030A
Information present at any register is transferred to the respective latch when the STROBE is high (serial-to-parallel conversion). The latches will continue to accept new data as long as the STROBE is held high. Applications where the latches are bypassed (STROBE tied high) will require that the BLANKING input be high during serial data entry. When the BLANKING input is high, the output source drivers are disabled (OFF); the pnp active pull-down sink drivers are ON. The information stored in the latches is not affected by the BLANKING input. With the BLANKING input low, the outputs are controlled by the state of their respective latches.
Serial Data present at the input is transferred to the shift register on the logic "0" to logic "1" transition of the CLOCK input pulse. On succeeding CLOCK pulses, the registers shift data information towards the SERIAL DATA OUTPUT. The SERIAL DATA must appear at the input prior to the rising edge of the CLOCK input waveform.
www.allegromicro.com
6818 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
A6818EEP & A6818SEP
Dimensions in Inches (controlling dimensions)
28 18
29 0.319 0.291 0.021 0.013 0.695 0.685 0.656 0.650
INDEX AREA
17
0.032 0.026
0.319 0.291 0.050
BSC
39
7
40 0.020
MIN
44
1
2
6
0.656 0.650 0.695 0.685
Dwg. MA-005-44A in
0.180 0.165
Dimensions in Millimeters (for reference only)
28 18
29 8.10 7.39 0.533 0.331 17.65 17.40 16.662 16.510
INDEX AREA
17
0.812 0.661
8.10 7.39 1.27
BSC
39
7
40 0.51
MIN
44
1
2
6
4.57 4.20
16.662 16.510 17.65 17.40
Dwg. MA-005-44A mm
NOTES: 1. Exact body and lead configuration at vendor's option within limits shown. 2. Lead spacing tolerance is non-cumulative.
www.allegromicro.com
6818 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
The products described here are manufactured under one or more U.S. patents or U.S. patents pending. Allegro MicroSystems, Inc. reserves the right to make, from time to time, such departures from the detail specifications as may be required to permit improvements in the performance, reliability, or manufacturability of its products. Before placing an order, the user is cautioned to verify that the information being relied upon is current. Allegro products are not authorized for use as critical components in life-support devices or systems without express written approval. The information included herein is believed to be accurate and reliable. However, Allegro MicroSystems, Inc. assumes no responsibility for its use; nor for any infringement of patents or other rights of third parties which may result from its use.
115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000


▲Up To Search▲   

 
Price & Availability of A6818EEPTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X