Part Number Hot Search : 
PCT14 PS8601L2 TC0170A T1010 00R12K L74VHC1G 02003 ELM446
Product Description
Full Text Search
 

To Download 875FU-471M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Inductors for Surface Mounting
D52FU
Inductance Range: 0.47~6.8mH
DIMENSIONS
Recommended patterns
0.7
5.2 Max.
2.2 Max.
1.6
1.7
2.8
1.7
0.8 3.6
2.6
(Unit: mm)
Resist Zone 2.1 0.8 2.1 (Unit: mm)
FEATURES
* Low profile (5.2mm Max. square, 2.2mm Max. height). * Ideal for a variety EL lamp inverter inductor application. * RoHS compliant. * *
*
SELECTION GUIDE FOR STANDARD COILS
TYPE D52FU (Quantity/reel; 2,000 PCS)
TOKO Part Number #875FU-471M #875FU-561M #875FU-681M #875FU-821M #875FU-102M #875FU-122M #875FU-152M #875FU-182M #875FU-222M #875FU-272M #875FU-332M #875FU-392M #875FU-472M #875FU-562M #875FU-682M Inductance (1) (mH) 0.47 0.56 0.68 0.82 1.00 1.20 1.50 1.80 2.20 2.70 3.30 3.90 4.70 5.60 6.80 Tolerance (%) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 DC Resistance (2) () Max. 8.1 11.0 13.0 15.0 20.0 22.0 27.0 33.0 39.0 45.0 62.0 71.0 96.0 110.0 130.0 Rated DC Current(3) (mA) Max. 140 125 115 105 95 88 83 74 64 61 50 50 42 40 37
(1) Inductance is measured with a LCR meter 4284A (Agilent Technologies) or equivalent. Test freqency at 100kHz (2) DC resistance is measured with a Digital Multimeter TR6871 (Advantest) or equivalent. (3) Maximum allowable DC current is that which causes a 10% inductance reduction from the initial value, or coil temperature to rise by 40C, whichever is smaller. (Reference ambient temperature 20C)
5.2


▲Up To Search▲   

 
Price & Availability of 875FU-471M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X