Part Number Hot Search : 
103A1 AD5539Q PT50M DTQS3 P2P50E DTQS3 DTQS3 W208D
Product Description
Full Text Search
 

To Download 7N60-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 7N60
7.4 Amps, 600 Volts N-CHANNEL MOSFET
DESCRIPTION
The UTC 7N60 is a high voltage MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in switching power supplies and adaptors.
Power MOSFET
1 TO-220
1
FEATURES
* RDS(ON) = 1 @VGS = 10 V * Low gate and reverse transfer Capacitance ( C: 16 pF typical ) * Fast switching capability * Avalanche energy tested * Improved dv/dt capability, high ruggedness
TO-220F
*Pb-free plating product number:7N60L
SYMBOL
2.Drain
1.Gate
3.Source
ORDERING INFORMATION
Normal 7N60-TA3-T 7N60-TF3-T Order Number Lead Free Plating 7N60L-TA3-T 7N60L-TF3-T Package TO-220 TO-220F Pin Assignment 1 2 3 G D S G D S Packing Tube Tube
7N60L-TA3-T (1)Packing Type (2)Package Type (3)Lead Plating (1) T: Tube (2) TA3: TO-220, TF3: TO-220F (3) L: Lead Free Plating Blank: Pb/Sn ,
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 7
QW-R502-076,B
7N60
ABSOLUTE MAXIMUM RATINGS (TC = 25 , unless otherwise specified)
PARAMETER Drain-Source Voltage Gate-Source Voltage Avalanche Current (Note 1) SYMBOL VDSS VGSS IAR
Power MOSFET
RATINGS 600 30 7.4 TC = 25C 7.4 ID Continuous Drain Current TC = 100C 4.7 Pulsed Drain Current (Note 1) IDM 29.6 Avalanche Energy, Single Pulsed (Note 2) EAS 580 Avalanche Energy, Repetitive Limited by TJ(MAX) EAR 14.2 Peak Diode Recovery dv/dt (Note 3) dv/dt 4.5 Power Dissipation (TC = 25 ) 142 PD Derate above 25 1.14 Junction Temperature TJ +150 Operating and Storage Temperature TSTG -55 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
UNIT V V A A A A mJ mJ V/ns W W/
THERMAL DATA
PARAMETER Junction-to-Ambient Junction-to-Case Case-to-Sink SYMBOL JA JC CS MIN TYP MAX 62.5 0.88 UNIT C/W C/W C/W
0.5
ELECTRICAL CHARACTERISTICS (TC =25 , unless otherwise specified)
PARAMETER Off Characteristics Drain-Source Breakdown Voltage Drain-Source Leakage Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse Breakdown Voltage Temperature Coefficient On Characteristics Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge SYMBOL BVDSS IDSS IGSSF IGSSR BVDSS TJ TEST CONDITIONS VGS = 0V, ID = 250A VDS = 600V, VGS = 0V VDS = 480V, TC = 125C VGS = 30V, VDS = 0V VGS = -30V, VDS = 0V ID = 250A, Referenced to 25C MIN 600 10 100 100 -100 0.67 2.0 6.4 1400 180 21 70 170 140 130 38 4.0 1.0 TYP MAX UNIT V A A nA nA V/ V S pF pF pF ns ns ns ns nC nC nC
VGS(TH) VDS = VGS, ID = 250A RDS(ON) VGS = 10V, ID = 3.7A gFS VDS = 50V, ID = 3.7A (Note 4) CISS COSS CRSS td(ON) tR td(OFF) tF QG QGS QGD
VDS=25V, VGS=0V, f=1.0 MHz
VDD =300V, ID =7.4A, RG =25 (Note 4, 5) 29 7 14.5
VDS=480V, ID=7.4A, VGS=10 V (Note 4, 5)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 7
QW-R502-076,B
7N60
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER SYMBOL TEST CONDITIONS Drain-Source Diode Characteristics and Maximum Ratings Drain-Source Diode Forward Voltage VSD VGS = 0V, IS = 7.4 A Maximum Continuous Drain-Source Diode IS Forward Current Maximum Pulsed Drain-Source Diode Forward ISM Current Reverse Recovery Time tRR VGS = 0V, IS = 7.4 A, dIF / dt = 100A/s (Note 4) Reverse Recovery Charge QRR Notes: 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 19.5mH, IAS = 7.4A, VDD = 50V, RG = 25 , Starting TJ = 25C 3. ISD 7.4A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test: Pulse width 300s, Duty cycle 2% 5. Essentially independent of operating temperature
Power MOSFET
MIN
TYP MAX UNIT 1.4 7.4 29.6 320 2.4 V A A ns C
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 7
QW-R502-076,B
7N60
TEST CIRCUITS AND WAVEFORMS
Power MOSFET
D.U.T.
+ VDS -
+ L
RG Driver VGS Same Type as D.U.T. * dv/dt controlled by RG * I SD controlled by pulse period * D.U.T.-Device Under Test VDD
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
VGS (Driver)
P.W.
Period
D=
P. W. Period
VGS= 10V
I FM, Body Diode Forward Current ISD (D.U.T.) IRM Body Diode Reverse Current di/dt
Body Diode Recovery dv /dt VDS (D.U.T.) VDD
Body Diode
Forward Voltage Drop
Fig. 1B Peak Diode Recovery dv/dt Waveforms
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 7
QW-R502-076,B
7N60
TEST CIRCUITS AND WAVEFORMS (Cont.)
RL VDD
Power MOSFET
VDS VGS RG
VDS
90%
10V
Pulse Width 1 s Duty Factor 0.1%
D.U.T.
VGS
10%
t D(ON ) tR tD (OFF) tF
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50k 12V 0.2 F 0.3 F
Same Type as D.U.T. 10V VDS QGS
QG
QGD
VGS DUT 3mA VG
Charge
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
L VDS BVDSS
RD
VDD D.U.T.
10V tp
IAS
tp
Time
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 7
QW-R502-076,B
7N60
TYPICAL CHARACTERISTICS
On-Region Characteristics
V GS 15.0V 10 .0V 8 .0V 7 .0V 6 .5V 6 .0V Bottorm :5.5V Top:
Power MOSFET
Transfer Characteristics
Drain Current, ID (A)
101
10
0
Drain Current, ID (A)
101
100 150 25 10-1 2
-55 *Notes: 1. VDS=50V 2. 250 s Pulse Test 4 6 8 10
10-1 10-1
*Notes: 1. 250 s Pulse Test 2. TC=25 101 100 Drain-Source Voltage, VDS (V)
Gate-Source Voltage, VGS (V)
On-Resistance Variation vs. Drain Current and Gate Voltage
Drain-Source On-Resistance, RDS(ON) ( )
Body Diode Forward Voltage Variation vs . Source Current and Temperature
Reverse Drain Current, IDR (A)
2.5 2.0 1.5 1.0 0.5 *Note: TJ=25 0.0 0 5 10 15 20 25 VGS=10V VGS=20V 101
100 *Notes: 1. VGS=0V 2. 250 s Pulse Test 0.8 1.0 1.2
150 10
-1
25 0.6
0.2
0.4
Drain Current, ID (A)
Source-Drain Voltage, VSD (V)
Capacitance Characteristics 2000 1800 Ciss 1000 800 C rss 400 0 Coss *Notes: 1. VGS=0V 2. f = 1MHz C iss=C gs+C gd (C ds=shorted) C oss=C ds+Cgd C rss=Cgd 102
ID, Drain Current (A)
Maximum Safe Operating Area Operation in This Area is Limited by RDS(on) 100 s 1ms 10ms 100 *Notes: 1. Tc=25 2. TJ=150 3. Single Pulse 101 DC
Capacitance (pF)
101
10-1
100
101
10-1 100
102
103
Drain-SourceVoltage VDS (V) ,
Drain-Source Voltage, VDS (V)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
6 of 7
QW-R502-076,B
7N60
Power MOSFET
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
7 of 7
QW-R502-076,B


▲Up To Search▲   

 
Price & Availability of 7N60-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X