Part Number Hot Search : 
SMBJ190 ASI10743 11003 11003 MAX6951 DDTC114 54001 HYB18
Product Description
Full Text Search
 

To Download 6DFSD-881E-12T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Dielectric Filters
TYPE
#6DFSD
TYPE #6DFSD (5 Pole Type)
Frequency Range: 700~1900MHz Temperature Range: - 40C~+ 85C
Typical Characteristics
*12 Max.
#6DFSD-947E-10T
0 0 5 10 15 20 25
(Unit: mm)
3.0 Attenuation (dB) 6.5 0.7
10 20 30 40 50 60 70 80 90 100
1.5 24 Max. 17.5
2.5
20
Attenuation
30
Return loss
35 40 45 50
* :: Depends on Center Frequency. *
Center Frequency: 947.5MHz
Span: 200MHz
SELECTION GUIDE FOR STANDARD DEVICES
* The Part Number shown in the table below are standard devices, which are readily available. TOKO will design and manufacture modified and custom devices with specific characteristics to meet your requiements. If you do not find the devices for your application in this catalog, please contact our sales or representative office. * RoHS compliant
*
*
TYPE #6DFSD: 5 Pole Designs
TOKO Part Number
#6DFSD-881E-10 #6DFSD-881E-12T #6DFSD-902E-10 #6DFSD-947E-11 #6DFSD-947E-10T #6DFSD-1030C-10 #6DFSD-1090C-10
Center Frequency (MHz)
881.5 881.5 902.0 947.5 947.5 1030.0 1090.0
Bandwidth (fo MHz)
12.5 12.5 12.5 12.5 12.5
Insertion Loss (dB) Max.
3.5 3.5 3.5 3.5 3.5 3.0 3.5
Ripple in BW (dB) Max.
1.2 1.2 1.2 1.2 1.2 0.7 1.0
V.S.W.R. in BW Max.
2.0 1.7 1.7 1.7 1.9 2.0 2.0
Selectivity (dB) Min. (MHz)
24 52 25 25 53 (fo 32.5) (824~849) (fo 32.5) (fo 32.5) (890~915)
Application
Cellular-EAMPS Cellular-EAMPS Cellular-NMT/GSM Cellular-NMT/GSM Cellular-NMT/GSM TACS TACS
7.5 7.5
60 (fo + 60) 60 (fo - 60)
Return Loss (dB)
GND 6
IN
OUT


▲Up To Search▲   

 
Price & Availability of 6DFSD-881E-12T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X