Part Number Hot Search : 
ZMY62 TDA8775 ECG014B 00PS4 00PS4 YAAMUA EPS13D2 KL3N1
Product Description
Full Text Search
 

To Download 4N60-TF3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 4N60
4 Amps, 600 Volts N-CHANNEL POWER MOSFET
DESCRIPTION
The UTC 4N60 is a high voltage MOSFET and is designed to have better characteristics, such as fast switching time, low gate charge, low on-state resistance and have a high rugged avalanche characteristics. This power MOSFET is usually used at high speed switching applications in power supplies, PWM motor controls, high efficient DC to DC converters and bridge circuits.
1 TO-220
Power MOSFET
1
TO-220F
FEATURES
* RDS(ON) = 2.5 @VGS = 10 V * Ultra low gate charge ( typical 15 nC ) * Low reverse transfer Capacitance ( CRSS = typical 8.0 pF ) * Fast switching capability * Avalanche energy Specified * Improved dv/dt capability, high ruggedness *Pb-free plating product number: 4N60L
SYMBOL
2.Drain
1.Gate
3.Source
ORDERING INFORMATION
Normal 4N60-TA3-T 4N60-TF3-T Order Number Lead Free Plating 4N60L-TA3-T 4N60L-TF3-T Package TO-220 TO-220F Pin Assignment 1 2 3 G D S G D S Packing Tube Tube
4N60L-TA3-T (1)Packing Type (2)Package Type (3)Lead Plating (1) T: Tube, R: Tape Reel (2) TA3: TO-220, TF3: TO-220F (3) L: Lead Free Plating Blank: Pb/Sn ,
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 8
QW-R502-061,E
4N60
ABSOLUTE MAXIMUM RATINGS (TC = 25 , unless otherwise specified)
PARAMETER Drain-Source Voltage Gate-Source Voltage Avalanche Current - (Note 1) SYMBOL VDSS VGSS IAR
Power MOSFET
RATINGS UNIT 600 V 30 V 4.4 A TC = 25C 4.0 A ID Continuous Drain Current TC = 100C 2.8 A Pulsed Drain Current, TP Limited by TJMAX - (Note 1) IDM 16 A Avalanche Energy, Single Pulsed (Note 2) EAS 260 mJ Avalanche Energy, Repetitive, Limited by TJMAX EAR 10.6 mJ Peak Diode Recovery dv/dt (Note 3) dv/dt 4.5 V/ns Power Dissipation (TC = 25C) PD 106 W Junction Temperature TJ +150 Storage Temperature TSTG -55 ~ +150 Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER Junction-to-Ambient Junction-to-Case Case-to-Sink SYMBOL JA JC CS MIN TYP MAX 62.5 3 UNIT C/W C/W C/W
0.5
ELECTRICAL CHARACTERISTICS (TC =25 , unless otherwise specified)
PARAMETER Off Characteristics Drain-Source Breakdown Voltage Drain-Source Leakage Current Gate-Source Leakage Current Forward Reverse SYMBOL BVDSS IDSS IGSS BVDSS/ VGS(TH) RDS(ON) gFS CISS COSS CRSS tD(ON) tR tD(OFF) tF QG QGS QDD TEST CONDITIONS VGS = 0 V, ID = 250 A VDS = 600 V, VGS = 0 V VDS = 480 V, TC = 125C VGS = 30 V, VDS = 0 V VGS = -30 V, VDS = 0 V TJ ID = 250 A, Referenced to 25C VDS = VGS, ID = 250 A VGS = 10 V, ID = 2.2 A VDS = 50 V, ID = 2.2 A (Note 4) 2.0 4.0 520 70 8 13 45 25 35 15 3.4 7.1 670 90 11 35 100 60 80 20 MIN TYP MAX UNIT 600 10 100 100 -100 0.6 4.0 2.5 V A A nA nA V/ V S pF pF pF ns ns ns ns nC nC nC
Breakdown Voltage Temperature Coefficient On Characteristics Gate Threshold Voltage Drain-Source On-State Resistance Forward Transconductance Dynamic Characteristics Input Capacitance Output Capacitance Reverse Transfer Capacitance Switching Characteristics Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
VDS = 25 V, VGS = 0 V, f = 1MHz
VDD = 300V, ID = 4.0 A, RG = 25 (Note 4, 5)
VDS= 480V,ID= 4.0A, VGS= 10 V (Note 4, 5)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 8
QW-R502-061,E
4N60
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER SYMBOL TEST CONDITIONS Source- Drain Diode Ratings and Characteristics Drain-Source Diode Forward Voltage VSD VGS = 0 V, IS = 4.4 A Maximum Continuous Drain-Source IS Diode Forward Current Maximum Pulsed Drain-Source Diode ISM Forward Current Reverse Recovery Time tRR VGS = 0 V, IS = 4.4 A, dIF/dt = 100 A/s (Note 4) Reverse Recovery Charge QRR Notes: 1. Repetitive Rating : Pulse width limited by TJ 2. L = 25mH, IAS = 4.4A, VDD = 50V, RG = 25 , Starting TJ = 25C 3. ISD 4.4A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test: Pulse width 300s, Duty cycle 2% 5. Essentially independent of operating temperature
Power MOSFET
MIN
TYP MAX UNIT 1.4 4.4 17.6 250 1.5 V A A ns C
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 8
QW-R502-061,E
4N60
TEST CIRCUITS AND WAVEFORMS
Power MOSFET
D.U.T.
+ VDS -
+ L
RG Driver VGS Same Type as D.U.T. * dv/dt controlled by RG * I SD controlled by pulse period * D.U.T.-Device Under Test VDD
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
VGS (Driver)
P.W.
Period
D=
P. W. Period
VGS= 10V
I FM, Body Diode Forward Current ISD (D.U.T.) IRM Body Diode Reverse Current di/dt
Body Diode Recovery dv /dt VDS (D.U.T.) VDD
Body Diode
Forward Voltage Drop
Fig. 1B Peak Diode Recovery dv/dt Waveforms
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 8
QW-R502-061,E
4N60
TEST CIRCUITS AND WAVEFORMS (Cont.)
RL VDD
Power MOSFET
VDS VGS RG
VDS
90%
10V
Pulse Width 1 s Duty Factor 0.1%
D.U.T.
VGS
10%
t D(ON ) tR tD (OFF) tF
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50k 12V 0.2 F 0.3 F
Same Type as D.U.T. 10V VDS QGS
QG
QGD
VGS DUT 3mA VG
Charge
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
L VDS BVDSS
RD
VDD D.U.T.
10V tp
IAS
tp
Time
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
5 of 8
QW-R502-061,E
4N60
TYPICAL CHARACTERISTICS
Power MOSFET
Drain-Source Breakdown Voltage, BVDSS (Normalized)
Drain-Source On-Resistance, RDS(ON) (Normalized)
Breakdown Voltage Variation vs . Temperature 1.2 1.1 1.0 0.9 Note: 1. VGS=0V 2. ID=250A
On-Resistance Junction Temperature 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -100 -50 0 50 100 150 200 ) Note: 1. VGS=10V 2. ID=4A
0.8 -100 -50 0 50 100 150 200 Junction Temperature, TJ ( )
Junction Temperature, TJ (
Maximum Safe Operating Area
Operation in This Area is Limited by R DS(on )
Maximum Drain Current vs. Case Temperature 5
Drain Current, I D (A)
Drain Current, ID (A)
10
100 s 1ms 10ms
4 3 2 1 0 25 50 75 100 125 Case Temperature, TC ( )
1
0.1 1
Notes: 1. T J=25 2. TJ=150 3. Single Pulse
DC
10
100
1000
Drain-Source Voltage, VDS (V)
On-State Characteristics 10
Drain Current, ID (A) Drain Current, I D (A)
V GS Top : 10V 9V 8V 7V 6V 5.5V 5V Bottorm :5.0V
Transfer Characteristics 10 25 1 150
1
5.0V
0.1
Notes: 1. 250s Pulse Test 2. TC=25
0.1
Notes: 1. VDS =50V 2. 250 s Pulse Test
0.1 1 10 Drain-to-Source Voltage, VDS (V)
4 6 8 10 2 Gate-Source Voltage, VGS (V)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
6 of 8
QW-R502-061,E
4N60
TYPICAL CHARACTERISTICS(Cont.)
On-Resistance Variation vs Drain . Current and Gate Voltage 6 5 4 3 2 1 0 0
Note: TJ=25
Power MOSFET
On State Current vs. Allowable Case Temperature
Reverse Drain Current, IDR (A)
Drain-Source On-Resistance, RDS(ON) (ohm)
10 150 25 1 Notes: 1. VGS=0V 2. 250s Test 0.1 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 Source-Drain Voltage, VSD (V)
Gate Charge Characteristics 12
VGS =20V VGS=10V
6 8 10 12 2 4 Drain Current, I D (A)
Capacitance Characteristics (Non-Repetitive)
1200 1000
Capacitance (pF)
Gate-Source Voltage, VGS (V)
Ciss=Cgs +Cgd (Cds=shorted ) Coss=Cds +Cgd Crs s=Cgd
10 8 6 4 2 0
Ciss Coss
Notes: 1. V GS =0V 2. f = 1MHz
VDS=300V VDS=480V VDS=120V
800 600 400 200 0 0.1 Crss 1
Note: I D=4A 0 5 10 15 20 25
10
Drain-SourceVoltage VDS (V) ,
Total Gate Charge, QG (nC)
Transient Thermal Response Curve 1
Thermal Response, JC (t)
Power Dissipation 120 100 80
0.1
Notes : 1. J C (t) = 1.18 / W Max. 2. Duty Factor , D=t 1/t2 3. TJ M-TC=P DMx JC (t)
PD (w)
60 40 20
0.01 1E-5 1E-4 1E-3 0.01 0.1 1 10 Square Wave Pulse Duration t1 (sec) ,
0
0 20 40 60 80 100 120 140 160 TC (C)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
7 of 8
QW-R502-061,E
4N60
Power MOSFET
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
8 of 8
QW-R502-061,E


▲Up To Search▲   

 
Price & Availability of 4N60-TF3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X