Part Number Hot Search : 
TGA2623 AM4536C MSJ650 FDA1004A BP210 13V6YSZX GC1715 M3L2803S
Product Description
Full Text Search
 

To Download 2SD965-X-T92-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SD965/A
LOW VOLTAGE HIGH CURRENT TRANSISTOR
FEATURES
* Collector current up to 5A * UTC 2SD965: Collector-Emitter voltage up to 20 V * UTC 2SD965A: Collector-Emitter voltage up to 30 V
NPN SILICON TRANSISTOR
1 SOT-89
1
TO-252
APPLICATIONS
* Audio amplifier * Flash unit of camera * Switching circuit
1
TO-92
*Pb-free plating product number: 2SD965L/2SD965AL
ORDERING INFORMATION
Order Number Normal Lead Free Plating 2SD965-x-AB3-R 2SD965L-x-AB3-R 2SD965-X-T92-B 2SD965L-x-T92-B 2SD965-x-T92-K 2SD965L-x-T92-K 2SD965-x-TN3-R 2SD965L-x-TN3-R 2SD965-x-TN3-T 2SD965L-x-TN3-T 2SD965A-x-AB3-R 2SD965AL-x-AB3-R 2SD965A-x-T92-B 2SD965AL-x-T92-B 2SD965A-x-T92-K 2SD965AL-x-T92-K 2SD965A-x-TN3-R 2SD965AL-x-TN3-R 2SD965A-x-TN3-T 2SD965AL-x-TN3-T Package SOT-89 TO-92 TO-92 TO-252 TO-252 SOT-89 TO-92 TO-92 TO-252 TO-252 Pin Assignment 1 2 3 B C E E C B E C B B C E B C E B C E E C B E C B B C E B C E Packing Tape Reel Tape Box Bulk Tape Reel Tube Tape Reel Tape Box Bulk Tape Reel Tube
2SD965L-x-AB3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) B: Tape Box, K: Bulk, R: Tape Reel, T: Tube (2) AB3: SOT-89, T92: TO-92, TN3: TO-252 (3) x: refer to Classification of hFE2 (4) L: Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R209-007,B
2SD965/A
ABSOLUTE MAXIMUM RATING (Ta=25 )
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Dissipation Collector Current SOT-89 TO-92 TO-252 2SD965 2SD965A SYMBOL VCBO VCEO VEBO PC IC
NPN SILICON TRANSISTOR
RATINGS 40 20 30 7 500 750 1 5
UNIT V V V V mW mW W A
Junction Temperature TJ 150 Storage Temperature TSTG -65 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25 , unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS Collector-Base Breakdown Voltage BVCBO IC=100A, IE=0 Collector-Emitter 2SD965 BVCEO IC=1mA, IB=0 Breakdown Voltage 2SD965A Emitter-Base Breakdown Voltage BVEBO IE=10A, IC=0 Collector Cut-off Current ICBO VCB=10V, IE=0 Emitter Cut-off Current IEBO VEB=7V, IC=0 VCE=2V, IC=1mA DC Current Gain(note) hFE VCE=2V, IC=0.5A VCE=2V, IC=2A Collector-Emitter Saturation Voltage VCE(SAT) IC=3A, IB= 0.1A Current Gain Bandwidth Product fT VCE=6V, IC=50mA Output Capacitance Cob VCB=20V, IE=0, f=1MHz MIN 40 20 30 7 TYP MAX UNIT V V V V nA nA
100 100 200 230 150 150 50 800 1
V MHz pF
CLASSIFICATION OF hFE2
RANK RANGE Q 230-380 R 340-600 S 560-800
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R209-007,B
2SD965/A
TYPICAL CHARACTERISTICS
Static Characteristics 3.0 I B=3.0mA IB=2.5mA I B=2.0mA 2.0 1.5 IB=1.5mA IB=1.0mA I B=0.5mA 1.0 0 10
3
NPN SILICON TRANSISTOR
DC Current Gain
Collector Current, I C (A)
DC Current Gain, hFE
2.5
102 VCE=2V
1
10
0
0.4
0.8
1.2
1.6
2.0
10 10-1
0
101
102
103
104
Collector-Emitter Voltage ( V)
Collector Current, IC (mA)
Base-Emitter on Voltage 6 V =2V CE
Collector Current, I C (A)
Saturation Voltage 104 IC=30*I B
Saturation Voltage (mV)
25 Ta=75 -25
5 4 3 2 1 0 0 0.4
103
VBE(SAT)
VCE(SAT) 10
2
0.8
1.2
1.6
2.0
101 0 10
Base to Emitter Voltage, VBE (V)
10 3 Collector Current, I C (mA)
101
10 2
104
Current Gain-Bandwidth Product
Current Gain-Bandwidth Product, fT(MHz)
Collector Output Capacitance 10 3
103 VCE=6V 102
Capacitance, Cob (pF)
f=1MHz IE =0 10 2
101
10 1
100 100
101
102
103
10 0 -1 10
100
101
10 2
Collector Current, IC (mA)
Collector-Base Voltage (V)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R209-007,B
2SD965/A
TYPICAL CHARACTERISTICS
Safe Operation Area 100
Collector Current, IC (A)
NPN SILICON TRANSISTOR
10
Icp IC
Single pulse Ta =25 t=10ms t=1s
1
0.1
0.01 0.1
1 10 100 Collector-Emitter Voltage, VCE (V)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R209-007,B


▲Up To Search▲   

 
Price & Availability of 2SD965-X-T92-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X