Part Number Hot Search : 
NTE1381 560EVAL EMEM1123 LC104B IX4423 LC104B DMP3130L LX5506E
Product Description
Full Text Search
 

To Download 2SD882SS-X-AE3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SD882SS
MEDIUM POWER LOW VOLTAGE TRANSISTOR
FEATURES
* High current output up to 3A * Low saturation voltage * Complement to 2SB772SS
NPN SILICON TRANSISTOR
3
APPLICATIONS
* Audio power amplifier * DC-DC convertor * Voltage regulator
1 2 SOT-23
*Pb-free plating product number: 2SD882SSL
ORDERING INFORMATION
Order Number Normal Lead Free Plating 2SD882SS -x-AE3-R 2SD882SSL-x-AE3-R Package SOT-23 Pin Assignment 1 2 3 E B C Packing Tape Reel
2SD882SSL-x-AE3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) R: Tape Reel (2) AE3: SOT-23 (3) x: refer to Classification of hFE2 (4) L: Lead Free Plating, Blank: Pb/Sn
MARKING
D82
Lead Plating
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R206-018,B
2SD882SS
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Dissipation Ta=25 TC=25 DC Pulse SYMBOL VCBO VCEO VEBO IC ICP IB PC
NPN SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATING (Ta=25 , unless otherwise specified )
RATINGS 40 30 5 3 7 0.6 1 10 UNIT V V V A A A W W
Junction Temperature TJ +150 Storage Temperature TSTG -55 ~ +150 Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25 , unless otherwise specified)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current SYMBOL BVCBO BVCEO BVEBO ICBO IEBO hFE1 DC Current Gain (Note 1) hFE2 Collector-Emitter Saturation Voltage VCE(SAT) Base-Emitter Saturation Voltage VBE(SAT) Current Gain Bandwidth Product fT Output Capacitance Cob Note 1: Pulse test: PW<300s, Duty Cycle<2% TEST CONDITIONS IC=100A, IE=0 IC=1mA, IB=0 IE=100A, IC=0 VCB=30V, IE=0 VEB=3V, IC=0 VCE=2V, IC=20mA VCE=2V, IC=1A IC=2A, IB=0.2A IC=2A, IB=0.2A VCE=5V, IC=0.1A VCB=10V, IE=0, f=1MHz MIN 40 30 5 TYP MAX UNIT V V V nA nA
1000 1000 30 100 200 150 0.3 1.0 80 45 400 0.5 2.0
V V MHz pF
CLASSIFICATION OF hFE2
RANK RANGE Q 100-200 P 160-320 E 200-400
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R206-018,B
2SD882SS
TYPICAL CHARACTERISTICS
Static Characteristics
NPN SILICON TRANSISTOR
Derating Curve of Safe Operating Areas 150
Collector Current, Ic (A)
Derating, IC (%)
1.6 1.2 0.8 0.4 0 0
I B=9mA IB=8mA IB=7mA I B=6mA I B=5mA I B=4mA IB =3mA IB=2mA IB=1mA 4 8 12 16 20
100
S/
50
bl im ite d
n io at ip is s D
lim d ite
0 -50 0 50
100
150 )
200
Collector-Emitter voltage (V)
Case Temperature, TC (
Current Gain-Bandwidth Product
Current GainBandwidth Product, FT(MHz)
Safe Operating Area 10
Collector Current, I C (A)
1
10
3
S 1m 0.
10 m
S
1m
S
102
VCE=5V IB=8mA
100 IC(max), DC
10
1
10-1 I C(max), Pulse 10 -2 100 10 1 Collector-Emitter Voltage
100 10-2
10-1
100
101
102
Collector Current, Ic (A)
DC Current Gain
Saturation Voltage
Saturation Voltage (mV)
10
3
10
4
DC Current Gain, h FE
10
2
103 102 101 100 0 10
VBE(SAT)
VCE=2V
VCE(SAT)
10
1
10 0 100
10 3 Collector Current, IC (mA)
10 1
104
101
102
103
104
Collector Current, IC (mA)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R206-018,B
2SD882SS
TYPICAL CHARACTERISTICS(Cont.)
Collector Output Capacitance
Output Capacitance (pF)
NPN SILICON TRANSISTOR
103 IE =0 f=1MHz
102
101
100 100
10 -1
10-2
10-3
Collector-Base Voltage (V)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R206-018,B


▲Up To Search▲   

 
Price & Availability of 2SD882SS-X-AE3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X