Part Number Hot Search : 
AT6020 YD3843 AM42D SH223 01061 TA8000F VB027 SL4558N
Product Description
Full Text Search
 

To Download 2SA17971 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1797
Transistors
Power Transistor (-50V, -3A)
2SA1797
Features 1) Low saturation voltage. VCE (sat) = -0.35V (Max.) at IC / IB = -1A / -50mA. 2) Excellent DC current gain characteristics. 3) Complements the 2SC4672. External dimensions (Unit : mm)
MPT3
4.5 1.6
0.5
1.5
(1)
(2)
(3)
1.0
Packaging specifications
Type 2SA1797 MPT3 PQ AG T100 1000
(1)Base (2)Collector (3)Emitter
0.4 1.5 3.0 0.5 1.5 0.4
2.5 4.0
0.4
Package hFE Marking Code Basic ordering unit (pieces)
Denotes hFE
Absolute maximum ratings (Ta=25C)
Parameter Symbol VCBO VCEO VEBO IC PC Tj Tstg
+
Limits -50 -50 -6 -3 -6 0.5 2 150 -55~+150
Unit V V V A (DC) A (Pulse) 1 W
2
Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power 2SA1797 dissipation Junction temperature Storage temperature
+
C C
1 Single pulse, Pw=10ms 2 When mounted on a 40 40 0.7mm ceramic board.
Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance
Measured using pulse current
Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob
Min. -50 -50 -6 - - - 82 - -
Typ. - - - - - -0.15 - 200 36
Max. - - - -0.1 -0.1 -0.35 270 - -
Unit V V V A A V - MHz pF IC=-50A IC=-1mA IE=-50A VCB=-50V
Conditions
VEB=-5V IC/IB=-1A/-50mA VCE/IC=-2V/-0.5A VCE=-2V, IE=0.5A, f=100MHz VCB=-10V, IE=0A, f=1MHz

Rev.B
1/2
2SA1797
Transistors
Electrical characteristic curves
2.0
Ta=25C
COLLECTOR CURRENT : IC (mA)
mA lB=10 9mA 8mA 7mA
-10 -5 -2 -1 -0.2 -0.1 -0.05 -0.02 -0.01 -5m -2m -1m 0
Ta=1 00C Ta=25 C Ta=-4 0C
VCE=2V
5000
COLLECTOR CURRENT : lC (A)
1.8 1.6 1.4 1.2 1 800m 600m 400m 200m 0 0 1 2 3 4 5 6
VCE=2V
2000
DC CURRENT GAIN : hFE
1000 500 200 100 50 20 10
Ta=100C
-0.5
6mA 5mA
4mA 3mA 2mA 1mA
Ta=25C
Ta=-40C
7
8
9
10
-0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4
5 -1m -5m -0.02 -0.1 -0.5 -2 -5-10 -2m -0.01 -0.05 -0.2 -1
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR CURRENT : IC (A)
Fig.1 Grounded emitter output characteristics
Fig.2 Grounded emitter propagation characteristics
Fig.3 DC current gain vs. collector current
COLLECTOR SATURATION VOLTAGE : VCE (sat) (V)
-1
10
lC/lB=20
-0.5 -0.2
Ta=100C Ta=25C Ta=-40C
10ms 100ms
COLLECTOR CURRENT : lC (A)
1
1ms
DC 0.1
-0.1 -0.05 -0.02
0.01
-0.01 -1m -5m -0.02 -0.1 -0.5 -2 -5-10 -2m -0.01 -0.05 -0.2 -1
0.001
Ta=25C Single non repetitive pulse Mounted on epoxy board t 12mmx15mmx 0.8mm
0.1
1
10
100
COLLECTOR CURRENT : IC (A)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.4 Collector-emitter saturation voltage vs. collector current
Fig.5 Safe operating area
Rev.B
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 2SA17971

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X