Part Number Hot Search : 
5R105 P775C BX238 8S2632 BS6004 AD9740 00220 11G2H
Product Description
Full Text Search
 

To Download 2N5401-X-AB3-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2N5401
HIGH VOLTAGE SWITCHING TRANSISTOR
FEATURES
* Collector-emitter voltage: VCEO = -150V * High current gain
PNP SILICON TRANSISTOR
1
SOT-89
1
TO-92
*Pb-free plating product number:2N5401L
ORDERING INFORMATION
Order Number Normal Lead Free Plating 2N5401-X-AB3-R 2N5401L-x-AB3-R 2N5401-x-T92-B 2N5401L-x-T92-B 2N5401-x-T92-K 2N5401L-x-T92-K Package SOT-89 TO-92 TO-92 Pin Assignment 1 2 3 B C E E B C E B C Packing Tape Reel Tape Box Bulk
2N5401L-x-AB3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) B: Tape Box, K: Bulk, R: Tape Reel (2) AB3: SOT-89, T92: TO-92 (3) x: refer to Classification of hFE (4) L: Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R201-001,D
2N5401
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current
PNP SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATING (Ta=25C , unless otherwise specified)
RATINGS UNIT -160 V -150 V -5 V -600 mA TO-92 625 mW Collector Dissipation PC SOT-89 500 mW Junction Temperature TJ +150 Storage Temperature TSTG -55 ~ +150 Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. SYMBOL VCBO VCEO VEBO IC
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain(Note) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance Noise Figure SYMBOL BVCBO BVCEO BVEBO ICBO IEBO hFE1 hFE2 hFE3 VCE(SAT) VBE(SAT) fT Cob NF TEST CONDITIONS Ic = -100A, IE = 0 Ic = -1mA, IB = 0 IE = -10A, Ic = 0 VCB = -120V, IE = 0 VEB = -3V, Ic = 0 VCE = -5V, Ic = -1mA VCE = -5V, Ic = -10mA VCE = -5V, Ic = -50mA Ic = -10mA, IB = -1mA Ic = -50mA, IB = -5mA Ic = -10mA, IB = -1mA Ic = -50mA, IB = -5mA VCE = -10V, Ic = -10mA f = 100MHz VCB = -10V, IE = 0, f = 1MHz Ic = -0.25mA, VCE = -5V Rs = 1k, f = 10Hz ~ 15.7kHz MIN -160 -150 -6 TYP MAX UNIT V V V nA nA
-50 -50 80 80 80 400 -0.2 -0.5 -1 -1 100 400 6.0 8
V V MHz pF dB
Note: Pulse test: PW<300s, Duty Cycle<2%
CLASSIFICATION OF hFE
RANK RANGE A 80-170 B 150-240 C 200-400
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R201-001,D
2N5401
TYPICAL CHARACTERISTICS
PNP SILICON TRANSISTOR
Capacitance vs. CollectorBase Voltage 20
DC Current Gain vs. Collector Current
Capa citance, Cob (pF)
DC Curren t Gain , hFE
10
3
16 12 8 4 0 -10 0
V CE=-5V 102
f=1MHz IE=0
10
1
- 10
1
-10
2
10 -10 -1
0
-10 0
-101
-102
-103
Collector-Base Voltage (V)
Collector Current , Ic (mA)
Collector Current vs. Base-Emitter Voltage
Co llector Curren t, Ic(mA )
Saturation Voltage vs. Collector Current -10 1
Saturation Voltage (V)
-10
3
I C=10*IB VBE(SAT)
-102
VCE =-5 V
-10
0
-101
-10 -1
-2
VCE (SAT)
-100 0 -0.2 -0.4 -0 .6 -0 .8 -1.0 Base-Emitter V oltage (V)
-10 - 10-1
-10 0
-101
-102
-103
Collector Current , Ic (mA)
Current Gain-B andwidth Product vs. Collector Current
Curren t GainBand wid thP roduct, f(MHz)
103
V CE=- 10V
10
2
101 100 -1 -10
-10
0
-10
1
-10
2
-10
3
Collector Current, Ic(mA)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw 3 of 4
QW-R201-001,D
2N5401
PNP SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R201-001,D


▲Up To Search▲   

 
Price & Availability of 2N5401-X-AB3-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X