Part Number Hot Search : 
SD1609 S87C51FB MI31T R3A150F2 70104 S3P72H8 STBN068 NTES1N02
Product Description
Full Text Search
 

To Download 218050P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to IEC Standard
RoHS Pb
5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 218P Series
(R)
(R)
(R)
* Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 3 specification for Time Lag Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.032 to 15 amperes. * RoHS compliant and Lead-Free
ELECTRICAL CHARACTERISTICS (218 Series):
% of Ampere Rating 150% 210% 275% 400% 1000% Ampere Rating .032 - 6.3 8 - 15 .032 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 Opening Time 60 minutes, Minimum 30 minutes, Minimum 2 minutes, Maximum 0.2 sec., Min.; 10 sec. Max. 0.6 sec., Min.; 10 sec. Max. .04 sec., Min.; 3 sec. Max. .15 sec., Min.; 3 sec. Max. .01 sec., Min.; 0.3 sec. Max. 0.02 sec., Min.; 0.3 sec. Max.
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B
INTERRUPTING RATINGS: 35 amperes or 10 x rated current; (whichever is greater) to a maximum 100A @ 250 VAC, unity power factor.
PHYSICAL SPECIFICATIONS: Material: Body: Glass
Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Terminal strength: MIL-STD-202F Method 211A, Test Condition A Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel).
ORDERING INFORMATION:
Cartridge Catalog Number Ampere Rating Voltage Rating Nominal Resistance Cold Ohmns Nominal Melting I2t A2Sec.
11
AXIAL LEAD AND CARTRIDGE FUSES
218.032P 218.040P 218.050P 218.063P 218.080P 218.100P 218.125P 218.160P 218.200P 218.250P 218.315P 218.400P 218.500P 218.630P 218.800P 218 001.P 218 1.25P 218 01.6P 218 002.P 218 02.5P 218 3.15P 218 004.P 218 005.P 218 06.3P 218 008.P 218 010.P 218 015.P
.032 .040 .050 .063 .080 .100 .125 .160 .200 .250 .315 .400 .500 .630 .800 1 1.25 1.6 2 2.5 3.15 4 5 6.3 8 10 15
250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250
58.45 35.70 23.30 17.65 12.6 8.905 4.200 2.55 1.60 1.05 0.848 0.535 0.370 0.275 0.081 0.061 0.045 0.034 0.029 0.022 0.017 0.013 0.010 0.0076 0.0059 0.0045 0.0030
0.00297 0.00536 0.00691 0.01169 0.0258 0.0482 0.146 0.219 0.341 0.540 1.110 1.324 2.824 4.674 3.37 6.73 12.62 23.224 14.412 23.224 38.171 69.088 111.008 198.645 341.299 567.696 1403.661
w w w. l i t t e l f u s e . c o m
419
Axial Lead and Cartridge Fuses
Designed to IEC Standard
RoHS
Pb
5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 218P Series
(R)
(R)
(R)
Agency Approvals
Agency Approvals Certificate No. Cartridge NBK120802-E10480 A&C Leaded NBK120802-E10480 B&D 2002010207007596 2002010207145715 Certificate No. SU05001-3005 SU05001-2008 SU05001-2009 Recognised File No. E10480 Guide No. JDYX2 File No. 029862 Acc. Class No. LR1422-30 Licence No. File No. KM41462 304650 9850004 416270 312377 501899 9843043 40013496 40016604 Ampere Range
20+0.5
1A - 15A 32 - 630mA, 2-6.3A 800mA - 1.6A 32mA - 40mA 50mA - 800mA 1A - 10A 32mA - 15A
0218 000P
5.1+0.6 5.1+0.6
5.2+0.1 -0.2
Certificate No.
0218.032 XEP to 0218.100XEP
40
22.5 MAX
6.0 MAX
0.65
(R)
(R)
80mA - 6.3A 32mA-63mA 80mA, 100mA 125mA-250mA 315mA-630mA 800mA-1.6A 2A-6.3A 32mA - 5A 6.3 - 10A* 15A* 32mA - 15A
0218.125 XEP to 0218015. XEP
40
22.5 MAX
5.8 MAX
0.65* All dimensions in mm
D
V
E
Licence No. Licence No.
Notes: * Ratings above 6.3A have 0.8 mm dia lead
VDE
*Approval for cartridge versions only
Average Time Current Curves
0.032A 0.040A 0.050A 0.063A 0.080A 0.100A 0.125A 0.160A 0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A
10000
1000
100
TIME IN SECONDS
10
1
0.1
0.01
0.001 0.01 0.1 1 10 100 1000
CURRENT IN AMPERES
420
w w w. l i t t e l f u s e . c o m
15A


▲Up To Search▲   

 
Price & Availability of 218050P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X