|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Axial Lead and Cartridge Fuses Designed to IEC Standard 5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 218 Series (R) (R) (R) * Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 3 specification for Time Lag Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.032 to 15 amperes. ELECTRICAL CHARACTERISTICS (218 Series): % of Ampere Rating 150% 210% 275% 400% 1000% Ampere Rating .032 - 6.3 8 - 15 .032 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 .032 - .100 .125 - 15 Opening Time 60 minutes, Minimum 30 minutes, Minimum 2 minutes, Maximum 0.2 sec., Min.; 10 sec. Max. 0.6 sec., Min.; 10 sec. Max. .04 sec., Min.; 3 sec. Max. .15 sec., Min.; 3 sec. Max. .01 sec., Min.; 0.3 sec. Max. 0.02 sec., Min.; 0.3 sec. Max. ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5 cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B INTERRUPTING RATINGS: 35 amperes or 10 x rated current; (whichever is greater) to a maximum 100A @ 250 VAC, unity power factor. PHYSICAL SPECIFICATIONS: Material: Body: Glass Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Terminal strength: MIL-STD-202F Method 211A, Test Condition A 11 Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel). ORDERING INFORMATION: Cartridge Catalog Number Ampere Rating Voltage Rating Nominal Resistance Cold Ohmns Nominal Melting I2t A2Sec. 218.032 218.040 218.050 218.063 218.080 218.100 218.125 218.160 218.200 218.250 218.315 218.400 218.500 218.630 218.800 218 001. 218 1.25 218 01.6 218 002. 218 02.5 218 3.15 218 004. 218 005. 218 06.3 218 008. 218 010. 218 015. .032 .040 .050 .063 .080 .100 .125 .160 .200 .250 .315 .400 .500 .630 .800 1 1.25 1.6 2 2.5 3.15 4 5 6.3 8 10 15 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 58.45 35.70 23.30 17.65 12.6 8.95 4.41 2.44 1.60 1.05 0.848 0.535 0.370 0.275 0.073 0.055 0.042 0.032 0.029 0.022 0.017 0.013 0.010 0.0075 0.0059 0.0045 0.0030 0.00297 0.00536 0.00691 0.01169 0.02580 0.04820 0.146 0.219 0.341 0.540 1.110 1.324 2.824 4.674 1.938 3.238 5.648 10.331 14.412 23.224 38.171 69.088 111.008 198.645 341.299 567.696 1403.661 w w w. l i t t e l f u s e . c o m 417 AXIAL LEAD AND CARTRIDGE FUSES 11 Axial Lead and Cartridge Fuses Designed to IEC Standard 5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 218 Series (R) (R) (R) Agency Approvals Agency Approvals Certificate No. Cartridge NBK120802-E10480 A&C Leaded NBK120802-E10480 B&D 2002010207007596 SU05001-3005 SU05001-2008 SU05001-2009 Ampere Range 20+0.5 1A - 15A 0218 000 5.1+0.6 5.1+0.6 5.2+0.1 -0.2 Certificate No. Certificate No. 32mA - 6.3A 32mA - 40mA 50mA - 800mA 1A - 10A 6.0 MAX 0218.032 XE to 0218.100XE 40 22.5 MAX 0.65 (R) Recognised File No. E10480 Guide No. JDYX2 32mA - 15A (R) File No. Acc. Class No. Licence No. File No. 029862 LR1422-30 KM41462 9850004, 9840179, 9446070, 9708209, 9843043, 312377 & 304650 80mA - 6.3A 32mA - 6.3A 0218.125 XE to 0218015. XE 40 22.5 MAX 5.8 MAX 0.65* All dimensions in mm Notes: * Ratings above 6.3A have 0.8 mm dia lead 32mA - 15A Note: 8A and 10A are under consideration by IEC(125V). Average Time Current Curves 0.032A 0.040A 0.050A 0.063A 0.080A 0.100A 0.125A 0.160A 0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A 10000 1000 100 TIME IN SECONDS 10 1 0.1 0.01 0.001 0.01 0.1 1 10 100 1000 CURRENT IN AMPERES 418 w w w. l i t t e l f u s e . c o m 15A |
Price & Availability of 218050 |