Part Number Hot Search : 
0M0000 GBJ4A 150FC VSC6134 2SK4124 SMAJ90CA 16VT210S C1569ACS
Product Description
Full Text Search
 

To Download 217050P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to IEC Standard
RoHS
Pb
5 x 20 mm Fast-Acting Fuse 217P Series
(R)
(R)
* Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 2 specification for Fast-Acting Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of 0.032 to 15 amperes. * RoHS Compliant and Lead-Free
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 150% 210% 275% 400% Ampere Rating .032 - 6.3 8-15 .032-15 .032 - .100 .125 - 15 .032 - .100 .125 - 6.3 8 - 15 .032 - 6.3 8-15 Opening Time 60 minutes, Minimum 30 minutes, Minimum 30 minutes, Maximum 0.01 sec., Min.; .5 sec. Max. 0.05 sec., Min.; 2 sec. Max. .003 sec., Min.; 0.1 sec. Max. .01 sec., Min.; 0.3 sec. Max. .01 sec., Min.; 0.4 sec. Max. .02 second, Maximum .04 second, Maximum
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B
1000%
INTERRUPTING RATING: 35 amperes or 10 x rated current; (whichever is greater) to a maximum 100 amperes @ 250VAC, unity Power Factor.
PHYSICAL SPECIFICATIONS: Material: Body: Glass
Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Terminal strength: MIL-STD-202F Method 211A, Test Condition A 11 Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel).
ORDERING INFORMATION:
Cartridge Catalog Number 217.032P 217.040P 217.050P 217.063P 217.080P 217.100P 217.125P 217.160P 217.200P 217.250P 217.315P 217.400P 217.500P 217.630P 217.800P 217 001.P 217 1.25P 217 01.6P 217 002P 217 02.5P 217 3.15P 217 004.P 217 005.P 217 06.3P 217 008.P 217 010.P 217 015.P Ampere Rating .032 .040 .050 .063 .080 .100 .125 .160 .200 .250 .315 .400 .500 .630 .800 1 1.25 1.6 2 2.5 3.15 4 5 6.3 8* 10* 15* Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Nominal Resistance Cold Ohms 262.2 183.2 15.20 10.45 7.890 5.775 3.820 2.525 1.700 1.233 0.894 0.277 0.207 0.190 0.120 0.096 0.070 0.053 0.042 0.033 0.022 0.016 0.014 0.009 0.007 0.006 0.004 Nominal Melting I2t A2 Sec. 0.000060 0.000085 0.000190 0.000555 0.000828 0.00450 0.00477 0.010 0.024 0.042 0.112 0.127 0.219 0.409 0.847 1.042 2.230 4.616 5.726 9.460 17.722 29.164 42.796 62.466 198.158 217.633 607.133
w w w. l i t t e l f u s e . c o m
411
AXIAL LEAD AND CARTRIDGE FUSES
Axial Lead and Cartridge Fuses
Designed to IEC Standard
RoHS
Pb
5 x 20 mm Fast-Acting Fuse 217P Series
Agency Approvals Cartridge NBK120802-E10480 A&C Leaded NBK120802-E10480 B&D Ampere Range
(R)
(R)
Agency Approvals
0217 000P
20+0.5 5.2+0.1 -0.2
1A - 15A
5.1+0.6 5.1+0.6
Certificate No. Certificate No.
2002010207007600 2002010207007599 SU05001-3004 SU05001-2005 SU05001-2006 SU05001-2007
32mA - 800mA 1A - 6.3A 32mA - 40mA 50mA - 315mA 400mA - 6.3A 8A & 10A
0217.032 XEP to 0217.315 XEP
40
22.5 MAX
6.0 MAX
o6.5
(R)
Recognised File No. E10480 Guide No. JDYX2 32mA - 6.3A
(R)
File No. Acc. Class No. Licence No. File No.
029862 LR1422-30 KM41462 9848103, 9931059 304518 & 304555 40014645 400mA - 6.3A
0217.400 XEP to 0217015 XEP
40
22.5 MAX
5.8 MAX
o6.5* All dimensions in mm
32mA - 6.3A 32mA - 8A, 10A* 15A 32mA - 15A
Notes: * Ratings above 6.3A have 0.8 mm dia lead
D
V
E
Licence No.
VDE
Licence No.
40016647
*Approval for cartridge versions only
Average Time Current Curves
0.032A 0.040A 0.050A 0.063A 0.080A 0.100A 0.125A 0.160A 0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A 10000 1000 100 10 1 TIME IN SECONDS 0.1 0.01 0.001 0.01 0.1 1 10 CURRENT IN AMPERES 100 1000 15A
412
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 217050P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X