Part Number Hot Search : 
EFD17EF FQPF1N50 RU75260Q UT364 CM6802 74ALVC16 FDD24 REEL1
Product Description
Full Text Search
 

To Download 215200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to IEC Standard
5 x 20 mm Time Lag Fuse (Slo-Blo
(R)
Fuse) 215 Series
(R)
(R)
* Designed to International (IEC) Standards for use globally. * Meets the IEC 60127-2, Sheet 5 specification for Time Lag Fuses. * Available in Cartridge and Axial Lead Form. * Available in ratings of .2 to 12 amperes. * High breaking capacity.
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 150% 210% 275% Ampere Rating .1-6.3 8-12 .1-12 .1-.8 1-12 .1-.8 1- 3.15 4- 6.3 .1-.8 1-12 Opening Time 60 minutes, Minimum 30 minutes, Minimum 30 minutes, Maximum .25 sec., Min.; 80 sec. Max. .75 sec., Min.; 80 sec. Max. .05 sec., Min.; 5 sec. Max. .095 sec., Min.; 5 sec. Max. .150 sec., Min.; 5 sec. Max. .005 sec., Min.; .15 sec., Max. .010 sec., Min.; .15 sec., Max.
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5
cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B
400%
1000%
INTERRUPTING RATING:
1500 amperes @ 250VAC, 0.7-0.8 power factor.
PHYSICAL SPECIFICATIONS: Material: Body: Ceramic
Cap: Nickel Plated Brass Leads: Tin Plated Copper Filler: Sand (500mA - 12A) Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A 11 Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel).
ORDERING INFORMATION:
Cartridge Catalog Number 215 .200 215 .250 215 .315 215 .400 215 .500 215 .630 215 .800 215 001. 215 1.25 215 01.6 215 002. 215 02.5 215 3.15 215 004. 215 005. 215 06.3 215 008. 215 010. 215 012. Ampere Rating .200* .250* .315* .400* .500* .630* .800* 1 1.25 1.6 2 2.5 3.15 4 5 6.3 8* 10* 12* Voltage Rating 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 Nominal Resistance Cold Ohms 1.840 1.240 0.880 0.583 1.168 0.720 0.468 0.111 0.081 0.056 0.041 0.031 0.022 0.019 0.015 0.011 0.009 0.007 0.006 Nominal Melting I2t A2 Sec. 0.341 0.545 0.974 1.324 0.424 0.633 0.974 1.022 1.996 3.798 6.768 10.370 20.644 37.684 80.675 129.022 204.001 351.037 515.500
w w w. l i t t e l f u s e . c o m
425
AXIAL LEAD AND CARTRIDGE FUSES
11
Axial Lead and Cartridge Fuses
Designed to IEC Standard
5 x 20 mm Time Lag Fuse (Slo-Blo ) Fuse 215 Series
(R)
(R)
(R)
Agency Approvals
Agency Approvals Certificate No. Cartridge NBK250702-E10480 NBK250702-E10480 Leaded NBK250702-E10480 NBK250702-E10480 2002010207007593 SU05001-2011 SU05001-2012 Pending Ampere Range
20+0.5 5.2+0.1 -0.2 5.1+0.6 5.1+0.6
0215 000
A & C 1A - 5A E 6.3A - 12A B & D 1A - 5A F 6.3A -12A 1A - 6.3A 1A - 3.15A 4A - 10A 12A
Certificate No. Certificate No.
0215.200 XE to 0215.800 XE
40
22.5 MAX
6.0 MAX
0.65
(R)
Recognised File No. E10480 Guide No. JDYX2 50mA - 12A
(R)
File No. Acc. Class No. Licence No. File No.
029862 LR1422-30 KM41462 403906, 0212085, 0147100 200mA - 6.3A 200mA - 10A 200mA - 12A
0215001.XE to 0215012.XE
40
22.5 MAX
5.8 MAX
0.65* All dimensions in mm
Notes: * Ratings above 6.3A have 0.8 mm dia lead
Average Time Current Curves
0.200A 0.250A 0.315A 0.400A 0.500A 0.630A 0.800A
0.1 1
10
100
CURRENT IN AMPERES
426
w w w. l i t t e l f u s e . c o m


▲Up To Search▲   

 
Price & Availability of 215200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X