Part Number Hot Search : 
JANSR2 RFG40N10 W91640 DTA12 UESP05J HT9020B W81181 STV8116
Product Description
Full Text Search
 

To Download 1N5393GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5391GP THRU 1N5399GP
GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1000 Volts
* D
DO-204AC
0.034 (0.86) 1.0 (25.4) MIN. 0.028 (0.71) DIA.
Forward Current - 1.5 Amperes
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 1.5 Ampere operation at TA=70C with no thermal runaway Typical IR less than 0.1A High temperature soldering guaranteed: 350C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
P A T
E
N
T
E
0.300 (7.6) 0.230 (5.8)
0.140 (3.6) 0.104 (2.6) DIA. 1.0 (25.4) MIN.
Dimensions in inches and (millimeters) *Glass-plastic encapsulation technique is covered by Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306
(R)
MECHANICAL DATA
Case: JEDEC DO-204AC molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
1N53 91GP
1N53 92GP
1N53 93GP
1N53 94GP
1N53 95GP
1N53 96GP
1N53 97GP
1N53 98GP
1N53 99GP
UNITS
* Maximum repetitive peak reverse voltage * Maximum RMS voltage * Maximum DC blocking voltage * Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=70C * Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) * Maximum instantaneous forward voltage at 1.5A, TA=70C *Maximum DC reverse current at rated DC blocking voltage * Maximum full load reverse current full cycle average, 0 375" (9.5mm) lead length at TA=70C Typical reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) *Operating junction and storage temperature range TA=25C TA=150C
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400 1.5
500 350 500
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps
IFSM VF IR IR(AV) trr CJ RJA TJ, TSTG
-65
50.0
1.4 5.0 300.0 300.0 2.0 15.0 45.0 to +175
Amps Volts A A s pF C/W C
NOTES: (1) Reverse recovery test condition: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted * JEDEC registered values
4/98
RATINGS AND CHARACTERISTIC CURVES 1N5391GP THRU 1N5399GP
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
2.0
PEAK FORWARD SURGE CURRENT, AMPERES
TL, LEAD TEMPERATURE 60 HZ RESISTIVE OR INDUCTIVE LOAD TA, AMBIENT TEMPERATURE
50 40
TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
1.0
30
0.5
20 10
0.375" (9.5mm) LEAD LENGTH
0
0
25
50
75
100 125 150 175 0 1 10
NUMBER OF CYCLES AT 60 HZ
TEMPERATURE, C
100
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
10
INSTANTANEOUS FORWARD CURRENT, AMPERES
10
TJ=125C
1
1
TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE
TJ=75C
0.1
0.1
TJ=25C
0.01
0
20
40
60
80
100
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE TRANSIENT THERMAL IMPEDANCE (C/W)
100
TJ=25C f=1.0 MHZ Vsig=50mVp-p
100
JUNCTION CAPACITANCE, pF
10
10
1
0.1 0.01
0.1
1
10
100
t, PULSE DURATION, sec
1 1
10
REVERSE VOLTAGE, VOLTS
100


▲Up To Search▲   

 
Price & Availability of 1N5393GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X