|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CE CHENYI ELECTRONICS 1N4933G THRU 1N4937G FAST RECOVERY GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 600 Volts Forward Current - 1.0Ampere FEATURES . Fat switching . Low leakage current . Low forward voltage drop . High current capability . Glass passivated junction . High reliability capability MECHANICAL DATA . Case: JEDEC DO-41 molded plastic body . Terminals: Plated axial lead, solderable per MIL-STD-750,method 2026 . Polarity: Color band denotes cathode end . Mounting Position: Any . Weight: 0.012 ounce, 0.34 gram Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (Ratings at 25 ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive) load. For capacitive load,derate current by 20%) Symbols 1N4933G 1N4934G 1N4935G 1N4936G 1N4937G Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Macimum average forward rectified current 0.375"(9.5mm)lead length at TA=75 Peak forward surge current 8.3ms sing-wave superimposed on rated load (JEDEC method)TA=75 Maximum instantaneous forward voltage at 1.0 A Maximum DC Rreverse Current at rated DC blocking voltage Maximum full load reverse current full cycle average. 0.375"(9.5mm)lead length at TL=55 Maximum reverse recovery time(Note 1) Typical junction Capacitance(Note 2) Operating and storage temperature range Trr 150 15.0 -65 to +175 250 500 IR 100 VF 1.2 5.0 IFSM 30.0 VRRM VRMS VDC I(AV) 50 35 50 100 70 100 200 140 200 1.0 400 280 400 600 420 600 Units Volts Volts Volts Amp Amps Volts A ns pF CJ TJ TSTG Notes: 1.Test conditions:IF=1.0A,VR=30V 2.Measured at 1MHz and applied reverse voltage of 4.0V Volts. Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD Page 1 of 2 CE CHENYI ELECTRONICS 1N4933G THRU 1N4937G FAST RECOVERY GLASS PASSIVATED RECTIFIER Reverse Voltage - 50 to 600 Volts Forward Current - 1.0Ampere RATINGS AND CHARACTERISTIC CURVES 1N4933G THRU 1N4937G FLG.1-TYPICAL FORWARD CURRENT DERATING CURVE FIG.2-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT FIG.4-TYPICAL INSTANTANEOUS FORWARD FIG.3-TYPICAL JUNCTION CAPACITANCE CHARACTERISTICS FIG.5-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISIC Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD Page 2 of 2 |
Price & Availability of 1N4934G |