Part Number Hot Search : 
CS101 ALC10 H2N6426 SI1125HD BE100 FDD6690A MK3805 H3130H
Product Description
Full Text Search
 

To Download 1001AS-2R2M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Inductors for Cellular Phone
D312C
Inductance Range: 1.0~68H
DIMENSIONS
Recommended patterns
3.6
3.8 Max.
1.2 Max.
1.0 0.4
1.4
2.4
(Unit: mm)
Resist Zone (Unit: mm)
FEATURES
* Low profile (3.8mm Max. square and 1.2mm Max. height). * Magnetically shielded construction. * Clears free-fall drop tests in which it is doroped onto a concrete floor from a height of 1.5m, thus meeting requirements specified for use in cellular phones. * RoHS compliant.
* * *
*
SELECTION GUIDE FOR STANDARD COILS
TYPE D312C (Quantity/reel; 2,000 PCS)
TOKO Part Number 1001AS-1R0N 1001AS-1R5M 1001AS-2R2M 1001AS-2R7M 1001AS-3R3M 1001AS-3R9M 1001AS-4R7M 1001AS-6R8M 1001AS-8R2M 1001AS-100M 1001AS-120M 1001AS-150M 1001AS-220M 1001AS-270M 1001AS-330M 1001AS-390M 1001AS-470M 1001AS-680M Inductance (1) (H) 1.0 1.5 2.2 2.7 3.3 3.9 4.7 6.8 8.2 10.0 12.0 15.0 22.0 27.0 33.0 39.0 47.0 68.0 Tolerance (%) 30 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 DC Resistance (2) () Max. (Typ.) 0.10 (0.08) 0.12 (0.10) 0.14 (0.12) 0.18 (0.15) 0.20 (0.17) 0.23 (0.19) 0.24 (0.20) 0.31 (0.26) 0.43 (0.36) 0.48 (0.40) 0.66 (0.55) 0.80 (0.67) 1.14 (0.95) 1.37 (1.14) 1.47 (1.23) 1.77 (1.48) 2.14 (1.79) 3.33 (2.78) Inductance Decrease Current(3) Temperature Rise Current(3) (A) Max. (Typ.) T=40C L L L =10% L =30% (A) Max. (Typ.) 1.44 (1.91) 1.10 (1.46) 0.96 (1.28) 0.82 (1.09) 0.74 (0.99) 0.68 (0.91) 0.65 (0.86) 0.54 (0.72) 0.50 (0.66) 0.46 (0.61) 0.40 (0.53) 0.36 (0.48) 0.30 (0.40) 0.26 (0.34) 0.25 (0.33) 0.23 (0.31) 0.20 (0.26) 0.16 (0.21) 1.77 (2.36) 1.29 (1.72) 1.14 (1.52) 0.98 (1.31) 0.90 (1.20) 0.83 (1.11) 0.79 (1.05) 0.68 (0.90) 0.62 (0.82) 0.56 (0.75) 0.50 (0.66) 0.45 (0.60) 0.38 (0.50) 0.33 (0.44) 0.32 (0.42) 0.29 (0.38) 0.26 (0.34) 0.21 (0.28) 1.57 (1.85) 1.18 (1.39) 1.06 (1.25) 0.97 (1.14) 0.95 (1.12) 0.92 (1.09) 0.88 (1.04) 0.85 (1.00) 0.67 (0.79) 0.64 (0.76) 0.51 (0.60) 0.50 (0.59) 0.39 (0.46) 0.38 (0.45) 0.37 (0.43) 0.36 (0.42) 0.33 (0.39) 0.25 (0.29)
(1) Inductance is measured with a LCR meter 4284A * or equivalent. Test frequency at 100KHz (2) DC resistance is measured with a Digital Multimeter TR6871 (Advantest) or equivalent. (3) Maximum allowable DC current is that which causes a 30% inductance reduction from the initial value, or coil temperature to rise by 40C, whichever is smaller. (Reference ambient temperature 20C) *Agilent Technologies
*Agilent Technologies
3.6 2.0 0.5
4.2


▲Up To Search▲   

 
Price & Availability of 1001AS-2R2M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X