Part Number Hot Search : 
SD02H1SK KBPC604 CONDUCTO GS832 YESI5 NDF653 C8051F0 KA241
Product Description
Full Text Search
 

To Download 0233002P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Axial Lead and Cartridge Fuses
Designed to UL/CSA Standards
RoHS
Pb
5 x 20 mm Medium-Acting Fuse 233P Series
UL (R)
(R)
* Designed to UL/ CSA/ANCE 248 Standard. * Available in Cartridge, Axial and Radial Lead Format. * Available in ratings of 1A to 10A. * RoHS compliant and Lead-Free
ELECTRICAL CHARACTERISTICS:
% of Ampere Rating 100% 135% 200% Ampere Rating 1-3.5 4-10 1-10 1-10 Opening Time 4 hours, Minimum 1 hour, Minimum 3 sec., Min.; 1 hour Max. 0.4 sec., Min.; 4 sec., Max.
INTERRUPTING RATING:
10,000 amperes at 125 VAC, 0.7-0.8 power factor
ENVIRONMENTAL SPECIFICATIONS: Operating temperature: -55C to 125C Thermal Shock: MIL-STD-202F Method 107G, Test Condition B: (5 ORDERING INFORMATION:
Catalog Number 0233 001.P 0233 1.25P 0233 01.6P 0233 002.P 0233 02.5P 0233 003.P 0233 3.15P 0233 03.5P 0233 004.P 0233 005.P 0233 006.P 0233 06.3P 0233 008.P 0233 010.P Ampere Rating 1 1.25 1.6 2 2.5 3 3.15 3.5 4 5 6 6.3 8 10 Voltage Rating 125 125 125 125 125 125 125 125 125 125 125 125 125 125 Nominal Resistance Cold Ohms 0.18 0.13 0.088 0.068 0.052 0.043 0.038 0.032 0.029 0.022 0.018 0.017 0.008 0.007 Nominal Melting I2t A2Sec 1.977 3.389 6.144 9.971 17.041 26.243 29.797 36.272 51.609 89.975 131.456 151.905 169.433 274.411 cycles -65C to +125C) Vibration: MIL-STD-202F Method 201A Humidity: MIL-STD-202F Method 103B, Test Condition A. high relative humidity (95%) and elevated temperature (40C) for 240 hours. Salt Spray: MIL-STD-202F Method 101D, Test Condition B
PHYSICAL SPECIFICATIONS: Material: Body: Glass
Cap: Nickel Plated Brass Leads: Tin Plated Copper Terminal Strength: MIL-STD-202F Method 211A, Test Condition A Solderability: Reference IEC 60127 Second Edition 2003-01 Annex A Product Marking: Cap 1: current and voltage rating. Cap 2: Agency approval markings. Packaging: Available in Bulk (V=5, H=100, M=1000 pcs/pkg) or on Tape/Reel (MRET1=1000 pcs/reel).
444
w w w. l i t t e l f u s e . c o m
Axial Lead and Cartridge Fuses
Designed to UL/CSA Standards
RoHS
Pb
5 x 20 mm Medium-Acting Fuse 233P Series
Agency Approvals Ampere Range
UL (R)
(R)
Agency Approvals
20+0.5 5.2+0.1 -0.2 5.1+0.6 5.1+0.6
Certificate No. Cartridge NBK280602-E10480 NBK290502-E10480 Leaded NBK280602-E10480 NBK290502-E10480 Certificate No. SU05001-2010 Listed File No. Guide No. File No. Cert. Class No. E10480 JDYX 029862 LR1422-01
0233 000P
C I D J 1A - 5A 125V 10000A 6A - 10A 125V 500A 1A - 5A 125V 10000A 6A -10A 125V 500A 1A - 6.3A
0233000XEP
40
22.5 MAX
5.8 MAX
UL (R)
.65* All dimensions in mm
(R)
1A - 10A
Notes: * Ratings above 6.3A have 0.8 mm dia lead
Average Time Current Curves
1.25A 1.6A 2A 2.5A 3A 3.15A 3.5A 4A 5A 6A 6.3A 1A
10000
1000
11
AXIAL LEAD AND CARTRIDGE FUSES
1 10 CURRENT IN AMPERES 100 1000
100
TIME IN SECONDS
10
1
0.1
0.01
0.001
w w w. l i t t e l f u s e . c o m
445


▲Up To Search▲   

 
Price & Availability of 0233002P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X