Part Number Hot Search : 
B1200CCL LPC2921 12N60C MBI10 MEL8206 B09AG PQ600 B09AG
Product Description
Full Text Search
 

To Download ZL30116GGG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ZL30116 SONET/SDH OC-48/OC-192 System Synchronizer
Data Sheet
A full Design Manual is available to qualified customers. To register, please send an email to TimingandSync@Zarlink.com.
June 2006
Ordering Information ZL30116GGG ZL30116GGG2 100 Pin CABGA 100 Pin CABGA* Trays Trays
Features
* Supports the requirements of Telcordia GR-253 and GR-1244 for Stratum 3, 4E, 4 and SMC clocks, and the requirements of ITU-T G.781 SETS, G.813 SEC, G.823, G.824 and G.825 clocks Internal APLL provides standard output clock frequencies up to 622.08 MHz that meet jitter requirements for interfaces up to OC-192/STM-64 Programmable output synthesizers generate clock frequencies from any multiple of 8 kHz up to 77.76 MHz in addition to 2 kHz Provides two DPLLs which are independently configurable through a serial software interface DPLL1 provides all the features necessary for generating SONET/SDH compliant clocks including automatic hitless reference switching, automatic mode selection (locked, free-run, holdover), selectable loop bandwidth and pull-in range DPLL2 provides a comprehensive set of features necessary for generating derived output clocks and other general purpose clocks
*Pb Free Tin/Silver/Copper -40oC to +85oC * Provides 8 reference inputs which support clock frequencies with any multiples of 8 kHz up to 77.76 MHz in addition to 2 kHz Supports master/slave configuration for AdvancedTCATM Configurable input to output delay and output to output phase alignment Optional external feedback path provides dynamic input to output delay compensation Provides 3 sync inputs for output frame pulse alignment Generates several styles of output frame pulses with selectable pulse width, polarity and frequency Flexible input reference monitoring automatically disqualifies references based on frequency and phase irregularities Supports IEEE 1149.1 JTAG Boundary Scan
*
* * * * * *
*
* *
*
*
trst_b tck tdi tms
tdo
dpll2_ref
dpll1_hs_en
dpll1_lock dpll1_holdover
diff0_en
diff1_en
osco osci
Master Clock
IEEE 1449.1 JTAG
ref
DPLL2
P0 Synthesizer P1 Synthesizer
p0_clk0 p0_clk1 p0_fp0 p0_fp1 p1_clk0 p1_clk1 diff0_p/n diff1_p/n
ref0 ref1 ref2 ref3 ref4 ref5 ref6 ref7 sync0 sync1 sync2
ref7:0
ref
DPLL1
sync2:0 Reference Monitors ref_&_sync_status
sync fb_clk fb_fp
SONET/SDH APLL
sdh_clk0 sdh_clk1 sdh_fp0 sdh_fp1 fb_clk
Feedback Synthesizer
int_b
SPI Interface
Controller & State Machine
ext_fb_fp
ext_fb_clk
sck si so cs_b rst_b slave_en dpll1_mod_sel1:0 sdh_filter filter_ref0 filter_ref1
Figure 1 - Block Diagram 1
Zarlink Semiconductor Inc. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright 2005-2006, Zarlink Semiconductor Inc. All Rights Reserved.
ZL30116
Applications
* * * * * * * * AdvancedTCATM Systems Multi-Service Edge Switches or Routers Multi-Service Provisioning Platforms (MSPPs) Add-Drop Multiplexers (ADMs) Wireless/Wireline Gateways Wireless Base Stations DSLAM / Next Gen DLC Core Routers
Data Sheet
2
Zarlink Semiconductor Inc.
ZL30116 Table of Contents
Data Sheet
1.0 Functional Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 1.1 DPLL Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 1.2 DPLL Mode Control . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 1.3 Ref and Sync Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 1.4 Ref and Sync Monitoring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 1.5 Output Clocks and Frame Pulses . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 1.6 Configurable Input-to-Output and Output-to-Output Delays . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 1.7 Master/Slave Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 1.8 External Feedback Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 2.0 Software Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22 3.0 References . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
3
Zarlink Semiconductor Inc.
ZL30116 List of Figures
Data Sheet
Figure 1 - Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Figure 2 - Automatic Mode State Machine . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Figure 3 - Reference and Sync Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Figure 4 - Output Frame Pulse Alignment . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Figure 5 - Behaviour of the Guard Soak Timer during CFM or SCM Failures . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 Figure 6 - Output Clock Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Figure 7 - Phase Delay Adjustments . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Figure 8 - Typical Master/Slave Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 Figure 9 - External Feedback Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
4
Zarlink Semiconductor Inc.
ZL30116 List of Tables
Data Sheet
Table 1 - DPLL1 and DPLL2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Table 2 - Set of Pre-Defined Auto-Detect Clock Frequencies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Table 3 - Set of Pre-Defined Auto-Detect Sync Frequencies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Table 4 - Output Clock and Frame Pulse Frequencies . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 Table 5 - Register Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
5
Zarlink Semiconductor Inc.
ZL30116
Changes Summary
The following table captures the changes from the January 2006 issue. Page 25-27 Item Software Register Description Change
Data Sheet
Changed the naming and description of the frame pulse delay offset registers to clearly show that they form a 22-bit register spread out over 3 8-bit registers. The 22-bit register must be considered a multi-byte register during a read or write operation. This affects registers 0x40-0x42, 0x45-0x47, and 0x58-0x5A.
The following table captures the changes from the December 2005 issue. Page 12 14 Item 1.1, "DPLL Features" Table 2 Change Added 14 Hz and 28 Hz to available loop bandwidths for DPLL1 Removed the Custom frequencies from the autodetect table. Custom frequencies are configurable for each reference.
6
Zarlink Semiconductor Inc.
ZL30116
Pin Description Pin # Name I/O Type Description
Data Sheet
Input Reference C1 B2 A3 C3 B3 B4 C4 A4 B1 A1 A2 ref0 ref1 ref2 ref3 ref4 ref5 ref6 ref7 sync0 sync1 sync2 Id Input References (LVCMOS, Schmitt Trigger). These are input references available to both DPLL1 and DPLL2 for synchronizing output clocks. All eight input references can be automatically or manually selected using software registers. These pins are internally pulled down to Vss.
Id
Frame Pulse Synchronization References (LVCMOS, Schmitt Trigger). These are the frame pulse synchronization inputs associated with input references 0, 1 and 2. These inputs accept frame pulses in a clock format (50% duty cycle) or a basic frame pulse format with minimum pulse width of 5 ns. These pins are internally pulled down to Vss. External DPLL Feedback Clock (LVCMOS, Schmitt Trigger). External feedback clock input. This allows DPLL1 to adjust for PCB trace propagation delays. This pin is internally pulled down to Vss. Leave open when not is use. External DPLL Feedback Frame Pulse (LVCMOS, Schmitt Trigger). External feedback frame pulse input. This allows DPLL1 to adjust for PCB trace propagation delays. This pin is internally pulled down to Vss. Leave open when not is use. SONET/SDH Output Clock 0 (LVCMOS). This output can be configured to provide any one of the SONET/SDH clock outputs up to 77.76 MHz. The default frequency for this output is 77.76 MHz. SONET/SDH Output Clock 1 (LVCMOS). This output can be configured to provide any one of the SONET/SDH clock outputs up to 77.76 MHz. The default frequency for this output is 19.44 MHz. SONET/SDH Output Frame Pulse 0 (LVCMOS). This output can be configured to provide virtually any style of output frame pulse synchronized with an associated SONET/SDH family output clock. The default frequency for this frame pulse output is 8 kHz. SONET/SDH Output Frame Pulse 1 (LVCMOS). This output can be configured to provide virtually any style of output frame pulse synchronized with an associated SONET/SDH family output clock. The default frequency for this frame pulse output is 2 kHz. Programmable Synthesizer 0 - Output Clock 0 (LVCMOS). This output can be configured to provide any frequency with a multiple of 8 kHz up to 77.76 MHz in addition to 2 kHz. The default frequency for this output is 2.048 MHz. Programmable Synthesizer 0 - Output Clock 1 (LVCMOS). This is a programmable clock output configurable as a multiple or division of the p0_clk0 frequency within the range of 2 kHz to 77.76 MHz. The default frequency for this output is 8.192 MHz.
C5
ext_fb_clk
Id
B5
ext_fb_fp
Id
Output Clocks and Frame Pulses D10 sdh_clk0 O
G10
sdh_clk1
O
E10
sdh_fp0
O
F10
sdh_fp1
O
K9
p0_clk0
O
K7
p0_clk1
O
7
Zarlink Semiconductor Inc.
ZL30116
Pin # K8 Name p0_fp0 I/O Type O Description
Data Sheet
Programmable Synthesizer 0 - Output Frame Pulse 0 (LVCMOS). This output can be configured to provide virtually any style of output frame pulse associated with the p0 clocks. The default frequency for this frame pulse output is 8 kHz. Programmable Synthesizer 0 - Output Frame Pulse 1 (LVCMOS). This output can be configured to provide virtually any style of output frame pulse associated with the p0 clocks. The default frequency for this frame pulse output is 8 kHz Programmable Synthesizer 1 - Output Clock 0 (LVCMOS). This output can be configured to provide any frequency with a multiple of 8 kHz up to 77.76 MHz in addition to 2 kHz. The default frequency for this output is 1.544 MHz (DS1). Programmable Synthesizer1 - Output Clock 1 (LVCMOS). This is a programmable clock output configurable as a multiple or division of the p1_clk0 frequency within the range of 2 kHz to 77.76 MHz. The default frequency for this output is 3.088 MHz (2x DS1). Feedback Clock (LVCMOS). This output is a buffered copy of the feedback clock for DPLL1. The frequency of this output always equals the frequency of the selected reference. DPLL2 Selected Output Reference (LVCMOS). This is a buffered copy of the output of the reference selector for DPLL2. Switching between input reference clocks at this output is not hitless. Differential Output Clock 0 (LVPECL). This output can be configured to provide any one of the available SDH clocks. The default frequency for this clock output is 155.52 MHz Differential Output Clock 1 (LVPECL). This output can be configured to provide any one of the available SDH clocks. The default frequency for this clock output is 622.08 MHz clock Reset (LVCMOS, Schmitt Trigger). A logic low at this input resets the device. To ensure proper operation, the device must be reset after power-up. Reset should be asserted for a minimum of 300 ns. DPLL1 Hitless Switching Enable (LVCMOS, Schmitt Trigger). A logic high at this input enables hitless reference switching. A logic low disables hitless reference switching and re-aligns DPLL1's output phase to the phase of the selected reference input. This feature can also be controlled through software registers. This pin is internally pulled up to Vdd. DPLL1 Mode Select 1:0 (LVCMOS, Schmitt Trigger). During reset, the levels on these pins determine the default mode of operation for DPLL1 (Automatic, Normal, Holdover or Freerun). After reset, the mode of operation can be controlled directly with these pins, or by accessing the dpll1_modesel register (0x1F) through the serial interface. This pin is internally pulled up to Vdd. Master/Slave control (LVCMOS, Schmitt Trigger). This pin selects the mode of operation for the device. If set high, slave mode is selected. If set low, master mode is selected. This feature can also be controlled through software registers. This pin is internally pulled up to Vdd.
J7
p0_fp1
O
J10
p1_clk0
O
K10
p1_clk1
O
H10
fb_clk
O
E1
dpll2_ref
O
A9 B10 A10 B9 Control H5
diff0_p diff0_n diff1_p diff1_n
O
O
rst_b
I
J5
dpll1_hs_en
Iu
C2 D2
dpll1_mod_sel0 dpll1_mod_sel1
Iu
D1
slave_en
Iu
8
Zarlink Semiconductor Inc.
ZL30116
Pin # K1 Name diff0_en I/O Type Iu Description
Data Sheet
Differential Output 0 Enable (LVCMOS, Schmitt Trigger). When set high, the differential LVPECL output 0 driver is enabled. When set low, the differential driver is tristated reducing power consumption. This pin is internally pulled up to Vdd. Differential Output 1 Enable (LVCMOS, Schmitt Trigger). When set high, the differential LVPECL output 1 driver is enabled. When set low, the differential driver is tristated reducing power consumption.This pin is internally pulled up to Vdd. Lock Indicator (LVCMOS). This is the lock indicator pin for DPLL1. This output goes high when DPLL1's output is frequency and phase locked to the input reference. Holdover Indicator (LVCMOS). This pin goes high when DPLL1 enters the holdover mode. Clock for Serial Interface (LVCMOS). Serial interface clock. Serial Interface Input (LVCMOS). Serial interface data input pin. Serial Interface Output (LVCMOS). Serial interface data output pin. Chip Select for Serial Interface (LVCMOS). Serial interface chip select. This pin is internally pulled up to Vdd. Interrupt Pin (LVCMOS). Indicates a change of device status prompting the processor to read the enabled interrupt service registers (ISR). This pin is an open drain, active low and requires an external pulled up to VDD. External Analog PLL Loop Filter terminal. Analog PLL External Loop Filter Reference. Analog PLL External Loop Filter Reference. Test Serial Data Out (Output). JTAG serial data is output on this pin on the falling edge of tck. This pin is held in high impedance state when JTAG scan is not enabled. Test Serial Data In (Input). JTAG serial test instructions and data are shifted in on this pin. This pin is internally pulled up to Vdd. If this pin is not used then it should be left unconnected. Test Reset (LVCMOS). Asynchronously initializes the JTAG TAP controller by putting it in the Test-Logic-Reset state. This pin should be pulsed low on powerup to ensure that the device is in the normal functional state. This pin is internally pulled up to Vdd. If this pin is not used then it should be connected to GND. Test Clock (LVCMOS): Provides the clock to the JTAG test logic. If this pin is not used then it should be pulled down to GND.
D3
diff1_en
Iu
Status H1 dpll1_lock O
J1
dpll1_holdover
O
Serial Interface E2 F1 G1 E3 G2 sck si so cs_b int_b I I O Iu O
APLL Loop Filter A6 B6 C6 J4 sdh_filter filter_ref0 filter_ref1 tdo A A A O
JTAG and Test
K2
tdi
Iu
H4
trst_b
Iu
K3
tck
I
9
Zarlink Semiconductor Inc.
ZL30116
Pin # J3 Name tms I/O Type Iu Description
Data Sheet
Test Mode Select (LVCMOS). JTAG signal that controls the state transitions of the TAP controller. This pin is internally pulled up to VDD. If this pin is not used then it should be left unconnected. Oscillator Master Clock Input (LVCMOS). This input accepts a 20 MHz reference from a clock oscillator (TCXO, OCXO). The stability and accuracy of the clock at this input determines the free-run accuracy and the long term holdover stability of the output clocks. Oscillator Master Clock Output (LVCMOS). This pin must be left unconnected when the osci pin is connected to a clock oscillator. Internal Connection. Connect to ground.
Master Clock K4 osci I
K5
osco
O
Miscellaneous J2 H7 J6 G3 K6 F2 F3 D9 E4 G8 G9 J8 J9 H6 H8 E8 F4 A5 A8 C10 B7 B8 H2 IC
IC NC
Internal Connection. Leave unconnected. No Connection. Leave unconnected.
Power and Ground VDD P P P P P P P P P P P P P P P P Positive Supply Voltage. +3.3VDC nominal.
VCORE AVDD
Positive Supply Voltage. +1.8VDC nominal. Positive Analog Supply Voltage. +3.3VDC nominal.
AVCORE
Positive Analog Supply Voltage. +1.8VDC nominal.
10
Zarlink Semiconductor Inc.
ZL30116
Pin # D4 D5 D6 D7 E5 E6 E7 F5 F6 F7 G4 G5 G6 G7 E9 F8 F9 H9 A7 C7 C8 C9 D8 H3
IId Iu OAPG-
Data Sheet
Description
Name VSS
I/O Type G G G G G G G G G G G G G G G G G G G G G G G G Ground. 0 Volts.
AVSS
Analog Ground. 0 Volts.
Input Input, Internally pulled down Input, Internally pulled up Output Analog Power Ground
11
Zarlink Semiconductor Inc.
ZL30116
1.0 Functional Description
Data Sheet
The ZL30116 SONET/SDH System Synchronizer is a highly integrated device that provides the functionality required for synchronizing network equipment. It incorporates two independent DPLLs, each capable of locking to one of eight input references and provides a wide variety of synchronized output clocks and frame pulses.
1.1
DPLL Features
The ZL30116 provides two independently controlled Digital Phase-Locked Loops (DPLL1, DPLL2) for clock and/or frame pulse synchronization. Table 1 shows a feature summary for both DPLLs. Feature Modes of Operation Loop Bandwidth DPLL1 Free-run, Normal (locked), Holdover User selectable: 0.1 Hz, 1.7 Hz, 3.5 Hz, fast lock (7 Hz), 14 Hz, 28 Hz1, or wideband2 (890 Hz / 56 Hz / 14 Hz) User selectable: 885 ns/s, 7.5 s/s, 61 s/s, or unlimited User selectable: 12 ppm, 52 ppm, 83 ppm, 130 ppm Selectable Update Times: 26 ms, 1 s, 10 s, 60 s, and Selectable Holdover Post Filter BW: 18 mHz, 2.5 Hz, 10 Hz. Better than 1 ppb (Stratum 3E) initial frequency offset. Frequency drift depends on the 20 MHz external oscillator. Ref0 to Ref7 Sync0, Sync1, Sync2 2 kHz, N * 8 kHz up to 77.76 MHz 166.67 Hz, 400 Hz, 1 kHz, 2 kHz, 8 kHz, 64 kHz. Automatic (based on programmable priority and revertiveness), or manual Can be enabled or disabled diff0_p/n, diff1_p/n, sdh_clk0, sdh_clk1, p0_clk0, p0_clk1, p1_clk0, p1_clk1, fb_clk. sdh_fp0, sdh_fp1, p0_fp0, p0_fp1 synchronized to active sync reference. As listed in Table 4 DPLL2 Free-run, Normal (locked), Holdover Fixed: 14 Hz
Phase Slope Limiting Pull-in Range Holdover Parameters
User selectable: 61 s/s, or unlimited Fixed: 130 ppm Fixed Update Time: 26 ms No Holdover Post Filtering Better than 50 ppb (Stratum 3) initial frequency offset. Frequency drift depends on the 20 MHz external oscillator. Ref0 to Ref7 Sync inputs are not supported. 2 kHz, N * 8 kHz up to 77.76 MHz Sync inputs are not supported. Automatic (based on programmable priority and revertiveness), or manual Can be enabled or disabled p0_clk0, p0_clk1, p1_clk0, p1_clk1.
Holdover Frequency Accuracy
Reference Inputs Sync Inputs Input Ref Frequencies Supported Sync Input Frequencies Input Reference Selection/Switching Hitless Ref Switching Output Clocks
Output Frame Pulses Supported Output Clock Frequencies
p0_fp0, p0_fp1 not synchronized to sync reference. As listed in Table 4 for p0_clk0, p0_clk1, p1_clk0, p1_clk1
Table 1 - DPLL1 and DPLL2 Features
12
Zarlink Semiconductor Inc.
ZL30116
Feature Supported Output Frame Pulse Frequencies External Status Pin Indicators DPLL1 As listed in Table 4 DPLL2
Data Sheet
As listed in Table 4 for p0_fp0, p0_fp not synchronized to sync reference. None
Lock, Holdover
Table 1 - DPLL1 and DPLL2 Features
1. Limited to 14 Hz for 2 kHz references) 2. In the wideband mode, the loop bandwidth depends on the frequency of the reference input. For reference frequencies greater than 8 kHz, the loop bandwidth = 890 Hz. For reference frequencies equal to 8 kHz, the loop bandwidth = 56 Hz. The loop bandwidth is equal to 14 Hz for reference frequencies of 2 kHz.
1.2
DPLL Mode Control
Both DPLL1 and DPLL2 independently support three modes of operation - free-run, normal, and holdover. The mode of operation can be manually set or controlled by an automatic state machine as shown in Figure 2.
All references are monitored for frequency accuracy and phase regularity, and at least one reference is qualified.
Reset
Free-Run
Another reference is qualified and available for selection
Lock Acquisition
No references are qualified and available for selection
Holdover
Phase lock on the selected reference is achieved
Selected reference fails
Normal Normal (Locked) (Locked)
Figure 2 - Automatic Mode State Machine Free-run The free-run mode occurs immediately after a reset cycle or when the DPLL has never been synchronized to a reference input. In this mode, the frequency accuracy of the output clocks is equal to the frequency accuracy of the external master oscillator. Lock Acquisition The input references are continuously monitored for frequency accuracy and phase regularity. If at least one of the input references is qualified by the reference monitors, then the DPLL will begin lock acquisition on that input. Given a stable reference input, the ZL30116 will enter in the Normal (locked) mode.
13
Zarlink Semiconductor Inc.
ZL30116
Normal (locked)
Data Sheet
The usual mode of operation for the DPLL is the normal mode where the DPLL phase locks to a selected qualified reference input and generates output clocks and frame pulses with a frequency accuracy equal to the frequency accuracy of the reference input. While in the normal mode, the DPLL's clock and frame pulse outputs comply with the MTIE and TDEV wander generation specifications as described in Telcordia and ITU-T telecommunication standards. Holdover When the DPLL operating in the normal mode loses its reference input, and no other qualified references are available, it will enter the holdover mode and continue to generate output clocks based on historical frequency data collected while the DPLL was synchronized. The transition between normal and holdover modes is controlled by the DPLL so that its initial frequency offset is better than 1 ppb which meets the requirement of Stratum 3E. The frequency drift after this transition period is dependant on the frequency drift of the external master oscillator.
1.3
Ref and Sync Inputs
There are eight reference clock inputs (ref0 to ref7) available to both DPLL1 and DPLL2. The selected reference input is used to synchronize the output clocks. Each of the DPLLs have independent reference selectors which can be controlled using a built-in state machine or set in a manual mode.
DPLL2
ref7:0
DPLL1 sync2:0
Figure 3 - Reference and Sync Inputs Each of the ref inputs accept a single-ended LVCMOS clock with a frequency ranging from 2 kHz to 77.76 MHz. Built-in frequency detection circuitry automatically determines the frequency of the reference if its frequency is within the set of pre-defined frequencies as shown in Table 2. Custom frequencies definable in multiples of 8 kHz are also available. 2 kHz 8 kHz 64 kHz 1.544 MHz 2.048 MHz 6.48 MHz 8.192 MHz Table 2 - Set of Pre-Defined Auto-Detect Clock Frequencies 16.384 MHz 19.44 MHz 38.88 MHz 77.76 MHz
14
Zarlink Semiconductor Inc.
ZL30116
Data Sheet
In addition to the reference inputs, DPLL1 has three optional frame pulse synchronization inputs (sync0 to sync2) used to align the output frame pulses. The syncn input is selected with its corresponding refn input, where n = 0, 1, or 2. Note that the sync input cannot be used to synchronize the DPLL, it only determines the alignment of the frame pulse outputs. An example of output frame pulse alignment is shown in Figure 4.
Without a frame pulse signal at the sync input, the output frame pulses will align to any arbitrary cycle of its associated output clock.
n = 0, 1, 2 x = 0, 1
refn syncn - no frame pulse signal present
diffx/sdh_clkx/p0_clkx/p1_clkx sdh_fpx/p0_fpx
When a frame pulse signal is present at the sync input, the DPLL will align the output frame pulses to the output clock edge that is aligned to the input frame pulse.
n = 0, 1, 2 x = 0, 1
refn syncn
diffx/sdh_clkx/p0_clkx/p1_clkx sdh_fpx/p0_fpx
Figure 4 - Output Frame Pulse Alignment Each of the sync inputs accept a single-ended LVCMOS frame pulse. Since alignment is determined from the rising edge of the frame pulse, there is no duty cycle restriction on this input, but there is a minimum pulse width requirement of 5 ns. Frequency detection for the sync inputs is automatic for the supported frame pulse frequencies shown in Table 3. 166.67 Hz (48x 125 s frames) 400 Hz 1 kHz 2 kHz 8 kHz 64 kHz Table 3 - Set of Pre-Defined Auto-Detect Sync Frequencies
15
Zarlink Semiconductor Inc.
ZL30116
1.4 Ref and Sync Monitoring
Data Sheet
All input references (ref0 to ref7) are monitored for frequency accuracy and phase regularity. New references are qualified before they can be selected as a synchronization source and qualified references are continuously monitored to ensure that they are suitable for synchronization. The process of qualifying a reference depends on four levels of monitoring. Single Cycle Monitor (SCM) The SCM block measures the period of each reference clock cycle to detect phase irregularities or a missing clock edge. In general, if the measured period deviates by more than 50% from the nominal period, then an SCM failure (scm_fail) is declared. Coarse Frequency Monitor (CFM) The CFM block monitors the reference frequency over a measurement period of 30 s so that it can quickly detect large changes in frequency. A CFM failure (cfm_fail) is triggered when the frequency has changed by more than 3% or approximately 30000 ppm. Precise Frequency Monitor (PFM) The PFM block measures the frequency accuracy of the reference over a 10 second interval. To ensure an accurate frequency measurement, the PFM measurement interval is re-initiated if phase or frequency irregularities are detected by the SCM or CFM. The PFM provides a level of hysteresis between the acceptance range and the rejection range to prevent a failure indication from toggling between valid and invalid for references that are on the edge of the acceptance range. When determining the frequency accuracy of the reference input, the PFM uses the external oscillator's output frequency (focsi) as its point of reference. Guard Soak Timer (GST) The GST block mimics the operation of an analog integrator by accumulating failure events from the CFM and the SCM blocks and applying a selectable rate of decay when no failures are detected. As shown in Figure 5, a GST failure (gst_fail) is triggered when the accumulated failures have reached the upper threshold during the disqualification observation window. When there are no CFM or SCM failures, the accumulator decrements until it reaches its lower threshold during the qualification window. CFM or SCM failures ref
upper threshold
lower threshold td gst_fail tq
td - disqualification time tq - qualification time = n * td
Figure 5 - Behaviour of the Guard Soak Timer during CFM or SCM Failures
16
Zarlink Semiconductor Inc.
ZL30116
Data Sheet
All sync inputs (sync0 to sync2) are continuously monitored to ensure that there is a correct number of reference clock cycles within the frame pulse period.
1.5
Output Clocks and Frame Pulses
The ZL30116 offers a wide variety of outputs including two low-jitter differential LVPECL clocks (diff0_p/n, diff1_p/n), two SONET/SDH LVCMOS (sdh_clk0, sdh_clk1) output clocks, and four programmable LVCMOS (p0_clk0, p0_clk1, p1_clk0, p1_clk1) output clocks. In addition to the clock outputs, two LVCMOS SONET/SDH frame pulse outputs (sdh_fp0, sdh_fp1) and two LVCMOS programmable frame pulses (p0_fp0, p0_fp1) are also available. The feedback clock (fb_clk) of DPLL1 is available as an output clock. Its output frequency is always equal to DPLL1's selected input frequency. The output clocks and frame pulses derived from the SONET/SDH APLL are always synchronous with DPLL1, and the clocks and frame pulses generated from the programmable synthesizers can be synchronized to either DPLL1 or DPLL2. This allows the ZL30116 to have two independent timing paths.
P0 Synthesizer DPLL2 P1 Synthesizer
p0_clk0 p0_fp0 p0_clk1 p0_fp1 p1_clk0 p1_clk1
diff0
DPLL1 SONET/SDH APLL
diff1
sdh_clk0 sdh_fp0 sdh_clk1 sdh_fp1
Feedback Synthesizer
fb_clk
Figure 6 - Output Clock Configuration
17
Zarlink Semiconductor Inc.
ZL30116
The supported frequencies for the output clocks and frame pulses are shown in Table 4. diff0_p/n, diff1_p/n (LVPECL) 6.48 MHz 19.44 MHz 38.88 MHz 51.84 MHz 77.76 MHz 155.52 MHz 311.04 MHz 622.08 MHz sdh_clk0, sdh_clk1 (LVCMOS) 6.48 MHz 9.72 MHz 12.96 MHz 19.44 MHz 25.92 MHz 38.88 MHz 51.84 MHz 77.76 MHz Table 4 - Output Clock and Frame Pulse Frequencies
1. M= -128 to 127 defined as an 8-bit two's complement value. +ve values divide, -ve values multiply 2. N = 0 to 9270, N = 0 selects 2 kH
Data Sheet
p0_clk0, p1_clk0 (LVCMOS) 2 kHz
p0_clk1, p1_clk1 (LVCMOS) px_clk0
sdh_fp0, shd_fp1, p0_fp0, p0_fp1 (LVCMOS) 166.67 Hz (48x 125 s frames) 400 Hz 1 kHz 2 kHz 4 kHz 8 kHz 32 kHz 64 kHz
N * 8 kHz (up to 77.76 MHz)2
2M (Up to 77.76 MHz)1
px_clk1 =
18
Zarlink Semiconductor Inc.
ZL30116
1.6 Configurable Input-to-Output and Output-to-Output Delays
Data Sheet
The ZL30116 allows programmable static delay compensation for controlling input-to-output and output-to-output delays of its clocks and frame pulses. All of the output synthesizers (SONET/SDH, P0, P1, Feedback) locked to DPLL1 can be configured to lead or lag the selected input reference clock using the DPLL1 Fine Delay. The delay is programmed in steps of 119.2 ps with a range of -128 to +127 steps giving a total delay adjustment in the range of -15.26 ns to +15.14 ns. Negative values delay the output clock, positive values advance the output clock. Synthesizers that are locked to DPLL2 are unaffected by this delay adjustment. In addition to the fine delay introduced in the DPLL1 path, the SONET/SDH, P0, and P1 synthesizers have the ability to add their own fine delay adjustments using the P0 Fine Delay, P1 Fine Delay, and SDH Fine Delay. These delays are also programmable in steps of 119.2 ps with a range of -128 to +127 steps. In addition to these delays, the single-ended output clocks of the SONET/SDH, P0, and P1 synthesizers can be independently offset by 90, 180 and 270 degrees using the Coarse Delay, and the SONET/SDH differential outputs can be independently delayed by -1.6 ns, 0 ns, +1.6 ns or +3.2 ns using the Diff Delay. The output frame pulses (SONET/SDH, P0) can be independently offset with respect to each other using the FP Delay.
Coarse Delay P0 Synthesizer Coarse Delay FP Delay FP Delay Coarse Delay Coarse Delay
p0_clk0 p0_clk1 p0_fp0 p0_fp1 p1_clk0 p1_clk1 diff0 diff1 sdh_clk0 sdh_clk1 sdh_fp0 sdh_fp1 fb_clk
DPLL2
P0 Fine Delay
P1 Fine Delay
P1 Synthesizer
Diff Delay Diff Delay DPLL1 SDH Fine Delay SONET/SDH APLL Coarse Delay Coarse Delay FP Delay FP Delay Feedback Synthesizer
DPLL1 Fine Delay
Figure 7 - Phase Delay Adjustments
19
Zarlink Semiconductor Inc.
ZL30116
1.7 Master/Slave Configuration
Data Sheet
In systems that provide redundant timing sources, it is desirable to minimize the output skew between the master and the slave's output clocks. This can be achieved by synchronizing the slave to one of the master's output clocks instead of synchronizing the slave to an external reference. If frame pulse alignment between the timing sources is required, then the crossover link should consist of a clk/fp pair. One method of connecting two ZL30116 devices in a master/slave configuration is shown in Figure 8 where there is a dedicated crossover link between timing cards. Any of the master's unused outputs and the slave's unused inputs can be used as a crossover link. External References External References
ref0
ref1
ref0
ref1
Crossover Link
sdh_clk0 ref2 sync2 sdh_clk0 sdh_fp0 sdh_clk0 sdh_fp0
ZL30116 (Master)
sdh_fp0 ref2 sync2
ZL30116 (Slave)
sdh_clk0
sdh_fp0
clk bus 1 fp bus 1 clk bus 2 fp bus 2
ref0 sync0
ref1 sync1
ref0 sync0
ref1 sync1
Line Card DPLL (ZL30119, ZL30117, ZL30106)
Line Card DPLL (ZL30119, ZL30117, ZL30106)
Figure 8 - Typical Master/Slave Configuration
20
Zarlink Semiconductor Inc.
ZL30116
1.8 External Feedback Inputs
Data Sheet
In addition to the static delay compensation described in the "External Feedback Inputs" section on page 21, the ZL30116 also provides the option of dynamic delay compensation to minimize path delay variation associated with external clock drivers and long PCB traces. This is accomplished by re-directing the internal DPLL1 feedback path to external pins and closing the loop externally as shown in Figure 9.
ZL30116
DPLL1
clk_in fp_in ref sync fb_clk fb_clk fb_fp Feedback Synthesizer fb_fp SONET/P0/P1 Synthesizers clk fp Path Delay clk_out fp_out
ext_fb_fp
ext_fb_clk
realignment of input and output clocks
clk_in fp_in
clk_out fp_out
Figure 9 - External Feedback Configuration
21
Zarlink Semiconductor Inc.
ZL30116
2.0 Software Configuration
Data Sheet
The ZL30116 is mainly controlled by accessing software registers through the serial peripheral interface (SPI). The device can be configured to operate in a highly automated manner which minimizes its interaction with the system's processor, or it can operate in a manual mode where the system processor controls most of the operation of the device. The following table provides a summary of the registers available for status updates and configuration of the device.
.
Addr (Hex)
Register Name
Reset Value (Hex)
Description
Type
Miscellaneous Registers 00 01 id_reg use_hw_ctrl A0 00 Chip and version identification and reset ready indication register Allows some functions of the device to be controlled by hardware pins Interrupts 02 03 04 05 06 07 08 09 0A 0B 0C 0D 0E ref_fail_isr dpll1_isr dpll2_isr ref_mon_fail_0 ref_mon_fail_1 ref_mon_fail_2 ref_mon_fail_3 ref_fail_isr_mask dpll1_isr_mask dpll2_isr_mask ref_mon_fail_mask_0 ref_mon_fail_mask_1 ref_mon_fail_mask_2 FF 70 00 FF FF FF FF 00 00 00 FF FF FF Reference failure interrupt service register DPLL1 interrupt service register DPLL2 interrupt service register Ref0 and ref1 failure indications Ref2 and ref3 failure indications. Ref4 and ref5 failure indications Ref6 and ref7 failure indications Reference failure interrupt service register mask DPLL1 interrupt service register mask DPLL2 interrupt service register mask Control register to mask each failure indicator for ref0 and ref1 Control register to mask each failure indicator for ref2 and ref3 Control register to mask each failure indicator for ref4 and ref5 R Sticky R Sticky R Sticky R Sticky R Sticky R Sticky R R/W R/W R/W R/W R/W R/W R R/W
Table 5 - Register Map
22
Zarlink Semiconductor Inc.
ZL30116
Addr (Hex) 0F Register Name ref_mon_fail_mask_3 Reset Value (Hex) FF
Data Sheet
Description Control register to mask each failure indicator for ref6 and ref7
Type R/W
Reference Monitor Setup 10 11 12 13 14 15 16 17 18 19 1A 1B 1C detected_ref_0 detected_ref_1 detected_ref_2 detected_ref_3 detected_sync_0 detected_sync_1 oor_ctrl_0 oor_ctrl_1 oor_ctrl_2 oor_ctrl_3 gst_mask_0 gst_mask_1 gst_qualif_time FF FF FF FF EE 0E 33 33 33 33 FF FF 1A Ref0 and ref1 auto-detected frequency value status register Ref2 and ref3 auto-detected frequency value status register Ref4 and ref5 auto-detected frequency value status register Ref6 and ref7 auto-detected frequency value status register Sync0 and sync1 auto-detected frequency value and sync failure status register Sync2 auto-detected frequency value and sync valid status register Control register for the ref0 and ref1 out of range limit Control register for the ref2 and ref3 out of range limit Control register for the ref4 and ref5 out of range limit Control register for the ref6 and ref7 out of range limit Control register to mask the inputs to the guard soak timer for ref0 to ref3 Control register to mask the inputs to the guard soak timer for ref4 to ref7 Control register for the guard_soak_timer qualification time and disqualification time for the references DPLL1 Control 1D dpll1_ctrl_0 See Register Description See Register Description Control register for the DPLL1 filter control; phase slope limit, bandwidth and hitless switching Holdover update time, filter_out_en, freq_offset_en, revert enable R/W R R R R R R R/W R/W R/W R/W R/W R/W R/W
1E
dpll1_ctrl_1
R/W
Table 5 - Register Map (continued)
23
Zarlink Semiconductor Inc.
ZL30116
Addr (Hex) 1F Register Name dpll1_modesel Reset Value (Hex) See Register Description 00 3C
Data Sheet
Description Control register for the DPLL1 mode of operation DPLL1 reference selection or reference selection status Control register to mask each failure indicator (SCM, CFM, PFM and GST) used for automatic reference switching and automatic holdover Control register to indicate the time to restore a previous failed reference Control register for the ref0 to ref7 enable revertive signals Control register for the ref0 and ref1 priority values Control register for the ref2 and ref3 priority values Control register for the ref4 and re5 priority values Control register for the ref6 and ref7 priority values DPLL1 lock and holdover status register Control register for the pull-in range DPLL2 Control
Type R/W
20 21
dpll1_refsel dpll1_ref_fail_mask
R/W R/W
22 23 24 25 26 27 28 29
dpll1_wait_to_restore dpll1_ref_rev_ctrl dpll1_ref_pri_ctrl_0 dpll1_ref_pri_ctrl_1 dpll1_ref_pri_ctrl_2 dpll1_ref_pri_ctrl_3 dpll1_lock_holdover_status dpll1_pullinrange
00 00 10 32 54 76 04 03
R/W R/W R/W R/W R/W R/W R R/W
2A
dpll2_ctrl_0
00
Control register to program the DPLL2: hitless switching, the phase slope limit and DPLL enable Control register to program the DPLL2: filter_out_en, freq_offset_en, revert enable Control register to select the mode of operation of the DPLL2 DPLL2 reference selection or reference selection status Control register to mask each failure indicator (SCM, CFM, PFM and GST) used for automatic reference switching and automatic holdover Control register to indicate the time to restore a previous failed reference for the DPLL2 path Control register for the ref0 to ref7 enable revertive signals
R/W
2B 2C 2D 2E
dpll2_ctrl_1 dpll2_modesel dpll2_refsel dpll2_ref_fail_mask
04 02 00 3C
R/W R/W R/W R/W
2F 30
dpll2_wait_to_restore dpll2_ref_rev_ctrl
00 00
R/W R/W
Table 5 - Register Map (continued)
24
Zarlink Semiconductor Inc.
ZL30116
Addr (Hex) 31 32 33 34 35 Register Name dpll2_ref_pri_ctrl_0 dpll2_ref_pri_ctrl_1 dpll2_ref_pri_ctrl_2 dpll2_ref_pri_ctrl_3 dpll2_lock_holdover_status Reset Value (Hex) 10 32 54 76 04
Data Sheet
Description Control register for the ref0 and ref1 priority values Control register for the ref2 and ref3 priority values Control register for the ref4 and re5 priority values Control register for the ref6 and ref7 priority values DPLL2 lock and holdover status register
Type R/W R/W R/W R/W R
P0 Configuration Registers 36 p0_enable 8F Control register to enable p0_clk0, p0_clk1, p0_fp0, p0_fp1, the P0 synthesizer and select the source Control register to generate p0_clk0, p0_clk1, p0_fp0 and p0_fp1 Control register for the [7:0] bits of the N of N*8k clk0 Control register for the [13:8] bits of the N of N*8k clk0 Control register for the p0_clk0 phase position coarse tuning Control register for the p0_clk1 frequency selection Control register for the p0_clk1 phase position coarse tuning Control register for the output/output phase alignment fine tuning for p0 path Control register to select the p0_fp0 frame pulse frequency Control register to select fp0 type Bits [7:0] of the programmable frame pulse phase offset in multiples of 1/262.14 MHz Bits [15:8] of the programmable frame pulse phase offset in multiples of 1/262.14 MHz Bits [21:16] of the programmable frame pulse phase offset in multiples of 8 kHz cycles Control register to select p0_fp1 frame pulse frequency R/W
37 38 39 3A 3B 3C 3D 3E 3F 40 41 42 43
p0_run p0_freq_0 p0_freq_1 p0_clk0_offset90 p0_clk1_div p0_clk1_offset90 p0_offset_fine p0_fp0_freq p0_fp0_type p0_fp0_offset_0 p0_fp0_offset_1 p0_fp0_offset_2 p0_fp1_freq
0F 00 01 00 3E 00 00 05 83 00 00 00 05
R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
Table 5 - Register Map (continued)
25
Zarlink Semiconductor Inc.
ZL30116
Addr (Hex) 44 45 46 47 Register Name p0_fp1_type p0_fp1_offset_0 p0_fp1_offset_1 p0_fp1_offset_2 Reset Value (Hex) 11 00 00 00
Data Sheet
Description Control register to select fp1 type Bits [7:0] of the programmable frame pulse phase offset in multiples of 1/262.144 MHz Bits [15:8] of the programmable frame pulse phase offset in multiples of 1/262.144 MHz Bits [21:16] of the programmable frame pulse phase offset in multiples of 8 kHz cycles
Type R/W R/W R/W R/W
P1 Configuration Registers 48 49 4A 4B 4C 4D 4E 4F p1_enable p1_run p1_freq_0 p1_freq_1 p1_clk0_offset90 p1_clk1_div p1_clk1_offset90 p1_offset_fine 83 03 C1 00 00 3F 00 00 Control register to enable p1_clk0, p1_clk1, the P1 synthesizer and select the source Control register to generate enable/disable p1_clk0 and p1_clk1 Control register for the [7:0] bits of the N of N*8k clk0 Control register for the [13:8] bits of the N of N*8k clk0 Control register for the p1_clk0 phase position coarse tuning Control register for the p1_clk1 frequency selection Control register for the p1_clk1 phase position coarse tuning Control register for the output/output phase alignrment fine tuning R/W R/W R/W R/W R/W R/W R/W R/W
SDH Configuration Registers 50 51 52 53 54 55 sdh_enable sdh_run sdh_clk_div sdh_clk0_offset90 sdh_clk1_offset90 sdh_offset_fine 8F 0F 42 00 00 00 Control register to enable sdh_clk0, sdh_clk1, sdh_fp0, sdh_fp1 and the SDH PLL Control register to generate sdh_clk0, sdh_clk1, sdh_fp0 and sdh_fp1 Control register for the sdh_clk0 and sdh_clk1 frequency selection Control register for the sdh_clk0 phase position coarse tuning Control register for the sdh_clk1 phase position coarse tuning Control register for the output/output phase alignrment fine tuning for sdh path R/W R/W R/W R/W R/W R/W
Table 5 - Register Map (continued)
26
Zarlink Semiconductor Inc.
ZL30116
Addr (Hex) 56 57 58 59 5A 5B 5C 5D 5E 5F Register Name sdh_fp0_freq sdh_fp0_type sdh_fp0_offset_0 sdh_fp0_offset_1 sdh_fp0_offset_2 sdh_fp1_freq sdh_fp1_type sdh_fp1_fine_offset_0 sdh_fp1_fine_offset_1 sdh_fp1_coarse_offset Reset Value (Hex) 05 23 00 00 00 03 03 00 00 00
Data Sheet
Description Control register to select the sdh_fp0 frame pulse frequency Control register to select fp0 type Bits [7:0] of the programmable frame pulse phase offset in multiples of 1/311.04 MHz Bits [15:8] of the programmable frame pulse phase offset in multiples of 1/311.04 MHz Bits [21:16] of the programmable frame pulse phase offset in multiples of 8 kHz cycles Control register to select sdh_fp1 frame pulse frequency Control register to select fp1 type Bits [7:0] of the programmable frame pulse phase offset in multiples of 1/311.04 MHz Bits [15:8] of the programmable frame pulse phase offset in multiples of 1/311.04 MHz Programmable frame pulse phase offset in multiples of 8 kHz cycles
Type R/W R/W R/W R/W R/W R/W R/W R/W R/W R/W
Differential Output Configuration 60 61 diff_ctrl diff_sel A3 53 Control register to enable diff0, diff1 Control register to select the diff0 and diff1 frequencies R/W R/W
External Feedback Configuration 62 63 64 65 66 67 fb_control fb_offset_fine reserved N * 8 kHz Reference Control ref_freq_mode_0 ref_freq_mode_1 custA_mult_0 00 00 00 Control register to set whether to use auto detect, CustomA or CustomB for ref0 to ref3 Control register to set whether to use auto detect, CustomA or CustomB for ref4 to ref7 Control register for the [7:0] bits of the custom configuration A. This is the N integer for the N*8kHz reference monitoring. R/W R/W R/W 80 F5 Control register to enable fb_clk and the FB PLL, int/ext feedback select Control register for the output/output phase alignment fine tuning R/W R/W
Table 5 - Register Map (continued)
27
Zarlink Semiconductor Inc.
ZL30116
Addr (Hex) 68 Register Name custA_mult_1 Reset Value (Hex) 00
Data Sheet
Description Control register for the [13:8] bits of the custom configuration A. This is the N integer for the N*8kHz reference monitoring. Control register for the custom configuration A: single cycle SCM low limiter Control register for the custom configuration A: single cycle SCM high limiter Control register for the custom configuration A: The [7:0] bits of the single cycle CFM low limit Control register for the custom configuration A: The [15:0] bits of the single cycle CFM low limit Control register for the custom configuration A: The [7:0] bits of the single cycle CFM high limit Control register for the custom configuration A: The [15:0] bits of the single cycle CFM high limiter Control register for the custom configuration A: CFM reference monitoring cycles - 1 Control register for the custom configuration A: enable the use of ref_div4 for the CFM and PFM inputs Control register for the [7:0] bits of the custom configuration B. This is the 8 k integer for the N*8kHz reference monitoring. Control register for the [13:8] bits of the custom configuration B. This is the 8 k integer for the N*8kHz reference monitoring. Control register for the custom configuration B: single cycle SCM low limiter Control register for the custom configuration B: single cycle SCM high limiter Control register for the custom configuration B: The [7:0] bits of the single cycle CFM low limiter. Control register for the custom configuration B: The [15:0] bits of the single cycle CFM low limiter.
Type R/W
69 6A 6B
custA_scm_low custA_scm_high custA_cfm_low_0
00 00 00
R/W R/W R/W
6C
custA_cfm_low_1
00
R/W
6D
custA_cfm_hi_0
00
R/W
6E
custA_cfm_hi_1
00
R/W
6F 70
custA_cfm_cycle custA_div
00 00
R/W R/W
71
custB_mult_0
00
R/W
72
custB_mult_1
00
R/W
73 74 75
custB_scm_low custB_scm_high custB_cfm_low_0
00 00 00
R/W R/W R/W
76
custB_cfm_low_1
00
R/W
Table 5 - Register Map (continued)
28
Zarlink Semiconductor Inc.
ZL30116
Addr (Hex) 77 Register Name custB_cfm_hi_0 Reset Value (Hex) 00
Data Sheet
Description Control register for the custom configuration B: The [7:0] bits of the single cycle CFM high limiter. Control register for the custom configuration B: The [15:0] bits of the single cycle CFM high limiter. Control register for the custom configuration B: CFM reference monitoring cycles - 1 Control register for the custom configuration B: enable the use of ref_div4 for the CFM and PFM inputs
Type R/W
78
custB_cfm_hi_1
00
R/W
79 7A
custB_cfm_cycle custB_div
00 00
R/W R/W
7B 7F
Reserved Table 5 - Register Map (continued)
3.0
References
AdvancedTCA, ATCA and the AdvancedTCA and ATCA logos are trademarks of the PCI Industrial Computer Manufacturers Group.
29
Zarlink Semiconductor Inc.
For more information about all Zarlink products visit our Web Site at
www.zarlink.com
Information relating to products and services furnished herein by Zarlink Semiconductor Inc. or its subsidiaries (collectively "Zarlink") is believed to be reliable. However, Zarlink assumes no liability for errors that may appear in this publication, or for liability otherwise arising from the application or use of any such information, product or service or for any infringement of patents or other intellectual property rights owned by third parties which may result from such application or use. Neither the supply of such information or purchase of product or service conveys any license, either express or implied, under patents or other intellectual property rights owned by Zarlink or licensed from third parties by Zarlink, whatsoever. Purchasers of products are also hereby notified that the use of product in certain ways or in combination with Zarlink, or non-Zarlink furnished goods or services may infringe patents or other intellectual property rights owned by Zarlink. This publication is issued to provide information only and (unless agreed by Zarlink in writing) may not be used, applied or reproduced for any purpose nor form part of any order or contract nor to be regarded as a representation relating to the products or services concerned. The products, their specifications, services and other information appearing in this publication are subject to change by Zarlink without notice. No warranty or guarantee express or implied is made regarding the capability, performance or suitability of any product or service. Information concerning possible methods of use is provided as a guide only and does not constitute any guarantee that such methods of use will be satisfactory in a specific piece of equipment. It is the user's responsibility to fully determine the performance and suitability of any equipment using such information and to ensure that any publication or data used is up to date and has not been superseded. Manufacturing does not necessarily include testing of all functions or parameters. These products are not suitable for use in any medical products whose failure to perform may result in significant injury or death to the user. All products and materials are sold and services provided subject to Zarlink's conditions of sale which are available on request.
Purchase of Zarlink's I2C components conveys a licence under the Philips I2C Patent rights to use these components in and I2C System, provided that the system conforms to the I2C Standard Specification as defined by Philips. Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc. Copyright Zarlink Semiconductor Inc. All Rights Reserved.
TECHNICAL DOCUMENTATION - NOT FOR RESALE


▲Up To Search▲   

 
Price & Availability of ZL30116GGG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X