Part Number Hot Search : 
24113 GVXO753 SP5654 ZLNB2013 ON0810 70012 BA668A 380HB
Product Description
Full Text Search
 

To Download VF194154M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Surface Mount VCXO
ECM VF194 / 294
Very Low Phase Jitter Industrial Temperature Range Miniature Ceramic Package SMD Tri-state Oscillator 3.3V Supply
Parameter Frequency Range Stability Supply Voltage Supply Current Load Duty Cycle Rise & Fall Times Logic "1" Level Logic "0" Level Start Up Time Phase Jitter Modulation BW Input Impedance Control Voltage Pulling Range Linearity Setability (Vc for center frequency) Tristate Fuction Enable Disable Operating Temp
VF194 - VF294 Notes 1.54MHz to 160.0MHz +/-25ppm Vs. Temp 5V +/-5% Standard 3.3V +/-5% Option 30mA No Load 10TTL gates or 50pF 40 / 60 or 45/55 Specify 6nS max 0.9Vcc min Max Load 0.1Vcc max Max Load 10mS max 2mS Typ 1pS max <52MHz 20pS max >52MHz 10kHz @ -3dB min 50K ohm min Fm<10kHz 0V to 5.0V Vcc 5.0V 0V to 3.3V Vcc 3.3V +/- 50ppm Or Specify +/-20% 2.50V typ Vcc 5.0V 1.65V typ Vcc 3.3V Input HIGH (>2.5V) or floating: ACTIVE Input LOW (<0.5V): INFINITE IMPEDANCE 100ns max 0 0 0 C to +70 C Standard 0 0 -45 C to +85 C Available Option 1 50 155.52M
Environmental & Mechanical Mechanical Mil STD 202 Method 213 Shock Cond E Thermal Mil STD 883 Method 1011 Shock Cond A Vibration MIL-STD-883 Method 2007 Cond A 0 Soldering 230 C for 90s max -8 Hermetic Leak rate less than 5x10 Seal Atm.cc/s of helium
Pin (VF194) Connection Pin (VF194) Connection Pin (VF294) Connection Pin (VF294) Connection A 7.7 B 5.2 C 2.3
1 Vc 6 O/P 1 Vc 6 Vcc D 1.14
2 N/C 5 Tri 2 Tri 5 N/C E 5.08
3 GND 4 Vcc 3 GND 4 O/P F 1.27 G 3.93
Part Numbering VF194 /294 S H L Type Stability S = 20ppm Blank = Std Duty Cycle H = 45/55 Blank = 46/60 Supply Voltage L = 3.3V Blank = 5.0 0 0 Temperature Range 1 = -40 C to +85 C Blank = Standard Pulling Range Blank = Std or specify Frequency
Dimensions in mm
ECM Electronics Limited, Penmaen House, Ashington, West Sussex, RH20 3JR, UK
Tel: +44(0)1903 892810: Fax: +44(0)1903 892738. Email: ecm@ecmelectronics.co.uk
Although we have attempted to accurately reflect the products we market. ECM reserve the right without prior notice to discontinue any product or make design changes we believe necessary.
Issue 1


▲Up To Search▲   

 
Price & Availability of VF194154M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X