Part Number Hot Search : 
SI4435DY 74HCT4 STD4NC50 P1200 74HCT4 74HCT4 74HCT4 N87C169
Product Description
Full Text Search
 

To Download UC3221GV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BIPOLAR ANALOG INTEGRATED CIRCUIT
PC3221GV
5 V AGC AMPLIFIER + VIDEO AMPLIFIER
DESCRIPTION
The PC3221GV is a silicon monolithic IC designed for use as AGC amplifier for digital CATV, cable modem systems. This IC consists of gain control amplifier and video amplifier. The package is 8-pin SSOP suitable for surface mount. This IC is manufactured using our 10 GHz fT NESAT II AL silicon bipolar process. This process uses silicon nitride passivation film. This material can protect chip surface from external pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.
FEATURES
* Low distortion * Low noise figure * Wide AGC dynamic range * On-chip video amplifier * Supply voltage : IM3 = 56 dBc TYP. @ single-ended output, Vout = 0.7 Vp-p/tone : NF = 4.2 dB TYP. : GCR = 50 dB TYP. @ input prescribe : Vout = 1.0 Vp-p TYP. @ single-ended output : VCC = 5.0 V TYP.
* Packaged in 8-pin SSOP suitable for surface mounting
APPLICATION
* Digital CATV/Cable modem receivers
ORDERING INFORMATION
Part Number Package 8-pin plastic SSOP (4.45 mm (175)) Supplying Form * Embossed tape 8 mm wide * Pin 1 indicates pull-out direction of tape * Qty 1 kpcs/reel
PC3221GV-E1-A
Remark To order evaluation samples, contact your nearby sales office. Part number for sample order: PC3221GV-A
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
Document No. PU10171EJ03V0DS (3rd edition)
The mark
shows major revised points. (c) NEC Compound Semiconductor Devices, Ltd. 2002, 2004
PC3221GV
INTERNAL BLOCK DIAGRAM AND PIN CONNECTIONS
(Top View)
VCC
1
8
GND1
AGC AMP. INPUT1 2
Video AMP. 7 OUTPUT1
INPUT2
3
6
OUTPUT2
VAGC
4
AGC Control
5
GND2
PRODUCT LINE-UP OF 5 V AGC AMPLIFIER
Part Number ICC (mA) 23 23 36.5 33 GMAX (dB) 53 63 42.5 60 GMIN (dB) 0 10 0 10 GCR (dB) 53 53 42.5 50 NF (dB) 6.5 3.5 9.0 4.2 IM3 (dBc) 50 50 58 56
Note
Package 8-pin SSOP (4.45 mm (175))
PC3217GV PC3218GV PC3219GV PC3221GV
Note f1 = 44 MHz, f2 = 45 MHz, Vout = 0.7 Vp-p/tone, single-ended output
2
Data Sheet PU10171EJ03V0DS
PC3221GV
PIN EXPLANATIONS
Pin No. 1 Applied Pin Name Voltage (V) VCC 4.5 to 5.5 Pin Voltage (V)
Note
Function and Application Power supply pin. This pin should be externally equipped with bypass capacitor to minimize ground impedance.
Internal Equivalent Circuit
-
2
INPUT1
-
1.29
Signal input pins to AGC amplifier. This pin should be coupled with capacitor for DC cut.
1
AGC Control
3 INPUT2 - 1.29
2
4 VAGC 0 to VCC - Gain control pin. This pin's bias govern the AGC output level. Minimum Gain at VAGC : 0 to 0.5 V Maximum Gain at VAGC : 3 to 3.5 V Recommended to use AGC voltage with externally resister (example: 1 k).
5
3
1
4
AGC Amp.
5
5 GND2 0 - Ground pin. This pin should be connected to system ground with minimum inductance. Ground pattern on the board should be formed as wide as possible. 6 OUTPUT2 - 2.28 Signal output pins of video amplifier. This pin should be coupled with capacitor for DC cut.
1
7
7 OUTPUT1 - 2.28
6
8
8 GND1 0 - Ground pin. This pin should be connected to system ground with minimum inductance. Ground pattern on the board should be formed as wide as possible. All ground pins must be connected together with wide ground pattern to decrease impedance difference.
Note Pin voltage is measured at VCC = 5.0 V.
Data Sheet PU10171EJ03V0DS
3
PC3221GV
ABSOLUTE MAXIMUM RATINGS
Parameter Supply Voltage Gain Control Voltage Range Power Dissipation Operating Ambient Temperature Storage Temperature Symbol VCC VAGC PD TA Tstg TA = +25C TA = +25C TA = +85C Note Test Conditions Ratings 6.0 0 to VCC 250 -40 to +85 -55 to +150 Unit V V mW C C
Note Mounted on double-sided copper-clad 50 x 50 x 1.6 mm epoxy glass PWB
RECOMMENDED OPERATING RANGE
Parameter Supply Voltage Operating Ambient Temperature Gain Control Voltage Range Operating Frequency Range Symbol VCC TA VAGC fBW VCC = 4.5 to 5.5 V Test Conditions MIN. 4.5 -40 0 10 TYP. 5.0 +25 - 45 MAX. 5.5 +85 3.5 100 Unit V C V MHz
4
Data Sheet PU10171EJ03V0DS
PC3221GV
ELECTRICAL CHARACTERISTICS (TA = +25C, VCC = 5 V, f = 45 MHz, ZS = 50 , ZL = 250 , single-ended output)
Parameter DC Characteristics Circuit Current AGC Pin Current AGC Voltage High Level AGC Voltage Low Level RF Characteristics Maximum Voltage Gain Middle Voltage Gain 1 Middle Voltage Gain 2 Minimum Voltage Gain Gain Control Range (input prescribe) Gain Control Range (output prescribe) Gain Slope GMAX GMID1 GMID2 GMIN GCRin GCRout Gslope VAGC = 3.0 V, Pin = -60 dBm VAGC = 2.2 V, Pin = -60 dBm VAGC = 1.2 V, Pin = -30 dBm VAGC = 0.5 V, Pin = -30 dBm VAGC = 0.5 to 3.0 V Vout = 1.0 Vp-p Note 1 Note 1 Note 1 Note 1 Note 1 Note 1 57 47.5 18 6 43 36 26.5 60 50.5 21 10 50 40 29.5 63 53.5 24 14 - - 32.5 - dB dB dB dB dB dB dB/V ICC IAGC VAGC (H) VAGC (L) No input signal No input signal, VAGC = 3.5 V @ Maximum gain @ Minimum gain Note 1 Note 1 Note 1 Note 1 26 - 3.0 0 33 16 - - 41 50 3.5 0.5 mA Symbol Test Conditions MIN. TYP. MAX. Unit
A
V V
Gain (@ VAGC = 2.2 V) - Gain (@ VAGC = 1.2 V) Note 1
Maximum Output Voltage
Voclip
VAGC = 3.0 V (@ Maximum gain) Note 1
2.0 -
2.8
Vp-p
Noise Figure
NF
VAGC = 3.0 V (@ Maximum gain) Note 3 f1 = 44 MHz, f2 = 45 MHz, ZL = 250 , Pin = -30 dBm/tone, Vout = 0.7 Vp-p/tone (@ single-ended output) Note 1 f1 = 44 MHz, f2 = 45 MHz, ZL = 250 , VAGC = 3.0 V (@ Maximum gain), Vout = 0.7 Vp-p/tone (@ single-ended output) Note 1
4.2
5.7 -
dB
3rd Order Intermodulation Distortion 1
IM31
43
47
dBc
3rd Order Intermodulation Distortion 2
IM32
50
56
-
dBc
Gain Difference of OUTPUT1 and OUTPUT2
G
VAGC = 3.0 V, Pin = -60 dBm,
-0.5 Note 1, 2
0
+0.5
dB
G = G (@ Pout1) - G (@ Pout2)
Notes 1. By measurement circuit 1 2. By measurement circuit 2 3. By measurement circuit 3
Data Sheet PU10171EJ03V0DS
5
PC3221GV
STANDARD CHARACTERISTICS (TA = +25C, VCC = 5 V, ZS = 50 )
Parameter Noise Figure 2 Noise Figure 3 Output Voltage Input Impedance Output Impedance Input 3rd Order Distortion Intercept Point Symbol NF2 NF3 Vout Zin Zout IIP3 Test Conditions Gain reduction = -10 dBm Gain reduction = -20 dBm Pin = -56 to -16 dBm VAGC = 0.5 V, f = 45 MHz VAGC = 0.5 V, f = 45 MHz Note 2 Note 2 Note 1 Note 3 Note 3 Reference Value 6.0 9.5 1.0 0.9 k - j1.4 k 9.0 + j1.9 +2.5 Unit dB dB Vp-p dBm
VAGC = 0.5 V (@ Minimum gain), f1 = 44 MHz, f2 = 45 MHz, ZL = 250 (@ single-ended output) Note 1
Notes 1. By measurement circuit 1 2. By measurement circuit 3 3. By measurement circuit 4
6
Data Sheet PU10171EJ03V0DS
PC3221GV
MEASUREMENT CIRCUIT 1
VCC 1 F 1 Signal Generator 50 Note 1 F 2 1 F 3 1 k 4 VAGC 1 F
AGC Control
8
AGC AMP. Video AMP.
1 F 200 7 1 F 200 6
Spectrum Analyzer 50
50 5
Note Balun Transformer: TOKO 617DB-1010 B4F (Double balanced type)
MEASUREMENT CIRCUIT 2
VCC 1 F 1 Signal Generator 50 Note 1 F 2 1 F 3 1 k 4 VAGC 1 F
AGC Control
8
AGC AMP. Video AMP.
1 F 200 7 1 F 200 6
50
50
5
Spectrum Analyzer
Note Balun Transformer: TOKO 617DB-1010 B4F (Double balanced type)
Data Sheet PU10171EJ03V0DS
7
PC3221GV
MEASUREMENT CIRCUIT 3
VCC 1 F 1 Note 1 F 2 1 F 3 1 k 4 VAGC 1 F
AGC Control AGC AMP. Video AMP.
8 1 F 200 7 1 F 200 6 50 5
Noise Source
NF Meter 50
Note Balun Transformer: TOKO 617DB-1010 B4F (Double balanced type)
MEASUREMENT CIRCUIT 4
VCC 1 F 1 1 F 2 1 F 3 50 1 k 4 VAGC 1 F
AGC Control
8
AGC AMP. Video AMP.
1 F 7 1 F 6 50 5
Network Analyzer 50 50
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.
8
Data Sheet PU10171EJ03V0DS
PC3221GV
ILLUSTRATION OF THE TEST CIRCUIT ASSEMBLED ON EVALUATION BOARD (MEASUREMENT CIRCUIT 1)
VCC
1F 200 Note 1F 1F
1F 1F 1k
1F 200
PC3221GV
VAGC
Note Balun Transformer Remarks 1. Back side: GND pattern 2. Solder plated on pattern 3. : Through hole
Data Sheet PU10171EJ03V0DS
9
PC3221GV
TYPICAL CHARACTERISTICS (TA = +25C , unless otherwise specified)
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
50 No input signal
Circuit Current ICC (mA)
VOLTAGE GAIN vs. FREQUENCY
70 VAGC = 3.0 V (Pin = -60 dBm) 60 50 40 VAGC = 1.6 V (Pin = -60 dBm) 30 20 VAGC = 0.5 V (Pin = -30 dBm) 10 0 -10 -20 -30 -40 VCC = 5.5 V 5.0 V -50 4.5 V -60 10 100 Frequency f (MHz)
40
Voltage Gain (dB)
30 TA = +25C 20 TA = +85C TA = -40C 0 0 1 2 3 4 5 6
10
1 000
Supply Voltage VCC (V)
AGC PIN CURRENT vs. GAIN CONTROL VOLTAGE RANGE
100 No input signal
AGC Pin Current IAGC ( A) AGC Pin Current IAGC ( A)
AGC PIN CURRENT vs. GAIN CONTROL VOLTAGE RANGE
100 No input signal 80
80 VCC = 4.5 V 60 VCC = 5.0 V VCC = 5.5 V 20
60 TA = +85C 40 TA = -40C 20 TA = +25C
40
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Gain Control Voltage Range VAGC (V)
Gain Control Voltage Range VAGC (V)
VOLTAGE GAIN vs. GAIN CONTROL VOLTAGE RANGE
70 f = 45 MHz 60
Voltage Gain (dB)
VOLTAGE GAIN vs. GAIN CONTROL VOLTAGE RANGE
70 VCC = 5.0 V f = 45 MHz
VCC = 4.5 V
Voltage Gain (dB)
60 50 40 30
50 40 30 20 10 0 0
VCC = 5.0 V
VCC = 5.5 V
20 TA = -40C 10 TA = +85C TA = +25C 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
Gain Control Voltage Range VAGC (V)
Gain Control Voltage Range VAGC (V)
Remark The graphs indicate nominal characteristics.
10
Data Sheet PU10171EJ03V0DS
PC3221GV
OUTPUT POWER vs. INPUT POWER
5
Output Power Pout (50 /250 ) (dB)
Output Power Pout (50 /250 ) (dB)
OUTPUT POWER vs. INPUT POWER
5 0 -5 -10 -15
-40C
0 -5 -10 -15
f = 45 MHz VAGC = 0.5 V
VCC = 5.5 V 5.0 V
VCC = 5.0 V f = 45 MHz VAGC = 0.5 V
TA = +85C +25C
4.5 V
-20 -25 -30 -80 -70 -60 -50 -40 -30 -20 Input Power Pin (dBm)
-10 0 10
-20 -25 -30 -80 -70 -60 -50 -40 -30 -20 Input Power Pin (dBm)
-10 0 10
OUTPUT POWER vs. INPUT POWER
5
Output Power Pout (50 /250 ) (dB)
Output Power Pout (50 /250 ) (dB)
OUTPUT POWER vs. INPUT POWER
5 0 -5 -10 -15 -20 -25 -30 -80 -70 -60 -50 -40 -30 -20 Input Power Pin (dBm)
-10 0 10 VCC = 5.0 V f = 45 MHz VAGC = 1.6 V
TA = +85C
0 -5 -10 -15 -20 -25
f = 45 MHz VAGC = 1.6 V
VCC = 5.5 V 5.0 V 4.5 V
+25C -40C
-30 -80 -70 -60 -50 -40 -30 -20 Input Power Pin (dBm)
-10
0
10
OUTPUT POWER vs. INPUT POWER
5
Output Power Pout (50 /250 ) (dB)
Output Power Pout (50 /250 ) (dB)
OUTPUT POWER vs. INPUT POWER
5
VCC = 5.0 V f = 45 MHz VAGC = 3.0 V
TA = +85C +25C -40C
0 -5 -10 -15 -20 -25
f = 45 MHz VAGC = 3.0 V
VCC = 5.5 V 5.0 V 4.5 V
0 -5 -10 -15 -20 -25
-30 -80 -70 -60 -50 -40 -30 -20 Input Power Pin (dBm)
-10
0
10
-30 -80 -70 -60 -50 -40 -30 -20 Input Power Pin (dBm)
-10
0
10
Remark The graphs indicate nominal characteristics.
Data Sheet PU10171EJ03V0DS
11
PC3221GV
NOISE FIGURE vs. GAIN CONTROL VOLTAGE RANGE
25 f = 45 MHz 25 VCC = 5.0 V f = 45 MHz
Noise Figure NF (dB)
NOISE FIGURE vs. GAIN CONTROL VOLTAGE RANGE
Noise Figure NF (dB)
20
20
15
15
10 VCC = 4.5 V 5.0 V 5.5 V 1.5 2.0 2.5 3.0 3.5
10 TA = -40C +25C +85C 1.5 2.0 2.5 3.0 3.5
5
5
0 1.0
0 1.0
Gain Control Voltage Range VAGC (V)
Gain Control Voltage Range VAGC (V)
NOISE FIGURE vs. GAIN REDUCTION
25 f = 45 MHz
NOISE FIGURE vs. GAIN REDUCTION
30 25
Noise Figure NF (dB)
VCC = 5.0 V f = 45 MHz
Noise Figure NF (dB)
20 VCC = 4.5 V
20 15 10 5 0 -40 TA = -40C +25C +85C -30 -20 -10 0
15 VCC = 5.0 V 5.5 V
10
5
0 -40
-30
-20
-10
0
Gain Reduction (dB)
Gain Reduction (dB)
Output Power Pout (50 /250 ) (dB) 3rd Order Intermodulation Distortion IM3 (dBc)
Output Power Pout (50 /250 ) (dB) 3rd Order Intermodulation Distortion IM3 (dBc)
OUTPUT POWER, IM3 vs. INPUT POWER
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -80 -70 -60 IM3 -50 VAGC = 3.0 V freq1 = 44 MHz freq2 = 45 MHz -20 -40 -30 VCC = 4.5 V 5.0 V 5.5 V Pout VCC = 5.5 V 5.0 V 4.5 V
OUTPUT POWER, IM3 vs. INPUT POWER
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -50 -40 -30 -20 IM3 VAGC = 1.6 V freq1 = 44 MHz freq2 = 45 MHz -10 0 10 VCC = 4.5 V 5.0 V 5.5 V VCC = 4.5 V 5.0 V Pout 5.5 V
Input Power Pin (dBm)
Input Power Pin (dBm)
Remark The graphs indicate nominal characteristics.
12
Data Sheet PU10171EJ03V0DS
PC3221GV
Output Power Pout (50 /250 ) (dB) 3rd Order Intermodulation Distortion IM3 (dBc) Output Power Pout (50 /250 ) (dB) 3rd Order Intermodulation Distortion IM3 (dBc)
OUTPUT POWER, IM3 vs. INPUT POWER
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -40 -30 -20 -10 VCC = 4.5 V 5.0 V IM3 VAGC = 0.5 V freq1 = 44 MHz freq2 = 45 MHz 20 0 10 5.5 V Pout VCC = 5.5 V 5.0 V 4.5 V
OUTPUT POWER, IM3 vs. INPUT POWER
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -80 -70 -60 +85C -50 +25C VCC = 5.0 V VAGC = 3.0 V freq1 = 44 MHz freq2 = 45 MHz -40 -30 -20 TA = -40C IM3 TA = +85C +25C -40C
Pout
Input Power Pin (dBm)
Input Power Pin (dBm)
Output Power Pout (50 /250 ) (dB) 3rd Order Intermodulation Distortion IM3 (dBc)
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -50 -40 -30 -20 IM3 VCC = 5.0 V VAGC = 1.6 V freq1 = 44 MHz freq2 = 45 MHz -10 0 10 -40C Pout -40C TA = +85C +25C +85C +25C
Output Power Pout (50 /250 ) (dB) 3rd Order Intermodulation Distortion IM3 (dBc)
OUTPUT POWER, IM3 vs. INPUT POWER
OUTPUT POWER, IM3 vs. INPUT POWER
10 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 -40 -30 -20 -10 VCC = 5.0 V VAGC = 0.5 V freq1 = 44 MHz freq2 = 45 MHz 0 10 20 IM3 Pout -40C +85C +25C -40C TA = +85C +25C
Input Power Pin (dBm)
Input Power Pin (dBm)
3rd Order Intermodulation Distortion IM3 (dBc)
3rd Order Intermodulation Distortion IM3 (dBc)
IM3 vs. INPUT POWER
70
IM3 vs. INPUT POWER
70
60
60
50 VCC = 5.5 V 5.0 V 4.5 V
50 +25C -40C
TA = +85C
40
40 VCC = 5.0 V 30 Vout = 0.7 Vp-p/tone freq1 = 44 MHz freq2 = 45 MHz 20 -50 -40 -60
30
Vout = 0.7 Vp-p/tone freq1 = 44 MHz freq2 = 45 MHz 20 -50 -40 -60
-30
-20
-10
-30
-20
-10
Input Power Pin (dBm)
Input Power Pin (dBm)
Remark The graphs indicate nominal characteristics.
Data Sheet PU10171EJ03V0DS
13
PC3221GV
S-PARAMETERS (TA = +25C, VCC = VAGC = 5.0 V)
S11-FREQUENCY
2 1
3
1 : 10 MHz 2 : 45 MHz 3 : 100 MHz
2.889 k -1.059 k 864.1 -1.402 k 235.0 -806.9
15.33 pF 2.524 pF 1.973 pF
S22-FREQUENCY
3 2 1
1 : 10 MHz 2 : 45 MHz 3 : 100 MHz
9.032 8.998 7.266
466.5 m 1.887 6.750
7.335 nH 6.675 nH 10.74 nH
14
Data Sheet PU10171EJ03V0DS
PC3221GV
PACKAGE DIMENSIONS 8-PIN PLASTIC SSOP (4.45 mm (175)) (UNIT: mm)
8
5
detail of lead end
3+7 -3 1 2.90.1 4
1.8 MAX. 1.50.1
4.940.2 3.20.1 0.870.2
0.575 MAX. 0.65 0.3+0.10 -0.05 0.10.1 0.10 M 0.50.2 0.15+0.10 -0.05 0.15
Data Sheet PU10171EJ03V0DS
15
PC3221GV
NOTES ON CORRECT USE
(1) Observe precautions for handling because of electro-static sensitive devices. (2) Form a ground pattern as widely as possible to minimize ground impedance (to prevent undesired oscillation). All the ground pins must be connected together with wide ground pattern to decrease impedance difference. (3) The bypass capacitor should be attached to VCC line.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered and mounted under the following recommended conditions. methods and conditions other than those recommended below, contact your nearby sales office.
Soldering Method Infrared Reflow Soldering Conditions Peak temperature (package surface temperature) Time at peak temperature Time at temperature of 220C or higher Preheating time at 120 to 180C Maximum number of reflow processes Maximum chlorine content of rosin flux (% mass) VPS Peak temperature (package surface temperature) Time at temperature of 200C or higher Preheating time at 120 to 150C Maximum number of reflow processes Maximum chlorine content of rosin flux (% mass) Wave Soldering Peak temperature (molten solder temperature) Time at peak temperature Maximum number of flow processes Maximum chlorine content of rosin flux (% mass) Partial Heating Peak temperature (pin temperature) Soldering time (per side of device) Maximum chlorine content of rosin flux (% mass) : 260C or below : 10 seconds or less : 60 seconds or less : 12030 seconds : 3 times : 0.2%(Wt.) or below : 215C or below : 25 to 40 seconds : 30 to 60 seconds : 3 times : 0.2%(Wt.) or below : 260C or below : 10 seconds or less : 1 time : 0.2%(Wt.) or below : 350C or below : 3 seconds or less : 0.2%(Wt.) or below HS350 WS260 VP215 Condition Symbol IR260
For soldering
Preheating temperature (package surface temperature) : 120C or below
Caution Do not use different soldering methods together (except for partial heating).
16
Data Sheet PU10171EJ03V0DS
PC3221GV
* The information in this document is current as of July, 2004. The information is subject to change without notice. For actual design-in, refer to the latest publications of NEC's data sheets or data books, etc., for the most up-to-date specifications of NEC semiconductor products. Not all products and/or types are available in every country. Please check with an NEC sales representative for availability and additional information. * No part of this document may be copied or reproduced in any form or by any means without prior written consent of NEC. NEC assumes no responsibility for any errors that may appear in this document. * NEC does not assume any liability for infringement of patents, copyrights or other intellectual property rights of third parties by or arising from the use of NEC semiconductor products listed in this document or any other liability arising from the use of such products. No license, express, implied or otherwise, is granted under any patents, copyrights or other intellectual property rights of NEC or others. * Descriptions of circuits, software and other related information in this document are provided for illustrative purposes in semiconductor product operation and application examples. The incorporation of these circuits, software and information in the design of customer's equipment shall be done under the full responsibility of customer. NEC assumes no responsibility for any losses incurred by customers or third parties arising from the use of these circuits, software and information. * While NEC endeavours to enhance the quality, reliability and safety of NEC semiconductor products, customers agree and acknowledge that the possibility of defects thereof cannot be eliminated entirely. To minimize risks of damage to property or injury (including death) to persons arising from defects in NEC semiconductor products, customers must incorporate sufficient safety measures in their design, such as redundancy, fire-containment, and anti-failure features. * NEC semiconductor products are classified into the following three quality grades: "Standard", "Special" and "Specific". The "Specific" quality grade applies only to semiconductor products developed based on a customer-designated "quality assurance program" for a specific application. The recommended applications of a semiconductor product depend on its quality grade, as indicated below. Customers must check the quality grade of each semiconductor product before using it in a particular application. "Standard": Computers, office equipment, communications equipment, test and measurement equipment, audio and visual equipment, home electronic appliances, machine tools, personal electronic equipment and industrial robots "Special": Transportation equipment (automobiles, trains, ships, etc.), traffic control systems, anti-disaster systems, anti-crime systems, safety equipment and medical equipment (not specifically designed for life support) "Specific": Aircraft, aerospace equipment, submersible repeaters, nuclear reactor control systems, life support systems and medical equipment for life support, etc. The quality grade of NEC semiconductor products is "Standard" unless otherwise expressly specified in NEC's data sheets or data books, etc. If customers wish to use NEC semiconductor products in applications not intended by NEC, they must contact an NEC sales representative in advance to determine NEC's willingness to support a given application. (Note) (1) "NEC" as used in this statement means NEC Corporation, NEC Compound Semiconductor Devices, Ltd. and also includes its majority-owned subsidiaries. (2) "NEC semiconductor products" means any semiconductor product developed or manufactured by or for NEC (as defined above).
M8E 00. 4 - 0110
Data Sheet PU10171EJ03V0DS
17
PC3221GV
For further information, please contact NEC Compound Semiconductor Devices, Ltd. http://www.ncsd.necel.com/ E-mail: salesinfo@ml.ncsd.necel.com (sales and general) techinfo@ml.ncsd.necel.com (technical) Sales Division TEL: +81-44-435-1588 FAX: +81-44-435-1579 NEC Compound Semiconductor Devices Hong Kong Limited E-mail: ncsd-hk@elhk.nec.com.hk (sales, technical and general) FAX: +852-3107-7309 TEL: +852-3107-7303 Hong Kong Head Office TEL: +886-2-8712-0478 FAX: +886-2-2545-3859 Taipei Branch Office FAX: +82-2-558-5209 TEL: +82-2-558-2120 Korea Branch Office NEC Electronics (Europe) GmbH http://www.ee.nec.de/ TEL: +49-211-6503-0 FAX: +49-211-6503-1327 California Eastern Laboratories, Inc. http://www.cel.com/ TEL: +1-408-988-3500 FAX: +1-408-988-0279
0406
4590 Patrick Henry Drive Santa Clara, CA 95054-1817 Telephone: (408) 919-2500 Facsimile: (408) 988-0279
Subject: Compliance with EU Directives
CEL certifies, to its knowledge, that semiconductor and laser products detailed below are compliant with the requirements of European Union (EU) Directive 2002/95/EC Restriction on Use of Hazardous Substances in electrical and electronic equipment (RoHS) and the requirements of EU Directive 2003/11/EC Restriction on Penta and Octa BDE. CEL Pb-free products have the same base part number with a suffix added. The suffix -A indicates that the device is Pb-free. The -AZ suffix is used to designate devices containing Pb which are exempted from the requirement of RoHS directive (*). In all cases the devices have Pb-free terminals. All devices with these suffixes meet the requirements of the RoHS directive. This status is based on CEL's understanding of the EU Directives and knowledge of the materials that go into its products as of the date of disclosure of this information.
Restricted Substance per RoHS Lead (Pb) Mercury Cadmium Hexavalent Chromium PBB PBDE Concentration Limit per RoHS (values are not yet fixed) < 1000 PPM < 1000 PPM < 100 PPM < 1000 PPM < 1000 PPM < 1000 PPM Concentration contained in CEL devices -A Not Detected Not Detected Not Detected Not Detected Not Detected Not Detected -AZ (*)
If you should have any additional questions regarding our devices and compliance to environmental standards, please do not hesitate to contact your local representative.
Important Information and Disclaimer: Information provided by CEL on its website or in other communications concerting the substance content of its products represents knowledge and belief as of the date that it is provided. CEL bases its knowledge and belief on information provided by third parties and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. CEL has taken and continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals. CEL and CEL suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release. In no event shall CEL's liability arising out of such information exceed the total purchase price of the CEL part(s) at issue sold by CEL to customer on an annual basis. See CEL Terms and Conditions for additional clarification of warranties and liability.


▲Up To Search▲   

 
Price & Availability of UC3221GV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X