Part Number Hot Search : 
MAX2740 JRC0198 39861 100C1296 VHS30 88F6281 0M331 ELECTRO
Product Description
Full Text Search
 

To Download TLHB5100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TLHB510.
Vishay Telefunken
High Efficiency Blue LED, o 5 mm Untinted Non - Diffused Package
Color Blue Type TLHB510. Technology GaN on SiC Angle of Half Intensity o 9
Description
This device has been designed in GaN on SiC technology to meet the increasing demand for high efficiency blue LEDs. It is housed in a 5 mm waterclear plastic package. All LEDs are categorized in luminous intensity groups. That allows users to assemble LEDs with uniform appearance.
94 8631
Features
D D D D D D D
GaN on SiC technology Standard o 5 mm T-1 3/4 package Small mechanical tolerances Small viewing angle Very high intensity Luminous intensity categorized ESD class 1
Applications
Status lights OFF / ON indicator Background illumination Readout lights Maintenance lights Legend light
Document Number 83018 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 1 (5)
TLHB510.
Vishay Telefunken Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified TLHB510. Parameter Reverse voltage DC forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Test Conditions Tamb 65C tp 10 ms Tamb 65C Symbol VR IF IFSM PV Tj Tamb Tstg Tsd RthJA Value 5 20 0.1 100 100 -40 to +100 -40 to +100 260 350 Unit V mA A mW C C C C K/W
t 5 s, 2 mm from body
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified Blue (TLHB510. ) Parameter Luminous intensity y Test Conditions IF = 20 mA Type TLHB5100 TLHB5101 TLHB5102 Symbol IV IV IV ld lp VF VR Min 66 130 130 Typ 210 Max 260 360 466 428 9 3.9 5 Unit mcd mcd mcd nm nm deg V V
Dominant wavelength Peak wavelength Angle of half intensity Forward voltage Reverse voltage
IF = 10 mA IF = 10 mA IF = 10 mA IF = 20 mA IR = 10 mA
4.5
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
125 PV - Power Dissipation ( mW ) IF - Forward Current ( mA ) 100
15884
60 50 40 30 20 10 0 0 20 40 60 80 0 20 40 60 80 100 Tamb - Ambient Temperature ( C ) Tamb - Ambient Temperature ( C )
100
75
50 25 0
95 10918
Figure 1 Power Dissipation vs. Ambient Temperature
Figure 2
www.vishay.de * FaxBack +1-408-970-5600 2 (5)
Document Number 83018 Rev. A1, 04-Feb-99
TLHB510.
Vishay Telefunken
0 10 20 30 I Vrel- Relative Luminous Intensity 10.00
S rel - Relative Sensitivity
40 1.0 0.9 0.8 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6
1.00
0.10
0.01 1
15848
10 IF - Forward Current ( mA )
100
94 8351
Figure 3 Rel. Luminous Intensity vs. Angular Displacement
100
Figure 6 Relative Luminous Intensity vs. Forward Current
120 I Vrel - Relative Luminous Intensity (%) IF = 10 mA 100 80 60 40 20 0 350
I F - Forward Current ( mA )
10
1 0
15846
1
2
3
4
5
6
7
8
15849
400
450
500
550
600
VF - Forward Voltage ( V )
l - Wavelength ( nm )
Figure 4 Forward Current vs. Forward Voltage
1.6 I Vrel- Relative Luminous Intensity 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 -10 0 10 20 30 40 50 60 70 80 90 100
15847
Figure 7 Relative Luminous Intensity vs. Wavelength
IF = 10 mA
Tamb - Ambient Temperature ( C )
Figure 5 Rel. Luminous Intensity vs. Ambient Temperature
Document Number 83018 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 3 (5)
TLHB510.
Vishay Telefunken Dimensions in mm
15909
www.vishay.de * FaxBack +1-408-970-5600 4 (5)
Document Number 83018 Rev. A1, 04-Feb-99
TLHB510.
Vishay Telefunken Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances ( ODSs ). The Montreal Protocol ( 1987 ) and its London Amendments ( 1990 ) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2 . Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency ( EPA ) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C ( transitional substances ) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay-Telefunken products for any unintended or unauthorized application, the buyer shall indemnify Vishay-Telefunken against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 ( 0 ) 7131 67 2831, Fax number: 49 ( 0 ) 7131 67 2423
Document Number 83018 Rev. A1, 04-Feb-99
www.vishay.de * FaxBack +1-408-970-5600 5 (5)


▲Up To Search▲   

 
Price & Availability of TLHB5100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X