Part Number Hot Search : 
FM260 0100S ANTX1N66 2SC5968 7282AP 74HC533 RB202 LPS122
Product Description
Full Text Search
 

To Download STTH3002CR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STTH3002C
High efficiency ultrafast diode
Main product characteristics
IF(AV) VRRM Tj(max) VF (typ) trr (typ) 2 x 15A 200 V 175 C 0.75 V 17 ns
A1 A2
K
A2
A2 A1 K A1
A2 K
Features and benefits

A1
K
Suited for SMPS Low losses Low forward and reverse recovery times High surge current capability High junction temperature Insulated version TOP3I: - Insulated voltage: 2500 Vrms - Capacitance 12 pF
I2PAK TO-220AB TO-247 STTH3002CT STTH3002CW STTH3002CR
K
NC
A2 A1 D2PAK STTH3002CG A1 K
A2
Description
Dual center tab rectifier suited for switch mode power supplies and high frequency DC to DC converters. Packaged in TO-220AB, TO-247, IPAK, DPAK, and TOP3I, this device is intended for use in low voltage, high frequency inverters, free wheeling and polarity protection
TOP3I STTH3002CPI
Order codes
Part Number STTH3002CT STTH3002CW STTH3002CR STTH3002CG STTH3002CG-TR STTH3002CPI Marking STTH3002C STTH3002C STTH3002C STTH3002C STTH3002C STTH3002C
April 2006
Rev 2
www.st.com
1/11
Characteristics
STTH3002C
1
Table 1.
Symbol VRRM IF(RMS)
Characteristics
Absolute ratings (limiting values at Tj = 25 C, unless otherwise specified)
Parameter Repetitive peak reverse voltage RMS forward current TO-220AB, TO-247, I2PAK, D2PAK IF(AV) Average forward current, = 0.5 TOP3I IFSM Tstg Tj Surge non repetitive forward current Storage temperature range Maximum operating junction temperature tp = 10 ms Sinusoidal Per diode Tc = 150 C Per device Tc = 145 C Per diode Tc = 125 C Per device Tc = 105 C Value 200 50 15 30 A 15 30 180 -65 to +175 175 A C C Unit V A
Table 2.
Symbol
Thermal parameters
Parameter TO-220AB, TO-247, I2PAK, D2PAK Per diode Total Value 1.5 1.0 3.5 C/W Total TO-220AB, TO-247, I2PAK, D2PAK 2.3 0.5 1.1 Unit
Rth(j-c)
Junction to case Per diode TOP3I
Rth(c)
Coupling TOP3I
When the two diodes 1 and 2 are used simultaneously: Tj(diode 1) = P (diode 1) X Rth(j-c) (Per diode) + P (diode 2) x Rth(c)
2/11
STTH3002C Table 3.
Symbol IR(1)
Characteristics Static electrical characteristics
Parameter Test conditions Tj = 25 C Tj = 125 C Tj = 25 C VR = VRRM IF = 15 A IF = 30 A IF = 15 A IF = 30 A 0.75 Min. Typ Max. 20 A 10 125 1.05 1.18 0.84 0.99 V Unit
Reverse leakage current
VF(2)
Forward voltage drop Tj = 150 C
1. Pulse test: tp = 5 ms, < 2 % 2. Pulse test: tp = 380 s, < 2 %
To evaluate the conduction losses use the following equation: P = 0.69 x IF(AV) + 0.01 IF2(RMS) Table 4.
Symbol trr IRM tfr VFP
Dynamic characteristics
Parameter Reverse recovery time Reverse recovery current Forward recovery time Forward recovery voltage Test conditions IF = 1 A, dIF/dt = 200 A/s, VR = 30 V, Tj = 25 C IF = 15 A, dIF/dt = 200 A/s, VR = 160 V, Tj = 125 C IF = 15 A, dIF/dt = 200 A/s VFR = 1.1 x VFmax, Tj = 25 C IF = 15 A, dIF/dt = 200 A/s, Tj = 25 C 2.5 Min. Typ 17 6 Max. 22 7.8 110 Unit ns A ns V
Figure 1.
Peak current versus duty cycle (per diode)
Figure 2.
Forward voltage drop versus forward current (typical values, per diode)
IM(A)
120
IFM(A)
100 90
100
IM
T
80 70
tp
Tj=150C
80
=tp/T
P = 30W
60 50
60
P = 15W
40
40 30
Tj=25C
P = 10W
20
20
0 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
10 0 0.0 0.2 0.4 0.6 0.8
VFM(V)
1.0 1.2 1.4 1.6 1.8
3/11
Characteristics
STTH3002C
Figure 3.
Forward voltage drop versus forward current (maximum values, per diode)
Figure 4.
Relative variation of thermal impedance junction to case versus pulse duration
IFM(A)
100 90 80 70 60 50 40 30 20 10 0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Tj=25C
Zth(j-c)/Rth(j-c)
1.0
Tj=150C
Single pulse
VFM(V)
0.1 1.E-03 1.E-02
tp(s)
1.E-01 1.E+00
Figure 5.
Junction capacitance versus reverse applied voltage (typical values, per diode)
F=1MHz VOSC=30mVRMS Tj=25C
Figure 6.
Reverse recovery charges versus dIF/dt (typical values, per diode)
C(pF)
1000
250 225 200 175 150
Qrr(nC)
IF=15A VR=160V
Tj=125C
100
125 100 75 50
Tj=25C
VR(V)
10 0 50 100 150 200
25 0 10
dIF/dt(A/s)
100 1000
Figure 7.
Reverse recovery time versus dIF/dt (typical values, per diode)
Figure 8.
Peak reverse recovery current versus dIF/dt (typical values, per diode)
trr(ns)
70 60 50 40 30 20
Tj=25C IF=15A VR=160V
IRM(A)
14 13 12 11
Tj=125C
IF=15A VR=160V
10 9 8 7 6 5 4 3 2 1 0
1000
Tj=25C
Tj=125C
10
dIF/dt(A/s)
0 10 100
dIF/dt(A/s)
10 100 1000
4/11
STTH3002C
Ordering information scheme
Figure 9.
Dynamic parameters versus junction temperature
Figure 10. Thermal resistance junction to ambient versus copper surface under each tab (Epoxy printed circuit board FR4, eCU = 35 m) for D2PAK
Rth(j-a)( C/W)
80 70 60
Qrr;IRM[Tj]/Qrr;IRM[Tj=125C]
1.4
IF=15A VR=160V
1.2 1.0
IRM
50 40 30
0.8
Qrr
0.6 0.4 0.2
20 10
Tj(C)
0.0 25 50 75 100 125 150
SCU(cm)
0 0 2 4 6 8 10 12 14 16 18 20
2
Ordering information scheme
STTH 30 02 Cxx
Ultrafast switching diode Average forward current 30 = 30 A Repetitive peak reverse voltage 02 = 200 V Package CT = TO-220AB CW = TO-247 CG = D2PAK CR = I2PAK CPI = TOP3I
5/11
Package information
STTH3002C
3
Package information
Epoxy meets UL94, V0 Cooling method: by conduction (C) Recommended torque value: 0.8 Nm Maximum torque value: 1.0 Nm Table 5. TO-220AB Dimensions
DIMENSIONS REF. Millimeters Min. A a1
B OI L F A I4 l3 a1 l2 c2 b2 C
Inches Min. Typ Max. 0.625 0.147
Typ
Max.
15.20 3.75 13.00 10.00 0.61 1.23 4.40 0.49 2.40 2.40 6.20 3.75
15.90 0.598
a2 B b1 b2 C c1 c2 e
14.00 0.511 10.40 0.393 0.88 1.32 4.60 0.70 2.72 2.70 6.60 3.85 0.024 0.048 0.173 0.019 0.094 0.094 0.244 0.147
0.551 0.409 0.034 0.051 0.181 0.027 0.107 0.106 0.259 0.151
a2
M b1 e c1
F OI I4 L l2 l3 M
15.80 16.40 16.80 0.622 0.646 0.661 2.65 1.14 1.14 2.60 2.95 1.70 1.70 0.104 0.044 0.044 0.102 0.116 0.066 0.066
6/11
STTH3002C Table 6. TO-247 Dimensions
Package information
DIMENSIONS REF. Millimeters Min. A D E
B OI L F A I4 l3 a1 l2 c2 b2 C
Inches Min. 0.191 0.086 0.015 0.039 0.118 0.078 Typ Max. 0.203 0.102 0.031 0.055
Typ
Max. 5.15 2.60 0.80 1.40
4.85 2.20 0.40 1.00 3.00 2.00 2.00 3.00 10.90 15.45 19.85 3.70 18.50 14.20 34.60 5.50 2.00 5 60 3.55
F F1 F2 F3 F4 G H
2.40 3.40
0.078 0.118 0.429
0.094 0.133
15.75 0.608 20.15 0.781 4.30 0.145 0.728 14.80 0.559 1.362 0.216 3.00 0.078 5 60 3.65 0.139
0.620 0.793 0.169
a2
L
M
L1
c1
b1 e
L2 L3 L4 L5 M V V2 Dia.
0.582
0.118
0.143
7/11
Package information Table 7. I2PAK Dimensions
DIMENSIONS REF. Millimeters Min.
B OI L F A I4 l3 a1 l2 c2 b2 C
STTH3002C
Inches Min. 0.173 0.094 0.024 0.044 0.019 0.048 0.352 0.094 0.195 0.394 0.512 0.138 0.050 Max. 0.181 0.107 0.035 0.067 0.028 0.052 0.368 0.106 0.203 0.409 0.551 0.155 0.055
Max. 4.60 2.72 0.88 1.70 0.70 1.32 9.35 2.70 5.15 10.40 14 3.93 1.40
A A1 b b1 c c2 D e
M
4.40 2.40 0.61 1.14 0.49 1.23 8.95 2.40 4.95 10 13 3.50 1.27
a2
b1 e
c1
e1 E L L1 L2
Table 8.
TOP3I dimensions
DIMENSIONS REF
H
Millimeters Min. Max.
4.6
Inches Min.
0.173
Max.
0.181
A
A
R OL B
4.4
B C D
F G
1.45 14.35 0.5 2.7 15.8 20.4 15.1 5.4 3.4 4.08 1.20
1.55 15.60 0.7 2.9 16.5 21.1 15.5 5.65 3.65 4.17 1.40
0.057 0.565 0.020 0.106 0.622 0.815 0.594 0.213 0.134 0.161 0.047
0.061 0.614 0.028 0.114 0.650 0.831 0.610 0.222 0.144 0.164 0.055
K
E F
P
G
C
H J
D E
J
J
K OL P R
4.60 Typ.
0.181 Typ.
8/11
STTH3002C Table 9. D2PAK dimensions
Package information
DIMENSIONS REF. Millimeters Min. A
A E L2 C2
Inches Min. 0.173 0.098 0.001 0.027 0.045 0.017 0.048 0.352 0.393 0.192 0.590 0.050 0.055 0.094 Max. 0.181 0.106 0.009 0.037 0.067 0.024 0.054 0.368 0.409 0.208 0.624 0.055 0.069 0.126
Max 4.60 2.69 0.23 0.93 1.70 0.60 1.36 9.35 10.40 5.28 15.85 1.40 1.75 3.20
4.40 2.49 0.03 0.70 1.14 0.45 1.23 8.95 10.00 4.88 15.00 1.27 1.40 2.40
A1 A2 B
D
B2 C
L L3 A1 B2 B G A2 2mm min. FLAT ZONE R
C2
C
D E G L
V2
L2 L3 M R V2
0.40 typ. 0 8
0.016 typ. 0 8
Figure 11. D2PAK footprint (dimensions in mm)
16.90
10.30 1.30
5.08
8.90
3.70
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
9/11
Ordering information
STTH3002C
4
Ordering information
Part Number STTH3002CT STTH3002CW STTH3002CR STTH3002CG STTH3002CG-TR STTH3002CPI Marking STTH3002C STTH3002C STTH3002C STTH3002C STTH3002C STTH3002C Package TO-220AB TO-247 I2PAK D2 D2 PAK PAK Weight 2.23 g 4.46 g 1.49 g 1.48 g 1.48 g 4.7 g Base qty 50 30 50 50 1000 30 Delivery mode Tube Tube Tube Tube Tape and reel Tube
TOP3I
5
Revision history
Date Feb-2004 05-Apr-2006 Revision 1 2 First issue Reformatted to current template. Package TOP3I added. Description of Changes
10/11
STTH3002C
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZE REPRESENTATIVE OF ST, ST PRODUCTS ARE NOT DESIGNED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS, WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
11/11


▲Up To Search▲   

 
Price & Availability of STTH3002CR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X