Part Number Hot Search : 
MBR2045C ES3207 P7NB80 TDA8922C K500FMA 5263PBT 1N755ATR HF01B04
Product Description
Full Text Search
 

To Download SMD2920P030TSTF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POLYFUSE(R) RESETTABLE FUSES
SMD2920
SMD Type, 6 V - 60 V
Standard
UL 1434 1st Edition CSA C22.2 No. 0 CSA TIL No. CA-3A cULus Recognition TUV These devices offer a wide range of hold currents from 0.3 A to 3.0 A and voltages from 6 V to 60 V.The SMD2920 product line is suitable for high density circuit board applications in computers, telecommunications and general electronics. Suitable for reflow soldering
Specifications
Packaging
A Blistertape and reel O 178 mm
Approvals
Materials
Features
Dimensions (mm)
Solder pad Layout (mm)
4.6
5.3
TS: Solder-plated copper TF: Lead free plating on request Max. Device Surface Temperature in Tripped State 125 C Operating / Storage Temperature -40 C to +85 C (consider derating) Humidity Ageing +85 C, 85 % R.H., 1000 hours, 5 % typical resistance change Vibration MIL-STD-883C, Method 2007.1, Condition A, no change Thermal Shock MIL-STD-202F, Method 107G +85 C to -40 C 20 times, -30 % typical resistance change Solderability Meets EIA Specification RS186-9E, ANSI/J-STD-002, Category 3 Reflow only Solvent Resistance MIL-STD-202, Method 215, no change Marking "P", Part Code
Terminals:
4.0
4.0
Dimensions (mm) Model
SMD2920P030TS/TF SMD2920P050TS/TF SMD2920P075TS/TF SMD2920P075TS/TF/60 SMD2920P100TS/TF SMD2920P125TS/TF SMD2920P150TS/TF SMD2920P185TS/TF SMD2920P200TS/TF SMD2920P200TS/TF/24 SMD2920P250TS/TF SMD2920P260TS/TF SMD2920P300TS/TF SMD2920P300TS/TF/15
A Min Max
6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98
B Min Max
4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44
C Min Max
0.75 0.75 0.75 1.20 0.55 0.55 0.75 0.75 0.75 0.75 0.75 0.55 0.75 0.75 1.25 1.25 1.25 2.00 1.00 1.00 1.25 1.25 1.25 1.25 1.25 1.00 1.25 1.25
D Min
0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30
E Min Max
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00
packaging quantity tape
1,500 1,500 1,500 t.b.d. 2,000 2,000 1,500 1,500 1,500 1,500 1,500 2,000 1,500 1,500
cURus * * * p * * * * * * * * * *
SMD2920P030TS/TF SMD2920P050TS/TF SMD2920P075TS/TF SMD2920P075TS/TF/60 SMD2920P100TS/TF SMD2920P125TS/TF SMD2920P150TS/TF SMD2920P185TS/TF SMD2920P200TS/TF SMD2920P200TS/TF/24 SMD2920P250TS/TF SMD2920P260TS/TF SMD2920P300TS/TF SMD2920P300TS/TF/15
NOTE: I hold = I trip = Vmax = I max =
0.30 0.50 0.75 0.75 1.10 1.25 1.50 1.85 2.00 2.00 2.50 2.60 3.00 3.00
0.60 1.00 1.50 1.50 2.20 2.50 3.00 3.70 4.00 4.00 5.00 5.20 6.00 6.00
60 60 30 60 33 15 33 33 15 24 15 6 6 15
10 10 40 10 40 40 40 40 40 40 40 40 40 40
3.00 @ 1.50 4.00 @ 2.50 0.30 @ 8.00 0.30 @ 8.00 0.50 @ 8.00 2.00 @ 8.00 2.00 @ 8.00 2.50 @ 8.00 5.00 @ 8.00 5.00 @ 8.00 10.00 @ 8.00 10.00 @ 8.00 20.00 @ 8.00 20.00 @ 8.00
1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5
1.200 0.350 0.350 0.300 0.120 0.070 0.080 0.065 0.050 0.050 0.035 0.025 0.015 0.015
3.000 0.870 0.670 t.b.d. 0.270 0.160 0.150 0.110 0.090 0.090 0.060 0.050 0.033 0.033
4.800 1.400 1.000 0.950 0.410 0.250 0.230 0.150 0.125 0.125 0.085 0.075 0.048 0.048
Please choose TS for SnPb and TF for Sn plating
Hold current: maximum current device will pass without tripping in 20 C still air. Trip current: minimum current at which the device will trip in 20 C still air. Maximum voltage device can withstand without damage at rated current (I max) Maximum fault current device can withstand without damage at rated voltage (Vmax)
Pd = Power dissipated from device when in the tripped state at 20 C still air. Minimum resistance of device in initial (un-soldered) state. R min= Maximum resistance of device at 20 C measured one hour after tripping for 20 s. R 1max= Caution: Operation beyond the specified rating may result in damage and possible arcing and flame. Specifications are subject to change without notice
Order Information
Qty.
OrderNumber
Model
Packaging
t.b.d. = to be determined p = pending
040606
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com
TUV * * * p * * * * * * * * * *
Permissible continuous operating current is 100 % at ambient temperature of 20 C (68 F). Model Ihold ITrip Vmax. dc Imax. max. time to trip (A) (A) (A) (V) (A) (s @ A)
Pd max. (W)
R min.( )
Resistance Approvals R typ.( ) RI max.( )
POLYFUSE(R) RESETTABLE FUSES
SMD2920
A: SMD2920P030TS/TF B: SMD2920P050TS/TF C: SMD2920P075TS/TF D: SMD2920P075TS/TF/60 D: SMD2920P100TS/TF E: SMD2920P125TS/TF F: SMD2920P150TS/TF G: SMD2920P185TS/TF H: SMD2920P200TS/TF I: SMD2920P200TS/TF/24 J: SMD2920P250TS/TF K: SMD2920P260TS/TF L: SMD2920P300TS/TF M: SMD2920P300TS/TF/15
Thermal Derating Chart
Model SMD2920P030TS/TF SMD2920P050TS/TF SMD2920P075TS/TF SMD2920P075TS/TF/60 SMD2920P100TS/TF SMD2920P125TS/TF SMD2920P150TS/TF SMD2920P185TS/TF SMD2920P200TS/TF SMD2920P200TS/TF/24 SMD2920P250TS/TF SMD2920P260TS/TF SMD2920P300TS/TF SMD2920P300TS/TF/15 Ambient Operation Temperature - Ihold (A) -40 C 0.45 0.76 1.13 t.b.d. 1.66 1.89 2.27 2.80 3.02 3.14 3.78 3.64 4.53 4.20 -20 C 0.40 0.67 1.01 t.b.d. 1.47 1.68 2.01 2.47 2.68 2.77 3.35 3.25 4.02 3.85 0 C 0.35 0.59 0.88 t.b.d. 1.29 1.46 1.76 2.17 2.34 2.42 2.93 2.91 3.51 3.44 23 C 0.30 0.50 0.75 t.b.d. 1.10 1.25 1.50 1.85 2.00 2.00 2.50 2.60 3.00 3.00 40 C 0.25 0.42 0.62 t.b.d. 0.91 1.04 1.25 1.54 1.66 1.73 2.08 2.26 2.52 2.69 50 C 0.23 0.38 0.56 t.b.d. 0.83 0.94 1.13 1.39 1.50 1.56 1.88 2.08 2.26 2.50 60 C 0.20 0.33 0.50 t.b.d. 0.73 0.83 1.00 1.22 1.32 1.38 1.65 1.95 1.99 2.31 70 C 0.17 0.29 0.44 t.b.d. 0.64 0.73 0.87 1.07 1.16 1.20 1.45 1.74 1.75 2.12 85 C 0.14 0.23 0.34 t.b.d. 0.50 0.56 0.74 0.85 0.90 0.98 1.13 1.48 1.34 1.83
040606
In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio.
www.littelfuse.com


▲Up To Search▲   

 
Price & Availability of SMD2920P030TSTF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X