Part Number Hot Search : 
BD825 TCZM8V2C 82801 TS487IDT CBAT54AW TORX193K C3026 61002
Product Description
Full Text Search
 

To Download SBL860 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBL830 - SBL860
8.0A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * Schottky Barrier Chip Guard Ring for Transient Protection Low Power Loss, High Efficiency High Current Capability, Low VF High Surge Capability For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Plastic Material: UL Flammability Classification Rating 94V-0
TO-220AC
L B C K D A
Pin 1 Pin 2
M
Dim A B C D E G
Min 14.22 9.65 2.54 5.84 3/4 12.70 0.51 3.53AE 3.56 1.14 0.30 2.03 4.83
Max 15.88 10.67 3.43 6.86 6.35 14.73 1.14 4.09AE 4.83 1.40 0.64 2.92 5.33
Mechanical Data
* * * * * * Case: Molded Plastic Terminals: Plated Leads, Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Weight: 2.3 grams (approx.) Mounting Position: Any Marking: Type Number
J R
E N G
J K L M
P
Pin 1 Pin 2 Case
N P R
All Dimensions in mm
@ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 95C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range @ IF = 8A, TC = 25C @TC = 25C @ TC = 100C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJC Tj, TSTG
SBL 830 30 21
SBL 835 35 24.5
SBL 840 40 28 8 200 0.55 0.5 50 700 6.9
SBL 845 45 31.5
SBL 850 50 35
SBL 860 60 42
Unit V V A A
0.70
V mA pF C/W C
-65 to +150
Notes:
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC.
DS23044 Rev. C-2
1 of 2
SBL830-SBL860
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
100
I(AV), AVERAGE FORWARD CURRENT (A)
SBL830 - SBL845
10
6
SBL850 - SBL860
4
1.0
2
0 0 50 100 150 TC, CASE TEMPERATURE (C) Fig. 1 Fwd Current Derating Curve
0.1 0.2
Tj = 25C Pulse width = 300s 2% duty cycle
0.4
0.6
0.8
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
IFSM, PEAK FORWARD SURGE CURRENT (A)
300 250 200 150
8.3 ms single half-sine-wave JEDEC method
4000
Tj = 25C
Cj, CAPACITANCE (pF)
1000
100 50 0
1
10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current
100
100
100 0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (mA)
Tj = 100C
10
1.0
Tj = 75C
0.1
Tj = 25C
0.01
0
40
80
120
PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23044 Rev. C-2
2 of 2
SBL830-SBL860


▲Up To Search▲   

 
Price & Availability of SBL860

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X