Part Number Hot Search : 
18N65 WGP15G65 47M35 W39NC60 TA75902F SC441A 0120S A3030
Product Description
Full Text Search
 

To Download SBL830 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: SBL830 SBL835 SBL840 SBL845 SBL850 SBL860
SBL830 - SBL860
8.0A SCHOTTKY BARRIER RECTIFIER Features
* * * * * * * * * * * * * *
Schottky Barrier Chip Guard Ring for Transient Protection Low Power Loss, High Efficiency High Current Capability, Low VF High Surge Capability For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity Protection Applications Lead Free Finish, RoHS Compliant (Note 3)
K C D A B L M
TO-220AC Dim A B C D E
Pin 1 Pin 2
Min 14.48 10.00 2.54 5.90 2.80 12.70 0.69 3.54 4.07 1.15 0.30 2.04 4.83
Max 15.75 10.40 3.43 6.40 3.93 14.27 0.93 3.78 4.82 1.39 0.50 2.79 5.33
Mechanical Data
Case: TO-220AC Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Polarity: See Diagram Terminals: Finish - Bright Tin. Solderable per MIL-STD-202, Method 208 Marking: Type Number Weight: 2.3 grams (approx.)
J R P
Pin 1 + Pin 2 + Case
G
E G N
J K L M N P R
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TC = 95C Non-Repetitive Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Case (Note 1) Operating and Storage Temperature Range
Notes:
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RqJC Tj, TSTG
SBL 830 30 21
SBL 835 35 24.5
SBL 840 40 28 8 200 0.55 0.5 50 700 6.9
SBL 845 45 31.5
SBL 850 50 35
SBL 860 60 42
Unit V V A A
@ IF = 8A, TC = 25C @ TC = 25C @ TC = 100C
0.70
V mA pF C/W C
-65 to +150
1. Thermal resistance junction to case mounted on heatsink. 2. Measured at 1.0MHz and Applied Reverse Voltage of 4.0V DC. 3. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS23044 Rev. 4 - 2
1 of 3 www.diodes.com
SBL830-SBL860
a Diodes Incorporated
8
IF, INSTANTANEOUS FORWARD CURRENT (A)
10
100
I(AV), AVERAGE FORWARD CURRENT (A)
SBL830 - SBL845
10
6
SBL850 - SBL860
4
1.0
2
0 0 50 100 150 TC, CASE TEMPERATURE ( C) Fig. 1 Fwd Current Derating Curve
0.1 0.2
0.4
0.6
0.8
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
300
IFSM, PEAK FORWARD SURGE CURRENT (A)
4000
8.3 ms single half-sine-wave JEDEC method
Tj = 25 C
250
Cj, CAPACITANCE (pF)
200
1000
150
100
50
100 0.1
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Max Non-Repetitive Surge Current 100
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
IR, INSTANTANEOUS REVERSE CURRENT (mA)
100
Tj = 100C
10
1.0
Tj = 75C
0.1
Tj = 25C
0.01 0 40 80 120 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS23044 Rev. 4 - 2
2 of 3 www.diodes.com
SBL830-SBL860
Ordering Information
Device SBL8xx*
(Note 4) Packaging TO-220AC Shipping 50/Tube
* xx = Device type, e.g. SBL845 Notes: 4. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
DS23044 Rev. 4 - 2
3 of 3 www.diodes.com
SBL830-SBL860


▲Up To Search▲   

 
Price & Availability of SBL830

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X