![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Data Sheet No. PD 10055-A Series PVR13N Microelectronic Power IC HEXFET(R) Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-100V AC/DC, 360mA General Description The PVR13 Series AC/DC Relay is a dual-pole, normally open, solid-state replacement for electromechanical relays used for general purpose switching of analog signals. It utilizes International Rectifier's HEXFET power MOSFETs as the output switches, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED), which is optically isolated from the photovoltaic generator. The PVR13 Series overcomes the limitations of both conventional electromechanical and reed relays by offering the solid state advantages of long life, fast operating speed, low pick up power, bounce-free operation, low thermal offset voltages and miniature package. These advantages allow product improvement and design innovations in many applications such as process control, multiplexing, automatic test equipment and data acquisition. The PVR13 can switch analog signals from thermocouple level to 100 Volts peak AC or DC polarity. Signal frequencies into the RF range are easily controlled and switching rates up to 450Hz are achievable. The extremely small thermally generated offset voltages allow increased measurement accuracies. These relays are packaged in 16-pin, molded DIP packages and available with through-hole leads, in plastic shipping tubes. Features Bounce-Free Operation 1010 Off-State Resistance 1,000 V/sec dv/dt 0.2 V Thermal Offset 5 mA Input Sensitivity 1,500 VRMS I/O Isolation Solid-State Reliability Applications Process Control Data Acquisition Test Equipment Multiplexing and Scanning Part Identification PVR1300N PVR1301N (HEXFET is the registered trademark for International Rectifier Power MOSFETs) www.irf.com 1 Series PVR13N Electrical Specifications (-40C TA +85C unless otherwise specified) INPUT CHARACTERISTICS Minimum Control Current A Connection (see figure 1) For 400 Continuous Load Current For 360 Continuous Load Current For 250 Continuous Load Current Minimum Turn-Off Current Minimum Turn-Off Voltage Control Current Range (Caution: current limit input LED. See figure 6) Maximum Reverse Voltage 2.0 5.0 5.0 10 0.6 2.0 to 25 7.0 Units DC mA@25C mA@40C mA@85C A(DC) V(DC) mA(DC) V(DC) OUTPUT CHARACTERISTICS Operating Voltage Range Maxiumum Load Current 40C ILED = 5mA (see figure 1) AC (A Connection) DC (B Connection) DC (C Connection) Response Time @25C (see figures 7 and 8) Maximum T(on) @ 12mA Control, 100 mA Load, 100 VDC Maximum T(off) @ 12mA Control, 100 mA Load, 100 VDC Maximum On-state Resistance 25C (Pulsed) (fig. 2) 50 mA Load, 5mA Control AC (A Connection) DC (B Connection) DC (C Connection) Minimum Off-state Resistance 25C @ 80 VDC PVR1300 @ 80 VDC PVR1301 Maximum Thermal Offset Voltage @ 5.0mA Control Minimum Off-State dv/dt Typical Output Capacitance (see figure 9) 150 70 100 360 420 660 Units V(peak) mA (peak) mA(DC) mA(DC) s s 5 3.0 1.5 108 1010 0.2 1000 12 volts V/s pF @ 50VDC GENERAL CHARACTERISTICS Dielectric Strength: Input-Output Insulation Resistance: Input-Output @ 500VDC Maximum Capacitance: Input-Output Maximum Lead Soldering Temperature (1.6mm below seating plane for 10 sec.) Ambient Temperature Range: Operating Storage 1500 10 12 Units V RMS pF C C 1.0 260 -40 to +85 -40 to +100 2 www.irf.com Series PVR13N 800 Max. Load Current (mA) C Connection 700 600 500 400 300 200 100 0 0 20 B Connection A Connection ILED = 5mA 40 60 80 100 Ambient Temperature (C) Figure 1. Current Derating Curve Rd(on) (Normalized to 25oC) 900 5 mA Control lD = 50 mA Ambient Temperature (C) Figure 2. Typical Normalized On-Resistance 600 550 500 450 400 350 300 250 200 150 100 50 0 0.0 0.5 Pulsed, 25C 25 oC 40 oC 60 oC 85 oC I LED = 5mA, Forced Air A Connection 1.0 1.5 2.0 2.5 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0.0 0.5 Pulsed, 25C Load Current (mA) Load Current (mA) 25oC 40oC 60oC 8 oC 5 85C I LED = 5mA, Forced Air C Connection 1.0 1.5 2.0 2.5 VDD (Volts) Figure 3. Typical On-Characteristic A Connection VDD (Volts) Figure 4. Typical On-Characteristic C Connection www.irf.com 3 Series PVR13N Ambient Temperature (C) Figure 5. Typical Normalized Off-State Leakage Input Current (mA) IDOff/IDOff 25C LED Forward Voltage Drop (Volts DC) Figure 6. Input Characteristics (Current Controlled) 1000 Delay Time (microseconds) y ( ) Tdly 100 Ton Toff 10 0 5 10 15 20 ILED (mA) Figure 7.Typical Delay Times Figure 8. Delay Time Definitions 4 www.irf.com Series PVR13N Typical Capacitance (pF) 22 0 20 0 18 0 16 0 14 0 12 0 10 0 80 60 40 20 0 0 10 20 30 40 50 C Connection A Connection VDD Drain-to-Drain Voltage Figure 9. Typical Output Capacitance Wiring Diagram Schematic Diagram www.irf.com 5 Series PVR13N Case Outline 01-2012 00 IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 11/16/2000 6 www.irf.com |
Price & Availability of PVR1300N
![]() |