Part Number Hot Search : 
F2010 SMBJ360 PVI5033R TC74A HMC25607 ISL28 10018 512K3
Product Description
Full Text Search
 

To Download MMBTA05-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODEL: MMBTA05 MMBTA06
MMBTA05 / MMBTA06
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
* * * * Epitaxial Planar Die Construction Complementary PNP Type Available (MMBTA55 / MMBTA56) Ideal for Low Power Amplification and Switching Lead Free/RoHS Compliant (Note 3) Qualified to AEC-Q101 Standards for High Reliability
E
SOT-23
A
Dim A
B C
Min 0.37 1.20 2.30 0.89 0.45 1.78 2.80 0.013 0.903 0.45 0.085 0
Max 0.51 1.40 2.50 1.03 0.60 2.05 3.00 0.10 1.10 0.61 0.180 8
B C D E
*
TOP VIEW
D G H K J L
Mechanical Data
* * * * * * * * * Case: SOT-23 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminal Connections: See Diagram Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). MMBTA05 Marking (See Page 3): K1G, K1H MMBTA06 Marking (See Page 3): K1G Ordering & Date Code Information: See Page 3 Weight: 0.008 grams (approximate)
G
M
H J K L M
3 C
B 1
E 2
All Dimensions in mm
*
Maximum Ratings
@TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RJA Tj, TSTG MMBTA05 60 60 MMBTA06 80 80 Unit V V V mA mW C/W C
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage Temperature Range
4.0 500 300 417 -55 to +150
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Collector Cutoff Current ON CHARACTERISTICS (Note 2) DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Current Gain-Bandwidth Product
Note:
@TA = 25C unless otherwise specified Symbol MMBTA05 MMBTA06 MMBTA05 MMBTA06 MMBTA05 MMBTA06 MMBTA05 MMBTA06 V(BR)CBO V(BR)CEO V(BR)EBO ICBO ICES Min 60 80 60 80 4.0 Max 100 100 0.25 1.2 Unit V V V nA nA V V MHz Test Condition IC = 100A, IE = 0 IC = 1.0mA, IB = 0
B
IE = 100A, IC = 0 VCB = 60V, IE = 0 VCB = 80V, IE = 0 VCE = 60V, IBO = 0V VCE = 80V, IBO = 0V IC = 10mA, VCE = 1.0V IC = 100mA, VCE = 1.0V IC = 100mA, IB = 10mA IC = 100mA, VCE = 1.0V
B
hFE VCE(SAT) VBE(SAT) fT
100 100
VCE = 2.0V, IC = 10mA, f = 100MHz
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect. 3. No purposefully added lead.
DS30037 Rev. 10 - 2
1 of 3 www.diodes.com
MMBTA05 / MMBTA06
(c) Diodes Incorporated
400 Note 1 350 PD, POWER DISSIPATION (mW) 300 250 200 150 100 50 0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1, Max Power Dissipation vs Ambient Temperature 2.0
10 ICBO, COLLECTOR-BASE CURRENT (nA) VCB = 80V
1
0.1
0.01 25
50
75
100
125
TA, AMBIENT TEMPERATURE (C) Fig. 2 Typical Collector-Cutoff Current vs. Ambient Temperature
VCE, COLLECTOR EMITTER VOLTAGE (V)
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0.001 IC = 1mA IC = 100mA IC = 10mA IC = 30mA
0.01
0.1
1
10
100
0.500 VCE(SAT), COLLECTOR-EMITTER VOLTAGE (V) 0.450 0.400 0.350 0.300 0.250 0.200 0.150 0.100 0.050 0 1 10 100 TA = 150C TA = 25C IC IB = 10
IB, BASE CURRENT (mA) Fig. 3 Typical Collector Saturation Region 10,000 VCE = 5V
hFE, DC CURRENT GAIN
1,000
TA = 150C
100
TA = -50C
TA = 25C
10
TA = -50C 1000
1 1 10 100 1000 IC, COLLECTOR CURRENT (mA) Fig. 5, DC Current Gain vs Collector Current
IC, COLLECTOR CURRENT (mA) Fig. 4 Collector Emitter Saturation Voltage vs. Collector Current
DS30037 Rev. 10 - 2
2 of 3 www.diodes.com
MMBTA05 / MMBTA06
(c) Diodes Incorporated
1.0 0.9 0.8 TA = -50C 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.1 1 10 100 IC, COLLECTOR CURRENT (mA) Fig. 6, Base Emitter Voltage vs Collector Current TA = 150C TA = 25C
1000 fT, GAIN BANDWIDTH PRODUCT (MHz)
VCE = 5V
VCE = 5V
VBE(ON), BASE EMITTER VOLTAGE (V)
100
10
1 1 IC, COLLECTOR CURRENT (mA) Fig. 7, Gain Bandwidth Product vs Collector Current 10
Ordering Information (Note 4)
Device MMBTA05-7-F MMBTA06-7-F Notes: Packaging SOT-23 SOT-23 Shipping 3000/Tape & Reel 3000/Tape & Reel
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
K1x
K1x = Product Type Marking Code, e.g. K1G YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year 1998 Code J Month Code
YM
1999 K
2000 L Jan 1
2001 M Feb 2
2002 N Mar 3
2003 P Apr 4
2004 R May 5
2005 S Jun 6
2006 T Jul 7
2007 U Aug 8
2008 V
2009 W Sep 9
2010 X Oct O
2011 Y Nov N
2012 Z Dec D
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30037 Rev. 10 - 2
3 of 3 www.diodes.com
MMBTA05 / MMBTA06
(c) Diodes Incorporated


▲Up To Search▲   

 
Price & Availability of MMBTA05-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X