Part Number Hot Search : 
BGC420 M6244 MAX6496 AO4930 C845U TOTX170 D45242 10C3TR
Product Description
Full Text Search
 

To Download MMBD140102 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMBD1401 / 1403 / 1404 / 1405
MMBD1401 / 1403 / 1404 / 1405
Connection Diagrams
3 3 1401 3 3 1403
29
2 1 1 2
MARKING MMBD1401 29 MMBD1403 32 MMBD1404 33 MMBD1405 34
1 1404 3
2NC
1
2 3 1405
SOT-23
1
2
1
2
Small Signal Diodes
Absolute Maximum Ratings*
Symbol
VRRM IF(AV) IFSM
TA = 25C unless otherwise noted
Parameter
Maximum Repetitive Reverse Voltage Average Rectified Forward Current Non-repetitive Peak Forward Surge Current Pulse Width = 1.0 second Pulse Width = 1.0 microsecond Storage Temperature Range Operating Junction Temperature
Value
200 200 1.0 2.0 -55 to +150 150
Units
V mA A A C C
Tstg TJ
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics
Symbol
PD RJA Power Dissipation Thermal Resistance, Junction to Ambient
TA = 25C unless otherwise noted
Parameter
Value
350 357
Units
mW C/W
Electrical Characteristics
Symbol
VR VF
Parameter
Breakdown Voltage Forward Voltage
Test Conditions
IR = 100 A IF = 10 mA IF = 50 mA IF = 200 mA IF = 300 mA VR = 120 V VR = 175 V VR = 0, f = 1.0 MHz IF = IR = 30 mA, IRR = 3.0 mA, RL = 100
Min
200 760
Max
800 920 1.0 1.1 40 100 2.0 50
Units
V mV mV V V nA nA pF ns
IR CT trr
Reverse Current Total Capacitance Reverse Recovery Time
2002 Fairchild Semiconductor Corporation
MMBD1400 series, Rev. C1
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACEx Bottomless CoolFET CROSSVOLT DenseTrench DOME EcoSPARK E2CMOSTM EnSignaTM FACT FACT Quiet Series
DISCLAIMER
FAST a FASTr FRFET GlobalOptoisolator GTO HiSeC I2C ISOPLANAR LittleFET MicroFET MicroPak
MICROWIRE OPTOLOGIC a OPTOPLANAR PACMAN POP Power247 PowerTrench a QFET QS QT Optoelectronics Quiet Series
SILENT SWITCHER a UHC SMART START UltraFET a SPM VCX STAR*POWER Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogic TruTranslation
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. H5


▲Up To Search▲   

 
Price & Availability of MMBD140102

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X