|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MM74HC132 Quad 2-Input NAND Schmitt Trigger September 1983 Revised January 2005 MM74HC132 Quad 2-Input NAND Schmitt Trigger General Description The MM74HC132 utilizes advanced silicon-gate CMOS technology to achieve the low power dissipation and high noise immunity of standard CMOS, as well as the capability to drive 10 LS-TTL loads. The 74HC logic family is functionally and pinout compatible with the standard 74LS logic family. All inputs are protected from damage due to static discharge by internal diode clamps to VCC and ground. Features s Typical propagation delay: 12 ns s Wide power supply range: 2V-6V s Low quiescent current: 20 A maximum (74HC Series) s Low input current: 1 A maximum s Fanout of 10 LS-TTL loads s Typical hysteresis voltage: 0.9V at VCC=4.5V Ordering Code: Order Number MM74HC132M MM74HC132MX_NL MM74HC132SJ MM74HC132MTC MM74HC132N Package Number M14A M14A M14D MTC14 N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. (Tape and Reel not available in N14A.) Pb-Free package per JEDEC J-STD-020B. Connection Diagram Pin Assignment for DIP, SOIC, SOP, and TSSOP Logic Diagram Top View (c) 2005 Fairchild Semiconductor Corporation DS005309 www.fairchildsemi.com MM74HC132 Absolute Maximum Ratings(Note 1) (Note 2) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Clamp Diode Current (IIK, IOK) DC Output Current, per pin (IOUT) DC VCC or GND Current, per pin (ICC) Storage Temperature Range (TSTG) Power Dissipation (PD) (Note 3) S.O. Package only Lead Temperature (TL) (Soldering 10 seconds) 260C (Note 4) 600 mW 500 mW Recommended Operating Conditions Min Supply Voltage (VCC) DC Input or Output Voltage (VIN, VOUT) Operating Temperature Range (TA) 2 0 Max 6 VCC Units V V -0.5 to +7.0V -1.5 to VCC +1.5V -0.5 to VCC +0.5V 20 mA 25 mA 50 mA -65C to +150C -40 +125 C Note 1: Absolute Maximum Ratings are those values beyond which damage to the device may occur. Note 2: Unless otherwise specified all voltages are referenced to ground. Note 3: Power Dissipation temperature derating -- plastic "N" package: - 12 mW/C from 65C to 85C. DC Electrical Characteristics Symbol VT+ Parameter Positive Going Threshold Voltage Conditions Min VCC 2.0V 4.5V 6.0V TA = 25C Typ 1.0 2.0 3.0 1.5 3.15 4.2 0.3 0.9 1.2 1.0 2.2 3.0 0.2 0.4 0.5 1.0 1.4 1.5 2.0 4.5 6.0 4.2 5.7 0 0 0 0.2 0.2 1.9 4.4 5.9 3.98 5.48 0.1 0.1 0.1 0.26 0.26 0.1 2.0 TA = -40 to 85C TA = -40 to 125C Guaranteed Limits 1.0 2.0 3.0 1.5 3.15 4.2 0.3 0.9 1.2 1.0 2.2 3.0 0.2 0.4 0.5 1.0 1.4 1.5 1.9 4.4 5.9 3.84 5.34 0.1 0.1 0.1 0.33 0.33 1.0 20 1.0 2.0 3.0 1.5 3.15 4.2 0.3 0.9 1.2 1.0 2.2 3.0 0.2 0.4 0.5 1.0 1.4 1.5 1.9 4.4 5.9 3.7 5.2 0.1 0.1 0.1 0.4 0.4 1.0 40 Units V V V V V V V V V V V V V V V V V V V V V V V V V V V V A A Max 2.0V 4.5V 6.0V VT- Negative Going Threshold Voltage Min 2.0V 4.5V 6.0V Max 2.0V 4.5V 6.0V VH Hysteresis Voltage Min 2.0V 4.5V 6.0V Max 2.0V 4.5V 6.0V VOH Minimum HIGH Level Output Voltage VIN = VIH or VIL |IOUT| 20 A VIN = VIH or VIL |IOUT| 4.0 mA |IOUT| 5.2 mA 2.0V 4.5V 6.0V 4.5V 6.0V 2.0V 4.5V 6.0V 4.5V 6.0V 6.0V 6.0V VOL Maximum LOW Level Output Voltage VIN = VIH or VIL |IOUT| 20 A VIN = VIH or VIL |IOUT| 4.0 mA |IOUT| 5.2 mA IIN ICC Maximum Input Current Maximum Quiescent Supply Current VIN = VCC or GND VIN = VCC or GND IOUT = 0 A Note 4: For a power supply of 5V 10% the worst case output voltages (VOH, and VOL) occur for HC at 4.5V. Thus the 4.5V values should be used when designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used. www.fairchildsemi.com 2 MM74HC132 AC Electrical Characteristics VCC = 5V, TA = 25C, CL = 15 pF, tr = tf = 6 ns Symbol tPHL, tPLH Parameter Maximum Propagation Delay Conditions Typ 12 Guaranteed Limit 20 Units ns AC Electrical Characteristics VCC = 2.0V to 6.0V, CL = 50 pF, tr = tf = 6 ns (unless otherwise specified) Symbol tPHL, tPLH Maximum Propagation Delay tTLH, tTHL Maximum Output Rise and Fall Time CPD CIN Power Dissipation Capacitance (Note 5) Maximum Input Capacitance 5 10 10 pF Note 5: CPD determines the no load dynamic power consumption, PD = CPD VCC2f + ICC VCC, and the no load dynamic current consumption, IS = CPD VCC f + ICC. Parameter Conditions VCC 2.0V 4.5V 6.0V 2.0V 4.5V 6.0V TA = 25C Typ 63 13 11 30 8 7 130 125 25 21 75 15 13 TA= -40 to 85C TA= -55 to 125C Guaranteed Limits 158 32 27 95 19 16 186 37 32 110 22 19 Units ns ns ns ns ns ns pF (per gate) 3 www.fairchildsemi.com MM74HC132 Physical Dimensions inches (millimeters) unless otherwise noted 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow Package Number M14A www.fairchildsemi.com 4 MM74HC132 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) Pb-Free 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D 5 www.fairchildsemi.com MM74HC132 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14 www.fairchildsemi.com 6 MM74HC132 Quad 2-Input NAND Schmitt Trigger Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com www.fairchildsemi.com |
Price & Availability of MM74HC132MX-NL |