Part Number Hot Search : 
A3001 EPA3578 B1212 1800S HA16174 60CDQ030 B240010 EPA3578
Product Description
Full Text Search
 

To Download MKP1837 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MKP 1837
Vishay Roederstein
Metallized Polypropylene Film Capacitor Related Document: IEC 60384-16
MAIN APPLICATIONS:
Oscillator, timing and LC/RC filter circuits, high frequency coupling/decoupling, sample and hold circuits.
L Max.
Dimensions in millimeters
W Max.
MARKING:
Manufacturer's logo/type/C-value/rated voltage/tolerance/ date of manufacture
0.6 H Max.
Marking
DIELECTRIC:
Polypropylene film
6.0-1
ELECTRODES:
Vacuum deposited aluminum
5.0 0.4
0.4
O 0.5
COATING:
Flame retardant plastic case (UL-class 94 V-0), blue, epoxy resin sealed
CONSTRUCTION:
Extended metallized film (refer to general information)
TEMPERATURE COEFFICIENT:
- 250C x 10-6/C (typical value)
LEADS:
Tinned wire
CAPACITANCE DRIFT:
Up to + 40C, < 0.5% for a period of two years
IEC TEST CLASSIFICATION:
55/100/56, according to IEC 60068
MAXIMUM PULSE RISE TIME:
dv/dt = 390 V/s If the maximum pulse voltage is less than the rated voltage, higher dv/dt values can be permitted.
OPERATING TEMPERATURE RANGE:
- 55C to + 100C
DERATING FOR DC AND AC.CATEGORY VOLTAGE UC:
At + 85C: UC = 1.0 UR At + 100C: UC = 0.7 UR
CAPACITANCE RANGE:
0.01F to 0.1F
CAPACITANCE TOLERANCES:
10% (K), 5% (J), 2.5% (H), 1% (F)
SELF INDUCTANCE:
~ 6 nH measured with 2mm long leads
RATED VOLTAGES (UR):
160 VDC 100 VAC
PULL TEST ON LEADS:
30 N in direction of leads according to IEC 60068-2-21
PERMISSIBLE AC VOLTAGES (RMS) UP TO 60Hz: TEST VOLTAGE (ELECTRODE/ELECTRODE):
1.6 x UR for 2 s
DIELECTRIC ABSORPTION:
0.05% (typical value) acc. to IEC 60384-1
RELIABILITY:
Operational life > 300,000 h Failure rate < 5 FIT (40C and 0.5 x UR) For further details, please refer to the general information provided in this catalog.
INSULATION RESISTANCE:
Measured at 100 VDC after one minute 100,000 M minimum value
DISSIPATION FACTOR TAN
MEASURED AT 1kHz 10kHz 100kHz C 0.1F 0.4 x 10-3 0.6 x 10-3 4 x 10-3 Maximum values
www.vishay.com 66 For technical questions, contact dc-film@vishay.com Document Number 26017 Revision 01-Dec-03
MKP 1837
Metallized Polypropylene, Related Document: IEC 60384-16 Vishay Roederstein
CAPACITANCE CAPACITANCE CODE W 0.01 F 0.015 F 0.022 F 0.033 F 0.047 F 0.068 F 0.1 F
Further C-values upon request
VOLTAGE CODE 16 160 VDC/100 VAC H 7.0 7.0 7.0 9.0 9.0 9.0 11.0 L 7.5 7.5 7.5 7.5 7.5 7.5 7.5
- 310 - 315 - 322 - 333 - 347 - 368 - 410
5.5 5.5 5.5 7.5 7.5 7.5 9.0
RECOMMENDED PACKAGING
LETTER CODE D G F W -- TYPE OF PACKAGING AMMO AMMO REEL REEL BULK HEIGHT (H) (mm) 16.5 18.5 16.5 18.5 -- REEL DIAMETER (mm) S* S* 350 350 -- ORDERING CODE EXAMPLE MKP 1837-322-162-D MKP 1837-322-162-G MKP 1837-322-162-F MKP 1837-322-162-W MKP 1837-322-162 PCM 5 X X X X X
*S = box size 55 x 210 x 340mm (W x H x L)
Z []
VRMS
102
0.0 1 0.0
101
Capacitance in F
22
0.0 47
10
1
100
0.1
10-1 160 VDC 10-2 103 104 105 106 107 f [Hz]
10-2
10-3 0.01
0.05 0.1
0.5 1.0
5.0 10
0.047F
0.1F
0.022F
0.01F
100
10-1
50 100 f [MHz]
Permissible AC Voltage versus Frequency
Impedance versus Frequency Z = f(f) (Lead length 2.0mm)
Document Number 26017 Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
www.vishay.com 67


▲Up To Search▲   

 
Price & Availability of MKP1837

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X