Part Number Hot Search : 
TLWR8 3P46ATB 5N60RU AGS2520 UPD78044 KRA322E 2SC49 HFM308
Product Description
Full Text Search
 

To Download MJE2955T03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
MJE2955T MJE3055T
COMPLEMENTARY SILICON POWER TRANSISTORS
s
s
STMicroelectronics PREFERRED SALESTYPES COMPLEMENTARY PNP - NPN DEVICES
DESCRIPTION The MJE3055T is a silicon Epitaxial-Base NPN transistor in Jedec TO-220 package. It is intended for power switching circuits and general-purpose amplifiers. The complementary PNP type is MJE2955T. TO-220
3 1 2
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter NPN PNP V CEO V CBO V EBO IC IB P tot T stg Tj Collector-Emitter Voltage (I B = 0) Collector-Base Voltage (I E = 0) Emitter-Base Voltage (I C = 0) Collector Current Base Current Total Power Dissipation at T case 25 o C Storage Temperature Max. Operating Junction Temperature Value MJE3055T MJE2955T 60 70 5 10 6 75 -55 to 150 150 Unit
V V V A A W o C o C
For PNP types voltage and current values are negative.
September 2003
1/4
MJE2955T / MJE3055T
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 1.66
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol I CEO I CEX I CBO I EBO Parameter Collector Cut-off Current (I B = 0) Collector Cut-off Current (V BE = 1.5V) Collector Cut-off Current (I E = 0) Emitter Cut-off Current (I C = 0) Test Conditions V CE = 30 V V CE = 70 V T case = 150 o C V CBO = 70 V T case = 150 o C V EBO = 5 V I C = 200 mA 60 Min. Typ. Max. 700 1 5 1 10 5 Unit A mA mA mA mA mA V
V CEO(sus) Collector-Emitter Sustaining Voltage (I B = 0) V CE(sat) V BE(on) h FE fT Collector-Emitter Sustaining Voltage Base-Emitter on Voltage DC Current Gain Transistor Frequency
IC = 4 A I C = 10 A IC = 4 A IC = 4 A I C = 10 A I C = 500 mA f = 500 KHz
I B = 0.4 A I B = 3.3 A V CE = 4 V V CE = 4 V V CE = 4 V V CE = 10 V 20 5 2
1.1 8 1.8 70
V V V
MHz
Pulsed: Pulse duration = 300s, duty cycle 2 % For PNP type voltage and current values are negative.
2/4
MJE2955T / MJE3055T
TO-220 MECHANICAL DATA
DIM. A C D E F F1 F2 G G1 H2 L2 L4 L5 L6 L7 L9 M DIA. 3.75 13.00 2.65 15.25 6.20 3.50 2.60 3.85 0.147 mm MIN. 4.40 1.23 2.40 0.49 0.61 1.14 1.14 4.95 2.40 10.00 16.40 14.00 2.95 15.75 6.60 3.93 0.511 0.104 0.600 0.244 0.137 0.102 0.151 TYP. MAX. 4.60 1.32 2.72 0.70 0.88 1.70 1.70 5.15 2.70 10.40 MIN. 0.173 0.048 0.094 0.019 0.024 0.044 0.044 0.194 0.094 0.394 0.645 0.551 0.116 0.620 0.260 0.154 inch TYP. MAX. 0.181 0.052 0.107 0.027 0.034 0.067 0.067 0.202 0.106 0.409
P011CI
3/4
MJE2955T / MJE3055T
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics. All other names are the property of their respective owners. (c) 2003 STMicroelectronics - All Rights reserved STMicroelectronics GROUP OF COMPANIES Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
4/4


▲Up To Search▲   

 
Price & Availability of MJE2955T03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X