Part Number Hot Search : 
AP9963 SI500 00380 Z5246B MB1501 54HC3 UZ4211 5KE16A
Product Description
Full Text Search
 

To Download MJD44H1103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
MJD44H11 MJD45H11
COMPLEMENTARY SILICON PNP TRANSISTORS
s
s
s s
STMicroelectronics PREFERRED SALESTYPES LOW COLLECTOR-EMITTER SATURATION VOLTAGE FAST SWITCHING SPEED SURFACE-MOUNTING TO-252 (DPAK) POWER PACKAGE IN TAPE & REEL (SUFFIX "T4")
3 1
DPAK TO-252 (Suffix "T4")
APPLICATIONS GENERAL PURPOSE SWITCHING s GENERAL PURPOSE AMPLIFIER
s
DESCRIPTION The MJD44H11 is a Silicon Multiepitaxial Planar NPN transistor mounted in DPAK plastic package. It is inteded for various switching and general purpose applications. The complementary PNP type is MJD45H11
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter NPN PNP V CEO V EBO IC I CM P tot T stg Tj Collector-Emitter Voltage (I B = 0) Emitter-Base Voltage (I C = 0) Collector Current Collector Peak Current Total Dissipation at T c 25 o C Storage Temperature Max. Operating Junction Temperature Value MJD44H11 MJD45H11 80 5 8 16 20 -55 to 150 150 V V A A W
o o
Unit
C C
For PNP types the values are intented negative.
May 2003
1/5
MJD44H11 / MJD45H11
THERMAL DATA
R thj-case Thermal Resistance Junction-case Max 6.25
o
C/W
ELECTRICAL CHARACTERISTICS (Tcase = 25 oC unless otherwise specified)
Symbol Parameter Test Conditions I C = 30 mA V CB = rated V CEO V BE = 0 V EB = 5V IC = 8 A IC = 8 A IC = 2 A IC = 4 A I B = 0.4 A I B = 0.8 A V CE = 1 V V CE = 1 V 60 40 Min. 80 10 50 1 1.5 Typ. Max. Unit V A A V V V CEO(sus) Collector-Emitter Sustaining Voltage I CES I EBO V CE(sat) V BE(sat) h FE Collector Cut-off Current Emitter Cut-off Current Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage DC Current Gain
Pulsed: Pulse duration = 300 s, duty cycle 2 % For PNP types the values are intented negative.
Safe Operating Area
Derating Curves
2/5
MJD44H11 / MJD45H11
DC Current Gain (NPN type) DC Current Gain (PNP type)
Collector-Emitter Saturation Voltage (NPN type)
Collector-Emitter Saturation Voltage (PNP type)
3/5
MJD44H11 / MJD45H11
TO-252 (DPAK) MECHANICAL DATA
mm MIN. A A1 A2 B B2 C C2 D E G H L2 L4 V2 0.60 0o 2.20 0.90 0.03 0.64 5.20 0.45 0.48 6.00 6.40 4.40 9.35 0.8 1.00 8o 0.024 0o TYP. MAX. 2.40 1.10 0.23 0.90 5.40 0.60 0.60 6.20 6.60 4.60 10.10 MIN. 0.087 0.035 0.001 0.025 0.204 0.018 0.019 0.236 0.252 0.173 0.368 0.031 0.039 0o inch TYP. MAX. 0.094 0.043 0.009 0.035 0.213 0.024 0.024 0.244 0.260 0.181 0.398
DIM.
P032P_B
4/5
MJD44H11 / MJD45H11
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a trademark of STMicroelectronics (c) 2003 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. http://www.st.com
5/5


▲Up To Search▲   

 
Price & Availability of MJD44H1103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X