Part Number Hot Search : 
BCP53T1 AN5891 95501 8050HR EPSA1 P82C42PC MAX3295 28F010
Product Description
Full Text Search
 

To Download MC10ELT2506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10ELT25, MC100ELT25 -5 V Differential ECL to TTL Translator
Description
The MC10ELT/100ELT25 is a differential ECL to TTL translator. Because ECL levels are used, a +5 V, -5.2 V (or -4.5 V) and ground are required. The small outline 8-lead package and the single gate of the ELT25 makes it ideal for those applications where space, performance and low power are at a premium. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open. The 100 Series contains temperature compensation.
Features
http://onsemi.com MARKING DIAGRAMS*
8 1 SOIC-8 D SUFFIX CASE 751 1 8 HLT25 ALYW G 8 KLT25 ALYW G
1
* * * * * * * *
2.6 ns Typical Propagation Delay 100 MHz FMAX CLK 24 mA TTL Outputs Flow Through Pinouts Operating Range: VCC = 4.5 V to 5.5 V with GND = 0 V; VEE = -4.2 V to -5.7 V with GND = 0 V Internal Input 50 KW Pulldown Resistors Q Output will default HIGH with inputs open or < 1.3 V Pb-Free Packages are Available
8 1 TSSOP-8 DT SUFFIX CASE 948R
8 HT25 ALYWG G
8 KT25 ALYWG G
1
1
DFN8 MN SUFFIX CASE 506AA H K 5F 2U M = MC10 = MC100 = MC10 = MC100 = Date Code
1
5F MG G
4
1
A L Y W G
= Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
(Note: Microdot may be in either location) *For additional marking information, refer to Application Note AND8002/D.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
December, 2006 - Rev. 12
1
Publication Order Number: MC10ELT25/D
2U MG G 4
MC10ELT25, MC100ELT25
VEE D 1 2 ECL D 3 6 NC TTL 8 7 VCC Q
Table 1. PIN DESCRIPTION
Pin D, D Q VBB VCC VEE GND NC EP Function ECL Differential Inputs TTL Output Reference Voltage Output Positive Supply Negative Supply Ground No Connect Exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply or leave floating open.
VBB
4
5
GND
Figure 1. 8-Lead Pinout (Top View) and Logic Diagram
Table 2. ATTRIBUTES
Characteristics Internal Input Pulldown Resistor Internal Input Pullup Resistor ESD Protection Human Body Model Machine Model Pb Pkg Level 1 Level 1 Level 1 Value 75 kW N/A > 1 kV > 400 V Pb-Free Pkg Level 1 Level 3 Level 1
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) SOIC-8 TSSOP-8 DFN8 Flammability Rating Transistor Count Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Oxygen Index: 28 to 34
UL 94 V-0 @ 0.125 in 38 Devices
Table 3. MAXIMUM RATINGS
Symbol VCC VEE VIN IBB TA Tstg qJA qJC qJA qJC qJA Tsol Parameter Positive Power Supply Negative Power Supply Input Voltage VBB Sink/Source Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Thermal Resistance (Junction-to-Ambient) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board 0 lfpm 500 lfpm Standard Board 0 lfpm 500 lfpm <2 to 3 sec @ 248C <2 to 3 sec @ 260C SOIC-8 SOIC-8 SOIC-8 TSSOP-8 TSSOP-8 TSSOP-8 DFN8 DFN8 Condition 1 GND = 0 V GND = 0 V GND = 0 V Condition 2 VEE = -5.0 V VCC = +5.0 V Rating 7 -8 0 to VEE 0.5 -40 to +85 -65 to +150 190 130 41 to 44 185 140 41 to 44 5% 129 84 265 265 Unit V V V mA C C C/W C/W C/W C/W C/W C/W C/W C/W C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
http://onsemi.com
2
MC10ELT25, MC100ELT25
Table 4. 10ELT SERIES NECL INPUT DC CHARACTERISTICS VCC = 5.0 V; VEE = -5.0 V; GND = 0 V (Note 2)
-40C Symbol VIH VIL VBB VIHCMR IIH IIL Characteristic Input HIGH Voltage (Single-Ended) (Note 3) Input LOW Voltage (Single-Ended) (Note 3) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential) (Notes 3 and 4) Input HIGH Current Input LOW Current 0.5 Min -1230 -1950 -1.43 -2.8 Typ Max -890 -1500 -1.30 0.0 255 0.5 Min -1130 -1950 -1.35 -2.8 25C Typ Max -810 -1480 -1.25 0.0 175 0.3 Min -1060 -1950 -1.31 -2.8 85C Typ Max -720 -1445 -1.19 0.0 175 Unit mV mV V V mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. Input parameters vary 1:1 with GND. VEE can vary +0.06 V to -0.5 V. 3. TTL output RL = 500 W to GND 4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with GND.
Table 5. 100ELT SERIES NECL INPUT DC CHARACTERISTICS VCC = 5.0 V; VEE = -5.0 V; GND = 0 V (Note 5)
-40C Symbol VIH VIL VBB VIHCMR IIH IIL Characteristic Input HIGH Voltage (Single-Ended) (Note 6) Input LOW Voltage (Single-Ended) (Note 6) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential) (Notes 6 and 7) Input HIGH Current Input LOW Current 0.5 Min -1165 -1810 -1.38 -2.8 Typ Max -880 -1475 -1.26 0.0 255 0.5 Min -1165 -1810 -1.38 -2.8 25C Typ Max -880 -1475 -1.26 0.0 175 0.5 Min -1165 -1810 -1.38 -2.8 85C Typ Max -880 -1475 -1.26 0.0 175 Unit mV mV V V mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input parameters vary 1:1 with GND. VEE can vary +0.8 V to -0.5 V. 6. TTL output RL = 500 W to GND 7. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with GND.
Table 6. TTL OUTPUT DC CHARACTERISTICS VCC = 4.5 V to 5.5 V; TA = -40C to +85C
Symbol VOH VOL ICCH ICCL IEE IOS Characteristic Output HIGH Voltage Output LOW Voltage Power Supply Current Power Supply Current Negative Power Supply Current Output Short Circuit Current -150 Condition IOH = -3.0 mA IOL = 24 mA 11 13 15 Min 2.4 0.5 16 18 21 -60 Typ Max Unit V V mA mA mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
http://onsemi.com
3
MC10ELT25, MC100ELT25
Table 7. AC CHARACTERISTICS VCC= 5.0 V; VEE= -5.0 V; GND= 0 V (Note 8 and Note 9)
-40C Symbol fmax tPLH tPHL tJITTER tr tf VPP Characteristic Maximum Toggle Frequency Propagation Delay @ 1.5 V Propagation Delay @ 1.5 V Random Clock Jitter (RMS) Output Rise/Fall Times QTTL 10% - 90% Input Swing (Note 10) 200 1000 200 1.7 2.6 3.6 4.1 1.7 2.6 35 1.9 2.3 1000 200 1000 Min Typ Max Min 25C Typ 100 3.6 4.1 1.7 2.6 3.6 4.1 Max Min 85C Typ Max Unit MHz ns ns ps ns mV
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 8. VCC can vary 0.25 V. VEE can vary +0.06 V to -0.5 V for 10ELT; VEE can vary +0.8 V to -0.5 V for 100ELT. 9. RL = 500 W to GND and CL = 20 pF to GND. Refer to Figure 2. 10. VPP(min) is the minimum input swing for which AC parameters are guaranteed. The device has a DC gain of 40. APPLICATION
TTL RECEIVER
CHARACTERISTIC TEST
*CL includes fixture capacitance
CL *
RL
AC TEST LOAD
GND
Figure 2. TTL Output Loading Used for Device Evaluation
http://onsemi.com
4
MC10ELT25, MC100ELT25
ORDERING INFORMATION
Device MC10ELT25D MC10ELT25DG MC10ELT25DR2 MC10ELT25DR2G MC10ELT25DT MC10ELT25DTG MC10ELT25DTR2 MC10ELT25DTR2G MC10ELT25MNR4 MC10ELT25MNR4G MC100ELT25D MC100ELT25DG MC100ELT25DR2 MC100ELT25DR2G MC100ELT25DT MC100ELT25DTG MC100ELT25DTR2 MC100ELT25DTR2G MC100ELT25MNR4 MC100ELT25MNR4G Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) DFN8 DFN8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) DFN8 DFN8 (Pb-Free) Shipping 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 100 Units / Rail 100 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 1000 / Tape & Reel 1000 / Tape & Reel 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 100 Units / Rail 100 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 1000 / Tape & Reel 1000 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8020/D AND8066/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices
http://onsemi.com
5
MC10ELT25, MC100ELT25
PACKAGE DIMENSIONS
SOIC-8 NB CASE 751-07 ISSUE AH
-X-
A
8 5
B
1
S
4
0.25 (0.010)
M
Y
M
-Y- G
K
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
C -Z- H D 0.25 (0.010)
M SEATING PLANE
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
6
MC10ELT25, MC100ELT25
PACKAGE DIMENSIONS
TSSOP-8 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948R-02 ISSUE A
8x
K REF 0.10 (0.004)
M
0.15 (0.006) T U
S 2X
TU
S
V
S
L/2
8 1
5
L
PIN 1 IDENT
4
B -U-
0.25 (0.010) M
0.15 (0.006) T U
S
A -V-
F DETAIL E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 6. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 2.90 3.10 2.90 3.10 0.80 1.10 0.05 0.15 0.40 0.70 0.65 BSC 0.25 0.40 4.90 BSC 0_ 6_ INCHES MIN MAX 0.114 0.122 0.114 0.122 0.031 0.043 0.002 0.006 0.016 0.028 0.026 BSC 0.010 0.016 0.193 BSC 0_ 6_
C 0.10 (0.004) -T- SEATING
PLANE
D
G DETAIL E
-W-
DIM A B C D F G K L M
http://onsemi.com
7
MC10ELT25, MC100ELT25
PACKAGE DIMENSIONS
DFN8 CASE 506AA-01 ISSUE D
D
A B
PIN ONE REFERENCE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994 . 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A A1 A3 b D D2 E E2 e K L MILLIMETERS MIN MAX 0.80 1.00 0.00 0.05 0.20 REF 0.20 0.30 2.00 BSC 1.10 1.30 2.00 BSC 0.70 0.90 0.50 BSC 0.20 --- 0.25 0.35
2X
0.10 C
2X
0.10 C
0.10 C
8X
0.08 C
SEATING PLANE
A1
e/2
1 8X 4
L
K
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
CCC CCC CCC CCC
8
E
TOP VIEW
A (A3) C e
SIDE VIEW D2
E2
5 8X
b
0.10 C A B 0.05 C
NOTE 3
BOTTOM VIEW
http://onsemi.com
8
MC10ELT25/D


▲Up To Search▲   

 
Price & Availability of MC10ELT2506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X