Part Number Hot Search : 
TFS240H ZXLD1370 62006 HER501 MN101C BST84 IRF7807Z TPCP8505
Product Description
Full Text Search
 

To Download MC10E45706 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10E457, MC100E457 5V ECL Triple Differential 2:1 Multiplexer
Description
The MC10E457/100E457 is a 3-bit differential 2:1 multiplexer. The fully differential data path makes the device ideal for multiplexing low skew clock or other skew sensitive signals. The higher frequency outputs provide the device with a > 1.0 GHz bandwidth to meet the needs of the most demanding system clock. Both, separate selects and a common select, are provided to make the device well suited for both data path and random logic applications. The differential inputs have internal clamp structures which will force the Q output of a gate in an open input condition to go to a LOW state. Thus, inputs of unused gates can be left open and will not affect the operation of the rest of the device. Note that the input clamp will take affect only if both inputs fall 2.5 V below VCC. The 100 Series contains temperature compensation. Multiple VBB pins are provided to ease AC coupling input signals. The VBB pins, internally generated voltage supply pins, are available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open.
Features
http://onsemi.com
PLCC-28 FN SUFFIX CASE 776
MARKING DIAGRAM*
1 28
MCxxxE457FNG AWLYYWW
* * * * * * * * * *
Differential D and Q; VBB available 700 ps Max. Propagation Delay High Frequency Outputs Separate and Common Select PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V NECL Mode Operating Range: VCC = 0 V with VEE = -4.2 V to -5.7 V Internal Input 50 kW Pulldown Resistors ESD Protection: Human Body Model; > 2 kV, Machine Model; > 200 V Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test Moisture Sensitivity Level: Pb = 1; Pb-Free = 3 For Additional Information, see Application Note AND8003/D
xxx A WL YY WW G
= 10 or 100 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
*For additional marking information, refer to Application Note AND8002/D.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 7 of this data sheet.
* Flammability Rating: UL 94 V-0 @ 0.125 in, * *
Oxygen Index: 28 to 34 Transistor Count = 218 devices Pb-Free Packages are Available*
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
November, 2006 - Rev. 8
1
Publication Order Number: MC10E457/D
MC10E457, MC100E457
SEL2 D2a D2a VBB D2b D2b COMSEL 25 SEL1 D1a D1a VEE VBB D1b D1b 26 27 28
1
24
23
22
21
20
19 18 17 16 Q2 Q2 VCC Q1 Q1 Q0 Q0
D0a D0a D0b D0b SEL0
H 2:1 MUX L
Q0 Q0
Pinout: 28-Lead PLCC (Top View)
15 14 13 12
2 3 4 5 6 7 8 9 10 11
D1a D1a D1b D1b SEL1
H 2:1 MUX L
Q1 Q1
SEL0 D0a D0a VBB D0b D0b VCCO * All VCC and VCCO pins are tied together on the die. Warning: All VCC, VCCO, and VEE pins must be externally connected to Power Supply to guarantee proper operation.
D2a D2a D2b D2b SEL2 COMSEL VBB
H 2:1 MUX L
Q2 Q2
Figure 1. Pinout Assignment
Figure 2. Logic Diagram
Table 1. PIN DESCRIPTION
PIN Dn[0:2]; Dn[0:2] SEL COMSEL Q[0:2], Q[0:2] VBB VCC, VCCO VEE FUNCTION ECL Differential Data Inputs ECL Individual Select Input ECL Common Select Input ECL Differential Data Outputs Reference Voltage Output Positive Supply Negative Supply
Table 2. FUNCTION TABLE
SEL H L Data a b
http://onsemi.com
2
MC10E457, MC100E457
Table 3. MAXIMUM RATINGS
Symbol VCC VEE VI Iout IBB TA Tstg qJA qJC Tsol Parameter PECL Mode Power Supply NECL Mode Power Supply PECL Mode Input Voltage NECL Mode Input Voltage Output Current VBB Sink/Source Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board PLCC-28 PLCC-28 PLCC-28 Condition 1 VEE = 0 V VCC = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI v VCC VI w VEE Condition 2 Rating 8 -8 6 -6 50 100 0.5 0 to +85 -65 to +150 63.5 43.5 22 to 26 265 265 Unit V V V V mA mA mA C C C/W C/W C/W C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
http://onsemi.com
3
MC10E457, MC100E457
Table 4. 10E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V, VEE = 0.0 V (Note 1)
-40C Symbol
IEE VOH VOL VIH VIL VBB VIHCMR
0C Max
110 3980 3050 3830 3050
25C Max
110 4160 3370 4160 3520 3.73 5.0 4020 3050 3870 3050 3.65 2.7
85C Max
110 4190 3370 4190 3520 3.75 5.0 4090 3050 3940 3050 3.69 2.7
Characteristic
Power Supply Current Output HIGH Voltage (Note 2) Output LOW Voltage (Note 2) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 3) Input HIGH Current Input LOW Current
Min
Typ
92
Min
Typ
92 4070 3210 3995 3285
Min
Typ
92 4105 3210 4030 3285
Min
Typ
92 4185 3227 4110 3302
Max
110 4280 3405 4280 3555 3.81 5.0
Unit
mA mV mV mV mV V V
3.57
3.7
3.62 2.7
IIH IIL
150 0.5 0.3
150 0.5 0.25
150 0.3 0.2
150
A A
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 2. Outputs are terminated through a 50 resistor to VCC - 2.0 V. 3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 5. 10E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = -5.0 V (Note 4)
-40C Symbol
IEE VOH VOL VIH VIL VBB VIHCMR
0C Max
110 -1020 -1950 -1170 -1950
25C Max
110 -840 -1630 -840 -1480 -1.27 0.0 -980 -1950 -1130 -1950 -1.35 -2.3
85C Max
110 -810 -1630 -810 -1480 -1.25 0.0 -910 -1950 -1060 -1950 -1.31 -2.3
Characteristic
Power Supply Current Output HIGH Voltage (Note 5) Output LOW Voltage (Note 5) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 6) Input HIGH Current Input LOW Current
Min
Typ
92
Min
Typ
92 -930 -1790 -1005 -1715
Min
Typ
92 -895 -1790 -970 -1715
Min
Typ
92 -815 -1773 -890 -1698
Max
110 -720 -1595 -720 -1445 -1.19 0.0
Unit mA mV mV mV mV V V
-1.43
-1.3
-1.38 -2.3
IIH IIL
150 0.5 0.3
150 0.5 0.065
150 0.3 0.2
150
A A
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 5. Outputs are terminated through a 50 resistor to VCC - 2.0 V. 6. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
http://onsemi.com
4
MC10E457, MC100E457
Table 6. 100E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V, VEE = 0.0 V (Note 7)
-40C Symbol
IEE VOH VOL VIH VIL VBB VIHCMR
0C Max
110 3975 3190 3835 3190
25C Max
110 4120 3380 4120 3525 3.74 5.0 3975 3190 3835 3190 3.62 2.7
85C Max
110 4120 3380 4120 3525 3.74 5.0 3975 3190 3835 3190 3.62 2.7
Characteristic
Power Supply Current Output HIGH Voltage (Note 8) Output LOW Voltage (Note 8) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 9) Input HIGH Current Input LOW Current
Min
Typ
92
Min
Typ
92 4050 3295 3975 3355
Min
Typ
92 4050 3255 3975 3355
Min
Typ
106 4050 3260 3975 3355
Max
127 4120 3380 4120 3525 3.74 5.0
Unit
mA mV mV mV mV V V
3.62
3.74
3.62 2.7
IIH IIL
150 0.5 0.3
150 0.5 0.25
150 0.5 0.2
150
A A
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 8. Outputs are terminated through a 50 resistor to VCC - 2.0 V. 9. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 7. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = -5.0 V (Note 10)
-40C Symbol
IEE IEE VOH VOL VIH VIL VBB VIHCMR
0C Max
110 110 -1025 -1810 -1165 -1810
25C Max
110 110 -880 -1620 -880 -1475 -1.26 0.0 -1025 -1810 -1165 -1810 -1.38 -2.3
85C Max
110 110 -880 -1620 -880 -1475 -1.26 0.0 -1025 -1810 -1165 -1810 -1.38 -2.3
Characteristic
Power Supply Current Power Supply Current Output HIGH Voltage (Note 11) Output LOW Voltage (Note 11) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 12) Input HIGH Current Input LOW Current
Min
Typ
92 92
Min
Typ
92 92 -950 -1705 -1025 -1645
Min
Typ
92 92 -950 -1745 -1025 -1645
Min
Typ
92 106 -950 -1740 -1025 -1645
Max
110 127 -880 -1620 -880 -1475 -1.26 0.0
Unit mA mA mV mV mV mV V V
-1.38
-1.26
-1.38 -2.3
IIH IIL
150 0.5 0.3
150 0.5 0.25
150 0.5 0.2
150
A A
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 10. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 11. Outputs are terminated through a 50 resistor to VCC - 2.0 V. 12. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
http://onsemi.com
5
MC10E457, MC100E457
Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = -5.0 V (Note 13)
0C Symbol fMAX tPLH tPHL Characteristic Maximum Toggle Frequency Propagation Delay to Output D (Differential) D (Single-Ended) SEL COMSEL Within-Device Skew (Note 14) Duty Cycle Skew (Note 15) Random Clock Jitter (rms) Input Voltage Swing (Differential Configuration) Rise/Fall Time 20-80% 150 125 275 500 tPLH - tPHL Min 1.1 Typ Max Min 1.1 25C Typ Max Min 1.1 85C Typ Max Unit GH z 475 475 500 525 40 10 <1.0 150 150 275 450 650 700 725 750 ps
325 275 300 325
475 475 500 525 40 10 <1.0
700 750 775 800
375 325 350 375
475 475 500 525 40 10 <1.0
650 700 725 750
375 325 350 375
tskew tskew tJITTER VPP tr/tf
ps ps ps mV ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 13. 10 Series: VEE can vary -0.46 V / +0.06 V. 100 Series: VEE can vary -0.46 V / +0.8 V. 14. Within-device skew is defined as identical transitions on similar paths through a device. 15. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point of the outputs.
http://onsemi.com
6
MC10E457, MC100E457
Q Driver Device Q Zo = 50 W 50 W 50 W D Zo = 50 W D Receiver Device
VTT VTT = VCC - 2.0 V
Figure 3. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D - Termination of ECL Logic Devices.)
ORDERING INFORMATION
Device MC10E457FN MC10E457FNG MC10E457FNR2 MC10E457FNR2G MC100E457FN MC100E457FNG MC100E457FNR2 MC100E457FNR2G Package PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) Shipping 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8020/D AND8066/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices
http://onsemi.com
7
MC10E457, MC100E457
PACKAGE DIMENSIONS
PLCC-28 FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE E
Y BRK D Z -L- -M- B 0.007 (0.180) U
M
T L-M
M
S
N
S S
-N-
0.007 (0.180)
T L-M
N
S
W
28 1
D
V
X VIEW D-D
G1
0.010 (0.250)
S
T L-M
S
N
S
A Z R E G G1 0.010 (0.250)
S
0.007 (0.180) 0.007 (0.180)
M M
T L-M T L-M
S S
N N
S S
H
0.007 (0.180)
M
T L-M
S
N
S
C
K1 0.004 (0.100) -T- SEATING
PLANE
J
K F VIEW S 0.007 (0.180)
M
VIEW S T L-M
S
T L-M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10_ 0.410 0.430 0.040 ---
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10_ 10.42 10.92 1.02 ---
http://onsemi.com
8
MC10E457, MC100E457
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
9
MC10E457/D


▲Up To Search▲   

 
Price & Availability of MC10E45706

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X