Part Number Hot Search : 
ON1403A C1446 254201MR T3324551 COB4015 MC14079B 4EM3T5 LTC3783
Product Description
Full Text Search
 

To Download MC10E45206 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10E452, MC100E452 5V ECL 5-Bit Differential Register
Description
The MC10E/100E452 is a 5-bit differential register with differential data (inputs and outputs) and clock. The registers are triggered by a positive transition of the positive clock (CLK) input. A high on the Master Reset (MR) asynchronously resets all registers so that the Q outputs go LOW. The differential input structures are clamped so that the inputs of unused registers can be left open without upsetting the bias network of the device. The clamping action will assert the D and the CLK sides of the inputs. Because of the edge triggered flip-flop nature of the device simultaneously opening both the clock and data inputs will result in an output which reaches an unidentified but valid state. Note that the input clamps only operate when both inputs fall to 2.5 V below VCC. The fully differential design of the device makes it ideal for very high frequency applications where a registered data path is necessary. The VBB pin, an internally generated voltage supply, is available to this device only. For single-ended input conditions, the unused differential input is connected to VBB as a switching reference voltage. VBB may also rebias AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking to 0.5 mA. When not used, VBB should be left open. The 100 Series contains temperature compensation.
Features
http://onsemi.com
PLCC-28 FN SUFFIX CASE 776
MARKING DIAGRAM*
1 28
MCxxxE452FNG AWLYYWW
* * * * * * * * *
* * *
Differential D, CLK and Q; VBB Reference Available 1100 MHz Min. Toggle Frequency Asynchronous Master Reset PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V NECL Mode Operating Range: VCC = 0 V with VEE = -4.2 V to -5.7 V Internal Input 50 kW Pulldown Resistors, Output Q3 will Default to Low State When Inputs Are Left Open ESD Protection: Human Body Model; > 2 kV Machine Model; > 200 V Charged Device Model; > 2 kV Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test Moisture Sensitivity Level: Pb = 1 Pb-Free = 3 For Additional Information, see Application Note AND8003/D Flammability Rating: UL 94 V-0 @ 0.125 in, Oxygen Index: 28 to 34 Transistor Count = 315 devices Pb-Free Packages are Available*
xxx A WL YY WW G
= 10 or 100 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
*For additional marking information, refer to Application Note AND8002/D.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
November, 2006 - Rev. 11
1
Publication Order Number: MC10E452/D
MC10E452, MC100E452
D3 25 MR CLK CLK VEE VBB D2 D2 26 27 28
1
D3 24
D4 23
D4 VCCO Q4 22 21 20
Q4 19 18 17 16 15 14 13 12 Q3 Q3 VCC Q2 Q2 Q1 Q1
Table 1. PIN DESCRIPTION
PIN D[0:4], D[0:4] MR CLK, CLK Q[0:4], Q[0:4] VBB VCC, VCCO VEE FUNCTION ECL Differential Data Inputs ECL Master Reset Input ECL Differential Clock Input ECL Differential Data Outputs Reference Voltage Output Positive Supply Negative Supply
2 3 4 5 D1 6 D1 7 D0 8 9 10 11 Q0
D0 VCCO Q0
* All VCC and VCCO pins are tied together on the die. Warning: All VCC, VCCO, and VEE pins must be externally connected to Power Supply to guarantee proper operation.
Figure 1. Pinout: PLCC-28 (Top View)
D0 D0
D
Q
Q0 Q0
R D1 D1 D Q Q1 Q1 R D2 D2 D Q Q2 Q2
R D3 D3 D Q Q3 Q3
R D4 D4 CLK CLK MR VBB D Q Q4 Q4 R
Figure 2. Logic Diagram
http://onsemi.com
2
MC10E452, MC100E452
Table 2. MAXIMUM RATINGS
Symbol VCC VEE VI Iout IBB TA Tstg qJA qJC Tsol Parameter PECL Mode Power Supply NECL Mode Power Supply PECL Mode Input Voltage NECL Mode Input Voltage Output Current VBB Sink/Source Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board PLCC-28 PLCC-28 PLCC-28 Condition 1 VEE = 0 V VCC = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI v VCC VI w VEE Condition 2 Rating 8 -8 6 -6 50 100 0.5 0 to +85 -65 to +150 63.5 43.5 22 to 26 265 265 Unit V V V V mA mA mA C C C/W C/W C/W C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Table 3. 10E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 1)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Characteristic Power Supply Current Output HIGH Voltage (Note 2) Output LOW Voltage (Note 2) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single- Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 3) Input HIGH Current Input LOW Current 150 0.5 0.3 3.57 3.7 Min Typ 74 Max 89 3980 3050 3830 3050 3.62 2.2 Min 0C Typ 74 4070 3210 3995 3285 Max 89 4160 3370 4160 3520 3.74 4.6 4020 3050 3870 3050 3.65 2.2 Min 25C Typ 74 4105 3210 4030 3285 Max 89 4190 3370 4190 3520 3.75 4.6 4090 3050 3940 3050 3.69 2.2 Min 85C Typ 74 4185 3227 4110 3302 Max 89 4280 3405 4280 3555 3.81 4.6 Unit mA mV mV mV mV V V
IIH IIL
150 0.5 0.25
150 0.3 0.2
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 2. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
http://onsemi.com
3
MC10E452, MC100E452
Table 4. 10E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = -5.0 V (Note 4)
-40C Symbol
IEE VOH VOL VIH VIL VBB VIHCMR
0C Max
89 -1020 -1950 -1170 -1950
25C Max
89 -840 -1630 -840 -1480 -1.27 -0.4 -980 -1950 -1130 -1950 -1.35 -2.8
85C Max
89 -810 -1630 -810 -1480 -1.25 -0.4 -910 -1950 -1060 -1950 -1.31 -2.8
Characteristic
Power Supply Current Output HIGH Voltage (Note 5) Output LOW Voltage (Note 5) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 6) Input HIGH Current Input LOW Current
Min
Typ
74
Min
Typ
74 -930 -1790 -1005 -1715
Min
Typ
74 -895 -1790 -970 -1715
Min
Typ
74 -815 -1773 -890 -1698
Max
89 -720 -1595 -720 -1445 -1.19 -0.4
Unit mA mV mV mV mV V V
-1.43
-1.3
-1.38 -2.8
IIH IIL
150 0.5 0.3
150 0.5 0.065
150 0.3 0.2
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 4. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 5. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 6. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 5. 100E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 7)
-40C Symbol IEE VOH VOL VIH VIL VBB VIHCMR Characteristic Power Supply Current Output HIGH Voltage (Note 8) Output LOW Voltage (Note 8) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 9) Input HIGH Current Input LOW Current 150 0.5 0.3 3.62 3.74 Min Typ 74 Max 89 3975 3190 3835 3190 3.62 2.2 Min 0C Typ 74 4050 3295 3975 3355 Max 89 4120 3380 4120 3525 3.74 4.6 3975 3190 3835 3190 3.62 2.2 Min 25C Typ 74 4050 3255 3975 3355 Max 89 4120 3380 4120 3525 3.74 4.6 3975 3190 3835 3190 3.62 2.2 Min 85C Typ 85 4050 3260 3975 3355 Max 102 4120 3380 4120 3525 3.74 4.6 Unit mA mV mV mV mV V V
IIH IIL
150 0.5 0.25
150 0.5 0.2
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 8. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 9. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
http://onsemi.com
4
MC10E452, MC100E452
Table 6. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = -5.0 V (Note 10)
-40C Symbol
IEE VOH VOL VIH VIL VBB VIHCMR
0C Max
89 -1025 -1810 -1165 -1810
25C Max
89 -880 -1620 -880 -1475 -1.26 -0.4 -1025 -1810 -1165 -1810 -1.38 -2.8
85C Max
89 -880 -1620 -880 -1475 -1.26 -0.4 -1025 -1810 -1165 -1810 -1.38 -2.8
Characteristic
Power Supply Current Output HIGH Voltage (Note 11) Output LOW Voltage (Note 11) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Output Voltage Reference Input HIGH Voltage Common Mode Range (Differential Configuration) (Note 12) Input HIGH Current Input LOW Current
Min
Typ
74
Min
Typ
74 -950 -1705 -1025 -1645
Min
Typ
74 -950 -1745 -1025 -1645
Min
Typ
85 -950 -1740 -1025 -1645
Max
102 -880 -1620 -880 -1475 -1.26 -0.4
Unit mA mV mV mV mV V V
-1.38
-1.26
-1.38 -2.8
IIH IIL
150 0.5 0.3
150 0.5 0.25
150 0.5 0.2
150
mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 10. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 11. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 12. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 7. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = -5.0 V (Note 13)
-40C Symbol fMAX tPLH tPHL tS tH tRR tPW tskew tJITTER VPP tr/tf Characteristic Maximum Toggle Frequency Propagation Delay to Output CLK (Diff) CLK (SE) MR Setup Time Hold Time Reset Recovery Time Minimum Pulse Width Within-Device Skew (Note 14) Random Clock Jitter (RMS) Input Voltage Swing (Differential Configuration) Rise/Fall Times 20-80% 150 250 475 CLK MR D D Min 1.1 425 375 375 175 225 750 400 400 50 < 1.0 1000 725 150 < 1.0 1000 150 275 475 600 600 625 -50 50 450 850 900 900 Typ Max Min 1.1 475 425 425 150 200 700 400 400 600 600 625 -50 50 450 800 850 900 25C Typ Max Min 1.1 475 425 425 150 200 700 400 400 50 < 1.0 1000 675 600 600 625 -50 50 450 ps ps ps mV ps 800 850 900 85C Typ Max Unit GHz ps
ps ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 13. 10 Series: VEE can vary -0.46 V / +0.06 V. 100 Series: VEE can vary -0.46 V / +0.8 V. 14. Within-device skew is defined as identical transitions on similar paths through a device.
http://onsemi.com
5
MC10E452, MC100E452
Q Driver Device Q Zo = 50 W 50 W 50 W D Zo = 50 W D Receiver Device
VTT VTT = VCC - 2.0 V
Figure 3. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D - Termination of ECL Logic Devices.)
ORDERING INFORMATION
Device MC10E452FN MC10E452FNG MC10E452FNR2 MC10E452FNR2G MC100E452FN MC100E452FNG MC100E452FNR2 MC100E452FNR2G Package PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) Shipping 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel 37 Units / Rail 37 Units / Rail 500 / Tape & Reel 500 / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8020/D AND8066/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices
http://onsemi.com
6
MC10E452, MC100E452
PACKAGE DIMENSIONS
PLCC-28 FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE E
Y BRK D Z -L- -M- B 0.007 (0.180) U
M
T L-M
M
S
N
S S
-N-
0.007 (0.180)
T L-M
N
S
W
28 1
D
V
X VIEW D-D
G1
0.010 (0.250)
S
T L-M
S
N
S
A Z R E G G1 0.010 (0.250)
S
0.007 (0.180) 0.007 (0.180)
M M
T L-M T L-M
S S
N N
S S
H
0.007 (0.180)
M
T L-M
S
N
S
C
K1 0.004 (0.100) -T- SEATING
PLANE
J
K F VIEW S 0.007 (0.180)
M
VIEW S T L-M
S
T L-M
S
N
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIMENSION G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIMENSIONS R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 --- 0.025 --- 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 --- 0.020 2_ 10_ 0.410 0.430 0.040 ---
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.29 2.79 0.33 0.48 1.27 BSC 0.66 0.81 0.51 --- 0.64 --- 11.43 11.58 11.43 11.58 1.07 1.21 1.07 1.21 1.07 1.42 --- 0.50 2_ 10_ 10.42 10.92 1.02 ---
http://onsemi.com
7
MC10E452, MC100E452
ECLinPS is a trademark of Semiconductor Components Industries, LLC (SCILLC).
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
8
MC10E452/D


▲Up To Search▲   

 
Price & Availability of MC10E45206

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X