Part Number Hot Search : 
MAZ8024 2SB1026 STD9N10 TDA1387 T40HF40 SI2329DS SMCJ40A SC530
Product Description
Full Text Search
 

To Download MC10E01606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10E016, MC100E016 5.0 V ECL 8-Bit Synchronous Binary Up Counter
Description
The MC10E/100E016 is a high-speed synchronous, presettable, cascadable 8-bit binary counter. Architecture and operation are the same as the MC10H016 in the MECL 10HTM family, extended to 8-bits, as shown in the logic symbol. The counter features internal feedback of TC, gated by the TCLD (terminal count load) pin. When TCLD is LOW (or left open, in which case it is pulled LOW by the internal pull-downs), the TC feedback is disabled, and counting proceeds continuously, with TC going LOW to indicate an all-one state. When TCLD is HIGH, the TC feedback causes the counter to automatically reload upon TC = LOW, thus functioning as a programmable counter. The Qn outputs do not need to be terminated for the count function to operate properly. To minimize noise and power, unused Q outputs should be left unterminated. The 100 series contains temperature compensation.
Features
http://onsemi.com
PLCC-28 FN SUFFIX CASE 776
MARKING DIAGRAM*
1
* * * * * * * * *
700 MHz Min. Count Frequency 1000 ps CLK to Q, TC Internal TC Feedback (Gated) 8-Bit Fully Synchronous Counting and TC Generation Asynchronous Master Reset PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V NECL Mode Operating Range: VCC = 0 V with VEE = -4.2 V to -5.7 V Pb-Free Packages are Available*
MCxxxE016G AWLYYWW
xxx A WL YY WW G
= 10 or 100 = Assembly Location = Wafer Lot = Year = Work Week = Pb-Free Package
*For additional marking information, refer to Application Note AND8002/D.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 10 of this data sheet.
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2006
February, 2006 - Rev. 7
1
Publication Order Number: MC10E016/D
MC10E016, MC100E016
PE CE 25 26 27 28
1
P7 23
P6 22
P5 VCCO TC 21 20 1 9 18 17 16 15 14 13 12 Q7 Q6 VCC Q5 VCCO Q4 Q3
Table 1. PIN DESCRIPTION
PIN P0 - P7 Q0 - Q7 CE PE MR CLK TC TCLD NC VCC, VCCO VEE FUNCTION ECL Parallel Data (Preset) Inputs ECL Data Outputs ECL Count Enable Control Input ECL Parallel Load Enable Control Input ECL Master Reset ECL Clock ECL Terminal Count Output ECL TC-Load Control Input No Connect Positive Supply Negative Supply
MR CLK TCLD VEE NC P0 P1
24
2 3 4 5 P2 6 P3 7 8 9 10 Q1
11 Q2
P4 VCCO Q0
All VCC and VCCO pins are tied together on the die. Warning: All VCC, VCCO, and VEE pins must be externally connected to Power Supply to guarantee proper operation.
Figure 1. 28-Lead Pinout Assignment (Top View)
Q0 PE TCLD Q1 Q7
Q0M CE BIT 0 PO P1 MASTER SLAVE Q0 CE BIT 1
Q0M
CE Q Q1 0 Q2 Q3 Q4 Q5 Q6 P7
BIT 7
MR
CLK BITS 2-6 5
Note that this diagram is provided for understanding of logic operation only. It should not be used for propagation delays as many gate functions are achieved internally without incurring a full gate delay.
TC
Figure 2. 8-Bit Binary Counter Logic Counter Table 2. FUNCTION TABLE
FUNCTION Load Parallel (Pn to Qn) Continuous Count Count; Load Parallel on TC = LOW Hold Masters Respond, Slaves Hold Reset (Qn : = LOW, TC : = HIGH) Z = clock pulse (low to high); ZZ = clock pulse (high to low) CE X L L H X X PE L H H H X X TCLD X L H X X X MR L L L L L H CLK Z Z Z Z ZZ X
http://onsemi.com
2
MC10E016, MC100E016
Table 3. EXPANDED FUNCTION TABLE
Function Load Count PE L H H H H Load Hold L H H Load On Terminal Count H H H H H H Reset X CE X L L L L X H H L L L L L L X MR L L L L L L L L L L L L L L H TCLD X L L L L X X X H H H H H H X CLK Z Z Z Z Z Z Z Z Z Z Z Z Z Z X P7-P4 H X X X X H X X H H H H H H X P3 H X X X X H X X L L L L L L X P2 H X X X X H X X H H H H H H X P1 L X X X X L X X H H H H H H X P0 L X X X X L X X L L L L L L X Q7-Q4 H H H H L H H H H H H H H H L Q3 H H H H L H H H H H H L L H L Q2 H H H H L H H H H H H H H L L Q1 L L H H L L L L L H H H H L L Q0 L H L H L L L L H L H L H L L TC H H H L H H H H H H L H H H H
Table 4. ATTRIBUTES
Characteristics Internal Input Pulldown Resistor Internal Input Pullup Resistor ESD Protection Human Body Model Machine Model Pb Pkg Level 1 Value 50 kW 50 kW > 2 kV > 200 V Pb-Free Pkg Level 3
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) PLCC-28 Flammability Rating Transistor Count Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Oxygen Index: 28 to 34
UL 94 V-0 @ 0.125 in 592 Devices
http://onsemi.com
3
MC10E016, MC100E016
Table 5. MAXIMUM RATINGS
Symbol VCC VI Iout TA Tstg qJA qJC Tsol Parameter PECL Mode Power Supply PECL Mode Input Voltage NECL Mode Input Voltage Output Current Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board PLCC-28 PLCC-28 PLCC-28 Condition 1 VEE = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI VCC VI VEE Condition 2 Rating 8 6 -6 50 100 0 to +85 -65 to +150 63.5 43.5 22 to 26 265 265 Unit V V mA mA C C C/W C/W C/W C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
Table 6. 10E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 1)
0C Symbol IEE VOH VOL VIH VIL IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 2) Output LOW Voltage (Note 2) Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current 0.5 0.3 3980 3050 3830 3050 Min Typ 151 4070 3210 3995 3285 Max 181 4160 3370 4160 3520 150 0.5 0.25 4020 3050 3870 3050 Min 25C Typ 151 4105 3210 4030 3285 Max 181 4190 3370 4190 3520 150 0.3 0.2 4090 3050 3940 3050 Min 85C Typ 151 4185 3227 4110 3302 Max 181 4280 3405 4280 3555 150 Unit mA mV mV mV mV mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 2. Outputs are terminated through a 50 W resistor to VCC - 2.0 V.
http://onsemi.com
4
MC10E016, MC100E016
Table 7. 10E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = -5.0 V (Note 3)
0C Symbol IEE VOH VOL VIH VIL IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 4) Output LOW Voltage (Note 4) Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current 0.5 0.3 -1020 -1950 -1170 -1950 Min Typ 151 -930 -1790 -1005 -1715 Max 181 -840 -1630 -840 -1480 150 0.5 0.065 -980 -1950 -1130 -1950 Min 25C Typ 151 -895 -1790 -970 -1715 Max 181 -810 -1630 -810 -1480 150 0.3 0.2 -910 -1950 -1060 -1950 Min 85C Typ 151 -815 -1773 -890 -1698 Max 181 -720 -1595 -720 -1445 150 Unit mA mV mV mV mV mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.06 V. 4. Outputs are terminated through a 50 W resistor to VCC - 2.0 V.
Table 8. 100E SERIES PECL DC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V (Note 5)
0C Symbol IEE VOH VOL VIH VIL IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 6) Output LOW Voltage (Note 6) Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current 0.5 0.3 3975 3190 3835 3190 Min Typ 151 4050 3295 3975 3355 Max 181 4120 3380 4120 3525 150 0.5 0.25 3975 3190 3835 3190 Min 25C Typ 151 4050 3255 3975 3355 Max 181 4120 3380 4120 3525 150 0.5 0.2 3975 3190 3835 3190 Min 85C Typ 174 4050 3260 3975 3355 Max 208 4120 3380 4120 3525 150 Unit mA mV mV mV mV mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 6. Outputs are terminated through a 50 W resistor to VCC - 2.0 V.
http://onsemi.com
5
MC10E016, MC100E016
Table 9. 100E SERIES NECL DC CHARACTERISTICS VCCx = 0.0 V; VEE = -5.0 V (Note 7)
0C Symbol IEE VOH VOL VIH VIL IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 8) Output LOW Voltage (Note 8) Input HIGH Voltage Input LOW Voltage Input HIGH Current Input LOW Current 0.5 0.3 -1025 -1810 -1165 -1810 Min Typ 151 -950 -1705 -1025 -1645 Max 181 -880 -1620 -880 -1475 150 0.5 0.25 -1025 -1810 -1165 -1810 Min 25C Typ 151 -950 -1745 -1025 -1645 Max 181 -880 -1620 -880 -1475 150 0.5 0.2 -1025 -1810 -1165 -1810 Min 85C Typ 174 -950 -1740 -1025 -1645 Max 208 -880 -1620 -880 -1475 150 Unit mA mV mV mV mV mA mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 7. Input and output parameters vary 1:1 with VCC. VEE can vary -0.46 V / +0.8 V. 8. Outputs are terminated through a 50 W resistor to VCC - 2.0 V.
Table 10. AC CHARACTERISTICS VCCx= 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = -5.0 V (Note 9)
0C Symbol fMAX fCOUNT tPLH, tPHL Characteristic Maximum Toggle Frequency Maximum Count Frequency Propagation Delay to Output CLK to Q MR to Q CLK to TC MR to TC ts Setup Time (to CLK +) Pn CE PE TCLD th Hold Time (to CLK +) Pn CE PE TCLD tRR tPW tJITTER tr, tf Reset Recovery Time Minimum Pulse Width CLK, MR Random Clock Jitter (RMS) Rise/Fall Times (20 - 80%) 200 400 <1 510 700 200 400 <1 510 700 200 400 <1 510 700 ps ps 350 400 0 100 900 100 200 200 -300 700 350 400 0 100 900 100 200 200 -300 700 350 400 0 100 900 100 200 200 -300 700 ps ps 150 600 600 500 -30 400 400 300 150 600 600 500 -30 400 400 300 150 600 600 500 -30 400 400 300 500 500 500 500 725 775 775 775 900 900 900 900 500 500 500 500 725 775 775 775 900 900 900 900 500 500 500 500 725 775 775 775 900 900 900 900 ps 700 Min Typ 700 900 700 Max Min 25C Typ 700 900 700 Max Min 85C Typ 700 900 Max Unit MHz MHz ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 9. 10 Series: VEE can vary -0.46 V / +0.06 V. 100 Series: VEE can vary -0.46 V / +0.8 V.
http://onsemi.com
6
MC10E016, MC100E016
APPLICATIONS INFORMATION
Cascading Multiple E016 Devices
For applications which call for larger than 8-bit counters multiple E016s can be tied together to achieve very wide bit width counters. The active low terminal count (TC) output and count enable input (CE) greatly facilitate the cascading of E016 devices. Two E016s can be cascaded without the need for external gating, however for counters wider than 16 bits external OR gates are necessary for cascade implementations. Figure 3 below pictorially illustrates the cascading of 4 E016s to build a 32-bit high frequency counter. Note the E101 gates used to OR the terminal count outputs of the lower order E016s to control the counting operation of the higher order bits. When the terminal count of the preceding device (or devices) goes low (the counter reaches an all 1s state) the more significant E016 is set in its count mode and will count one binary digit upon the next positive clock transition. In addition, the preceding devices will also count one bit thus sending their terminal count outputs back to a high state disabling the count operation of the more significant counters and placing them back into hold modes.
Therefore, for an E016 in the chain to count, all of the lower order terminal count outputs must be in the low state. The bit width of the counter can be increased or decreased by simply adding or subtracting E016 devices from Figure 3 and maintaining the logic pattern illustrated in the same figure. The maximum frequency of operation for the cascaded counter chain is set by the propagation delay of the TC output and the necessary setup time of the CE input and the propagation delay through the OR gate controlling it (for 16-bit counters the limitation is only the TC propagation delay and the CE setup time). Figure 3 shows EL01 gates used to control the count enable inputs, however, if the frequency of operation is lower a slower, ECL OR gate can be used. Using the worst case guarantees for these parameters from the ECLinPS data book, the maximum count frequency for a greater than 16-bit counter is 500 MHz and that for a 16-bit counter is 625 MHz. Note that this assumes the trace delay between the TC outputs and the CE inputs are negligible. If this is not the case estimates of these delays need to be added to the calculations.
LOAD Q0 -> Q7 Q0 -> Q7 Q0 -> Q7 CE E016 PE Q0 -> Q7
LO
CE E016 LSB
PE
CE E016
PE
CE E016 MSB
PE
CLK
TC
CLK
TC EL01
CLK
TC EL01
CLK
TC
P0 -> P7
P0 -> P7
P0 -> P7
P0 -> P7
CLOCK
Figure 3. 32-Bit Cascaded E016 Counter
http://onsemi.com
7
MC10E016, MC100E016
APPLICATIONS INFORMATION (continued)
Programmable Divider
The E016 has been designed with a control pin which makes it ideal for use as an 8-bit programmable divider. The TCLD pin (load on terminal count) when asserted reloads the data present at the parallel input pin (Pn's) upon reaching terminal count (an all 1s state on the outputs). Because this feedback is built internal to the chip, the programmable division operation will run at very nearly the same frequency as the maximum counting frequency of the device. Figure 4 below illustrates the input conditions necessary for utilizing the E016 as a programmable divider set up to divide by 113.
H P7 H L H PE CE TCLD CLK Q7 Q6 Q5 Q4 Q3 Q2 Q1 Q0 TC L P6 L P5 L P4 H P3 H P2 H P1 H P0
equal to a full clock period. For even divide ratios, twice the desired divide ratio can be loaded into the E016 and the TC output can feed the clock input of a toggle flip flop to create a signal divided as desired with a 50% duty cycle.
Table 11. Preset Values for Various Divide Ratios
Divide Ratio 2 3 4 5 w w 112 113 114 * * P7 H H H H w * H H H * * L L L P6 H H H H * * L L L * * L L L Preset Data Inputs P5 H H H H * * L L L * * L L L P4 H H H H * * H L L * * L L L P3 H H H H * * L H H * * L L L P2 H H H L * * L H H * * L L L P1 H L L H * * L H H * * H L L P0 L H L H * * L H L * * L H L
Figure 4. Mod 2 to 256 Programmable Divider
254 255 256
To determine what value to load into the device to accomplish the desired division, the designer simply subtracts the binary equivalent of the desired divide ratio from the binary value for 256. As an example for a divide ratio of 113: Pn's = 256 - 113 = 8F16 = 1000 1111 where: P0 = LSB and P7 = MSB Forcing this input condition as per the setup in Figure 4 will result in the waveforms of Figure 5. Note that the TC output is used as the divide output and the pulse duration is
Load Clock *** PE *** TC 1001 0000 1001 0001 ***
A single E016 can be used to divide by any ratio from 2 to 256 inclusive. If divide ratios of greater than 256 are needed multiple E016s can be cascaded in a manner similar to that already discussed. When E016s are cascaded to build larger dividers the TCLD pin will no longer provide a means for loading on terminal count. Because one does not want to reload the counters until all of the devices in the chain have reached terminal count, external gating of the TC pins must be used for multiple E016 divider chains.
1111 1100 1111 1101 1111 1110 1111 1111 Load
DIVIDE BY 113
Figure 5. Divide by 113 E016 Programmable Divider Waveforms
http://onsemi.com
8
MC10E016, MC100E016
APPLICATIONS INFORMATION (continued)
OUT
EL01
Q0 -> Q7
LO
Q0 -> Q7 CE E016 PE CE
Q0 -> Q7 PE E016 CE
Q0 -> Q7 PE E016 MSB
CE E016 LSB CLK
PE
TC
CLK
TC EL01
CLK
TC EL01
CLK
TC
PO -> P7
CLOCK
PO -> P7
PO -> P7
PO -> P7
Figure 6. 32-Bit Cascaded E016 Programmable Divider
Figure 6 shows a typical block diagram of a 32-bit divider chain. Once again to maximize the frequency of operation EL01 OR gates were used. For lower frequency applications a slower OR gate could replace the EL01. Note that for a 16-bit divider the OR function feeding the PE (program enable) input CANNOT be replaced by a wire OR tie as the TC output of the least significant E016 must also feed the CE input of the most significant E016. If the two TC outputs were OR tied the cascaded count operation would not operate properly. Because in the cascaded form the PE feedback is external and requires external gating, the maximum frequency of operation will be significantly less than the same operation in a single device.
Maximizing E016 Count Frequency
The E016 device produces 9 fast transitioning single-ended outputs, thus VCC noise can become significant in situations where all of the outputs switch simultaneously in the same direction. This VCC noise can negatively impact the maximum frequency of operation of the device. Since the device does not need to have the Q outputs terminated to count properly, it is recommended that if the outputs are not going to be used in the rest of the system they should be left unterminated. In addition, if only a subset of the Q outputs are used in the system only those outputs should be terminated. Not terminating the unused outputs will not only cut down the VCC noise generated but will also save in total system power dissipation. Following these guidelines will allow designers to either be more aggressive in their designs or provide them with an extra margin to the published data book specifications.
http://onsemi.com
9
MC10E016, MC100E016
Q Driver Device Q Zo = 50 W 50 W 50 W D Zo = 50 W D Receiver Device
VTT VTT = VCC - 2.0 V
Figure 7. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D - Termination of ECL Logic Devices.)
ORDERING INFORMATION
Device MC10E016FN MC10E016FNG MC10E016FNR2 MC10E016FNR2G MC100E016FN MC100E016FNG MC100E016FNR2 MC100E016FNR2G Package Type PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) PLCC-28 PLCC-28 (Pb-Free) Shipping 37 Units/Rail 37 Units/Rail 500 Units/Reel 500 Units/Reel 37 Units/Rail 37 Units/Rail 500 Units/Reel 500 Units/Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
10
MC10E016, MC100E016
PACKAGE DIMENSIONS
PLCC-28 FN SUFFIX PLASTIC PLCC PACKAGE CASE 776-02 ISSUE E
B U
0.007 (0.180)
M
T L -M
M
S
N
S S
-N -
Y BRK D
0.007 (0.180)
T L -M
N
S
-L -
-M -
Z
W
V
D X VIEW D-D G1
0.010 (0.250)
S
T L -M
S
N
S
28
1
A
0.007 (0.180)
M
T L -M T L -M
S
N N
S
Z
H
0.007 (0.180)
M
T L -M
S
N
S
R
0.007 (0.180)
M
S
S
C G G1
0.010 (0.250)
E
0.004 (0.100)
K1
J
-T -
SEATING PLANE
K F VIEW S
0.007 (0.180)
VIEW S
M
T L -M
S
N
S
S
T L -M
S
N
S
NOTES: 1. DATUMS -L-, -M-, AND -N- DETERMINED WHERE TOP OF LEAD SHOULDER EXITS PLASTIC BODY AT MOLD PARTING LINE. 2. DIM G1, TRUE POSITION TO BE MEASURED AT DATUM -T-, SEATING PLANE. 3. DIM R AND U DO NOT INCLUDE MOLD FLASH. ALLOWABLE MOLD FLASH IS 0.010 (0.250) PER SIDE. 4. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 5. CONTROLLING DIMENSION: INCH. 6. THE PACKAGE TOP MAY BE SMALLER THAN THE PACKAGE BOTTOM BY UP TO 0.012 (0.300). DIMENSIONS R AND U ARE DETERMINED AT THE OUTERMOST EXTREMES OF THE PLASTIC BODY EXCLUSIVE OF MOLD FLASH, TIE BAR BURRS, GATE BURRS AND INTERLEAD FLASH, BUT INCLUDING ANY MISMATCH BETWEEN THE TOP AND BOTTOM OF THE PLASTIC BODY. 7. DIMENSION H DOES NOT INCLUDE DAMBAR PROTRUSION OR INTRUSION. THE DAMBAR PROTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE GREATER THAN 0.037 (0.940). THE DAMBAR INTRUSION(S) SHALL NOT CAUSE THE H DIMENSION TO BE SMALLER THAN 0.025 (0.635).
DIM A B C E F G H J K R U V W X Y Z G1 K1
INCHES MIN MAX 0.485 0.495 0.485 0.495 0.165 0.180 0.090 0.110 0.013 0.019 0.050 BSC 0.026 0.032 0.020 0.025 0.450 0.456 0.450 0.456 0.042 0.048 0.042 0.048 0.042 0.056 0.020 2 10 0.410 0.430 0.040
MILLIMETERS MIN MAX 12.32 12.57 12.32 12.57 4.20 4.57 2.79 2.29 0.33 0.48 1.27 BSC 0.81 0.66 0.51 0.64 11.58 11.43 11.58 11.43 1.07 1.21 1.07 1.21 1.42 1.07 0.50 2 10 10.42 10.92 1.02
http://onsemi.com
11
MC10E016, MC100E016
MECL is a trademark of Motorola, Inc.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
12
MC10E106/D


▲Up To Search▲   

 
Price & Availability of MC10E01606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X