Part Number Hot Search : 
5962R S2103 KA5H0265 FA764 LS130 AB01B DL5405 BSS51
Product Description
Full Text Search
 

To Download MC100EL15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1:4 Clock Distribution Chip
The MC10EL/100EL15 is a low skew 1:4 clock distribution chip designed explicitly for low skew clock distribution applications. The device can be driven by either a differential or single-ended ECL or, if positive power supplies are used, PECL input signal. If a single-ended input is to be used the VBB output should be connected to the CLK input and bypassed to ground via a 0.01F capacitor. The VBB output is designed to act as the switching reference for the input of the EL15 under single-ended input conditions, as a result this pin can only source/sink up to 0.5mA of current. The EL15 features a multiplexed clock input to allow for the distribution of a lower speed scan or test clock along with the high speed system clock. When LOW (or left open and pulled LOW by the input pulldown resistor) the SEL pin will select the differential clock input. The common enable (EN) is synchronous so that the outputs will only be enabled/disabled when they are already in the LOW state. This avoids any chance of generating a runt clock pulse when the device is enabled/disabled as can happen with an asynchronous control. The internal flip flop is clocked on the falling edge of the input clock, therefore all associated specification limits are referenced to the negative edge of the clock input.
MC10EL15 MC100EL15
16 1
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05
* * * * *
50ps Output-to-Output Skew Synchronous Enable/Disable Multiplexed Clock Input 75k Internal Input Pulldown Resistors >1000V ESD Protection PIN DESCRIPTION PIN CLK SCLK EN SEL VBB Q0-3 FUNCTION Diff Clock Inputs Scan Clock Input Sync Enable Clock Select Input Reference Output Diff Clock Outputs
LOGIC DIAGRAM AND PINOUT ASSIGNMENT
VCC 16
EN 15
SCLK CLK 14 13 1 D Q 0
CLK 12
VBB 11
SEL 10
VEE 9
FUNCTION TABLE CLK L H X X X SCLK X X L H X SEL L L H H X EN L L L L H Q L H L H L*
1 Q0
2 Q0
3 Q1
4 Q1
5 Q2
6 Q2
7 Q3
8 Q3
* On next negative transition of CLK or SCLK
5/95
(c) Motorola, Inc. 1996
3-1
REV 2
MC10EL15 MC100EL15
ABSOLUTE MAXIMUM RATINGS1
Symbol VEE VI Iout TA Power Supply (VCC = 0V) Input Voltage (VCC = 0V) Output Current Continuous Surge Characteristic Rating -8.0 to 0 0 to -6.0 50 100 -40 to +85 Unit VDC VDC mA C V
Operating Temperature Range
VEE Operating Range1,2 -5.7 to -4.2 1. Absolute maximum rating, beyond which, device life may be impaired, unless otherwise specified on an individual data sheet. 2. Parametric values specified at: 100EL Series: -4.20V to -5.50V 10EL Series: -4.94V to -5.50V
10EL SERIES DC CHARACTERISTICS (VEE = VEE(min) - VEE(max); VCC = GND1)
-40C Symbol VOH VOL VIH VIL Characteristic Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltge Min -1080 -1950 -1230 -1950 Max -890 -1650 -890 -1500 Min -1020 -1950 -1170 -1950 0C Max -840 -1630 -840 -1480 Min -980 -1950 -1130 -1950 25C Max -810 -1630 -810 -1480 Min -910 -1950 -1060 -1950 85C Max -720 -1595 -720 -1445 Unit mV mV mV mV
IIL Input LOW Current 0.5 -- 0.5 -- 0.5 -- 0.3 -- A 1. 10EL circuits are designed to meet the DC specifications shown in the table after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500lfpm is maintained. Outputs are terminated through a 50 resistor to -2.0V except where otherwise specified on the individual data sheets.
100EL SERIES DC CHARACTERISTICS (VEE = VEE(min) - VEE(max); VCC = GND1)
-40C Symbol VOH VOL VOHA VOLA VIH VIL Characteristic Output HIGH Voltage Output LOW Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltge Min -1085 -1830 -1095 -- -1165 -1810 Typ -1005 -1695 -- -- -- -- Max -880 -1555 -- -1555 -880 -1475 Min -1025 -1810 -1035 -- -1165 -1810 0C to 85C Typ -955 -1705 -- -- -- -- Max -880 -1620 -- -1610 -880 -1475 Unit mV mV mV mV mV mV Condition VIN = VIH(max) or VIL(min) VIN = VIH(max) or VIL(min)
IIL Input LOW Current 0.5 -- -- 0.5 -- -- A VIN = VIL(max) 1. This table replaces the three tables traditionally seen in ECL 100K data books. The same DC parameter values at VEE = -4.5V now apply across the full VEE range of -4.2V to -5.5V. Outputs are terminated through a 50 resistor to -2.0V except where otherwise specified on the individual data sheets.
MOTOROLA
3-2
ECLinPS and ECLinPS Lite DL140 -- Rev 3
MC10EL15 MC100EL15
AC/DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
-40C Symbol IEE Characteristic Power Supply Current 10EL 100EL Output Reference 10EL Voltage 100EL Input High Current Propagation Delay CLK to Q (Diff) CLK to Q (SE) SCLK to Q Part-to-Part Skew Within-Device Skew1 Setup Time EN HoldTime EN
Minimum Input Swing CLK2 Common CLK3 Mode Range
0C Max 35 35 -1.30 -1.26 150 -1.38 -1.38 Min Typ 25 25 Max 35 35 -1.27 -1.26 150 470 420 420 610 720 720 200 50 150 400 250 -0.4 -2.0 -0.4 150 400 250 -2.0 470 420 420 -1.35 -1.38 Min
25C Typ 25 25 Max 35 35 -1.25 -1.31 -1.26 -1.38 150 610 720 720 200 50 150 400 250 -0.4 -2.0 500 450 470 Min
85C Typ 25 25 Max 35 38 -1.19 -1.26 150 700 750 750 200 50 ps ps ps mV -0.4 V Unit
Min
Typ 25 25
mA V ps
VBB IIH tPLH tPHL
-1.43 -1.38
460 410 410
660 710 710 200 50
tSKEW tS tH VPP VCMR
150 400 250 -2.0
tr Output Rise/Fall Times Q 325 575 325 575 325 575 ps tf (20% - 80%) 1. Skews are specified for identical LOW-to-HIGH or HIGH-to-LOW transitions. 2. Minimum input swing for which AC parameters guaranteed. The device has a DC gain of 40. 3. The CMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1V. The lower end of the CMR range is dependent on VEE and is equal to VEE + 2.5V.
ECLinPS and ECLinPS Lite DL140 -- Rev 3
3-3
MOTOROLA
MC10EL15 MC100EL15
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-A-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA 3-4
*MC10EL15/D*
MC10EL15/D ECLinPS and ECLinPS Lite DL140 -- Rev 3


▲Up To Search▲   

 
Price & Availability of MC100EL15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X