|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MC10EL11, MC100EL11 5.0 V ECL 1:2 Differential Fanout Buffer The MC10EL/100EL11 is a differential 1:2 fanout buffer. The device is functionally similar to the E111 device but with higher performance capabilities. The within-device skew and propagation delay is significantly improved over the E111. The differential inputs of the EL11 employ clamping circuitry to maintain stability under open input conditions. If the inputs are left open (pulled to VEE) the Q outputs will go LOW. The 100 Series contains temperature compensation. Features 8 1 SOIC-8 D SUFFIX CASE 751 8 1 TSSOP-8 DT SUFFIX CASE 948R 1 1 http://onsemi.com MARKING DIAGRAMS* 8 HEL11 ALYW G 1 8 KEL11 ALYW G * * * * * * 265 ps Propagation Delay 5 ps Skew Between Outputs PECL Mode Operating Range: VCC = 4.2 V to 5.7 with VEE = 0 V NECL Mode Operating Range: VCC = 0 V with VEE = -4.2 V to -5.7 V Internal Input Pulldown Resistors Pb-Free Packages are Available 8 HL11 ALYWG G 8 KL11 ALYWG G 1 Q0 1 8 VCC 4Q M G G Q0 2 7 D DFN8 MN SUFFIX CASE 506AA 1 4 1 Q1 3 6 D Q1 4 5 VEE H = MC10 K = MC100 4Q = MC10 2E = MC100 A = Assembly Location L Y W M G = Wafer Lot = Year = Work Week = Date Code = Pb-Free Package Figure 1. Logic Diagram and Pinout Assignment Table 1. PIN DESCRIPTION PIN D, D Q0, Q0; Q1, Q1 VCC VEE EP FUNCTION ECL Data Inputs ECL Data Outputs Positive Supply Negative Supply Exposed pad must be connected to a sufficient thermal conduit. Electrically connect to the most negative supply or leave floating open. (Note: Microdot may be in either location) *For additional marking information, refer to Application Note AND8002/D. ORDERING INFORMATION See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. (c) Semiconductor Components Industries, LLC, 2006 December, 2006- Rev. 9 1 Publication Order Number: MC10EL11/D 2E M G G 4 MC10EL11, MC100EL11 Table 2. ATTRIBUTES Characteristics Internal Input Pulldown Resistor Internal Input Pullup Resistor ESD Protection Human Body Model Machine Model Value 75 KW N/A > 1 KV > 100 V Level 1 UL 94 V-0 @ 0.125 in 44 Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1) Flammability Rating Transistor Count Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test 1. For additional information, see Application Note AND8003/D. Oxygen Index: 28 to 34 Table 3. MAXIMUM RATINGS Symbol VCC VEE VI Iout TA Tstg qJA qJC qJA qJC qJA Tsol Parameter PECL Mode Power Supply NECL Mode Power Supply PECL Mode Input Voltage NECL Mode Input Voltage Output Current Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Thermal Resistance (Junction-to-Ambient) Thermal Resistance (Junction-to-Case) Thermal Resistance (Junction-to-Ambient) Wave Solder Pb Pb-Free 0 lfpm 500 lfpm Standard Board 0 lfpm 500 lfpm Standard Board 0 lfpm 500 lfpm <2 to 3 sec @ 248C <2 to 3 sec @ 260C SOIC-8 SOIC-8 SOIC-8 TSSOP-8 TSSOP-8 TSSOP-8 DFN8 DFN8 Condition 1 VEE = 0 V VCC = 0 V VEE = 0 V VCC = 0 V Continuous Surge VI VCC VI VEE Condition 2 Rating 8 -8 6 -6 50 100 -40 to +85 -65 to +150 190 130 41 to 44 185 140 41 to 44 5% 129 84 265 265 Unit V V V V mA mA C C C/W C/W C/W C/W C/W C/W C/W C/W C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. http://onsemi.com 2 MC10EL11, MC100EL11 Table 4. 10EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V (Note 2) -40C Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 3) Output LOW Voltage (Note 3) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential) (Note 4) Input HIGH Current Input LOW Current 0.5 3920 3050 3770 3050 2.5 Min Typ 26 4010 3200 Max 31 4110 3350 4110 3500 4.6 150 0.5 4020 3050 3870 3050 2.5 Min 25C Typ 26 4105 3210 Max 31 4190 3370 4190 3520 4.6 150 0.3 4090 3050 3940 3050 2.5 Min 85C Typ 26 4185 3227 Max 31 4280 3405 4280 3555 4.6 150 Unit mA mV mV mV mV V mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 2. Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / -0.5 V. 3. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 4. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V. Table 5. 10EL SERIES NECL DC CHARACTERISTICS VCC = 0.0 V; VEE = -5.0 V (Note 5) -40C Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 6) Output LOW Voltage (Note 6) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential) (Note 7) Input HIGH Current Input LOW Current 0.5 -1080 -1950 -1230 -1950 -2.5 Min Typ 26 -990 -1800 Max 31 -890 -1650 -890 -1500 -0.4 150 0.5 -980 -1950 -1130 -1950 -2.5 Min 25C Typ 26 -895 -1790 Max 31 -810 -1630 -810 -1480 -0.4 150 0.3 -910 -1950 -1060 -1950 -2.5 Min 85C Typ 26 -815 -1773 Max 31 -720 -1595 -720 -1445 -0.4 150 Unit mA mV mV mV mV V mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 5. Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / -0.5 V. 6. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 7. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V. http://onsemi.com 3 MC10EL11, MC100EL11 Table 6. 100EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V (Note 8) -40C Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 9) Output LOW Voltage (Note 9) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential) (Note 10) Input HIGH Current Input LOW Current 0.5 3915 3170 3835 3190 2.5 Min Typ 26 3995 3305 Max 31 4120 3445 4120 3525 4.6 150 0.5 3975 3190 3835 3190 2.5 Min 25C Typ 26 4045 3295 Max 31 4120 3380 4120 3525 4.6 150 0.5 3975 3190 3835 3190 2.5 Min 85C Typ 30 4050 3295 Max 36 4120 3380 4120 3525 4.6 150 Unit mA mV mV mV mV V mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 8. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / -0.5 V. 9. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 10. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V. Table 7. 100EL SERIES NECL DC CHARACTERISTICS VCC = 0.0 V; VEE = -5.0 V (Note 11) -40C Symbol IEE VOH VOL VIH VIL VIHCMR IIH IIL Characteristic Power Supply Current Output HIGH Voltage (Note 12) Output LOW Voltage (Note 12) Input HIGH Voltage (Single-Ended) Input LOW Voltage (Single-Ended) Input HIGH Voltage Common Mode Range (Differential) (Note 13) Input HIGH Current Input LOW Current 0.5 -1085 -1830 -1165 -1810 -2.5 Min Typ 26 -1005 -1695 Max 31 -880 -1555 -880 -1475 -0.4 150 0.5 -1025 -1810 -1165 -1810 -2.5 Min 25C Typ 26 -955 -1705 Max 31 -880 -1620 -880 -1475 -0.4 150 0.5 -1025 -1810 -1165 -1810 -2.5 Min 85C Typ 30 -955 -1705 Max 36 -880 -1620 -880 -1475 -0.4 150 Unit mA mV mV mV mV V mA mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 11. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / -0.5 V. 12. Outputs are terminated through a 50 W resistor to VCC - 2.0 V. 13. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V. http://onsemi.com 4 MC10EL11, MC100EL11 Table 8. AC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V or VCC = 0.0 V; VEE = -5.0 V (Note 14) -40C Symbol fmax tPLH tPHL tSKEW tJITTER VPP tr tf Characteristic Maximum Toggle Frequency Propagation Delay to Output Within-Device Skew (Note 15) Duty Cycle Skew (Note 16) Random Clock Jitter (RMS) Input Swing (Note 17) Output Rise/Fall Times Q (20% - 80%) 150 100 225 1000 350 150 100 225 135 260 5 5 385 190 Min Typ Max Min 25C Typ 1.5 265 5 5 0.6 1000 350 150 100 225 1000 350 340 20 20 215 29*0 5 5 365 20 20 Max Min 85C Typ Max Unit GHz ps ps ps mV ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 14. 10 Series: VEE can vary +0.25 V / -0.5 V. 100 Series: VEE can vary +0.8 V / -0.5 V. 15. Within-device skew defined as identical transitions on similar paths through a device. 16. Duty cycle skew is the difference between a tPLH and tPHL propagation delay through a device. 17. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of 40. Q Driver Device Q Zo = 50 W D Receiver Device Zo = 50 W 50 W 50 W D VTT VTT = VCC - 3.0 V Figure 2. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020/D - Termination of ECL Logic Devices.) http://onsemi.com 5 MC10EL11, MC100EL11 ORDERING INFORMATION Device MC10EL11D MC10EL11DG MC10EL11DR2 MC10EL11DR2G MC10EL11DT MC10EL11DTG MC10EL11DTR2 MC10EL11DTR2G MC10EL11MNR4 MC10EL11MNR4G MC100EL11D MC100EL11DG MC100EL11DR2 MC100EL11DR2G MC100EL11DT MC100EL11DTG MC100EL11DTR2 MC100EL11DTR2G MC100EL11MNR4 MC100EL11MNR4G Package SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) TSSOP-8 TSSOP-8 (Pb-Free) Shipping 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 100 Units / Rail 100 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 2500 / Tape & Reel 2500 / Tape & Reel 98 Units / Rail 98 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 100 Units / Rail 100 Units / Rail 2500 / Tape & Reel 2500 / Tape & Reel 2500 / Tape & Reel 2500 / Tape & Reel For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. Resource Reference of Application Notes AN1405/D AN1406/D AN1503/D AN1504/D AN1568/D AN1672/D AND8001/D AND8002/D AND8020/D AND8066/D AND8090/D - ECL Clock Distribution Techniques - Designing with PECL (ECL at +5.0 V) - ECLinPSt I/O SPiCE Modeling Kit - Metastability and the ECLinPS Family - Interfacing Between LVDS and ECL - The ECL Translator Guide - Odd Number Counters Design - Marking and Date Codes - Termination of ECL Logic Devices - Interfacing with ECLinPS - AC Characteristics of ECL Devices http://onsemi.com 6 MC10EL11, MC100EL11 PACKAGE DIMENSIONS SOIC-8 NB CASE 751-07 ISSUE AH -X- A 8 5 B 1 S 4 0.25 (0.010) M Y M -Y- G K NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244 C -Z- H D 0.25 (0.010) M SEATING PLANE N X 45 _ 0.10 (0.004) M J ZY S X S DIM A B C D G H J K M N S SOLDERING FOOTPRINT* 1.52 0.060 7.0 0.275 4.0 0.155 0.6 0.024 1.270 0.050 SCALE 6:1 mm inches *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. http://onsemi.com 7 MC10EL11, MC100EL11 PACKAGE DIMENSIONS TSSOP-8 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948R-02 ISSUE A 8x K REF 0.10 (0.004) M 0.15 (0.006) T U S 2X TU S V S L/2 8 1 5 L PIN 1 IDENT 4 B -U- 0.25 (0.010) M 0.15 (0.006) T U S A -V- F DETAIL E NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 6. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 2.90 3.10 2.90 3.10 0.80 1.10 0.05 0.15 0.40 0.70 0.65 BSC 0.25 0.40 4.90 BSC 0_ 6_ INCHES MIN MAX 0.114 0.122 0.114 0.122 0.031 0.043 0.002 0.006 0.016 0.028 0.026 BSC 0.010 0.016 0.193 BSC 0_ 6_ C 0.10 (0.004) -T- SEATING PLANE D G DETAIL E -W- DIM A B C D F G K L M http://onsemi.com 8 MC10EL11, MC100EL11 PACKAGE DIMENSIONS DFN8 CASE 506AA-01 ISSUE D D A B PIN ONE REFERENCE NOTES: 1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M, 1994 . 2. CONTROLLING DIMENSION: MILLIMETERS. 3. DIMENSION b APPLIES TO PLATED TERMINAL AND IS MEASURED BETWEEN 0.25 AND 0.30 MM FROM TERMINAL. 4. COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS. DIM A A1 A3 b D D2 E E2 e K L MILLIMETERS MIN MAX 0.80 1.00 0.00 0.05 0.20 REF 0.20 0.30 2.00 BSC 1.10 1.30 2.00 BSC 0.70 0.90 0.50 BSC 0.20 --- 0.25 0.35 E 2X 0.10 C 2X 0.10 C 0.10 C 8X 0.08 C SEATING PLANE A1 8X L K ECLinPS is a trademark of Semiconductor Components INdustries, LLC (SCILLC). ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner. PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative CCCC CCCC CCCC CCCC D2 e/2 1 8 TOP VIEW A (A3) C e 4 SIDE VIEW E2 5 8X b 0.10 C A B 0.05 C NOTE 3 BOTTOM VIEW http://onsemi.com 9 MC10EL11/D |
Price & Availability of MC100EL11 |